Part Number Hot Search : 
XXXGX SFH6318 6209A P6KE51 AK4683EQ RL752PT MAX4403 RT9368
Product Description
Full Text Search
 

To Download SQ4957 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. 2C4957
Chip Type 2C4957 Geometry 0006 Polarity PNP
Generic Packaged Parts: 2N4957, 2N4958, 2N4959
Chip type 2C4957 by Semicoa Semiconductors provides performance similar to these devices.
Part Numbers:
Product Summary: APPLICATIONS: Designed for high-gain, low-noise class A amplifiers, oscillators and mixers. Features:
Special Characteristics ft = 1.6 GHz (typ) at 2.0 mA/10V Radiation graphs available
2N4957, 2N4957UB, 2N4958, 2N4958UB, 2N4959, 2N4959UB, SD4957, SD4957F, SQ4957, SQ4957F
Mechanical Specifications
Metallization Bonding Pad Size Die Thickness Chip Area Top Surface Top Backside Emitter Base Al - 12 kA min. Au - 6.5 kA nom. 2.3 mils x 2.3 mils 2.3 mils x 2.3 mils 8 mils nominal 16 mils x 16 mils Silox Passivated
Electrical Characteristics
TA = 25oC
Parameter
BVCEO BVCBO BVEBO ICBO
Test conditions
IC = 1.0 mA IC = 100 A IE = 100 A VCB = 10 V dc
Min
30 30 3.0 ---
Max
------0.1
Unit
V dc V dc V dc A
hFE VCE = 10 V, IC = 2.0 mA 20 150 --Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less than 300 s, duty cycle less than 2%.


▲Up To Search▲   

 
Price & Availability of SQ4957

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X