Part Number Hot Search : 
HPI6FFR4 MBRF1050 SMB13 PMN40LN ZT751 U4793B V640MU 16100
Product Description
Full Text Search
 

To Download SNC82060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SNR032
32M-bit Mask ROM
========
1. 2. 3. 4. 5. 6. 7. 8.
Contents
========
INTRODUCTION.........................................................................................................................3 FEATURES ...................................................................................................................................3 PIN ASSIGNMENTS....................................................................................................................3 BUS INTERFACE ........................................................................................................................4 ABSOLUTE MAXIMUM RATINGS .........................................................................................5 ELECTRICAL CHARACTERISTICS ......................................................................................5 APPLICATION CIRCUIT ..........................................................................................................6 BONDING PAD ............................................................................................................................9
Ver. 1.2
1
October 21, 2005
SNR032
32M-bit Mask ROM AMENDENT HISTORY
Version Ver 0.1 Ver 1.0 Ver 1.1 Ver 1.2 Date June 10, 2004 September 10, 2004 November 1, 2004 October 21, 2005 first issue Added application circuit Modify the 310 application circuit. Modify Supply Voltage from Max 6V to Max 3.6V Description
Ver. 1.2
2
October 21, 2005
SNR032
32M-bit Mask ROM
1.
INTRODUCTION
The SNR032 is a signal power, 32M-bit, read only memory. It is organized as 4M bytes, operates for single 3V power supply, support static standby mode. The SNR032 embedded two different interfaces, one is a standard 8-bit/16-bit interface bus which compatible with SNL310, another one is a special 8-bit AD (address/data) bus which compatible with SNC710. SNR032 offers automatic power-down, with power-down controlled by the chip enable "CEB". When chip enable goes to high, SNR032 will entry power-down mode in order to save the power consumption.
2.

FEATURES
Power supply: 2.4V ~ 3.6V Memory Size: 32M-bit Totally static operation Embedded a standard 8-bit/16-bit bus interface compatible with SNL310 or a 8-bit AD (address/data) bus interface compatible with SNC710 Access time: 200ns @3V
3.
TYPE
PIN ASSIGNMENTS
IO I I I I I I I I I I Standard Interface Bus mode select pin "1"->AD bus Bus mode select pin "0"->byte mode "1" word mode interface TESTM BS4 BS3 BS2 ALECLK READY AD-Bus D[0..7] Chip enable pin Positive Power supply (3.3volt) Negative Power supply (3.3volt) 3 Standard ROM A[21..8] Standard ROM A[7] / TESTM Standard ROM A[6] / BS4 ~ BS2 Standard ROM A[5] / BS4 ~ BS2 Standard ROM A[4] / BS4 ~ BS2 Standard ROM A[3..2] Standard ROM A[1] Standard ROM A[0] (for word mode only) AD Bus Interface "1": AD bus mode -
Symbol
"0" for 8-bit/16-bit interface "0": Standard mode
MODE A[21..8] A[[7] A[6] A[5] A[4] A[3..2] A[1] A[0] D[8..15] D[0..7] CEB OEB VDD GND
I/O Data bus D[8..15] I/O Data bus D[0..7] I I Chip enable pin Output enable pin
P Positive Power supply (3.3volt) P Negative Power supply (3.3volt)
Ver. 1.2
October 21, 2005
SNR032
32M-bit Mask ROM
4.
BUS INTERFACE
SNR032 provides three different bus modes to connect to host CPU, AD-bus mode, byte mode and word mode. And the switching between different modes is depended on the pin option "TYPE" and "MODE". The following table is shown the relation ship of "TYPE", "MODE" pins and mode switching. Mode AD-Bus Interface Byte Mode Interface Word Mode Interface TYPE pin VDD GND GND MODE pin Don't care GND VDD
4.1 AD-Bus Interface For 8-bit AD (address/data) bus interface, all the address and data communication between SNC710 and SNR032 are through data bus D[0..7]. SNC710 allows user to connect maximum 2 external mask ROM. The option pin "TYPE" must connected to VDD then the AD-bus interface to be enable. In AD-Bus mode, SNR032 has three bank select pins BS2~BS4 to specify the memory region of SNR032. The address region setting of SNR032 is shown as bellow.
BS4~BS2 001 010 011 100 101 110 111 Address Region 0x0200000 ~ 0x03FFFFF 0x0400000 ~ 0x05FFFFF 0x0600000 ~ 0x07FFFFF 0x0800000 ~ 0x09FFFFF 0x0A00000 ~ 0x0BFFFFF 0x0C00000 ~ 0x0DFFFFF 0x0E00000 ~ 0x0FFFFFF
Table-1
Note: For the address region 0x00000~0x01FFFFF are reserved, so the setting of bank select pins BS4~BS2 CAN'T be the range 0000~0x0011.
Ver. 1.2
4
October 21, 2005
SNR032
32M-bit Mask ROM
5.
ABSOLUTE MAXIMUM RATINGS
Items Supply Voltage Input Voltage Operating Temperature Storage Temperature Symbol VDD-V VIN TOP TSTG Min -0.3 GND-0.3 0 -55.0 Max 3.6 VDD+0.3 55 125.0 Unit. V V o C o C
6.
ELECTRICAL CHARACTERISTICS
Item Sym. VDD ISBY IOPR tAA Min. 2.4 Typ. 1.5 4 Max. 3.6 2.0 150 Unit V uA ns VDD=3V, no load Vdd=3V mA VDD=3V, no load Condition
Operating Voltage Standby current Operating Current Address access time
Ver. 1.2
5
October 21, 2005
SNR032
32M-bit Mask ROM
7.
7.1
Application circuit
AD Bus Interface (with SNC710)
VDD
CVDD
U1
VCC
SNR032
VDD VDD VDD
READYB/A0 ALECLK/A1 A2 A3 BS2/A4 BS3/A5 BS4/A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21
U2
9 VDD
VDD
VDD
SNC710
CVDD
CVDD CVDD
12
33 53
4.7uF
VDD
45
58
47uF
220K
51 RST
TEST
LXIN
22
15pF
32768
LXOUT
P0.0
AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7
31 32 33 34 35 36 37 38
41 42 43 44 45 46 47 48
AD0/D0 AD1/D1 AD2/D2 AD3/D3 AD4/D4 AD5/D5 AD6/D6 AD7/D7
D8 D9 D10 D11 D12 D13 D14 D15
27 40 50
3 4 5 6 7 8 9 10 14 15 16 17 18 19 20 21 22 23 24 25 26 51
CVDD
C8 0.1uF
READY ALECLK
CVDD
21
50
54
55
56
57
60
61
62
1 2 3 4 5 6 7 8
15pF
0.1uF
VDD
49
48
20
330
330
330 330
CEB OEB
CKSEL
P0.1
EXTM
P0.2
P0.3
1
CEB
75K
26
13
XIN
P0.4
330
330
330
330
CVDD
OEB
11
12
TYPE
GND
GND
GND
GND 39
XOUT
P0.6
P0.7
MODE
2
29
30
49
GND
110K
27
P0.5
(0x0200000~0x03FFFFF)
44 46
BP0 BN0
VO
AVDD
SPEAKER
24
23
25
AGND
P0.8 P0.9 P0.10 P0.11 P0.12 P0.13 P0.14 P0.15
1.5V
3V
J1
CVDD
VDD
AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 CEB READY ALECLK
VDD3V VDD5V VDD3V CVDD VDD5V VDD CVDD AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 CEB READY ALECLK
J2
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
TR1
10
11
14
15
16
17
18
19
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
TR2
TR3
AD0 AD1 AD2 AD3
AD4 AD5 AD6 AD7
CE_ CEIN_ READY ALE_CLK CLKIN
42 41 40 39
37 36 35 34
32 31 30 29 28
TR4
TR5
TR6
TR7
TR8
GND GND GND GND GND GND
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
CVDD AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 CEB READY ALECLK
13 38 43 47 52 59
CON18
CON18
VDD
CVDD
U1 SNR032
VCC
U2
9
45
SNC710
VDD
VDD
VDD
LXIN
VDD
58
CVDD CVDD CVDD
12 33 53
22
4.7uF
15pF
AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7
47uF
220K
51
49
31 32 33 34 35 36 37 38
41 42 43 44 45 46 47 48
32768
RST
TEST
P0.0
AD0/D0 AD1/D1 AD2/D2 AD3/D3 AD4/D4 AD5/D5 AD6/D6 AD7/D7
D8 D9 D10 D11 D12 D13 D14 D15
LXOUT
21
50
54
55
56
57
60
61
62
1 2 3 4 5 6 7 8
42 41 40 39
37 36 35 34
32 31 30 29 28
15pF
0.1uF
VDD
48
20
330
330
330
CKSEL
P0.1
EXTM
CEB
1
P0.2
P0.3
75K
330
330
330
330
330
CVDD
OEB
CEB
26
13
XIN
P0.4
P0.5
OEB
11
12
TYPE
GND
GND
GND
XOUT
P0.6
P0.7
MODE
2
29
30
39
49
GND
27
GND
110K
CVDD 27 40 50 READY 3 ALECLK READYB/A0 4 ALECLK/A1 5 A2 6 A3 7 CVDD BS2/A4 8 BS3/A5 9 BS4/A6 10 A7 14 A8 15 A9 16 A10 17 A11 18 A12 19 A13 20 A14 21 A15 22 A16 23 A17 24 A18 25 A19 26 A20 51 A21
VDD VDD VDD
C8 0.1uF
(0x0200000~0x03FFFFF)
44 46
BP0 BN0
VO
AVDD
SPEAKER
24
23
25
AGND
P0.8 P0.9 P0.10 P0.11 P0.12 P0.13 P0.14 P0.15
AD0 AD1 AD2 AD3
AD4 AD5 AD6 AD7
CE_ CEIN_ READY ALE_CLK CLKIN
1.5V
3V
VDD3V
CVDD
J1
J2
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
U3
SNR032
VDD VDD VDD
READYB/A0 ALECLK/A1 A2 A3 BS2/A4 BS3/A5 BS4/A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21
VCC
VDD5V
TR1
10
11
14
15
16
17
18
19
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
TR2
AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 CEB READY ALECLK
VDD
VDD3V CVDD VDD5V VDD CVDD AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 CEB READY ALECLK
TR3
TR4
TR5
TR6
TR7
TR8
GND GND GND GND GND GND
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
CVDD AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 CEB READY ALECLK
AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7
31 32 33 34 35 36 37 38
41 42 43 44 45 46 47 48
AD0/D0 AD1/D1 AD2/D2 AD3/D3 AD4/D4 AD5/D5 AD6/D6 AD7/D7
D8 D9 D10 D11 D12 D13 D14 D15
27 40 50
CVDD
C9 0.1uF
CEB
13 38 43 47 52 59
CON18
1
CON18
CEB
OEB
CVDD
13
OEB
11
12
TYPE
GND
GND
GND
GND
MODE
2
29
30
39
49
GND
READY 3 ALECLK 4 5 6 7 8 CVDD 9 10 14 15 16 17 18 19 20 21 22 23 24 25 26 51
(0x0400000~0x05FFFFF)
Ver. 1.2
6
October 21, 2005
SNR032
32M-bit Mask ROM 7.2 Standard ROM interface (with SNL310)
VDD VDD VDD U1 C10 47uF 3 19 VDD 37 48 R1 220K RST 60 79 83 52 53 C5 15pF 6 16MHZ Y2 XIN VDD VDD VDD VDD VDD VDD RST CKSEL TESTM P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 P2.8 P2.9 P2.10 P2.11 P2.12 P2.13 P2.14 P2.15 P3.0 P3.1 P3.2 P3.3 P3.4 P3.5 P3.6 P3.7 P3.8 P3.9 P3.10 P3.11 P3.12 P3.13 P3.14 P3.15 GND GND GND GND 90 89 88 87 86 82 81 80 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 61 59 58 57 56 55 54 51 41 46 84 50 P2_0 P2_1 P2_2 P2_3 P2_4 P2_5 P2_6 P2_7 P2_8 P2_9 P2_10 P2_11 P2_12 P2_13 P2_14 P2_15 LXOUT 1 SNL310 CVDD CVDD LXIN 26 1.5V 85 2 32768HZ Y1 C2 15pF VDD U2 SNR032 VDD VDD VDD READYB/A0 ALECLK/A1 A2 A3 BS2/A4 BS3/A5 BS4/A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21 27 40 50 3 4 5 6 7 8 9 10 14 15 16 17 18 19 20 21 22 23 24 25 26 28 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21 C6 0.1uF VDD D0 D1 D2 D3 D4 D5 D6 D7 C1 15pF C3 4.7uF 1.5V VDD
C4 0.1uF
31 32 33 34 35 36 37 38 41 42 43 44 45 46 47 48
AD0/D0 AD1/D1 AD2/D2 AD3/D3 AD4/D4 AD5/D5 AD6/D6 AD7/D7 D8 D9 D10 D11 D12 D13 D14 D15 CEB OEB TYPE GND GND GND GND 39 MODE
7
XOUT
C7 15pF 47 49 SPEAKER A16 A17 A18 A19 A20 A21 RDB D0 D1 D2 D3 D4 D5 D6 D7 4 25 24 23 22 21 20 18 16 15 14 13 12 11 10 9 8 5 17 28 BP0 BN0 VO P5.0 P5.1 P5.2 P5.3 P5.4 P5.5 P5.6 P5.7 P5.8 P5.9 P5.10 P5.11 P5.12 P5.13 P5.14 P5.15 GND GND GND
CEB1 RDB
1 13 11 12
2
29
30
49
CSB2 CSB1
GND
(0x0400000~0x05FFFFF)
A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
27 29 30 31 32 33 34 35 36 38 39 40 42 43 44 45
P4.15 P4.14 P4.13 P4.12 P4.11 P4.10 P4.9 P4.8 P4.7 P4.6 P4.5 P4.4 P4.3 P4.2 P4.1 P4.0
Ver. 1.2
7
October 21, 2005
SNR032
32M-bit Mask ROM Device No. 1st external device(CS0) 2nd external device(CS1) 3rd external device(CS2) 4th external device(CS3) Start address 0x0200000 0x0400000 0x0800000 0x0C00000 End Address 0x03FFFFF 0x07FFFFF 0x0BFFFFF 0x0FFFFFF Memory Size 2M words 4M words 4M words 4M words
CVDD VDD VDD U1 C10 47uF 3 19 VDD 37 48 R1 220K RST 60 79 83 52 53 C5 15pF 6 16MHZ Y2 XIN VDD VDD VDD VDD VDD VDD RST CKSEL TESTM P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 P2.8 P2.9 P2.10 P2.11 P2.12 P2.13 P2.14 P2.15 P3.0 P3.1 P3.2 P3.3 P3.4 P3.5 P3.6 P3.7 P3.8 P3.9 P3.10 P3.11 P3.12 P3.13 P3.14 P3.15 GND GND GND GND 90 89 88 87 86 82 81 80 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 61 59 58 57 56 55 54 51 41 46 84 50 D0 D1 D2 D3 D4 D5 D6 D7 31 32 33 34 35 36 37 38 41 42 43 44 45 46 47 48 CEB2 RDB 1 13 11 12 P2_0 P2_1 P2_2 P2_3 P2_4 P2_5 P2_6 P2_7 P2_8 P2_9 P2_10 P2_11 P2_12 P2_13 P2_14 P2_15 LXOUT 1 SNL310 CVDD CVDD LXIN 26 1.5V 85 2 32768HZ Y1 C1 15pF C3 4.7uF 1.5V C3 104 VDD A22 GND GND CS_ GND VCC 1 2 3 4 5 6 U5 A0 A1 A2 E1_ E2_ E3 16 VDD
Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7
GND
15 14 13 12 11 10 9 7
VCC
A_CE_ B_CE_
8
74AC138
C2 15pF
VDD U2 SNR032 VDD VDD VDD READYB/A0 ALECLK/A1 A2 A3 BS2/A4 BS3/A5 BS4/A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21 27 40 50 3 4 5 6 7 8 9 10 14 15 16 17 18 19 20 21 22 23 24 25 26 28 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21
VDD
C4 0.1uF
D0 D1 D2 D3 D4 D5 D6 D7
31 32 33 34 35 36 37 38 41 42 43 44 45 46 47 48
AD0/D0 AD1/D1 AD2/D2 AD3/D3 AD4/D4 AD5/D5 AD6/D6 AD7/D7 D8 D9 D10 D11 D12 D13 D14 D15 CEB OEB TYPE GND GND GND GND MODE
C6 0.1uF
7
XOUT
C7 15pF 47 49 SPEAKER A16 A17 A18 A19 A20 RDB D0 D1 D2 D3 D4 D5 D6 D7 4 25 24 23 22 21 20 18 16 15 14 13 12 11 10 9 8 5 17 28 BP0 BN0 VO P5.0 P5.1 P5.2 P5.3 P5.4 P5.5 P5.6 P5.7 P5.8 P5.9 P5.10 P5.11 P5.12 P5.13 P5.14 P5.15 GND GND GND
CEB1 RDB
1 13 11 12
29
30
39
49
2
CSB2 CSB1
GND
(0x0400000~0x05FFFFF)
VDD U2 SNR032 VDD VDD VDD READYB/A0 ALECLK/A1 A2 A3 BS2/A4 BS3/A5 BS4/A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21 27 40 50 3 4 5 6 7 8 9 10 14 15 16 17 18 19 20 21 22 23 24 25 26 28 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21
VDD
AD0/D0 AD1/D1 AD2/D2 AD3/D3 AD4/D4 AD5/D5 AD6/D6 AD7/D7 D8 D9 D10 D11 D12 D13 D14 D15 CEB OEB TYPE GND GND GND GND MODE
A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
27 29 30 31 32 33 34 35 36 38 39 40 42 43 44 45
P4.15 P4.14 P4.13 P4.12 P4.11 P4.10 P4.9 P4.8 P4.7 P4.6 P4.5 P4.4 P4.3 P4.2 P4.1 P4.0
C6 0.1uF
2
29
30
39
49
GND
(0x0600000~0x07FFFFF)
Ver. 1.2
8
October 21, 2005
SNR032
32M-bit Mask ROM
ALECLK/A1
8.
BONDING PAD
BS4/A6 BS3/A5 MODE TYPE VDD OEB A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A10 A11 A9 A8 A7 A3 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 A2 5
READY/A0
GND 2
4
3
1
(0.00,0.00)
29 30 GND GND
31 AD0/D0
32
33 AD2/D2
34 AD3/D3
35 AD4/D4
36 AD5/D5
37 38 AD6/D6 AD7/D7
39 40 GND VDD
41 D8
42 43 D10 D9
44 D11
45 46 D12 D13
47 48 D14 D15
49 50 GND VDD
Note: The substrate MUST be connected to Vss in PCB layout. Ver. 1.2
9
October 21, 2005
CEB
SNR032
32M-bit Mask ROM
DISCLAIMER
The information appearing in SONiX web pages ("this publication") is believed to be accurate. However, this publication could contain technical inaccuracies or typographical errors. The reader should not assume that this publication is error-free or that it will be suitable for any particular purpose. SONiX makes no warranty, express, statutory implied or by description in this publication or other documents which are referenced by or linked to this publication. In no event shall SONiX be liable for any special, incidental, indirect or consequential damages of any kind, or any damages whatsoever, including, without limitation, those resulting from loss of use, data or profits, whether or not advised of the possibility of damage, and on any theory of liability, arising out of or in connection with the use or performance of this publication or other documents which are referenced by or linked to this publication. This publication was developed for products offered in Taiwan. SONiX may not offer the products discussed in this document in other countries. Information is subject to change without notice. Please contact SONiX or its local representative for information on offerings available. Integrated circuits sold by SONiX are covered by the warranty and patent indemnification provisions stipulated in the terms of sale only. The application circuits illustrated in this document are for reference purposes only. SONIX DISCLAIMS ALL WARRANTIES, INCLUDING THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR ANY PURPOSE. SONIX reserves the right to halt production or alter the specifications and prices, and discontinue marketing the Products listed at any time without notice. Accordingly, the reader is cautioned to verify that the data sheets and other information in this publication are current before placing orders. Products described herein are intended for use in normal commercial applications. Applications involving unusual environmental or reliability requirements, e.g. military equipment or medical life support equipment, are specifically not recommended without additional processing by SONIX for such application.
Ver. 1.2
10
October 21, 2005


▲Up To Search▲   

 
Price & Availability of SNC82060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X