Part Number Hot Search : 
SR162 SR6D4040 SMA16 1052237 12400 MAX17 2N2606 RPM2CP9
Product Description
Full Text Search
 

To Download SMAL106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data Sheet 1.0 Amp SURFACE MOUNT
PLASTIC SILICON DIODES
3.99/4.50
SMAL101 . . . 110 Series
Description
Mechanical Dimensions
Cathode 2.54/2.79 4.93/5.28 .11/.30 1.85/2.15 .10/.20
Package SMA
1.90/2.10 1.18/1.30
Features
n LOWEST COST n HIGH CURRENT CAPABILITY n HIGH SURGE CAPABILITY n LOW FORWARD VOLTAGE WITH LOW LEAKAGE CURRENT n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25o C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...I F(av) Non-Repetitive Peak Forward Surge Current...IFSM Forward Voltage...VF Full Load Reverse Current...IR(av) DC Reverse Current...IR @ Rated DC Blocking Voltage TA = 25C TA =125C SMAL101 100 70 100
SMAL101 . . . 110 Series SMAL102 200 140 200 SMAL104 400 280 400 SMAL106 600 420 600 SMAL108 800 560 800 SMAL110 1000 700 1000
Units
Volts Volts Volts Amps Amps Volts
............................................. 1.0 ............................................... ............................................. 3 0 ............................................... ............................................. 1.1 ...............................................
............................................. 3 0 ............................................... Amps ............................................. 5.0 ............................................... Amps ............................................. 5 0 ............................................... Amps ............................................. 1 5 ............................................... ......................................... -55 to 150 .......................................... pF C
Typical Junction Capacitance...CJ (Note 1) Operating & Storage Temperature Range...TJ, TSTRG


▲Up To Search▲   

 
Price & Availability of SMAL106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X