Part Number Hot Search : 
TTA160 SXN15 1N4937 1N4627 C0686A FA7616CP 1000M ACHIPS
Product Description
Full Text Search
 

To Download SKKT1506D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VRSM
VRRM VDRM
(dv/dt)cr
ITRMS (maximum values for continuous operation) 24 A ; 30 A
1) 2)
24 A ; 45 A 17,5 A2)
1)
2)
SEMIPACK(R) 0 Thyristor / Diode Modules SKKT 15 SKKH 15
ITAV (sin. 180; Tcase = 65 C) V 500 700 900 1300 1500 1700 V 400 600 800 1200 1400 1600 V/s 500 500 500 1000 1000 1000 17,5 A2) SKKT 15/04 D SKKT 15/06 D SKKT 15/08 D SKKT 15/12 E SKKT 15/14 E SKKT 15/16 E SKKH 15/04 D SKKH 15/06 D SKKH 15/08 D SKKH 15/12 E SKKH 15/14 E SKKH 15/16 E
Symbol Conditions
ITAV ID IRMS ITSM i 2t tgd tgr (di/dt)cr tq IH IL VT VT(TO) rT IDD; IRD VGT IGT VGD IGD Rthjh sin. 180; Tcase = 65 C Tcase = 75 C B2/B6 Tamb = 45 C; P 13A/100 W1/W3 Tamb = 45 C; P 13A/100 Tvj = 25 C; 10 ms Tvj = 125 C; 10 ms Tvj = 25 C; 8,3 ... 10 ms Tvj = 125 C; 8,3 ... 10 ms Tvj = 25 C VD = 0,67 . VDRM Tvj = 125 C Tvj = 125 C Tvj = 25 C, typ./max. Tvj = 25 C; RG = 33 ; typ./max. Tvj = 25 C; IT = 75 A Tvj = 125 C Tvj = 125 C Tvj = 125 C; VRD = VRRM VDD = VDRM Tvj = 25 C; d.c. Tvj = 25 C; d.c. Tvj = 125 C; d.c. Tvj = 125 C; d.c. cont. sin. 180 rec. 120 per thyristor / per module IG = 1 A diG/dt = 1 A/s
SKKT 15 SKKH 15
17,5 15 1) 14 / 17 21 / 3 x 12 320 280 510 390 1 1 100 typ. 80 80 / 150 150 / 300 max. 2,45 1,1 20 max. 8 3 100 0,25 5 1,6 / 0,8 1,7 / 0,9 1,8 / 0,9 0,2 / 0,1 - 40 ... + 125 - 40 ... + 125 3600 / 3000 1,5 (13 lb. in.) 15 %3) 5 . 9,81 50 SKKT 15: A 1 SKKH 15: A 2
2)
Units
A A A A A A A2s A2s s s A/s s mA mA V V m mA V mA V mA C/W C/W C/W C/W C C V~ Nm m/s2 g
SKKT
SKKH
Features * Heat transfer through aluminium oxide ceramic isolated metal baseplate * Hard soldered joints for high reliability * UL recognized, file no. E 63 532 Typical Applications * DC motor control (e.g. for machine tools) * Temperature control (e. g. for ovens, chemical processes) * Professional light dimming (studios, theaters)
Rthch Tvj Tstg Visol M1 a w Case a. c. 50 Hz; r.m.s; 1 s/1 min Case to heatsink; SI (US) units approx. page B 1 - 30
1)
Using tin plated connectors with flexible leads of 6 mm2 for the main terminals Flexible leads of 6 mm2 soldered to the main terminals 3) See the assembly instructions
2)
(c) by SEMIKRON
0898
B 1 - 27
B 1 - 28
(c) by SEMIKRON
(c) by SEMIKRON
B 1 - 29
B 1 - 30
0895
(c) by SEMIKRON


▲Up To Search▲   

 
Price & Availability of SKKT1506D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X