Part Number Hot Search : 
AD7541 BUK76 2N517 SN8P2 RLP732H SMP08FS C2004 HI562800
Product Description
Full Text Search
 

To Download SBLB10L30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL10L30, SBLF10L30 & SBLB10L30
New Product
Vishay Semiconductors
formerly General Semiconductor
Reverse Voltage 30V Forward Current 10A
Schottky Barrier Rectifier
ITO-220AC (SBLF10L30)
0.405 (10.27) 0.383 (9.72) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.185 (4.70) 0.175 (4.44) 0.154 (3.91) 0.370 (9.40) 0.360 (9.14) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.410 (10.41) 0.390 (9.91) PIN 1 0.160 (4.06) 0.140 (3.56) 2 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46)
CASE
TO-220AC (SBL10L30)
0.415 (10.54) MAX. DIA. 0.140 (3.56) DIA. 0.130 (3.30)
0.131 (3.39) DIA. 0.122 (3.08)
0.055 (1.39) 0.045 (1.14)
0.600 (15.5) 0.580 (14.5)
0.676 (17.2) 0.646 (16.4) 0.350 (8.89) 0.330 (8.38)
PIN 1 2
0.635 (16.13) 0.625 (15.87)
0.350 (8.89) 0.330 (8.38)
0.603 (15.32) 0.573 (14.55)
0.191 (4.85) 0.171 (4.35) 0.560 (14.22) 0.530 (13.46) 0.060 (1.52)
PIN 1 PIN 2
0.110 (2.80) 0.100 (2.54)
PIN 1 PIN 2
0.205 (5.20) 0.195 (4.95)
0.037 (0.94) 0.027 (0.69)
0.022 (0.55) 0.014 (0.36)
0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95) 0.037 (0.94) 0.027 (0.68) 0.022 (0.56) 0.014 (0.36)
TO-263AB (SBLB10L30)
0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN K 0.055 (1.40) 0.047 (1.19) 1 K 2 0.624 (15.85) 0.591 (15.00) 0-0.01 (0-0.254) 0.110 (2.79) 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout TO-263AB
0.42 (10.66)
0.33 (8.38) 0.63 (17.02)
0.360 (9.14) 0.320 (8.13)
Dimensions in inches and (millimeters)
0.08 (2.032) 0.24 (6.096)
0.090 (2.29) 0.027 (0.686) 0.037 (0.940) 0.105 (2.67)
PIN 1 PIN 2 K - HEATSINK
0.021 (0.53) 0.014 (0.36) 0.140 (3.56) 0.110 (2.79)
0.12 (3.05)
0.095 (2.41)
0.205 (5.20) 0.195 (4.95)
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Dual rectifier construction, positive center tap * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency * Guardring for overvoltage protection * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
Mechanical Data
Case: JEDEC TO-220AC, ITO-220AC & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 oz., 2.24 g
www.vishay.com 1
Document Number 88724 14-Nov-02
SBL10L30, SBLF10L30 & SBLB10L30
Vishay Semiconductors
formerly General Semiconductor
Maximum Ratings
Parameter
(TC = 25C unless otherwise noted)
Symbol VRRM VRWM VDC IF(AV)
Value 30 21 30 10
Unit V V V A
Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at TC = 140 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Peak repetitive reverse current at tp = 2s, 1kHz Voltage rate of change (rated VR) Operating junction and storage temperature range RMS Isolation voltage (SBLF type only) from terminals to heatsink with t = 1 second, RH 30%
IFSM IRRM dv / dt TJ, TSTG VISOL
200 1.0 10,000 -65 to +150 4500 3500(2) 1500(3)
(1)
A A V / s C V
Electrical Characteristics (TC = 25C unless otherwise noted)
Parameter Maximum instantaneous forward voltage (4) at IF = 10A, TJ = 25C at IF = 10A, TJ = 125C TJ = 25C TJ = 125C Symbol VF IR Value 0.52 0.43 1.0 100 Unit V mA
Maximum instantaneous reverse current at DC blocking voltage(4)
Thermal Characteristics (TC = 25C unless otherwise noted)
Parameter Typical thermal resistance from junction to case per leg Symbol RJC SBL 4.3 SBLF 4.8 SBLB 4.3 Unit C/W
Notes: (1) Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset (2) Clip mounting (on case), where leads do overlap heatsink (3) Screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19") (4) Pulse test: 300s pulse width, 2% duty cycle
Ordering Information
Product SBL10L30 SBLF10L30 SBLB10L30 Case TO-220AC ITO-220AC TO-263AB Package Code 45 45 31 45 81 Package Option Anti-Static tube, 50/tube, 2K/carton Anti-Static tube, 50/tube, 2K/carton 13" reel, 800/reel, 4.8K/carton Anti-Static tube, 50/tube, 2K/carton Anti-Static 13" reel, 800/reel, 4.8K/carton
www.vishay.com 2
Document Number 88724 14-Nov-02
SBL10L30, SBLF10L30 & SBLB10L30
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Resistive or Inductive Load 10
Fig. 2 - Typical Instantaneous Forward Characteristics
IF -- Instantaneous Forward Current (A)
100
12.5
Average Forward Rectified Current (A)
10
TJ = 150C
7.5
1.0
TJ = 125C TJ = 100C
5
2.5
0.1
TJ = 25C
0 50 100 150
0.01 0
0.2
0.4
0.6
0.8
1.0
Case Temperature (C)
Instantaneous Forward Voltage (V)
Fig. 3 - Typical Reverse Characteristics
1000 10,000 TJ = 150C
Fig. 4 - Typical Junction Capacitance
IR -- Instantaneous Reverse Current
10 125C 1 0.1 100C
pF -- Junction Capacitance
80 100
100
1,000
100
0.01 0.001 20 40 60
75C 10 0.1 1 10 100
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Fig. 5 - Typical Thermal Impedance
100
Transient Thermal Impedance (C/W)
10
1
0.1 0.01 0.1 1 10
t -- Pulse Duration (sec.) Document Number 88724 14-Nov-02 www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of SBLB10L30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X