Part Number Hot Search : 
GF10G B1403N MBR1015 JS28F MRF6S C2101 MUR3040 HC1GT
Product Description
Full Text Search
 

To Download S13003D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S13003D
*
NPN
TO-126
* *
TO-126
1. 2. 3.
( Tc=25
)
BVCEO BVCBO BVEBO Icm Pcm Tjm Tstg
400 600 9 1.5 30 150 55 150
V V V A W
( Tc=25
)
BVCEO BVCBO BVEBO ICEO ICBO IEBO HFE VCE(sat) tf fT
IC=1mA IC=1mA IE=1mA VCE=350V VCB=550V VEB=7V VCE=5V IC=1A
IB=0 IE=0 IC=0 IB=0 IE=0 IC=0 IC=0.2A IB=0.5A
400 600 9 20 10 10 10 35 0.6 0.3 8
V V V uA uA uA
V uS MHz
IC=1A IB1=IB2=0.2A VCE=300V VCE=10V I C=0.1A f =1MHz
S13003D
HFE 0.5 50mA 0.4 40mA 0.3 30mA 30 40 50
NPN
Ic
Vce=5V
Ic
0.1
10mA
HFE
0.2
A
20mA
20
10
Ib=0 0 2 Vce 4 V 6 8 10
1
0.001 Ic
0.01 A
0.1
1
1.5
Vce 2
sat
-
Ic 125
Pc
Tj
100 1 Ic=2Ib 75
W V sat Pc Vce 0.1
50
25
0
0.1 Ic A
1
1.5
0
40
80 Tj
120
160
200
SOA 5 1 0.5
DC
Ic
A 0.05 0.01 1 Vce V
10
100
1000
TO
126
mm
A B C D F G H J K L N P Q R S Z
9.0 7.05 2.4 1.4 3.15
10 8 2.5 1.5 3.2 2.3 13
11 8.05 2.8 1.6 3.25
0.48
0.5
0.55
0.65
0.75 4.6
0.85
3.8 0.9
3.9 1
4.0 1.1
13.5
14
14.5


▲Up To Search▲   

 
Price & Availability of S13003D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X