Part Number Hot Search : 
CDP1855 TDA3654 PD84002 Z5226B HC224 DB102 TC89102 HC224
Product Description
Full Text Search
 

To Download MP3005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current and Voltage Controls Current Transformer, 3-Phase Types MP 3005, MP 3020, MP 3100, MP 3500
* 4 types of input: 0.5 5A 2 - 20 A 10 - 100 A 50 - 500 A * For use in connection with control relays types e.g. S 178, SM 115
Product Description
3-phase current transformers for 5, 20, 100 or 500 AAC. Output voltage (0.4 - 4 Vp) is proportional to measured current.
Ordering Key
Type Input current
MP 3005
Type Selection
Input current 5A 20 A 100 A 500 A Type no. MP 3005 MP 3020 MP 3100 MP 3500
Input Specifications
MP 3005 Current range Max. current (continuously) Rated insulation voltage Input-output Overvoltage category Pollution degree Dielectric strength Dielectric voltage Rated impulse withstand volt. Power consumption 0.5 - 5 AAC 20 AAC 1000 VACrms IV (IEC 60664) 3 (IEC 60664) 6 kVACrms 12 kV (1.2/50 s) < 300 mW @ 5 A MP 3020 2 - 20 AAC 50 AAC 1000 VACrms IV (IEC 60664) 3 (IEC 60664) 6 kVACrms 12 kV (1.2/50 s) < 300 mW @ 20 A MP 3100 10 - 100 AAC 150 AAC 1000 VACrms IV (IEC 60664) 3 (IEC 60664) 6 kVACrms 12 kV (1.2/50 s) < 2 W @ 100 A MP 3500 50 - 500 AAC 500 AAC 1000 VACrms IV (IEC 60664) 3 (IEC 60664) 6 kVACrms 12 kV (1.2/50 s) < 21 W @ 500 A
Output Specifications
MP 3005 Output voltage (in connection with SM 115) Rated insulation voltage (cable) MP 3020 MP 3100 MP 3500
0.4 - 4 Vp 250 VACrms
0.4 - 4 Vp 250 VACrms
0.4 - 4 Vp 250 VACrms
0.4 - 4 Vp 250 VACrms
Specifications are subject to change without notice (28.10.99)
1
MP 3005, MP 3020, MP 3100, MP 3500
General Specifications
MP 3005 Ambient temperature - 20 to + 60C (- 4 to + 140F) MP 3020 - 20 to + 60C (- 4 to + 140F) MP 3100 - 20 to + 60C (- 4 to + 140F) MP 3500 - 20 to + 40C (- 4 to + 104F) (max. amb. temp for < 200 A is + 60C (+140F) 2m 750 g ABS UL
Connection cable Weight Material Approvals
2m 200 g ABS UL
2m 200 g ABS UL
2m 750 g ABS UL
Mode of Operation
The output voltage is proportional to the highest current value in the 3 conductors which are drawn through the holes of the current metering transformer. By drawing each conductor several times through the hole, the output voltage is multiplied by the number of times each conductor is drawn through the hole. This makes it possible to use the current metering transformers, e.g. type MP 3005, for measuring far below the nominal range.
Wiring Diagram
Black
Latch/hysteresis
Power supply S 178
Dimensions
MP 3005, MP 3020 MP 3100, MP 3500
2
Specifications are subject to change without notice (28.10.99)


▲Up To Search▲   

 
Price & Availability of MP3005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X