Part Number Hot Search : 
X10255 EGAMOD XC402 2SC2782 AK4562VN IRF740 44100 CMD5D11
Product Description
Full Text Search
 

To Download MM3Z12VB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM3Z2V4B-MM3Z75VB Zener Diodes
March 2007
MM3Z2V4B-MM3Z75VB
Zener Diodes
Features
* Wide Zener Voltage Range Selection, 2.4v To 75v * VZ Tolerance Selection of 2% (B Series) * Very Small and Thin SMD package * Clip Bonding Construction, Good Thermal Capability * Matte Tin(Sn) Finish with Nickel(Ni) underplate, Pb Free
Connection Diagram
2
2
1 SOD-323F
1
Absolute Maximum Ratings
Symbol
PD TSTG TJ IZM Power Dissipation
Ta = 25C unless otherwise noted
Parameter
Storage Temperature Range Maximum Junction Temperature Maximum Regulator Current
Value
200 -65 to +150 150 PD/VZ
Units
mW C C mA
* These ratings are limiting values above which the serviceability of the diode may be impaired.
Thermal Characteristics
Symbol
RJA
* Device mounted on N/A PCB with N/A
Parameter
Thermal Resistance, Junction to Ambient
Value
595
Unit
C/W
Electrical Characteritics
Symbol
VF
Tamb = 25C unless otherwise specified
Parameter/ Test condition
Forward Voltage / IF=10mA
Min.
--
Typ.
--
Max.
1.0
Unit
V
Package Marking and Ordering Information
Device Marking
Refer to Product table list
Device
Refer to Product table list
Package
SOD-323F
Packing
Tape & Reel
Reel Size
7'
Tape Width
12mm
Quantity
3,000
(c)2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
MM3Z2V4B-MM3Z75VB Rev. A
MM3Z2V4B-MM3Z75VB Zener Diodes
Electrical Characteristics
Device Type
MM3Z2V4B MM3Z2V7B MM3Z3V0B MM3Z3V3B MM3Z3V6B MM3Z3V9B MM3Z4V3B MM3Z4V7B MM3Z5V1B MM3Z5V6B MM3Z6V2B MM3Z6V8B MM3Z7V5B MM3Z8V2B MM3Z9V1B MM3Z10VB MM3Z11VB MM3Z12VB MM3Z13VB MM3Z15VB MM3Z16VB MM3Z18VB MM3Z20VB MM3Z22VB MM3Z24VB MM3Z27VB MM3Z30VB MM3Z33VB MM3Z36VB MM3Z39VB MM3Z43VB MM3Z47VB MM3Z51VB MM3Z56VB MM3Z62VB MM3Z68VB MM3Z75VB
TA=25C unless otherwise noted
Device Marking
0Z 1Z 2Z 3Z 4Z 5Z 6Z 7Z 8Z 9Z AZ BZ CZ DZ EZ FZ GZ HZ JZ KZ LZ MZ NZ PZ RZ SZ TZ UZ VZ WZ XZ YZ Z Z Z >Z VZ (V) @ IZT Min.
2.35 2.65 2.94 3.23 3.53 3.82 4.21 4.61 5.00 5.49 6.08 6.66 7.35 8.04 8.92 9.80 10.78 11.76 12.74 14.70 15.68 17.64 19.60 21.56 23.52 26.46 29.40 32.34 35.28 38.22 42.14 46.06 49.98 54.88 60.76 66.64 73.5
ZZT() @ IZT Max.
2.45 2.75 3.06 3.37 3.67 3.98 4.39 4.79 5.20 5.71 6.32 6.94 7.65 8.36 9.28 10.20 11.22 12.24 13.26 15.30 16.32 18.36 20.40 22.44 24.48 27.54 30.60 33.66 36.72 39.78 43.86 47.94 52.02 57.12 63.24 69.36 76.50
IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
ZZK() @ IZK Max.
564 564 564 564 564 564 564 470 451 376 141 75 75 75 94 141 141 141 160 188 188 212 212 235 235 282 282 306 329 329 353 353 376 400 423 447 470
IZK (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
IR(A) @ VR Max
45 18 9 4.5 4.5 2.7 2.7 2.7 1.8 0.9 2.7 1.8 0.9 0.63 0.45 0.18 0.09 0.09 0.09 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045
VR(V) 1 1 1 1 1 1 1 2 2 2 4 4 5 5 6 7 8 8 8 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.0 25.2 27.3 30.1 33.0 35.7 39.2 43.4 47.6 52.5
Typ.
2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75
Max.
94 94 89 89 84 84 84 75 56 37 9 14 14 14 14 18 18 23 28 28 37 42 51 51 65 75 75 75 84 122 141 160 169 188 202 226 240
Notes : 1. The Zener Voltage (VZ) is tested under pulse condition of 10mS. 2. The device numbers listed have a standard tolerance on the nominal zener voltage of 2%. 3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
2 MM3Z2V4B-MM3Z75VB Rev. A
www.fairchildsemi.com
MM3Z2V4B-MM3Z75VB Zener Diodes
Typical Performance Characteristics
Figure 1. Zener current vs. Zener Voltage
50
Figure 2. Zener current vs. Zener Impedence
10000
TA = 25 C
40
O
TA = 25 C MM3Z36VB
1000
O
MM3Z3V6B MM3Z36VB MM3Z24VB
100
VZ - Zener Voltage [V]
30
MM3Z24VB
20
MM3Z3V6B
10
MM3Z6V8C
MM3Z11VB
ZZ - Impedance [ohms]
10
1 0 1 2 3 4 5 6 7 8 9 10 20 30 0.1
MM3Z6V8C
MM3Z11VB
1 10
IZ - Zener Current, [mA]
IZ - Zener Current, [mA]
Figure 3. MM3Z3V6B Zener current vs. Zener Voltage
4.5
Figure 4. MM3Z6V8C Zener current vs. Zener Voltage
7.4
O
-25 C -0 C
4.0
O
O
25 C VZ - Zener Voltage [V]
O
7.2
85 C
O
100 C
O
125 C
VZ - Zener Voltage [V]
7.0
3.5
85 C 100 C
3.0
O O
O
6.8
125 C
6.6
-25 C
2.5 1 2 3 4 5 6 789 20 30 6.4 1 2 3 4 5
O
-0 C
6 789
O
25 C
O
20
30
IZ - Zener Current, [mA]
IZ - Zener Current, [mA]
Figure 5. MM3Z11VB Zener current vs. Zener Voltage
12.5
Figure 6. MM3Z24VB Zener current vs. Zener Voltage
28
12.0
85 C
O
100 C
O
125 C
O
27
85 C VZ - Zener Voltage [V]
11.5
O
100 C
O
125 C
O
VZ - Zener Voltage [V]
26
25
11.0
24
23
10.5
-25 C
10.0 1 2 3 4 5
O
-0 C
O
25 C
O
25 C
22
O
-0 C -25 C
O
O
6 789
20
30
21 1 2 3 4 5 6 789 20 30
IZ - Zener Current, [mA]
IZ - Zener Current, [mA]
3 MM3Z2V4B-MM3Z75VB Rev. A
www.fairchildsemi.com
MM3Z2V4B-MM3Z75VB Zener Diodes
Typical Performance Characteristics
Figure 7. MM3Z36VB Zener current vs. Zener Voltage
42
O O
125 C
40
85 C
O
100 C
VZ - Zener Voltage [V]
38
36
34
25 C -0 C -25 C
O O
O
32 1 2 3 4 5 6 789 20 30
IZ - Zener Current, [mA]
4 MM3Z2V4B-MM3Z75VB Rev. A
www.fairchildsemi.com
MM3Z2V4B-MM3Z75VB Zener Diodes
Package Dimensions SOD - 323F
5 MM3Z2V4B-MM3Z75VB Rev. A
www.fairchildsemi.com
MM3Z2V4B-MM3Z75VB Zener Diodes MM3Z2V4B-MM3Z75VB Zener Diodes
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM Across the board. Around the world.TM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM CTLTM Current Transfer LogicTM DOMETM E2CMOSTM EcoSPARK(R) EnSignaTM FACT Quiet SeriesTM FACT(R) FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM
GTOTM HiSeCTM i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM MICROCOUPLERTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM(R) PACMANTM POPTM Power220(R) Power247(R) PowerEdgeTM
PowerSaverTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM ScalarPumpTM SMART STARTTM SPMTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TCMTM The Power Franchise(R) TinyBoostTM
TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyWireTM TruTranslationTM SerDesTM UHC(R) UniFETTM VCXTM WireTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification
Advance Information Preliminary
Product Status
Formative or In Design First Production
Definition
This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date.Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor.The datasheet is printed for reference information only.
Rev. I23
No Identification Needed
Full Production
Obsolete
Not In Production
6 MM3Z2V4B-MM3Z75VB Rev. A
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MM3Z12VB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X