Part Number Hot Search : 
NUF2042 15T1G PS224 1000B AQV216 NTE6003 ESD24V 6222E
Product Description
Full Text Search
 

To Download MAX3675ECJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1258; Rev 2; 11/98
ANUAL N KIT M LUATIO ABLE EVA AVAIL
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
_____________________ General Description
The MAX3675 is a complete clock-recovery and dataretiming IC incorporating a limiting amplifier. It is intended for 622Mbps SDH/SONET applications and operates from a single +3.3V supply. The MAX3675 has two differential input amplifiers: one accepts PECL levels, while the other accepts small-signal analog levels. The analog inputs access the limiting amplifier stage, which provides both a received-signalstrength indicator (RSSI) and a programmable-threshold loss-of-power (LOP) monitor. Selecting the PECL amplifier disables the limiting amplifier, conserving power. A lossof-lock (LOL) monitor is also incorporated as part of the fully integrated PLL.
____________________________Features
o Single +3.3V or +5.0V Power Supply o Complies with ANSI, ITU, and Bellcore SDH/SONET Specifications o Low Power: 215mW at +3.3V o Selectable Data Inputs, Differential PECL or Analog o Received-Signal-Strength Indicator (RSSI) o Loss-of-Power and Loss-of-Lock Monitors o Differential PECL Clock and Data Outputs o No External Reference Clock Required
MAX3675
________________________Applications
SDH/SONET Transmission Systems SDH/SONET Access Nodes Add/Drop Multiplexers ATM Switches Digital Cross-Connects
Pin Configuration appears at end of data sheet.
_________________Ordering Information
PART MAX3675ECJ MAX3675EHJ MAX3675E/D TEMP. RANGE -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 32 TQFP 5mm 32 TQFP Dice*
*Contact factory for availability. Dice are designed to operate from -40C to +85C, but are tested and guaranteed only at Tj = +45C.
___________________________________________________ Typical Operating Circuit
+3.3V +3.3V 0.1F INSEL LOL VCC CIN 0.01F ZO = 50 100 IN OUTGND COMP 220pF CFILT OLC+ OLC- GND CF 47nF COLC 33nF R2 R1 100k RSSI INV VTH LOP ZO = 50 82 82 ZO = 50 +3.3V CIN 0.01F VCC ADISCLKO+ 130 SCLKOZO = 50 130 ADI+ DDI+ DDISDO100pF PHOTODIODE 82 82 PHADJ+ PHADJ- FIL+ FILSDO+ ZO = 50 ZO = 50 CLOL 0.01F +3.3V 52.3 2.2F 1% 130 0.01F 130
FILT
MAX3664
INREF OUT+
MAX3675
+3.3V
________________________________________________________________ Maxim Integrated Products
1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier MAX3675
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC..............................................-0.5V to +6.5V Input Voltage Levels, DDI+, DDI-, ADI+, ADI- ...........................-0.5V to (VCC + 0.5V) Input Differential Voltage (ADI+) - (ADI-)...............................3V PECL Output Currents, SDO+, SDO-, SCLKO+, SCLKO-...100mA LOL, LOP, INSEL, PHADJ+, PHADJ- .........-0.5V to (VCC + 0.5V) FIL+, FIL-, OLC+, OLC-, RSSI, VTH ...........-0.5V to (VCC + 0.5V) (OLC+) - (OLC-).....................................................................3V (FIL+) - (FIL-) ..................................................................700mV CFILT ...............................................(VCC - 2.5V) to (VCC + 0.5V) INV.........................................................................-0.5V to +2.0V Continuous Power Dissipation (TA = +85C) TQFP (derate 11.1mW/C above +85C) .....................721mW Operating Junction Temperature Range ...........-40C to +150C Storage Temperature Range .............................-65C to +160C Processing Temperature (die) .........................................+400C Lead Temperature (soldering, 10sec) .............................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Notes 1, 2) PARAMETER Supply Current PECL Input High Voltage PECL Input Low Voltage PECL Input High Current PECL Input Low Current PECL Output High Voltage PECL Output Low Voltage LOP, LOL High Voltage LOP Low Voltage LOL Low Voltage ADI+, ADI- Input Bias Voltage ADI+, ADI- open RSSI Output Voltage Op-Amp Input Bias Current INV Input Bias Voltage (ADI+) - (ADI-) = 20mVp-p (ADI+) - (ADI-) = 80mVp-p 1M between INV and VTH 1M between INV and VTH 2.00 2.38 -100 1.10 1.18 SYMBOL ICC VIH VIL IIH IIL VOH VOL VOH VOL VOL CLOL = 0.01F VCC - 0.7 CONDITIONS MAX3675ECJ, PECL outputs unterminated INSEL = VCC INSEL = GND VCC - 1.16 VCC - 1.81 -10 -10 VCC - 1.03 VCC - 1.81 2.4 0.1 0.44 VCC - 0.6 1.22 2.12 2.51 2.30 2.70 +100 1.30 nA V V VCC - 0.5 0.4 MIN TYP 65 47 MAX 90 mA 65 VCC - 0.88 VCC - 1.48 10 10 VCC - 0.88 VCC - 1.620 V V A A V V V V V V UNITS
Note 1: Dice are tested at Tj = +45C, VCC = +4.25V Note 2: At TA = -40C, DC characteristics are guaranteed by design and characterization.
2
_______________________________________________________________________________________
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
AC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, T A = -40C to +85C, unless otherwise noted. Typical values are at V CC = +3.3V and TA = +25C.) (Notes 3, 4) PARAMETER Differential Input Voltage Range Input Referred Noise Power-Detect Hysteresis Limiting Amplifier Small-Signal Bandwidth RSSI Output Voltage Threshold Voltage RSSI Linearity RSSI Slope Loop Bandwidth Jitter Generation (Note 9) Jitter-Transfer Peaking VTH BW SYMBOL VID VN CONDITIONS BER < 10-10, ADI inputs (Note 5) ADI inputs VRELEASE = 3.6mVp-p (Note 6) (Note 7) (ADI+) - (ADI-) = 2mVp-p (ADI+) - (ADI-) = 20mVp-p VRELEASE = 3.6mVp-p (ADI+) - (ADI-) = 2mVp-p to 50mVp-p (ADI+) - (ADI-) = 2mVp-p to 50mVp-p (Note 8) CF = 2.2F, RF = 52.3 CF = 0.022F, RF = 523 CF = 2.2F, RF = 52.3 CF = 0.022F,CFF= 0.022F R = 523 RF = 52.3, CF = 2.2F f = 10kHz Jitter Tolerance (Note 9) RF = 52.3, CF = 2.2F f = 25kHz f = 250kHz f = 1MHz Maximum Consecutive Input Run Length (1 or 0) Serial Clock-to-Q Delay Serial Clock Frequency Note 3: Note 4: Note 5: Note 6: Note 7: Note 8: Note 9: tCLK-Q fSCLK 195 1.50 0.25 0.20 8 3.35 0.60 0.50 1000 275 622.08 370 Bits ps MHz UI 2 MIN 0.003 100 3 800 1.36 1.93 1.40 0.7 29 350 3.5 13 6 0.08 5 TYP MAX 1.2000 UNITS Vp-p V dB MHz V V % mV/dB kHz MHz mUI dB
MAX3675
AC parameters are guaranteed by design and characterization. The MAX3675 is characterized with a PRBS of 223 - 1 maintaining a BER of 10-10 having a confidence level of 99.9%. A lower minimum input voltage of 2mVp-p is achievable; however, the LOP hysteresis is not guaranteed below 3.6mVp-p. Hysteresis = 20log(VRELEASE / VASSERT) Small-signal bandwidth cannot be measured directly. RSSI slope = [VRSSI2 - VRSSI1] / [20log (VID2 / VID1)] 1UI = 1 unit interval = (622.08MHz)-1 = 1.608ns
_______________________________________________________________________________________
3
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier MAX3675
__________________________________________Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
RECOVERED DATA AND CLOCK (SINGLE ENDED)
MAX3675 TOC01
RECOVERED CLOCK JITTER
MAX3675 TOC02
BIT ERROR RATE vs. INPUT VOLTAGE
10-3 10-4 BIT ERROR RATE 10-5 10-6 10-7 10-8 223 -1 PATTERN VCC = +3.3V
MAX3675 TOC03
10-2
223 -1 PATTERN DATA VCC = +3.3V RF = 520 CF = 0.022F
223 -1 PATTERN VCC = +3.3V
RF = 520 CF = 0.022F
CLOCK RMS = 12.8ps
10-9 10-10
380ps/div JITTER FREQUENCY (Hz)
20ps/div JITTER FREQUENCY (Hz)
600 700 800 900
1m
1.1m 1.2m 1.3m
INPUT VOLTAGE (Vp-p)
JITTER TOLERANCE
223 -1 PATTERN VCC = +3.3V RF = 52.3 CF = 2.2F
MAX3675 TOC04
JITTER TRANSFER
0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 -2.2 -2.4 -2.6 -2.8 -3.0 2k
MAX3675 TOC05
10
1 BELLCORE MASK
JITTER TRANSFER (dB)
INPUT JITTER (UIp-p)
BELLCORE MASK
223 -1 PATTERN VCC = +3.3V RF = 52.3 CF = 2.2F 10k 100k 700k
0.1 10k 100k JITTER FREQUENCY (Hz) 1M
JITTER FREQUENCY (Hz)
4
_______________________________________________________________________________________
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
____________________________Typical Operating Characteristics (continued)
(TA = +25C, unless otherwise noted.)
LOSS-OF-POWER HYSTERESIS vs. TEMPERATURE
MAS3675 TOC06
MAX3675
RECEIVED-SIGNAL-STRENTH INDICATOR vs. INPUT VOLTAGE
MAX3675 TOC07
LOSS-OF-POWER ASSERT AND RELEASE LEVEL vs. THRESHOLD VOLTAGE
223 -1 PATTERN VCC = +3.3V
MAX4108/9-08
4.0 3.8 3.6 HYSTERESIS (dB) 3.4 223 -1 PATTERN VCC = +3.3V OR +5.0V
2.8 VCC = +3.3V 2.6 2.4 RSSI (V) 2.2 2.0 1.8 1010 PATTERN 1.6 1.4 1.2 223 -1 PATTERN
100m ANALOG INPUT VOLTAGE (Vp-p)
3.2 3.0 2.8 2.6 2.4 2.2 2.0 -40 -20 0 20 40 60 80 AMBIENT TEMPERATURE (C)
LOP RELEASE 10m
LOP ASSERT
1m 100 1m 10m 100m 1 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 DETECTOR THRESHOLD VOLTAGE, VTH (V) INPUT VOLTAGE (Vp-p)
RECEIVED-SIGNAL-STRENGTH INDICATOR vs. INPUT VOLTAGE
MAX3675 TOC09
SUPPLY CURRENT vs. TEMPERATURE
MAX3675 TOC10
2.8 223 -1 PATTERN 2.6 2.4 RSSI (V) 2.2 2.0 1.8 VCC = 3.3V 1.6 1.4 1.2 100 1m 10m 100m 1 INPUT VOLTAGE (Vp-p) VCC = 5.0V
90 80 SUPPLY CURRENT (mA) VCC = 5.0V 70 60 50 40 30 -40 -20 0 20 40 60 VCC = 3.3V
80
AMBIENT TEMPERATURE (C)
_______________________________________________________________________________________
5
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier MAX3675
______________________________________________________________Pin Description
PIN 1 2 3 4, 8, 16, 24, 25 5 6 7 9, 12, 15, 18, 21, 31 10 11 13 14 17 19 20 22 23 26 27 28 29 30 32 NAME OLC+ OLCRSSI GND INV VTH LOP VCC SCLKOSCLKO+ SDOSDO+ LOL PHADJPHADJ+ FILFIL+ DDI+ DDIINSEL ADIADI+ CFILT FUNCTION Positive Offset-Correction Loop Capacitor Input Negative Offset-Correction Loop Capacitor Input Received-Signal-Strength Indicator Output Supply Ground Op-Amp Inverting Input. Attach to ground if op amp is not used. Voltage Threshold Input. Threshold voltage for loss-of-power monitor. Attach to VCC if LOP function is not used. Loss-of-Power Output, TTL. Limiting amplifier loss-of-power monitor. Asserts high when input signal is below threshold set by VTH. Positive Supply Voltage Negative Serial Clock Output, PECL, 622.08MHz. SDO- is clocked out on the falling edge of SCLKO-. Positive Serial Clock Output, PECL, 622.08MHz. SDO+ is clocked out on the rising edge of SCLKO+. Negative Serial Data Output, PECL, 622.08Mbps Positive Serial Data Output, PECL, 622.08Mbps Loss-of-Lock Output, TTL. PLL loss-of-lock monitor, active low (see Design Procedure). Negative Phase-Adjust Input. Used to optimally align internal PLL phase. Attach to VCC if not used. Positive Phase-Adjust Input. Used to optimally align internal PLL phase. Attach to VCC if not used. Negative Filter Input. PLL loop filter connection. Positive Filter Input. PLL loop filter connection. Positive Digital Data Input, PECL, 622.08Mbps serial-data stream Negative Digital Data Input, PECL, 622.08Mbps serial-data stream Input Select. Connect to GND to select digital data inputs or VCC for analog data inputs. Negative Analog Data Input, 622.08Mbps serial-data stream Positive Analog Data Input, 622.08Mbps serial-data stream RSSI Filter Capacitor Input
6
_______________________________________________________________________________________
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier MAX3675
LOL VCC 6k D Q SDOPECL SDO+ PHADJ+ PHADJFIL+ FIL-
DDI+ DDIPECL INSEL PHASE/FREQ DETECTOR
I
SCLKO+ PECL SCLKO-
FILTER
VCO Q 622.08MHz
VCC ADIADI+ LIMITER 42dB BIAS 1.18V 6k
POWER DETECT OFFSET CORRECTION
MAX3675
OLC+
OLC-
CFILT
RSSI
INV
VTH
LOP
Figure 1. Functional Diagram
_______________Detailed Description
The block diagram in Figure 1 shows the MAX3675's architecture. It consists of a limiting amplifier input stage followed by a fully integrated clock/data-recovery (CDR) block implemented with a phase-locked loop (PLL). The input stage is selectable between a limiting amplifier or a simple PECL input buffer. The limiting amplifier provides a loss-of-power (LOP) monitor and a received-signal-strength indicator (RSSI). The PLL consists of a phase/frequency detector (PFD), a loop filter amplifier, and a voltage-controlled oscillator (VCO).
100V RMS, providing excellent sensitivity for smallamplitude data streams. In addition to driving the CDR, the limiting amplifier provides both an RSSI output and an LOP monitor that allow the user to program the threshold voltage. The RSSI circuitry provides an output voltage that is linearly proportional to the input power (in decibels) detected between the ADI+ and ADI- input pins and is sensitive enough to reliably detect signals as small as 2mVp-p. Input DC offset reduces the accuracy of the power detector; therefore, an integrated feedback loop is included that automatically nulls the input offset of the gain stage. The addition of this offset-correction loop requires that the input signal be AC coupled when using the ADI+ and ADI- inputs. Finally, for applications that do not require the limiting amplifier, selecting the digital inputs conserves power by turning off the post-amplifier block.
Limiting Amplifier
The MAX3675's on-chip limiting amplifier accepts an input signal level from 3.0mVp-p to 1.2Vp-p. The amplifier consists of a cascade of gain stages that include full-wave logarithmic detectors. The combined smallsignal gain is approximately 42dB, and the -3dB bandwidth is 800MHz. Input-referred noise is less than
_______________________________________________________________________________________
7
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier MAX3675
Phase Detector
The phase detector produces a voltage proportional to the phase difference between the incoming data and the internal clock. Because of its feedback nature, the PLL drives the error voltage to zero, aligning the recovered clock to the incoming data. The external phase adjustment pins (PHADJ+, PHADJ-) allow the user to vary the internal phase alignment. into the MAX3675 to remove the input offset. DC coupling to the ADI+ and ADI- inputs is not allowed, as this would prevent the proper functioning of the DC offsetcorrection circuitry. The differential input impedance (ZIN) is approximately 2.5k. The impedance between OLC+ and OLC- (ZOLC) is approximately 120k. Take care when setting the combined low-frequency cutoff (fCUTOFF), due to the input DC-blocking capacitor (CIN) and the offset correction loop capacitor (COLC). Refer to Table 1 for selecting the values of CIN and COLC. These values ensure that the poles associated with CIN and COLC work together to provide a flat response at the lower -3dB corner frequency (no gain peaking). CIN must be a low-TC, high-quality capacitor of type X7R or better in order to minimize fCUTOFF deviations. COLC must be a capacitor of type Z5U or better.
Frequency Detector
A frequency detector incorporated into the PLL aids frequency acquisition during start-up conditions. The input data stream is sampled by quadrature components of the VCO clock, generating a difference frequency. Depending on the polarity of the difference frequency, the PFD drives the VCO so that the difference frequency is reduced to zero. Once frequency acquisition is obtained, the frequency detector returns to a neutral state.
Loop Filter and VCO
The VCO is fully integrated, while the loop filter requires an external R-C network. This filter network determines the bandwidth and peaking of the second-order PLL.
Loss-of-Power (LOP) Monitor
A LOP monitor with a user-programmable threshold and a hysteresis comparator is also included with the limiting amplifier circuitry. Internally, one comparator input is tied to the RSSI output signal, and the other is tied to the threshold voltage (VTH), which is set externally and provides a trip point for the LOP indication. A low-voltage, low-drift op amp, referenced to an internal bandgap voltage (1.18V), is supplied for programming a supply-independent threshold voltage. This op amp requires two external resistors to program the LOP trip point. VTH is programmable from 1.18V to 2.4V using the equation: VTH = 1.18 1 + R2 / R1
__________________Design Procedure
Received-Signal-Strength Indicator (RSSI)
The RSSI output voltage is insensitive to temperature and supply fluctuations. The power detector functions as a broadband power meter that detects the total RMS power of all signals within the detector bandwidth (including input signal noise). The RSSI voltage varies linearly (in decibels) for inputs of 2mVp-p to 50mVp-p. The slope over this input range is approximately 29mV/dB. The high-speed RSSI signal is filtered to an RMS level with one external capacitor tied from CFILT to VCC. The impedance looking into CFILT is about 500 to VCC. As a result, the lower -3dB cutoff frequency is set by the following simple relationship: fFILT = 1 / 2 500 CF
(
)
The op amp can source only 20A of current. Therefore, an R1 value greater than or equal to 100k is recommended for proper operation. The input bias
Table 1. Setting the Low-Frequency Cutoff
CIN 0.022F 0.010F 6800pF 4700pF 2200pF 1000pF 470pF 330pF 220pF COLC 0.047F 0.033F 0.022F 0.010F 4700pF 3300pF 1000pF 680pF 470pF COMBINED LOW fCUTOFF (kHz) 3.0 6.8 10 13.5 29 68 135 190 290
[( )]
For 622Mbps applications, Maxim recommends a cutoff frequency of 6.8kHz, which requires CF = 47nF. The RSSI output is designed to drive a minimum load resistance of 10k to ground and a maximum of 20pF. Loads greater than 20pF must be buffered by a series resistance of 10k (i.e., voltmeter).
Input Offset Correction
The on-chip limiting amplifier provides more than 42dB of gain. A low-frequency feedback loop is integrated
8
_______________________________________________________________________________________
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
current of the op amp at the INV pin is guaranteed to be less than 100nA. To set the threshold voltage externally (i.e., via a DAC control), completely disable the op amp by grounding the inverting terminal (INV). VTH then becomes high impedance and must be driven externally. The comparator is configured with an active-high LOP output. An on-chip, 6k pull-up resistor is provided to reduce external part count. the filter amplifier. For the MAX3675, an estimated value of KDKOGm is 7k. Because the PLL is a second-order system, a zero in the open-loop gain is required for stability. This zero is set by the following equation: z = 1 / RFCF
MAX3675
(
)
Setting the Loop Filter
The loop filter within the PLL consists of a transconductance amplifier and external filter elements RF and CF (Figure 2). The closed-loop bandwidth of a PLL is approximated by: KD KO Gm RF where KD is the gain of the phase detector, KO is the gain of the VCO, and Gm is the transconductance of
where the recommended external value of CF is 2.2F. Increasing the value of RF increases the PLL bandwidth (fLOOP). Increasing this bandwidth improves jitter tolerance and jitter-generation performance, but also reduces jitter-transfer performance. (Decreasing the bandwidth has the opposite effect.) This type of PLL is a classical second-order system. Therefore, as fz (the frequency of the zero) approaches fLOOP, the jitter-transfer peaking increases. For an overdamped system (fz/fLOOP) < 0.25, the jitter peaking of a second-order system can be approximated by: Mp = 1 - (fz / fLOOP) where Mp is the magnitude of the peaking. For (fz/fLOOP) < 0.1, this equation holds to within 10%. CF can be made smaller if meeting the jitter-transfer specifications is not a requirement. For example, setting RF to 300 and CF to 3.3nF increases the loop bandwidth to approximately 2.2MHz (Figure 3). Loop stability is ensured by maintaining a separation of 10x between fLOOP and fz. Be careful when changing the value of RF. Lower values of RF are limited by the internal resistance of the IC, and upper values are limited by the internal high-frequency pole.
MAX3675
F(S)
GM
FIL+
CF
RF
FILMAX3675-B
s CF s/ P + 1 1 R FC F
)
GAIN
F(s) = z RF CF P =
s + 1 Gm z
>10x
HIGHERORDER POLE
[(
]
fZ = 161kHz fLOOP = 2.2MHz CF = 3.3nF RF = 300 fZ = 1.38kHz CF = 2.2F fLOOP = 375kHz RF = 52.3 fLOOP = KSKOGmRF
= 52.3 = 2.2F = internal higher - order pole
100 1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
Figure 2. Loop Filter
Figure 3. Loop-Filter Response
_______________________________________________________________________________________ 9
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier MAX3675
The MAX3675 is optimally designed to acquire lock and to provide a bit-error rate (BER) of less than 10-10 for long strings of consecutive zeros and ones. Using the recommended external component values of RF = 52.3 1% and CF = 2.2F 20%, measured results show that the MAX3675 can tolerate 1000 consecutive ones or zeros. It is important to select a type of capacitor for CF that has a temperature stability of 10% or better. This ensures performance over the -40C to +85C temperature range. The digital data input signals (DDI+ and DDI-) are differential inputs to an emitter-coupled pair. As a result, the MAX3675 can accept differential input signals as low as 250mV. These inputs can also be driven singleended by externally biasing DDI- to the center of the voltage swing. The MAX3675's performance can be greatly affected by circuit board layout and design. Use good high-frequency design techniques, including minimizing ground inductance and using fixed-impedance transmission lines on the data and clock signals. Power-supply decoupling should be placed as close to V CC as possible. Take care to isolate the input from the output signals to reduce feedthrough.
Lock Detect
The MAX3675's loss-of-lock (LOL) monitor indicates when the PLL is locked. Under normal operation, the loop is locked and the LOL output signal is high. When the MAX3675 loses lock, a fast negative-edge transition occurs on LOL. The output level remains at a low level (held by C LOL ) until the loop reacquires lock (Figure 4). Note that the LOL monitor is only valid when a data stream is present on the inputs to the MAX3675. As a result, LOL does not detect a loss-of-power condition resulting from a loss of the incoming signal. See the Loss-of-Power (LOP) Monitor section for this type of indicator.
__________Applications Information
Driving the Limiting Amplifier Single-Ended
There are three important requirements for driving the limiting amplifier from a single-ended source (Figure 5): 1) There must be no DC coupling to the ADI+ and ADIinputs. DC levels at these inputs disrupt the offset-correction loop. 2) The terminating resistor RT (50) must be referenced to the ADI- input to minimize common-mode coupling problems. 3) The low-frequency cutoff for the limiting amplifier is determined by either C IN and the 2.5k input impedance or Cb/2 together with RT. With Cb = 0.22F and RT = 50, the low-frequency cutoff is 29kHz.
Input and Output Terminations
The MAX3675 digital data and clock I/Os (DDI+, DDI-, SDO+, SDO-, SCLK+, and SCLK-) are designed to interface with PECL signal levels. It is important to bias these ports appropriately. A circuit that provides a Thevenin equivalent of 50 to VCC - 2V should be used with fixed-impedance transmission lines for proper termination. Make sure that the differential outputs have balanced loads.
LOP
OUTPUT LEVEL
Cb 0.22F
CIN 5.6nF
MAX3675
ADI+
LOL
RT 50 ADICb 0.22F
2.5k
NO DATA
ACQUIRE
LOCKED
TIME
Figure 4. Loss-of-Lock Output
10
Figure 5. Single-Ended Input Termination
______________________________________________________________________________________
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Reduced Power Consumption Without the Limiting Amplifier
The limiting amplifier is biased independently from the clock recovery circuitry. Grounding INSEL turns off the limiting amplifier and selects the PECL DDI inputs. In an optical receiver, the dB change at the MAX3675 always equals 2x the optical dB change. The MAX3675's typical voltage hysteresis is 3.0dB. This provides an optical hysteresis of 1.5dB.
MAX3675
Converting Average Optical Power to Signal Amplitude
Many of the MAX3675's specifications relate to inputsignal amplitude. When working with fiber optic receivers, the input is usually expressed in terms of average optical power and extinction ratio. The relations given in Table 2 and Figure 6 are helpful for converting optical power to input signal when designing with the MAX3675. In an optical receiver, the input voltage to the limiting amplifier can be found by multiplying the relationship in Table 2 by the photodiode responsivity and transimpedance amplifier gain.
Jitter in Optical Receivers
Timing jitter, edge speeds, aberrations, optical dispersion, and attenuation all impact the performance of high-speed clock recovery for SDH/SONET receivers (Figure 7). These effects decrease the time available for error-free data recovery by reducing the received "eye opening" of non-return-to-zero (NRZ) transmitted signals.
P1
Optical Hysteresis
Power and hysteresis are often expressed in decibels. By definition, decibels are always 10log (power). At the inputs to the MAX3675 limiting amplifier, the power is VIN2/R. If a receiver's optical input power (x) increases by a factor of two, and the preamplifier is linear, then the voltage at the input to the MAX3675 also increases by a factor of two. The optical power increase is 10log(2x / x) = 10log(2) = +3dB. At the MAX3675, the voltage increase is: 10log
PAVE
P0 TIME
(2VIN )
Figure 6. Optical Power Relations
2
/R
2 VIN / R
= 10log(22 ) = 20log(2) = + 6dB
AMPLITUDE
Table 2. Optical-Power Relations*
PARAMETER Average Power Extinction Ratio Optical Power of a "1" Optical Power of a "0" Signal Amplitude SYMBOL PAVE re P1 P0 RELATION
MIDPOINT
PAVE = (P0 + P1) / 2
EYE DIAGRAM WITH NO TIMING JITTER TIME
re = P1 / P0
AMPLITUDE
P1 = 2PAVE
re re + 1
MIDPOINT
P0 = 2PAVE / re + 1
(
) (re - 1)
re + 1
PIN
PIN = P1 - P0 = 2PAVE
EFFECTS OF TIMING JITTER ON EYE DIAGRAM
TIME
*Assuming a 50% average input data duty cycle.
Figure 7. Eye Diagram With and Without Timing Jitter
11
______________________________________________________________________________________
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Optical receivers, incorporating transimpedance preamplifiers and limiting postamplifiers, can significantly clean up the effects of dispersion and attenuation. In addition, these amplifiers can provide fast transitions with minimal aberrations to the subsequent clock and data-recovery (CDR) blocks. However, these stages also add distortions to the midpoint crossing, contributing to timing jitter. Timing jitter is one of the most critical technical issues to consider when developing optical receivers and CDR circuits. A better understanding of the different sources of jitter helps in the design and application of optical receiver modules and integrated CDR solutions. SDH/SONET specifications are well defined regarding the amount of jitter tolerance allowed at the inputs of optical receivers, as well as jitter peaking requirements, but they do little to define the different sources of jitter. The jitter that must be tolerated at an optical receiver input involves three significant sources, all of which are present in varying degrees in typical receiver systems: 1) Random jitter (RJ) 2) Pattern-dependent jitter (PDJ) 3) Pulse-width distortion (PWD)
MAX3675
of the transitions, the lower the effect of noise on random jitter. The following equation is a simple worstcase estimation of random jitter: RJ (rms) = (rms noise) / (slew rate)
Pattern-Dependent Jitter (PDJ) PDJ results from wide variations in the number of consecutive bits contained in NRZ data streams working against the bandwidth requirements of the receiver (Figure 9). The location of the lower -3dB cutoff frequency is important, and must be set to pass the low frequencies associated with long consecutive bit streams. AC coupling is common in optical receiver design. When using a limiting preamplifier with a highpass frequency response, select the input AC-coupling capacitor, C IN, to provide a low-frequency cutoff (fC) one decade lower than the preamplifier low-frequency cutoff. As a result, the PDJ is dominated by the lowfrequency cutoff of the preamplifier.
When using a preamplifier without a highpass response with the MAX3675, the following equation provides a good starting point for choosing CIN: -tL CIN PDJ BW 1.25k In 1- 0.5
Random Jitter (RJ) RJ is caused by random noise present during edge transitions (Figure 8). This random noise results in random midpoint crossings. All electrical systems generate some random noise; however, the faster the speed
(
)
(
)( )
where tL = duration of the longest run of consecutive bits of the same value (seconds); PDJ = maximum
DESIRED MIDPOINT CROSSING MIDPOINT ACTUAL MIDPOINT CROSSING 0-1 TRANSITION WITH RANDOM NOISE RANDOM JITTER MIDPOINT AMPLITUDE LONG CONSECUTIVE BIT STREAM AMPLITUDE
LF DROOP
0-1-0 BIT STREAM
MIDPOINT
LF PDJ TIME
TIME
Figure 8. Random Jitter on Edge Transition
12
Figure 9. Pattern-Dependent Jitter Due to Low-Frequency Cutoff
______________________________________________________________________________________
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
allowable pattern-dependent jitter, peak-to-peak (seconds); and BW = typical system bandwidth, normally 0.6 to 1.0 times the data rate (Hertz). If the PDJ is still larger than desired, continue increasing the value of C IN . Note that to maintain stability when using the MAX3675 analog inputs (ADI+, ADI-), it is important to keep the low-frequency cutoff associated with COLC below the corner frequency associated with C IN (fC) (Table 1). PDJ can also be present due to insufficient high-frequency bandwidth (Figure 10). If the amplifiers are not fast enough to allow for complete transitions during single-bit patterns, or if the amplifier does not allow adequate settling time, high-frequency PDJ can result. same level (Figure 11). DC offsets and nonsymmetrical rising and falling edge speeds both contribute to PWD. For a 1-0 bit stream, calculate PWD as follows: PWD = [(width of wider pulse) (width of narrower pulse)] / 2
MAX3675
Phase Adjust
The internal clock and data alignment in the MAX3675 is well maintained close to the center of the data eye. Although not required, this sampling point can be shifted using the PHADJ inputs to optimize BER performance. The PHADJ inputs operate with differential input signals to approximately 1V. A simple resistor divider with a bypass capacitor is sufficient to set up these levels. When the PHADJ inputs are not used, they should be tied directly to VCC.
Pulse-Width Distortion (PWD)
Finally, PWD occurs when the midpoint crossing of a 0-1 transition and a 1-0 transition do not occur at the
LONG CONSECUTIVE BIT STREAM 0-1-0 BIT STREAM AMPLITUDE MIDPOINT AMPLITUDE
PWD RESULTS WHEN THE WIDTH OF A ZERO DOES NOT EQUAL THE WIDTH OF A ONE MIDPOINT tFALL tRISE
WIDTH OF A ZERO HF PDJ TIME WIDTH OF A ONE TIME
Figure 10. Pattern-Dependent Jitter Due to High-Frequency Rolloff
Figure 11. Pulse-Width Distortion
______________________________________________________________________________________
13
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier MAX3675
__________________Pin Configuration
20 PHADJ+ 19 PHADJ-
___________________Chip Topography
FIL+ VCC
PHADJ-
TOP VIEW
24 GND 23 FIL+ 22 FIL21 VCC
LOL
DDI-
27
14 SDO+
DDIINSEL ADIADI+ VCC CFILT
INSEL 28 ADI- 29 ADI+ 30
MAX3675
13 SDO12 VCC 11 SCLKO+ 10 SCLKO9 VCC
VCC 31 CFILT 32
1
2
3
4
5
6
7
8
OLC+
OLC-
RSSI
GND
GND
VTH
LOP
INV
OLC+
RSSI
INV VTH
LOP GND
OLC-
GND
TQFP
0.068" (1.727mm)
14
______________________________________________________________________________________
LOL
-JDAHP
CCV
DDI+
26
+LIF
15 VCC
DDI+
CCV
+JDAHP -LIF
DNG
GND
25
17 LOL
18 VCC
GND
FIL- PHADJ+ VCC
16 GND
GND
GND VCC SDO+ SDOVCC SCLKO+ SCLKOVCC 0.069" (1.753mm)
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
________________________________________________________Package Information
32TQFP.EPS
MAX3675
______________________________________________________________________________________
15
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier MAX3675
NOTES
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 1998 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX3675ECJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X