Part Number Hot Search : 
1SMB13 0022122 A1535A AD7699 1SS123 C7973 TFBS4710 55000
Product Description
Full Text Search
 

To Download KCH20A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
T y p e : KCH20A10 KCH20A
OULINE DRAWING
FEATURES * Similar to TO-247AC(TO-3P)Case * Dual Diodes - Cathode Common * Low Forward Voltage Drop * Low Power Loss,High Efficiency * High Surge Current Capability * Tj=150C operation
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque
Approx Net Weight: 5.55g
Symbol
VRRM IO IF(RMS) IFSM Tjw Tstg Ftor 180 20
KCH20A10 100 50 Hz Full Sine Wave Tc=120C Resistive Load 22.2 50Hz Full Sine Wave ,1cycle Non-repetitive -40 to +150 -40 to +150 recommended torque = 0.5
Unit V A A A
C C N*m
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Junction to Case Symbol Conditions Min. Typ. Max. Unit 1 mA 0.88 V 1.5 C /W IRM Tj= 25C, VRM= VRRM per Arm VFM Tj=25C, IFM= 10A per Arm Rth(j-c) Junction to Case
KCH20A10 OUTLINE DRAWING (Dimentions in mm)
FORWARD CURRENT VS. VOLTAGE
KCH20A10 (per Arm)
50
INSTANTANEOUS FORWARD CURRENT (A)
20 Tj=25C Tj=150C 10
5
2
1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
KCH20A10 (Total)
RECT 180 SINE WAVE
20
AVERAGE FORWARD POWER DISSIPATION (W)
16
12
8
4
0 0 4 8 12 16 20 24
AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 50 KCH20A10 (per Arm)
PEAK REVERSE CURRENT (mA)
20
10
5 0 20 40 60 80 100 120
PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
KCH20A10 (Total)
3.5
AVERAGE REVERSE POWER DISSIPATION (W)
3.0
RECT 180
2.5
2.0
SINE WAVE
1.5
1.0
0.5
0 0 20 40 60 80 100 120
REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
V R M= 100V KCH20A10 (Total)
RECT 180
24
AVERAGE FORWARD CURRENT (A)
20
SINE WAVE
16
12
8
4
0 0 25 50 75 100 125 150
CASE TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Sine Wave,Non-Repetitive,No Load 200 KCH20A10
SURGE FORWARD CURRENT (A)
160
120
80
40
I FSM 0.02s
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue 500 KCH20A10 (per Arm)
JUNCTION CAPACITANCE (pF)
200
100
50 0.5 1 2 5 10 20 50 100 200
REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of KCH20A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X