Part Number Hot Search : 
SOC100X SCC21520 T6450A HER504 R5031018 2SA1037 75M12 2106A
Product Description
Full Text Search
 

To Download ISL6520BCB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL6520B
Data Sheet April 2003 FN9083.1
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
The ISL6520B makes simple work out of implementing a complete control scheme for a DC-DC stepdown converter. Designed to drive N-channel MOSFETs in a synchronous buck topology, the ISL6520B integrates the control, output adjustment and monitoring functions into a single 8-Lead package. The ISL6520B provides simple, single feedback loop, voltage-mode control with fast transient response. The output voltage can be precisely regulated to as low as 0.8V, with a maximum tolerance of 1.5% over temperature and line voltage variations. A fixed frequency oscillator reduces design complexity, while balancing typical application cost and efficiency. The error amplifier features a 15MHz gain-bandwidth product and 8V/s slew rate which enables high converter bandwidth for fast transient performance. The resulting PWM duty cycles range from 0% to 100%.
Features
* Operates from +5V Input * 0.8V to VIN Output Range - 0.8V Internal Reference - 1.5% Over Line Voltage and Temperature * Drives N-Channel MOSFETs * Simple Single-Loop Control Design - Voltage-Mode PWM Control * Fast Transient Response - High-Bandwidth Error Amplifier - Full 0% to 100% Duty Cycle * Small Converter Size - 300kHz Fixed Frequency Oscillator - Internal Soft Start - 8 Ld SOIC or 16Ld 4x4mm QFN * QFN Package: - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile
Ordering Information
PART NUMBER ISL6520BCB ISL6520BIB ISL6520BCR ISL6520BIR ISL6520EVAL1 TEMP. RANGE (oC) 0 to 70 -40 to 85 0 to 70 -40 to 85 PACKAGE 8 Ld SOIC 8 Ld SOIC PKG. NO. M8.15 M8.15
Applications
* Power Supplies for Microprocessors - PCs - Embedded Controllers * Subsystem Power Supplies - PCI/AGP/GTL+ Buses - ACPI Power Control - SSTL-2 and DDR SDRAM Bus Termination Supply * Cable Modems, Set Top Boxes, and DSL Modems * DSP and Core Communications Processor Supplies * Memory Supplies * Personal Computer Peripherals
16 Ld 4x4mm QFN L16.4x4 16 Ld 4x4mm QFN L16.4x4
Evaluation Board
Pinouts
ISL6520B (8 LD SOIC) TOP VIEW
BOOT 1 UGATE 2 GND 3 LGATE 4 8 PHASE 7 COMP/SD 6 FB 5 VCC
ISL6520B (16 LD QFN) TOP VIEW
PHASE NC NC NC
* Industrial Power Supplies * 5V-Input DC-DC Regulators * Low-Voltage Distributed Power Supplies
16 15 14 13 BOOT 1 UGATE 2 GND GND 3 NC 4 5 LGATE 6 NC 7 VCC 8 NC 10 NC 9 FB 12 NC 11 COMP/SD
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2003. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL6520B Block Diagram
VCC
POR AND SOFTSTART
BOOT UGATE
PHASE + 0.8V ERROR AMP + PWM COMPARATOR + INHIBIT
-
-
-
GATE CONTROL LOGIC PWM
VCC
FB COMP/SD 20A OSCILLATOR FIXED 300kHz GND LGATE
Typical Application
5V CDCPL RPULLUP 5 VCC 1 BOOT CBOOT UGATE PHASE LGATE DBOOT
VIN
CHF
CBULK
ISL6520B
COMP/SD SHUTDOWN RF CI CF FB 6 3 GND 4 7 2 8
QU LOUT QL VOUT
COUT
ROFFSET
RS
2
ISL6520B
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.0V Absolute Boot Voltage, VBOOT . . . . . . . . . . . . . . . . . . . . . . . +15.0V Upper Driver Supply Voltage, VBOOT - VPHASE . . . . . . . . . . . +6.0V Input, Output or I/O Voltage . . . . . . . . . . . GND -0.3V to VCC +0.3V ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Thermal Information
Thermal Resistance JA (oC/W) JC (oC/W) SOIC Package (Note 1) . . . . . . . . . . . . . . 95 N/A QFN Package (Note 2, 3). . . . . . . . . . . . . . 45 7 Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only)
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V 10% Ambient Temperature Range - ISL6520BC . . . . . . . . . . 0oC to 70oC Ambient Temperature Range - ISL6520BI . . . . . . . . . -40oC to 85oC Junction Temperature Range . . . . . . . . . . . . . . . . . -40oC to 125oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 2. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 3. For JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications
PARAMETER VCC SUPPLY CURRENT Nominal Supply POWER-ON RESET Rising VCC POR Threshold VCC POR Threshold Hysteresis OSCILLATOR Frequency
Recommended Operating Conditions, Unless Otherwise Noted. SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
IVCC
2.6
3.2
3.8
mA
POR
4.19 -
4.30 0.25
4.50 -
V V
fOSC VOSC
ISL6520BC, VCC = 5V ISL6520BI, VCC = 5V
250 230 -
300 300 1.5
340 340 -
kHz kHz VP-P
Ramp Amplitude REFERENCE Reference Voltage Tolerance
ISL6520BC ISL6520BI
-1.5 -2.5 -
-
+1.5 +2.5
% % V
Nominal Reference Voltage ERROR AMPLIFIER DC Gain Gain-Bandwidth Product Slew Rate GATE DRIVERS Upper Gate Source Current Upper Gate Sink Current Lower Gate Source Current Lower Gate Sink Current DISABLE Disable Threshold
VREF
0.800
-
Guaranteed By Design GBWP SR
-
88 15 8
-
dB MHz V/s
IUGATESRC
VBOOT - VPHASE = 5V, VUGATE = 4V
-
-1 1 -1 2
-
A A A A
IUGATE-SNK ILGATE-SRC VVCC = 5V, VLGATE = 4V ILGATE-SNK
VDISABLE
-
0.8
-
V
3
ISL6520B Functional Pin Description
VCC
This pin provides the bias supply for the ISL6520B, as well as the lower MOSFET's gate. Connect a well-decoupled 5V supply to this pin.
Functional Description
Initialization
The ISL6520B automatically initializes upon receipt of power. The Power-On Reset (POR) function continually monitors the bias voltage at the VCC pin. The POR function initiates the soft start operation.
FB
This pin is the inverting input of the internal error amplifier. Use this pin, in combination with the COMP/SD pin, to compensate the voltage-control feedback loop of the converter.
Soft Start
The ISL6520B is held in reset with both UGATE and LGATE driven to ground until the POR threshold on VCC has been reached and the COMP/SD pin has been pulled above 0.8V. If COMP is not actively pulled high following POR the internal 20A current sink will hold COMP/SD low and the device will remain in reset. COMP/SD can either be statically tied to VCC through a pullup resistor or driven high through a resistor to terminate reset. The recommended range of resistor values to use as the pullup resistor is between 50k and 100k. Following reset the ISL6520B provides a 1024 clock cycle settling period (~3.4ms) prior to initiating softstart. At the conclusion of the settling period the COMP/SD pin is driven to 0.8V for 24 clock cycles (~75s) to discharge the compensation network. Soft start of the regulated output is generated by imposing an internal offset on the FB pin which ramps down from 0.8V to 0V over the next 2048 clock cycles (~6.8ms). Total time from end of reset to completion of soft start is 10.2ms. Pulling COMP/SD below.8V or VCC dropping below minimum POR initiates another reset.
GND
This pin represents the signal and power ground for the IC. Tie this pin to the ground island/plane through the lowest impedance connection available.
PHASE
Connect this pin to the upper MOSFET's source.
UGATE
Connect this pin to the upper MOSFET's gate. This pin provides the PWM-controlled gate drive for the upper MOSFET. This pin is also monitored by the adaptive shootthrough protection circuitry to determine when the upper MOSFET has turned off.
BOOT
This pin provides ground referenced bias voltage to the upper MOSFET driver. A bootstrap circuit is used to create a voltage suitable to drive a logic-level N-channel MOSFET.
COMP/SD
This pin is the output of the error amplifier. Use this pin, in combination with the FB pin, to compensate the voltagecontrol feedback loop of the converter. Pulling COMP/SD to a level below 0.8V disables the controller. Disabling the ISL6520B causes the oscillator to stop, the LGATE and UGATE outputs to be held low, and the softstart circuitry to re-arm. The COMP/SD pin must be pulled above 0.8V to terminate shutdown. This may be done through a pullup resistor tied between VCC and COMP/SD. The recommended range of resistor values to use as the pullup resistor is between 50k and 100k.
VCOMP/SD 1V/DIV.
VOUT 500mV/DIV.
TIME (2ms/DIV.)
LGATE
Connect this pin to the lower MOSFET's gate. This pin provides the PWM-controlled gate drive for the lower MOSFET. This pin is also monitored by the adaptive shootthrough protection circuitry to determine when the lower MOSFET has turned off.
FIGURE 1. SOFT START INTERVAL
Current Sinking
The ISL6520B incorporates a MOSFET shoot-through protection method which allows a converter to sink current as well as source current. Care should be exercised when designing a converter with the ISL6520B when it is known that the converter may sink current. When the converter is sinking current, it is behaving as a boost converter that is regulating it's input voltage. This means that the converter is boosting current into the VCC
4
ISL6520B
rail, which supplies the bias voltage to the ISL6520B. If there is nowhere for this current to go, such as to other distributed loads on the VCC rail, through a voltage limiting protection device, or other methods, the capacitance on the VCC bus will absorb the current. This situation will allow voltage level of the VCC rail to increase. If the voltage level of the rail is boosted to a level that exceeds the maximum voltage rating of the ISL6520B, then the IC will experience an irreversible failure and the converter will no longer be operational. Ensuring that there is a path for the current to follow other than the capacitance on the rail will prevent this failure mode. as close as practical to the BOOT and PHASE pins. All components used for feedback compensation should be located as close to the IC a practical.
BOOT CBOOT +VIN Q1 LO VOUT CO LOAD VOUT CO VOUT R3 R1 FB
D1
ISL6520B
PHASE VCC +5V Q2 CVCC
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very important. Switching current from one power device to another can generate voltage transients across the impedances of the interconnecting bond wires and circuit traces. These interconnecting impedances should be minimized by using wide, short printed circuit traces. The critical components should be located as close together as possible, using ground plane construction or single point grounding.
VIN
GND
FIGURE 3. PRINTED CIRCUIT BOARD SMALL SIGNAL LAYOUT GUIDELINES
Feedback Compensation
Figure 4 highlights the voltage-mode control loop for a synchronous-rectified buck converter. The output voltage (VOUT) is regulated to the Reference voltage level. The error amplifier (Error Amp) output (VE/A) is compared with the oscillator (OSC) triangular wave to provide a pulse-width modulated (PWM) wave with an amplitude of VIN at the PHASE node. The PWM wave is smoothed by the output filter (LO and CO).
OSC DRIVER VIN LO DRIVER PHASE
ISL6520B
UGATE PHASE Q2 Q1
LO
VOUT VOSC
PWM COMPARATOR
-
LGATE
CO
LOAD
CIN
+
ZFB RETURN VE/A +
ESR (PARASITIC)
FIGURE 2. PRINTED CIRCUIT BOARD POWER AND GROUND PLANES OR ISLANDS
-
ZIN REFERENCE
Figure 2 shows the critical power components of the converter. To minimize the voltage overshoot, the interconnecting wires indicated by heavy lines should be part of a ground or power plane in a printed circuit board. The components shown in Figure 2 should be located as close together as possible. Please note that the capacitors CIN and CO may each represent numerous physical capacitors. Locate the ISL6520B within 3 inches of the MOSFETs, Q1 and Q2 . The circuit traces for the MOSFETs' gate and source connections from the ISL6520B must be sized to handle up to 1A peak current. Figure 3 shows the circuit traces that require additional layout consideration. Use single point and ground plane construction for the circuits shown. Minimize any leakage current paths on the COMP/SD pin and locate the resistor, ROSCET close to the COMP/SD pin because the internal current source is only 20A. Provide local VCC decoupling between VCC and GND pins. Locate the capacitor, CBOOT
ERROR AMP
DETAILED COMPENSATION COMPONENTS C2 C1 R2 ZFB ZIN C3
COMP/SD
+
ISL6520B
REFERENCE
FIGURE 4. VOLTAGE-MODE BUCK CONVERTER COMPENSATION DESIGN
The modulator transfer function is the small-signal transfer function of VOUT/VE/A . This function is dominated by a DC
5
ISL6520B
Gain and the output filter (LO and CO), with a double pole break frequency at FLC and a zero at FESR . The DC Gain of the modulator is simply the input voltage (VIN) divided by the peak-to-peak oscillator voltage VOSC .
100 80 60 GAIN (dB) 40 20 0 -20 -40 FLC -60 10 100 1K 10K FESR 100K 1M 10M MODULATOR GAIN 20LOG (R2/R1) OPEN LOOP ERROR AMP GAIN
FZ1 FZ2
FP1
FP2
Modulator Break Frequency Equations
1 F LC = -----------------------------------------2 x L O x C O 1 F ESR = ------------------------------------------2 x ESR x C O
20LOG (VIN/VOSC) COMPENSATION GAIN CLOSED LOOP GAIN
The compensation network consists of the error amplifier (internal to the ISL6520B) and the impedance networks ZIN and ZFB. The goal of the compensation network is to provide a closed loop transfer function with the highest 0dB crossing frequency (f0dB) and adequate phase margin. Phase margin is the difference between the closed loop phase at f0dB and 180 degrees. The equations below relate the compensation network's poles, zeros and gain to the components (R1 , R2 , R3 , C1 , C2 , and C3) in Figure 4. Use these guidelines for locating the poles and zeros of the compensation network: 1. Pick Gain (R2/R1) for desired converter bandwidth. 2. Place 1ST Zero Below Filter's Double Pole (~75% FLC). 3. Place 2ND Zero at Filter's Double Pole. 4. Place 1ST Pole at the ESR Zero. 5. Place 2ND Pole at Half the Switching Frequency. 6. Check Gain against Error Amplifier's Open-Loop Gain. 7. Estimate Phase Margin - Repeat if Necessary.
FREQUENCY (Hz)
FIGURE 5. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
Component Selection Guidelines
Output Capacitor Selection
An output capacitor is required to filter the output and supply the load transient current. The filtering requirements are a function of the switching frequency and the ripple current. The load transient requirements are a function of the slew rate (di/dt) and the magnitude of the transient load current. These requirements are generally met with a mix of capacitors and careful layout. Modern components and loads are capable of producing transient load rates above 1A/ns. High frequency capacitors initially supply the transient and slow the current load rate seen by the bulk capacitors. The bulk filter capacitor values are generally determined by the ESR (Effective Series Resistance) and voltage rating requirements rather than actual capacitance requirements. High frequency decoupling capacitors should be placed as close to the power pins of the load as physically possible. Be careful not to add inductance in the circuit board wiring that could cancel the usefulness of these low inductance components. Consult with the manufacturer of the load on specific decoupling requirements. Use only specialized low-ESR capacitors intended for switching-regulator applications for the bulk capacitors. The bulk capacitor's ESR will determine the output ripple voltage and the initial voltage drop after a high slew-rate transient. An aluminum electrolytic capacitor's ESR value is related to the case size with lower ESR available in larger case sizes. However, the Equivalent Series Inductance (ESL) of these capacitors increases with case size and can reduce the usefulness of the capacitor to high slew-rate transient loading. Unfortunately, ESL is not a specified parameter. Work with your capacitor supplier and measure the capacitor's impedance with frequency to select a suitable component. In most cases, multiple electrolytic capacitors of small case size perform better than a single large case capacitor.
Compensation Break Frequency Equations
1 F Z1 = ----------------------------------2 x R 2 x C 1 1 F Z2 = -----------------------------------------------------2 x ( R 1 + R 3 ) x C 3 1 F P1 = ------------------------------------------------------- C 1 x C 2 2 x R 2 x --------------------- C1 + C2 1 F P2 = ----------------------------------2 x R 3 x C 3
Figure 5 shows an asymptotic plot of the DC-DC converter's gain vs frequency. The actual Modulator Gain has a high gain peak due to the high Q factor of the output filter and is not shown in Figure 5. Using the above guidelines should give a Compensation Gain similar to the curve plotted. The open loop error amplifier gain bounds the compensation gain. Check the compensation gain at FP2 with the capabilities of the error amplifier. The Closed Loop Gain is constructed on the graph of Figure 5 by adding the Modulator Gain (in dB) to the Compensation Gain (in dB). This is equivalent to multiplying the modulator transfer function to the compensation transfer function and plotting the gain. The compensation gain uses external impedance networks ZFB and ZIN to provide a stable, high bandwidth (BW) overall loop. A stable control loop has a gain crossing with -20dB/decade slope and a phase margin greater than 45 degrees. Include worst case component variations when determining phase margin.
6
ISL6520B
Output Inductor Selection
The output inductor is selected to meet the output voltage ripple requirements and minimize the converter's response time to the load transient. The inductor value determines the converter's ripple current and the ripple voltage is a function of the ripple current. The ripple voltage and current are approximated by the following equations:
I = VIN - VOUT Fs x L x VOUT VIN VOUT = I x ESR
for the input capacitor of a buck regulator is approximately 1/2 the DC load current. For a through hole design, several electrolytic capacitors may be needed. For surface mount designs, solid tantalum capacitors can be used, but caution must be exercised with regard to the capacitor surge currentrating. These capacitors must be capable of handling the surge-current at power-up. Some capacitor series available from reputable manufacturers are surge current tested.
Increasing the value of inductance reduces the ripple current and voltage. However, the large inductance values reduce the converter's response time to a load transient. One of the parameters limiting the converter's response to a load transient is the time required to change the inductor current. Given a sufficiently fast control loop design, the ISL6520B will provide either 0% or 100% duty cycle in response to a load transient. The response time is the time required to slew the inductor current from an initial current value to the transient current level. During this interval the difference between the inductor current and the transient current level must be supplied by the output capacitor. Minimizing the response time can minimize the output capacitance required. The response time to a transient is different for the application of load and the removal of load. The following equations give the approximate response time interval for application and removal of a transient load:
tRISE = L x ITRAN VIN - VOUT tFALL = L x ITRAN VOUT
MOSFET Selection/Considerations
The ISL6520B requires 2 N-Channel power MOSFETs. These should be selected based upon rDS(ON) , gate supply requirements, and thermal management requirements. In high-current applications, the MOSFET power dissipation, package selection and heatsink are the dominant design factors. The power dissipation includes two loss components; conduction loss and switching loss. The conduction losses are the largest component of power dissipation for both the upper and the lower MOSFETs. These losses are distributed between the two MOSFETs according to duty factor. The switching losses seen when sourcing current will be different from the switching losses seen when sinking current. When sourcing current, the upper MOSFET realizes most of the switching losses. The lower switch realizes most of the switching losses when the converter is sinking current (see the equations below). These equations assume linear voltagecurrent transitions and do not adequately model power loss due the reverse-recovery of the upper and lower MOSFET's body diode. The gate-charge losses are dissipated by the ISL6520B and don't heat the MOSFETs. However, large gatecharge increases the switching interval, tSW which increases the MOSFET switching losses. Ensure that both MOSFETs are within their maximum junction temperature at high ambient temperature by calculating the temperature rise according to package thermal-resistance specifications. A separate heatsink may be necessary depending upon MOSFET power, package type, ambient temperature and air flow. Losses while Sourcing Current
2 1 P UPPER = Io x r DS ( ON ) x D + -- Io x V IN x t SW x F S 2
where: ITRAN is the transient load current step, tRISE is the response time to the application of load, and tFALL is the response time to the removal of load. The worst case response time can be either at the application or removal of load. Be sure to check both of these equations at the minimum and maximum output levels for the worst case response time.
Input Capacitor Selection
Use a mix of input bypass capacitors to control the voltage overshoot across the MOSFETs. Use small ceramic capacitors for high frequency decoupling and bulk capacitors to supply the current needed each time Q1 turns on. Place the small ceramic capacitors physically close to the MOSFETs and between the drain of Q1 and the source of Q2 . The important parameters for the bulk input capacitor are the voltage rating and the RMS current rating. For reliable operation, select the bulk capacitor with voltage and current ratings above the maximum input voltage and largest RMS current required by the circuit. The capacitor voltage rating should be at least 1.25 times greater than the maximum input voltage and a voltage rating of 1.5 times is a conservative guideline. The RMS current rating requirement 7
PLOWER = Io2 x rDS(ON) x (1 - D)
Losses while Sinking Current
PUPPER = Io2 x rDS(ON) x D
2 1 P LOWER = Io x r DS ( ON ) x ( 1 - D ) + -- Io x V IN x t SW x F S 2
Where: D is the duty cycle = VOUT / VIN , tSW is the combined switch ON and OFF time, and FS is the switching frequency.
Given the reduced available gate bias voltage (5V), logic-level or sub-logic-level transistors should be used for both N-MOSFETs. Caution should be exercised with devices exhibiting very low VGS(ON) characteristics. The shootthrough protection present aboard the ISL6520B may be
ISL6520B
circumvented by these MOSFETs if they have large parasitic impedences and/or capacitances that would inhibit the gate of the MOSFET from being discharged below it's threshold level before the complementary MOSFET is turned on.
+5V DBOOT + VD BOOT +5V
Figure 6 shows the upper gate drive (BOOT pin) supplied by a bootstrap circuit from VCC . The boot capacitor, CBOOT , develops a floating supply voltage referenced to the PHASE pin. The supply is refreshed to a voltage of VCC less the boot diode drop (VD) each time the lower MOSFET, Q2 , turns on.
ISL6520B DC-DC Converter Application Circuit
Figure 7 shows an application circuit of a DC-DC Converter. Detailed information on the circuit, including a complete Billof-Materials and circuit board description, can be found in Application Note AN9932.
NOTE: VG-S VCC -VD
VCC
ISL6520B
UGATE PHASE
CBOOT Q1
+
-
LGATE
Q2 NOTE: VG-S VCC
GND
FIGURE 6. UPPER GATE DRIVE BOOTSTRAP
+5V 0.1F + CIN 2 x 330F VCC ISL6520B 50k 5 1 BOOT D1 2 x 1F
POR AND SOFT START COMP/SD 7 REF
2 UGATE 8 PHASE + Q1
0.1F L1 VOUT Q2 + COUT 3 x 330F
10.0k 470pF 8200pF FB 6 OSC 1.00k U1 3 GND 3.16k 60.4
-
+
-
4
LGATE
0.1F
18000pF
Component Selection Notes: CIN - Each 330mF 6.3WVDC, Sanyo 6TPB330M or Equivalent. COUT - Each 330mF 6.3WVDC, Sanyo 6TPB330M or Equivalent. D1 - 30mA Schottky Diode, MA732 or Equivalent L1 - 3.1H Inductor, Panasonic P/N ETQ-P6F2ROLFA or Equivalent. Q1 , Q2 - Fairchild MOSFET; HUF76143.
FIGURE 7. 5V to 3.3V 15A DC-DC CONVERTER
8
ISL6520B Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45o H 0.25(0.010) M BM
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A
L
MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 5.80 0.25 0.40 8 0o MAX 1.75 0.25 0.51 0.25 5.00 4.00 6.20 0.50 1.27 8o NOTES 9 3 4 5 6 7 Rev. 0 12/93
MIN 0.0532 0.0040 0.013 0.0075 0.1890 0.1497 0.2284 0.0099 0.016 8 0o
MAX 0.0688 0.0098 0.020 0.0098 0.1968 0.1574 0.2440 0.0196 0.050 8o
A1 B C D E

A1 0.10(0.004) C
e H h L N
0.050 BSC
1.27 BSC
e
B 0.25(0.010) M C AM BS
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
9
ISL6520B Quad Flat No-Lead Plastic Package (QFN) Micro Lead Frame Plastic Package (MLFP)
L16.4x4
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE (COMPLIANT TO JEDEC MO-220-VGGC ISSUE C) MILLIMETERS SYMBOL A A1 A2 A3 b D D1 D2 E E1 E2 e k L L1 N Nd Ne P 0.25 0.35 1.95 1.95 0.23 MIN 0.80 NOMINAL 0.90 0.20 REF 0.28 4.00 BSC 3.75 BSC 2.10 4.00 BSC 3.75 BSC 2.10 0.65 BSC 0.60 16 4 4 0.60 12 0.75 0.15 2.25 2.25 0.38 MAX 1.00 0.05 1.00 NOTES 9 9 5, 8 9 7, 8 9 7, 8 8 10 2 3 3 9 9 Rev. 4 10/02 NOTES: 1. Dimensioning and tolerancing conform to ASME Y14.5-1994. 2. N is the number of terminals. 3. Nd and Ne refer to the number of terminals on each D and E. 4. All dimensions are in millimeters. Angles are in degrees. 5. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature. 7. Dimensions D2 and E2 are for the exposed pads which provide improved electrical and thermal performance. 8. Nominal dimensions are provided to assist with PCB Land Pattern Design efforts, see Intersil Technical Brief TB389. 9. Features and dimensions A2, A3, D1, E1, P & are present when Anvil singulation method is used and not present for saw singulation. 10. Depending on the method of lead termination at the edge of the package, a maximum 0.15mm pull back (L1) maybe present. L minus L1 to be equal to or greater than 0.3mm.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 10


▲Up To Search▲   

 
Price & Availability of ISL6520BCB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X