Part Number Hot Search : 
80C32 32UC3B1 80960KA 1803D 2SK128 PIC18F86 AD8801 SY100S
Product Description
Full Text Search
 

To Download IRFR3303PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95070A
IRFR3303PBF IRFU3303PbF
l l l l l l l
Ultra Low On-Resistance Surface Mount (IRFR3303) Straight Lead (IRFU3033) Advanced Process Technology Fast Switching Fully Avalanche Rated Lead-Free
HEXFET(R) Power MOSFET
D
VDSS = 30V RDS(on) = 0.031
G S
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The D-Pak is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU series) is for through-hole mounting applications. Power dissipation levels up to 1.5 watts are possible in typical surface mount applications.
D-Pak TO-252AA
I-Pak TO-251AA
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
33 21 120 57 0.45 20 95 18 5.7 5.0 -55 to + 150 300 (1.6mm from case )
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA RJA Junction-to-Case Junction-to-Ambient (PCB mount)** Junction-to-Ambient
Typ.

Max.
2.2 50 110
Units
C/W
www.irf.com
1
12/14/04
IRFR/U3303PbF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. 30 2.0 9.3
Typ. 0.032 11 99 16 28 4.5 7.5 750 400 140
Max. Units Conditions V VGS = 0V, ID = 250A V/C Reference to 25C, ID = 1mA 0.031 VGS = 10V, ID = 18A 4.0 V VDS = VGS, ID = 250A S VDS = 25V, ID = 18A 25 VDS = 30V, VGS = 0V A 250 VDS = 24V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 29 ID = 18A 7.3 nC VDS = 24V 13 VGS = 10V, See Fig. 6 and 13 VDD = 15V ID = 18A ns RG = 13 RD = 0.8, See Fig. 10 Between lead, 6mm (0.25in.) nH G from package and center of die contact VGS = 0V pF VDS = 25V = 1.0MHz, See Fig. 5
D
S
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol 33 showing the A G integral reverse 120 p-n junction diode. S 1.3 V TJ = 25C, IS = 18A, VGS = 0V 53 80 ns TJ = 25C, IF = 18A 94 140 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes: Pulse width 300s; duty cycle 2%. Repetitive rating; pulse width limited by max. junction temperature. ( See fig. 11 ) Starting TJ = 25C, L = 590H Caculated continuous current based on maximum allowable junction RG = 25, IAS = 18A. (See Figure 12) temperature; Package limitation current = 20A. ISD 18A, di/dt 140A/s, VDD V(BR)DSS, This is applied for I-PAK, LS of D-PAK is measured between TJ 150C lead and center of die contact ** When mounted on 1" square PCB (FR-4 or G-10 Material ) . For recommended footprint and soldering techniques refer to application note #AN-994
IRFR/U3303PbF
1000
I D , Drain-to-Source Current (A)
100
10
1
I D , Drain-to-Source Current (A)
20s PULSE WIDTH TJ = 25 C
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
10
0.1
4.5V
0.01 0.1
1
10
100
1 0.1
4.5V
1
20s PULSE WIDTH TJ = 150 C
10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 30A
I D , Drain-to-Source Current (A)
10
TJ = 150 C
1.5
1.0
TJ = 25 C
1
0.5
0.1 4 5 6 7
V DS = 15V 25V 20s PULSE WIDTH 8 9 10
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
VGS, Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
IRFR/U3303PbF
1400 1200
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = 18A VDS = 24V VDS = 15V
16
C, Capacitance (pF)
1000 800 600 400 200 0 1 10 100
Ciss Coss
12
8
Crss
4
0
FOR TEST CIRCUIT SEE FIGURE 13
0 5 10 15 20 25 30
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
ISD , Reverse Drain Current (A)
TJ = 25 C TJ = 150 C
OPERATION IN THIS AREA LIMITED BY RDS(on)
ID , Drain Current (A)
100
100
10us
10
100us 10 1ms
1
0.1 0.0
V GS = 0 V
1.0 2.0 3.0 4.0 5.0
1
TC = 25 C TJ = 150 C Single Pulse
1 10
10ms
100
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
IRFR/U3303PbF
35
LIMITED BY PACKAGE
30
V DS VGS RG 10V
Pulse Width 1 s Duty Factor 0.1 %
RD
D.U.T.
+
ID , Drain Current (A)
25 20 15 10 5 0
-VDD
Fig 10a. Switching Time Test Circuit
VDS 90%
25
50
75
100
125
150
TC , Case Temperature ( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1
D = 0.50 0.20 0.10 0.05 PDM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1
0.1
0.02 0.01
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
IRFR/U3303PbF
VDS D.U.T. RG + V - DD
10 V
EAS , Single Pulse Avalanche Energy (mJ)
L
200
TOP BOTTOM
150
ID 8.0A 11A 18A
IAS tp
0.01
100
Fig 12a. Unclamped Inductive Test Circuit
50
V(BR)DSS tp VDD VDS
0 25 50 75 100 125 150
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
10 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
IRFR/U3303PbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
IRFR/U3303PbF
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
D-Pak (TO-252AA) Part Marking Information
EXAMPLE: T HIS IS AN IRF R120 WIT H ASS EMBLY LOT CODE 1234 ASS EMBLED ON WW 16, 1999 IN T HE AS SEMBLY LINE "A" Note: "P" in as s embly line pos ition indicates "Lead-Free" PART NUMBER INT ERNAT IONAL RECT IFIER LOGO
IRFU120 12 916A 34
AS S EMBLY LOT CODE
DAT E CODE YEAR 9 = 1999 WEEK 16 LINE A
OR
PART NUMBER INTERNATIONAL RECTIF IER LOGO
IRFU120 12 34
DAT E CODE P = DESIGNATES LEAD-F REE PRODUCT (OPT IONAL) YEAR 9 = 1999 WEEK 16 A = AS SEMBLY S ITE CODE
AS S EMBLY LOT CODE
IRFR/U3303PbF
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
EXAMPLE: T HIS IS AN IRFU120 WIT H AS S EMBLY LOT CODE 5678 AS S E MBLE D ON WW 19, 1999 IN T HE AS S EMBLY LINE "A" Note: "P" in ass embly line pos ition indicates "Lead-Free" PART NUMBER INTE RNAT IONAL RECT IF IER LOGO
IRFU120 919A 56 78
AS S EMBLY LOT CODE
DAT E CODE YEAR 9 = 1999 WEEK 19 LINE A
OR
PART NUMBE R INT ERNAT IONAL RECTIF IER LOGO
IRFU120 56 78
AS SEMBLY LOT CODE
DATE CODE P = DES IGNAT ES LEAD-F REE PRODUCT (OPTIONAL) YEAR 9 = 1999 WE EK 19 A = ASS EMBLY SIT E CODE
IRFR/U3303PbF
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR TRR TRL
16.3 ( .641 ) 15.7 ( .619 )
16.3 ( .641 ) 15.7 ( .619 )
12.1 ( .476 ) 11.9 ( .469 )
FEED DIRECTION
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
13 INCH
16 mm NOTES : 1. OUTLINE CONFORMS TO EIA-481.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.12/04


▲Up To Search▲   

 
Price & Availability of IRFR3303PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X