Part Number Hot Search : 
AD711 EF80N 00030 74LS03 BAS19 RGP30K CX24113 JE171G
Product Description
Full Text Search
 

To Download IRF6216PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMPS MOSFET
PD - 95293
IRF6216PBF
HEXFET(R) Power MOSFET
Applications Reset Switch for Active Clamp Reset DC-DC converters l Lead-Free
l
VDSS
-150V
RDS(on) max
ID
0.240W@VGS =-10V -2.2A
Benefits Low Gate to Drain Charge to Reduce Switching Losses l Fully Characterized Capacitance Including Effective COSS to Simplify Design (See App. Note AN1001) l Fully Characterized Avalanche Voltage and Current
l
S
1
8
A D D D D
S
S G
2
7
3
6
4
5
Top View
SO-8
Absolute Maximum Ratings
Parameter
ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
-2.2 -1.9 -19 2.5 0.02 20 7.8 -55 to + 150 300 (1.6mm from case )
Units
A W W/C V V/ns C
Thermal Resistance
Symbol
RJL RJA
Parameter
Junction-to-Drain Lead Junction-to-Ambient
Typ.
--- ---
Max.
20 50
Units
C/W
Notes through are on page 8
www.irf.com
1
06/06/05
IRF6216PBF
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage V(BR)DSS IDSS IGSS Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Min. -150 --- --- -3.0 --- --- --- --- Typ. --- -0.17 --- --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = -250A --- V/C Reference to 25C, ID = -1mA 0.240 VGS = -10V, ID = -1.3A -5.0 V VDS = VGS, ID = -250A -25 VDS = -150V, VGS = 0V A -250 VDS = -120V, VGS = 0V, TJ = 125C -100 VGS = -20V nA 100 VGS = 20V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 2.7 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 33 7.2 15 18 15 33 26 1280 220 53 1290 99 220 Max. Units Conditions --- S VDS = -50V, ID = -1.3A 49 ID = -1.3A 11 nC VDS = -120V 23 VGS = -10V, --- VDD = -75V --- ID = -1.3A ns --- RG = 6.5 --- VGS = -10V --- VGS = 0V --- VDS = -25V --- pF = 1.0MHz --- VGS = 0V, VDS = -1.0V, = 1.0MHz --- VGS = 0V, VDS = -120V, = 1.0MHz --- VGS = 0V, VDS = 0V to -120V
Avalanche Characteristics
Parameter
EAS IAR Single Pulse Avalanche Energy Avalanche Current
Typ.
--- ---
Max.
200 -4.0
Units
mJ A
Diode Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge
Min. Typ. Max. Units --- --- --- --- --- --- --- --- 80 310 -2.2 A -19 -1.6 120 460 V nS nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = -1.3A, VGS = 0V TJ = 25C, IF = -1.3A di/dt = -100A/s
D
S
2
www.irf.com
IRF6216PBF
100
TOP VGS -15V -12V -10V -8.0V -7.0V -6.0V -5.5V -5.0V
100
TOP
10
-I D, Drain-to-Source Current (A)
BOTTOM
-I D, Drain-to-Source Current (A)
BOTTOM
VGS -15V -12V -10V -8.0V -7.0V -6.0V -5.5V -5.0V
10
1
-5.0V
-5.0V
1
0.1
20s PULSE WIDTH T J= 25 C
0.01 0.1 1 10 100
20s PULSE WIDTH T J= 150 C
0.1 0.1 1 10 100
-V DS, Drain-to-Source Voltage (V)
-V DS Drain-to-Source Voltage (V) ,
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.5
I D = -2.2A
2.0
10
(Normalized)
TJ = 150 C
RDS(on) , Drain-to-Source On Resistance
-I D, Drain-to-Source Current (A)
TJ = 25 C
1.5
1.0
1
0.5
V DS -50V = 20s PULSE WIDTH 0.1 5.0 5.5 6.0 6.5 7.0 7.5 8.0
V GS = -10V
0.0 -60 -40 -20 0 20 40 60 80 100 120 140 160
-V GS Gate-to-Source Voltage (V) ,
TJ , Junction Temperature
( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF6216PBF
10000 VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + C ds gd
-V GS , Gate-to-Source Voltage (V)
12
ID = -1.3A
10
VDS = -120V VDS = -75V VDS = -30V
C, Capacitance(pF)
1000
Ciss
8
6
Coss
100
4
Crss
2
10 1 10 100 1000
0 0 5 10 15 20 25 30 35
-VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100 OPERATION IN THIS AREA LIMITED BY R DS(on) 10 100sec 1msec 1 10msec Tc = 25C Tj = 150C Single Pulse 1 10 100 1000
10
TJ = 150 C
TJ = 25 C
1
V GS= 0 V
0.1 0.4 0.6 0.8 1.0 1.2
-I D, Drain-to-Source Current (A)
-I SD, Reverse Drain Current (A)
0.1
-V SD,Source-to-Drain Voltage (V)
-VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF6216PBF
2.5
V DS
2.0
RD
VGS RG
D.U.T.
+
-I D , Drain Current (A)
1.5
VGS
1.0
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
0.5
VDS 90%
0.0 25 50 75 100 125 150
TC , Case Temperature ( C)
Fig 9. Maximum Drain Current Vs. Ambient Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
100
(Z thJA )
D = 0.50
10
0.20 0.10
Thermal Response
0.05 P DM t1 t2 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = 2. Peak T 0.1 0.0001 0.001 0.01 0.1 1 t1/ t 2 +T A 100 1000
0.02 1 0.01
J = P DM x Z thJA
10
t 1, Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
-
VDD
5
IRF6216PBF
R DS(on) , Drain-to -Source On Resistance ()
0.23
1.50
R DS (on) , Drain-to-Source On Resistance ( )
0.22
1.00
VGS = -10V
0.21
0.50
0.20
ID = -2.2A
0.19 0 2 4 6 8 10 12 14 16 18
0.00 4.5 6.0 7.5 9.0 10.5 12.0 13.5 15.0
-V GS, Gate -to -Source Voltage (V)
Fig 12. On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
Fig 13. On-Resistance Vs. Gate Voltage
50K 12V .2F .3F
-VGS
QGS
+ D.U.T. VDS
QG QGD
500
VG
TOP
Charge
VGS
-3mA
400
BOTTOM
ID -1.8A -3.2A -4.0A
IG
ID
Current Sampling Resistors
EAS , Single Pulse Avalanche Energy (mJ)
Fig 14a&b. Basic Gate Charge Test Circuit and Waveform
L
300
200
VDS
I AS
RG
D.U.T
IAS
VDD A DRIVER
100
-20V
tp
0.01
0 25 50 75 100 125 150
tp V(BR)DSS
15V
Starting Tj, Junction Temperature
( C)
Fig 15a&b. Unclamped Inductive Test circuit and Waveforms
Fig 15c. Maximum Avalanche Energy Vs. Drain Current
6
www.irf.com
IRF6216PBF
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
D A 5 B
DIM A A1 b INCHE S MIN .0532 .0040 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574 MILLIME T E RS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
8 6 E 1
7
6
5 H 0.25 [.010] A
c D E e e1 H K L y
2
3
4
.050 B AS IC .025 B AS IC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 B AS IC 0.635 B AS IC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X
e
e1 A C 0.10 [.004] 8X b 0.25 [.010] A1 CAB y
K x 45
8X L 7
8X c
NOT E S : 1. DIMENS IONING & T OLE RANCING PER AS ME Y14.5M-1994. 2. CONT ROLLING DIMENS ION: MILLIMET ER 3. DIMENS IONS ARE S HOWN IN MILLIME T E RS [INCHES ]. 4. OU T LINE CONF ORMS T O JE DEC OU T LINE MS -012AA. 5 DIMENS ION DOE S NOT INCLUDE MOLD PROT RU S IONS . MOLD PROT RU S IONS NOT T O EXCEE D 0.15 [.006]. 6 DIMENS ION DOE S NOT INCLUDE MOLD PROT RU S IONS . MOLD PROT RU S IONS NOT T O EXCEE D 0.25 [.010]. 7 DIMENS ION IS T HE LE NGT H OF LEAD F OR S OLDE RING T O A S UB S T RAT E . 3X 1.27 [.050]
F OOT PRINT 8X 0.72 [.028]
6.46 [.255]
8X 1.78 [.070]
SO-8 Part Marking
EXAMPLE : T HIS IS AN IRF 7101 (MOS F ET ) DAT E CODE (YWW) P = DE S IGNAT E S LE AD-FRE E PRODUCT (OPT IONAL) Y = LAS T DIGIT OF T HE YEAR WW = WE EK A = AS S E MB LY S IT E CODE LOT CODE PART NUMB ER
INT E RNAT IONAL RECT IFIER LOGO
XXXX F 7101
www.irf.com
7
IRF6216PBF
SO-8 Tape and Reel
Dimensions are shown in millimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 400s; duty cycle 2%. When mounted on 1 inch square copper board.
Starting TJ = 25C, L = 25mH
RG = 25, IAS = -4.0A.
Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualifications Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.06/05
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF6216PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X