Part Number Hot Search : 
65120 86A2477M MGF4916 1035CT 1202Z 48S03 SV250 AMC7637
Product Description
Full Text Search
 

To Download IN4937 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
1N4933 THRU 1N4937
FAST RECOVERY RECTIFIER
VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
FEATURES
* * * * Low cost Low leakage Low forward voltage drop High current capability
DO-41
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.33 gram
1.0 (25.4) MIN. .034 (0.9) DIA. .028 (0.7)
.205 (5.2) .166 (4.2)
.107 (2.7) .080 (2.0)
DIA.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
o
1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 75 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ TJ, TSTG 1N4933 50 35 50 1N4934 100 70 100 1N4935 200 140 200 1.0 30 15 -65 to + 150 1N4936 400 280 400 1N4937 600 420 600 UNITS Volts Volts Volts Amps Amps pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 oC Maximum Full Load Reverse Current Full Cycle Average, .375" (9.5mm) lead length at TL = 55 oC Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF = 1.0A, VR = 30V 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts SYMBOL VF 1N4933 1N4934 1N4935 1.2 5.0 IR 100 trr 200 uAmps nSec 2001-5 1N4936 1N4937 UNITS Volts uAmps
RATING AND CHARACTERISTIC CURVES ( 1N4933 THRU 1N4937 )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT, (A)
FIG. 2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT, (A)
FORWARD SURGE CURRENT 50
8.3ms Single Half Sine-Wave (JEDED Method)
1.0 .8 .6 .4 .2 0 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE, ( )
Single Phase Half Wave 60Hz Resistive or Inductive Load
40 30 20 10 0 1 2 4 6 8 10 20 40 6080100 NUMBER OF CYCLES AT 60Hz FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 20 10
TJ = 25
FIG. 3 - TYPICAL JUNCTION CAPACITANCE 200 JUNCTION CAPACITANCE, (pF) 100 60 40 20 10
TJ = 25
INSTANTANEOUS FORWARD CURRENT, (A)
1.0
6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, ( V ) TIME CHARACTERISTIC
8 1 2 3.8uH/1.4 3
30 50W NON-INDUCTIVE
.1
Pulse Width=300uS 1% Duty Cycle
.01 .6
.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG. 5 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY
115Va 60Hz
10K 2W
7 6
UNIT UNDER TEST 5 4 1 AMP SLO-BLO FUSE C1 1.0uF 300V R2 1 10W NONINDUCTIVE C1 1.0uF 300V 1.0 Adc FROM CONSTANT VOLTAGE SUPPLY RIPPLE = 3mVrms MAX trr IFM 1.0 i(t) di/dt = 50A/uS
C.P.CLARE HPG 1002
30 Vdc CONSTANT VOLTAGE SUPPLY
0 Zout 11/2 MAX DC to 2kHz % CARBON CORE IRM (REC) FOR RECTIFIER
SET TIME BASE FOR 50/100 ns/cm
MINIMIZE ALL LEAD LENGTHS
A-TEKTRONIX 545A. K PLUG IN R2-TEN-1W 10 PRE AMP P6000 PROBE OR EQUIVALENT IN PARALLEL R1-ADJUSTED FOR 1.4 BETWEEN POINT 2 OF RELAY AND RECTIFIER 10 TA = 25 INDUCTIVE = 3.8uH 0
RECTRON


▲Up To Search▲   

 
Price & Availability of IN4937

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X