Part Number Hot Search : 
0912155X MN6400 MSP34X1G DB25PQR5 HCF4040 955L3 MM1025 R2412D
Product Description
Full Text Search
 

To Download IN4937 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
1N4933 - 1N4937
1A 1A FAST RECOVERY DIODES
Maximum Average Maximum Rectified Current Forward Peak @ Half-Wave Surge Current @ Resistive Load 60Hz 8.3ms Superimposed I O@ T L A AV C I FM (Surge) A PK Maximum Reverse Current @ PRV @ TA=25C I
R
TYPE
Maximum Peak Reverse Voltage PRV V PK
Maximum Forward Voltage @ TA=25C I FM A PK V FM V PK
Maximum Reverse Recovery Time Trr ns
Package Dimensions
Adc
1N4933 1N4934 1N4935 1N4936 1N4937
50 100 200 400 600
1.0
75
30
5.0
1.0
1.2
150
DO - 41
Trr I F = 0.5A, I R = 1.0A, I RR = 0.25A Trr Test Conditions: I F = 0.5A, I R = 1.0A, I RR = 0.25A
1.0(25.4) MIN
.205(5.2) .166(4.2)
1.0(25.4) MIN
.034(0.9) .028(0.7)
DIA .107(2.7) DIA .080(2.0)
DO - 41
13A-1/2
LESHAN RADIO COMPANY, LTD.
1N4933 - 1N4937 RATING & CHARACTERISTIC CURVES OF FAST RECOVERY DIODES
FIG.1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
38H/1.4 8 115Va 10K 60Hz 2W 7 3 6 C.P.CLARE HPG1002 5 4 1 AMP SLO BLO FUSE C1 I.0F 300V R2 1 10W NON INSUCTIVE 1 2 UNIT UNDER TEST 1.0Adc FROM CONSTANT VOLTAGE SUPPLY RIPPLE=3mVrms MAX 0 3050W NON INDUCTIVE IFM 1.0
Trr i(t) di/dt=50A/s
IRM(REC)
1cm
30Vdc C O N S TA N T VOLTAGE SUPPLY
SET TIME BASE FOR 50/100ns/cm
MINIMIZE ALL LEAS LENGTHS
Zout 1.5 MAX DC to 2KHz
AVERAGE FORWARD CURRENT,(A)
A TEKTRONIX 545A.K PLUG IN PRE AMP P6000 PROBE OR EQUIVALENT R1 ADJUSTED FOR 1.4 BETWEEN POINT 2 OF RELAY AND RECTIFIER INDUCTIVE =38H
R2 TEN 1W 10% CARBON CORE IN PARALLEL TA 25 +10 C FOR RECTIFIER O
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
1.0 .8 .6 .4 .2 0 0 50 100 150 175 AMBIENT TEMPER ATURE, (C) Single Phase Half Wave 60Hz Resistive or Inductive Load
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 10
INSTANTANEOUS FORWARD CURRENT,(A)
TJ =25C 1.0
0.1
Pulse Width=300s 1% Duty Cycle .01 .6 .8 1.0 1.2 INSTANTANEOUS FORWARD VOLTAGE,(V) 1.4
FIG. 4 - MAXINUM NON-REPETITIVE FOWARD SURGE CURRENT
50
PEAK FORWARD SURGE CURRENT,(A)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
200
JUNCTION CAPACITANCE,(pF)
40
8.3ms Single Half Sine-Wave (JEDEC Method)
100 60 40 20 10 6 4 2 1 TJ =25C
30
20
10
0 1 2 4 6 8 10 20 40 60 80 100 NUMBER OF CYCLES AT 60Hz
.1
.2
.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE,(V)
13A-2/2


▲Up To Search▲   

 
Price & Availability of IN4937

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X