Part Number Hot Search : 
6LFXC TR3B686 MUR1620 SR830 HC224 562K000 S4240 N5551
Product Description
Full Text Search
 

To Download HEF4049BF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC04 LOCMOS HE4000B Logic Family Specifications HEF, HEC * The IC04 LOCMOS HE4000B Logic Package Outlines/Information HEF, HEC
HEF4049B buffers HEX inverting buffers
Product specification File under Integrated Circuits, IC04 January 1995
Philips Semiconductors
Product specification
HEX inverting buffers
DESCRIPTION The HEF4049B provides six inverting buffers with high current output capability suitable for driving TTL or high capacitive loads. Since input voltages in excess of the buffers' supply voltage are permitted, the buffers may also be used to convert logic levels of up to 15 V to standard TTL levels. Their guaranteed fan-out into common bipolar logic elements is shown in the table below.
HEF4049B buffers
HEF4049BP(N): 16-lead DIL; plastic (SOT38-1) HEF4049BD(F): 16-lead DIL; ceramic (cerdip) (SOT74) HEF4049BT(D): 16-lead SO; plastic (SOT109-1) ( ): Package Designator North America Guaranteed fan-out in common logic families DRIVEN ELEMENT standard TTL 74 LS 74 L GUARANTEED FAN-OUT 2 9 16
Fig.3 Logic diagram (one gate).
APPLICATION INFORMATION Some examples of applications for the HEF4049B are: * LOCMOS to DTL/TTL converter * HIGH sink current for driving 2 TTL loads Fig.1 Functional diagram. * HIGH-to-LOW level logic conversion Input protection
Fig.4
Input protection circuit that allows input voltages in excess of VDD.
Fig.2 Pinning diagram.
FAMILY DATA, IDD LIMITS category BUFFERS See Family Specifications
January 1995
2
Philips Semiconductors
Product specification
HEX inverting buffers
DC CHARACTERISTICS VSS = 0 V; VI = VSS or VDD HEF VDD V VO V SYMBOL MIN. Output (sink) current LOW Output (source) current HIGH Output (source) current HIGH 5 2,5 IOH 1,7 - 1,4 - 4,75 10 15 5 10 15 0,4 0,5 1,5 4,6 9,5 13,5 IOH IOL 3,5 12,0 24,0 0,52 1,3 3,6 Tamb (C) -40 MAX. - - - - - - +25 MIN. 2,9 10,0 20,0 0,44 1,1 3,0 MAX. - - - - - -
HEF4049B buffers
+85 MN. 2,3 8,0 16,0 0,36 0,9 2,4 1,1 MAX. - - - - - - - mA mA mA mA mA mA mA
HEC
VDD V
VO V
SYMBOL MIN.
Tamb (C) -55 MAX. - - - - - - +25 MIN. 2,9 10,0 20,0 0,44 1,1 3,0 MAX. - - - - - - +125 MIN. 1,9 6,7 13,0 0,36 0,9 2,4 MAX. - - - - - - mA mA mA mA mA mA
Output (sink) current LOW Output (source) current HIGH
4,75 10 15 5 10 15
0,4 0,5 1,5 4,6 9,5 13,5 IOH IOL
3,6 12,5 25,0 0,52 1,3 3,6
VDD V Propagation delays In On HIGH to LOW LOW to HIGH Output transition times HIGH to LOW LOW to HIGH 5 10 15 5 10 15 5 10 15 5 10 15
SYMBOL
TYP. 35
MAX. 70 30 25 100 50 40 40 20 14 120 60 40 ns ns ns ns ns ns ns ns ns ns ns ns
TYPICAL EXTRAPOLATION FORMULA 26 ns + (0,18 ns/pF) CL 11 ns + (0,08 ns/pF) CL 9 ns + (0,05 ns/pF) CL 23 ns + (0,55 ns/pF) CL 14 ns + (0,23 ns/pF) CL 12 ns + (0,16 ns/pF) CL 3 ns + (0,35 ns/pF) CL 3 ns + (0,14 ns/pF) CL 2 ns + (0,09 ns/pF) CL 10 ns + (1,0 ns/pF) CL 9 ns + (0,42 ns/pF) CL 6 ns + (0,28 ns/pF) CL
tPHL
15 12 50
tPLH
25 20 20
tTHL
10 7 60
tTLH
30 20
January 1995
3
Philips Semiconductors
Product specification
HEX inverting buffers
HEF4049B buffers
VDD V Dynamic power dissipation per package (P) 5 10 15
TYPICAL FORMULA FOR P (W) 2 500 fi + (foCL) x VDD2 11 000 fi + (foCL) x VDD 35 000 fi + (foCL) x
2
where fi = input freq. (MHz) fo = output freq. (MHz) CL = load capacitance (pF) (foCL) = sum of outputs VDD = supply voltage (V)
VDD2
January 1995
4
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of HEF4049BF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X