Part Number Hot Search : 
M39432NC 2SB566AK DS128 R3003 2SK1553 LM100 VUO50 VUO50
Product Description
Full Text Search
 

To Download GSQ10A06B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
T y p e : GSQ10A06B GSQ10A0 A06B
OULINE DRAWING
FEATURES *Similar to TO-220AC Case *Low Forward Voltage Drop *Low Power Loss,High Efficiency *High Surge Capability *Tj=150 C operation
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque
Approx Net Weight: 1.9g
Symbol
VRRM VRSM IO IF(RMS) IFSM Tjw Tstg Ftor 150 10
GSQ10A06B 60 65 50 Hz half Sine Wave Tc=111C Resistive Load 15.7 50Hz Half Sine Wave ,1cycle Non-repetitive -40 to +150 -40 to +150 recommended torque = 0.5
Unit V V A A A
C C N*m
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol Conditions Min. Typ. Max. 10 0.67 3 Unit mA V C /W IRM Tj= 25C, VRM= VRRM VFM Tj= 25C, IFM= 10 A Rth(j-c) Junction to Case
GSQ10A06B OUTLINE DRAWING (Dimention in mm)
FORWARD CURRENT VS. VOLTAGE
GSQ10A06/GSQ10A06B
50
INSTANTANEOUS FORWARD CURRENT (A)
20 Tj=25C Tj=150C 10
5
2
1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
GSQ10A06/GSQ10A06B
D.C.
12
AVERAGE FORWARD POWER DISSIPATION (W)
10
RECT 180
8
HALF SINE WAVE RECT 120
6
RECT 60
4
2
0 0 4 8 12 16
AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 500 GSQ10A06/GSQ10A06B
PEAK REVERSE CURRENT (mA)
200
100
50 0 10 20 30 40 50 60 70
PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
GSQ10A06/GSQ10A06B
D.C.
20
AVERAGE REVERSE POWER DISSIPATION (W)
16
RECT 300
RECT 240
12
RECT 180
8
HALF SINE WAVE
4
0 0 10 20 30 40 50 60 70
REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
V RM =60 V GSQ10A06/GSQ10A06B
D.C.
16
AVERAGE FORWARD CURRENT (A)
12
RECT 180. HALF SINE WAVE. RECT 120.
8
RECT 60.
4
0 0 25 50 75 100 125 150
CASE TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Half Sine Wave,Non-Repetitive,No Load 160 140 GSQ10A06/GSQ10A06B
SURGE FORWARD CURRENT (A)
120 100 80 60 40 20
0.02s I FSM
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue GSQ10A06/GSQ10A06B
2000
JUNCTION CAPACITANCE (pF)
1000
500
200
100 0.5 1 2 5 10 20 50 100
REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of GSQ10A06B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X