Part Number Hot Search : 
218050 LM2904DT RT1P44HX 2N526 1N5254 FS100 A1SY80 TEVAL
Product Description
Full Text Search
 

To Download G618L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1, (3-mm) Round, PCB Mount Right Angle Array, G61XL Series
The G61XL is a T-1 size right-angle indicator array. The LEDs are located on 4.57 mm(0.18") centers. The G61XL can be supplied with the desired lamps preassembled from 1 to 9 sections long. (G611L thru G619L) This series provides easier handling in multiple lamp applications, and can be supplied with any combination of colors. This series can also be supplied with pinout reversed from that shown by adding "-RL" to the order code of the part number.
1
2
3
...
...
...
...
...
X
Red or yellow Anode Green Anode
LED 1 2.54(0.10) typ 2.03(0.08) typ
(typ for bi-color) +- (typ for single color)
6.35 5.5
5.08 IDEA IDEA IDEA IDEA IDEA IDEA IDEA IDEA IDEA (0.20)
7.4
3 typ
5.08 ref
Specify part desired as follows: G61XL/Order Code LED1 + Order Code LED 2 + ... + Order Code LED X For example: "G618L/4H+4G" designates an assembly with 4 red LEDs followed by 4 green LEDs. "G618L/(4H+4G)-RL" designates the same assembly with all pins reversed.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25C AMBIENT)
LED Lamp Epoxy & Type Color Red Hi Eff Red TInted Diffused Resistor Required Green Yellow Orange Hi Eff Red Tinted Transparent High Brightness Green Yellow Red Tinted Diffused For 2mA Operation Hi Eff Red Green Yellow White Diffused Bipolar, Bicolor Red/Green Yellow/Green Order Code H I G Y O IT GT YT H2 I2 G2 Y2 EG YG Peak (nm) 697 635 565 585 610 635 565 585 697 635 565 585 635/565 585/565 Typical Characteristics Vf (V) @If=20mA 2.1 2.0 2.1 2.0 2.0 2.0 2.1 2.0 2.0 2.1 2.0 2.0 2.1/2.0 2.1/2.0 Iv (mcd) @If=10mA 1.6 4.5 4.5 4.5 4.5 11 15 10 1.2 @ 2mA 1.4 @ 2mA 1.2 @ 2mA 1.2 @ 2mA 2.5/2.5 2.5/2.5 21/2 (Deg) 40 40 40 40 40 20 20 20 40 40 40 40 54 54 Recom. Op. If (mA) 5-10 10-20 10-20 10-20 10-20 10-20 10-20 10-20 2-10 2-10 2-10 2-10 10-20 10-20
* Specifications subject to change without notice. Dimensions are in mm0.25 unless stated otherwise. IDEA, Inc., 1300-B Pioneer St., Brea, CA 92821 Ph:562-697-4332, 800-LED-IDEA; Fax: 562-690-1352 A-4
Catalog 995A


▲Up To Search▲   

 
Price & Availability of G618L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X