Part Number Hot Search : 
020BC OBH31010 UGFZ30A MAX1538E D38815GQ 9K0064C RG401 48IUHF
Product Description
Full Text Search
 

To Download FDG328P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDG328P
October 2000
FDG328P
P-Channel 2.5V Specified PowerTrench MOSFET
General Description
This P-Channel 2.5V specified MOSFET is produced in a rugged gate version of Fairchild Semiconductor's advanced PowerTrench process. It has been optimized for power management applications for a wide range of gate drive voltages (2.5V - 12V).
Features
* * * * -1.5 A, -20 V. RDS(ON) = 0.145 @ VGS = -4.5 V RDS(ON) = 0.210 @ VGS = -2.5 V Low gate charge High performance trench technology for extremely low RDS(ON) Compact industry standard SC70-6 surface mount package
Applications
* * * Load switch Power management DC/DC converter
S D D
1 2
G
6 5 4
Pin 1
D D
3
SC70-6
Absolute Maximum Ratings
Symbol
VDSS VGSS ID PD TJ, TSTG Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed
TA=25oC unless otherwise noted
Parameter
Ratings
-20 12
(Note 1a)
Units
V V A W C
-1.5 -6 0.75 0.48 -55 to +150
Power Dissipation for Single Operation
(Note 1a) (Note 1b)
Operating and Storage Junction Temperature Range
Thermal Characteristics
RJA Thermal Resistance, Junction-to-Ambient (Note 1b) 260 C/W
Package Marking and Ordering Information
Device Marking .28 Device FDG328P Reel Size 7'' Tape width 8mm Quantity 3000 units
2000 Fairchild Semiconductor International
FDG328P Rev C(W)
FDG328P
Electrical Characteristics
Symbol
BVDSS BVDSS TJ IDSS IGSSF IGSSR
TA = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse
(Note 2)
Test Conditions
VGS = 0 V, ID = -250 A ID = -250 A, Referenced to 25C VDS = -16 V, VGS = 12 V, VGS = -12 V, VGS = 0 V VDS = 0 V VDS = 0 V
Min
-20
Typ
Max Units
V
Off Characteristics
-9 -1 100 -100 mV/C A nA nA
On Characteristics
VGS(th) VGS(th) TJ RDS(on)
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance
VDS = VGS, ID = -250 A ID = -250 A, Referenced to 25C VGS = -4.5 V, ID = -1.5 A ID = -1.2 A VGS = -2.5 V, VGS = -4.5 V, ID = -1.5 A, TJ=125C VGS = -4.5 V, VDS = -5 V VDS = -5 V, ID = -1.5 A
-0.6 3 120 169 156 -3 5
-1.5
V mV/C
145 210 203
m
ID(on) gFS
A S
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance
(Note 2)
VDS = -10 V, V GS = 0 V, f = 1.0 MHz
337 88 51
pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd IS VSD Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDD = -10 V, ID = 1 A, VGS = -4.5 V, RGEN = 6
9 12 10 5
18 22 20 10 6
ns ns ns ns nC nC nC
VDS = -10 V, ID = -1.5 A, VGS = -4.5 V
3.7 0.7 1.3
Drain-Source Diode Characteristics and Maximum Ratings
Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage VGS = 0 V, IS = -0.62 A
(Note 2)
-0.62 -0.7 -1.2
A V
Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design. a.) b.)
2 170/W when mounted on a 1 in pad of 2 oz. copper.
260/W when mounted on a minimum pad.
2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%
FDG328P Rev C(W)
FDG328P FDG328P
Typical Characteristics
6 5 -ID, DRAIN CURRENT (A) -3.0V 4 3 -2.0V 2 -1.8V 1 0 0 0.5 1 1.5 2 2.5 -VDS, DRAIN-SOURCE VOLTAGE (V) -3.5V RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE VGS = -4.5V -2.5V 2.5 2.25 VGS = -2.0V 2 1.75 1.5 1.25 1 0.75 0 1 2 3 4 5 6 -ID, DRAIN CURRENT (A) -2.5V -3.0V -3.5V -4.5V
Characteristics
1.5 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE RDS(ON), ON-RESISTANCE (OHM) 1.4 1.3 1.2 1.1 1 0.9 0.8 0.7 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (oC) ID = -1.5A VGS = -4.5V 0.4
Current
ID = -0.8 A 0.35 0.3 0.25 TA = 125oC 0.2 0.15 TA = 25oC 0.1 0.05 1.5 2 2.5 3 3.5 4 4.5 5 -VGS, GATE TO SOURCE VOLTAGE (V)
Figure 3. On-Resistance Variation withTemperature.
6 VDS = -5V 5 -ID, DRAIN CURRENT (A) 125oC 4 3 2 1 0 0.5 1 1.5 2 2.5 3 -VGS, GATE TO SOURCE VOLTAGE (V) 25oC -IS, REVERSE DRAIN CURRENT (A) TA = -55oC
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
10 VGS = 0V 1 TA = 125oC 25oC -55oC 0.01
0.1
0.001
0.0001 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
Typical Characteristics
FDG328P Rev C(W)
5 -VGS, GATE-SOURCE VOLTAGE (V) ID = -1.5A 4 VDS = -15V -10V
600 500 CAPACITANCE (pF) 400 CISS 300 200 100 0 0 1 2 3 4 5 0 5 10 15 20 Qg, GATE CHARGE (nC) -VDS, DRAIN TO SOURCE VOLTAGE (V) COSS CRSS f = 1MHz VGS = 0 V
3
2
1
0
Figure 7. Gate Charge Characteristics.
100 30
Figure 8. Capacitance Characteristics.
-ID, DRAIN CURRENT (A)
SINGLE PULSE RJA = 260oC/W 10 RDS(ON) LIMIT 1ms POWER (W) 1 VGS = -4.5V SINGLE PULSE RJA = 260oC/W TA = 25oC 0.01 0.1 1 10 100 -VDS, DRAIN-SOURCE VOLTAGE (V) DC 10ms 100ms 1s 0.1 18 100s 24 TA = 25oC
12
6
0 0.0001
0.001
0.01
0.1
1
10
100
SINGLE PULSE TIME (SEC)
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5 0.2
R JA (t) = r(t) + R JA R JA = 260 C/W
0.1
0.1 0.05 0.02 0.01
P(pk) t1 T J - T A = P * R JA (t) t2 Duty Cycle, D = t1 / t 2
0.01
SINGLE PULSE
0.001 0.0001
0.001
0.01
0.1 t1 , TIME (sec)
1
10
100
1000
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c. Transient themal response will change depending on the circuit board design.
FDG328P Rev C(W)
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM
PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. G


▲Up To Search▲   

 
Price & Availability of FDG328P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X