Part Number Hot Search : 
CY7C6 2SK19 HPR1016 DAT76191 A6393 GFCF50 00321 1N4732A
Product Description
Full Text Search
 

To Download EL2090 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
UCT T ROD MEN TE P EPLACE ter at OLE OBS ENDED R port Cen /tsc Sup rsil.com MM ECO echnical te T NO R ourSheetr www.in Data August 1995, Rev. A ct Lo conta -INTERSI 1-888
EL2090
FN7040
100MHz DC-Restored Video Amplifier
The EL2090 is the first complete DCrestored monolithic video amplifier sub-system. It contains a very highquality video amplifier and a nulling sample-and-hold amplifier specifically designed to stabilize video performance. When the HOLD logic input is set to a logic 0 during a horizontal sync, the sample-and-hold amplifier may be used as a general-purpose op-amp to null the DC offset of the video amplifier. When the HOLD input goes to a logic 1 the sample-and-hold stores the correction voltage on the hold capacitor to maintain DC correction during the subsequent scan line. The video amplifier is optimized for video characteristics, and performance at NTSC is nearly perfect. It is a currentfeedback amplifier, so that -3dB bandwidth changes little at various closed-loop gains. The amplifier easily drives video signal levels into 75 loads. With 100MHz bandwidth, the EL2090 is also useful in HDTV applications. The sample-and-hold is optimized for fast sync pulse response. The application circuit shown will restore the video DC level in five scan lines, even if the HOLD pulse is only 2s long. The output impedance of the sample-and-hold is low and constant over frequency and load current so that the performance of the video amplifier is not compromised by connections to the DC restore circuitry. The EL2090 is fabricated in Elantec's proprietary Complementary Bipolar process which produces NPN and PNP transistors with equivalent AC and DC performance. The EL2090 is specified for operation over the 0C to 75C temperature range.
Features
* Complete video level restoration system * 0.01% differential gain and 0.02 differential phase accuracy at NTSC * 100MHz bandwidth * 0.1dB flatness to 20MHz * Sample-and-hold has 15nA typical leakage and 1.5pC charge injection * System can acquire DC correction level in 10s, or 5 scan lines of 2s each, to 1/2 IRE * VS = 5V to 15V * TTL/CMOS hold signal
Applications
* Input amplifier in video equipment * Restoration amplifier in video mixers
Ordering Information
PART NUMBER EL2090CN EL2090CM TEMP. RANGE 0C to +75C 0C to +75C PACKAGE 14-Pin PDIP 16-Pin SOL PKG. NO. MDP0031 MDP0027
Pinouts
EL2090 (14-PIN DIP) TOP VIEW EL2090 (16-PIN SOL) TOP VIEW
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc. All other trademarks mentioned are the property of their respective owners.
EL2090
Absolute Maximum Ratings (TA = 25C)
Voltage between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36V Voltage between VIN+, S/HIN+, S/HIN-, CHOLD, and GND pins (V+) . . . . . . . . . . . . . . . . . . . . . . . +0.5V to (V-) -0.5V VOUT Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60mA Current into VIN- and HOLD Pins . . . . . . . . . . . . . . . . . . . . . . . 5mA Current S/HOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16mA Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . See Curves Operating Ambient Temperature Range . . . . . . . . . . . . 0C to 75C Operating Junction Temperature Plastic DIP or SOL. . . . . . . . 150C Storage Temperature Range . . . . . . . . . . . . . . . . . .-65C to +150C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Open-Loop DC Electrical Specifications
PARAMETER IS Total Supply Current DESCRIPTION
VS = 15V; RL = 150, TA = 25C unless otherwise specified TEMP Full MIN TYP 14 MAX 17 UNITS mA
VIDEO AMPLIFIER SECTION (NOT RESTORED) VOS IB+ IBROL AVOL VO Input Offset Voltage +VIN Input Bias Current -VIN Input Bias Current Transimpedance Open-Loop Voltage Gain; VOUT = 2V Output Voltage Swing VS = 15V; RL = 2k VS = 5V; RL = 150 ISC Short-Circuit Current; +VIN Set to 2V; -VIN to Ground through 1k Full Full Full 25C Full Full Full 25C 56 12 3.0 50 8 2 30 300 65 13 3.5 90 160 70 15 150 mV A A V/mA dB V V mA
SAMPLE-AND-HOLD SECTION VOS IB IOS RIN, DIFF RIN, COMM VCM Input Offset Voltage Input Bias Current Input Offset Current Input Differential Resistance Input Common-Mode Resistance Common-Mode Input Range Full Full Full 25C 25C Full 11 2 0.5 0.05 200 100 12.5 10 2.5 0.5 mV A A k M V
SAMPLE-AND-HOLD SECTION AVOL CMRR PSRR VTHRESH IDROOP ICHARGE VO ISC Large Signal Voltage Gain Common-Mode Rejection Ratio; VCM = 11V Power-Supply Rejection Ratio; VS = 5V to 15V HOLD Pin Logic Threshold Hold Mode Droop Current Charge Current Available to Chold Output Swing; RL = 2k Short-Circuit Current Full Full Full Full Full Full Full 25C 90 10 10 15k 75 75 0.8 50k 95 95 1.4 10 135 13 17 40 2.0 50 V/V dB dB V nA A V mA
2
EL2090
Closed-Loop AC Electrical Specifications PARAMETER VIDEO AMPLIFIER SECTION SR BW SlewRate; VOUT from -2 to +2V Bandwidth; -3dB 1dB 0.1dB dG (Peaking) d (Peaking) Differential Gain; VIN from -0.7V to 0.7V; F = 3.58MHz Differential Phase; VIN from -0.7V to 0.7V; F = 3.58MHz 75 35 10 600 100 60 20 0.01 0.02 V/s MHz MHz MHz % VS = 15V; CL = 15pF; CSTRAY (-VIN) = 2.5pF; RF = RG = 300; RL = 150; CHOLD = 100pF; TA = 25C DESCRIPTION MIN TYP MAX UNITS
SAMPLE-AND-HOLD SECTION BW Q T Ts NOTE: 1. The logic input is between 0V and 5V, with a 220 resistor in series with the HOLD pin and 39pF capacitor from HOLD pin to ground. Gain-Bandwidth Product Sample to Hold Charge Injection (Note 1) Sample to Hold or Hold to Sample Delay Time Sample to Hold Settling Time to 2mV 1.3 1.5 20 200 5 MHz pC ns ns
3
EL2090
FIGURE 1. TYPICAL APPLICATION (AV = +2)
Typical Performance Curves
Relative Frequency Response for Various Gains Frequency Response with Different Loads (AV = +2)
Frequency Response Flatness for Various Load and Supply Conditions
Frequency Response Flatness vs CIN-, AV = +2
4
EL2090 Typical Performance Curves
(Continued)
Differential Gain and Phase vs Supply Voltage; AV = +2, RL = 150, VIN from 0 to +0.7 VDC
Deviation from Linear Phase vs Frequency
Differential Gain vs DC Input Offset; AV = +2, FO = 3.58MHz, RL = 150
Differential Phase vs DC Input Offset; AV = +2, FO = 3.58MHz, RL = 150
Differential Gain vs DC Input Offset; AV = +2 and FO = 30MHz, RL = 150
Differential Phase vs DC Input Offset; AV = +2, FO = 30MHz, RL = 150
5
EL2090 Typical Performance Curves
(Continued)
S/H Available Charge Current vs Temperature
Sample-to-Hold Change Injection vs Temperature
Typical Droop Current vs Temperature, VS = 15V
Supply Current vs Supply Voltage
Supply Current vs Temperature; VS = 15V
Maximum Power Dissipation vs Ambient Temperature-- 14-Pin PDIP and 16-Pin SOL
6
EL2090 Applications Information
The EL2090 is a general purpose component and thus the video amplifier and sample-and-hold pins are uncommitted. Therefore much of the ultimate performance as a DCrestored video amplifier will be set by external component values and parasitics. Some application considerations will be offered here. The DC feedback from the sample-and-hold can be applied to either positive or negative inputs of the video amplifier (with appropriate phasing of the sample-and-hold amplifier inputs). We will consider feedback to the inverting video input. During a sample mode (the HOLD input at a logic low), the sample-and-hold acts as a simple nulling op-amp. Ideally, the DC feedback resistor Raz is a high value so as not to couple a large amount of the AC signal on the video input back to the sample-and-hold amplifier output. The sample-and-hold output is a low impedance at high frequencies, but variations of the DC operating point will change the output impedance somewhat. No more than a few ohms output impedance change will occur, but this can cause gain variations in the 0.01% realm. This DCdependent gain change is in fact a differential gain effect. Some small differential phase error will also be added. The best approach is to maximize the DC feedback resistor value so as to isolate the sample-and-hold from the video path as much as possible. Values of 1k or above for Raz will cause little to no video degradation. This suggests that the largest applicable power supply voltages be used so that the output swing of the sample-andhold can still correct for the variations of DC offset in the video input with large values of Raz. The typical application circuit shown will allow correction of 1V inputs with good isolation of the sample-and-hold output. Good isolation is defined as no video degradation due to the insertion of the sample-and-hold loop. Lower supply voltages will require a smaller value of DC feedback resistor to retain correction of the full input DC variation. The EL2090 differential phase performance is optimum at 9V supplies, and differential gain only marginally improves above this voltage. Since all video characteristics mildly degrade with increasing die temperature, the 9V levels are somewhat better than 15V supplies. However, 15V supplies are quite usable. Ultimate video performance, especially in HDTV applications, can also be optimized by setting the black-level reference such that the signal span at the video amplifier's output is set to its optimum range. For instance, setting the span to 1V of output is preferable to a span of 0V to +2V. The curves of differential gain and phase versus input DC offset will serve as guides. The DC feedback resistor may be split so that a bypass capacitor is added to reduce the initially small sample-andhold transients to even smaller levels. The corruption can be reduced to as low as 1mV peak seen at the video amplifier 7 output. The size of the capacitor should not be so large as to de-stabilize the sample-and-hold feedback loop, nor so small as to reduce the video amplifier's gain flatness. A resistor or some other video isolation network should be inserted between the video amplifier output and the sample-and-hold input to prevent excessive video from bleeding through the autozero section, as well as preventing spurious DC correction due to video signals confusing the sample-andhold during autozero events. Figure 1 shows convenient component values. A full 3.58MHz trap is not necessary for suppressing NTSC chroma burst interaction with the sample-and-hold input; the simple R-C network suggested in Figure 1 suffices. The HOLD input to the sample-and-hold has a 1.4V threshold and is clamped to a diode below ground and 6V above ground. The hold step characteristics are not sensitive to logic high nor low levels (within TTL or CMOS swings), but logic slewrates greater than 1000V/s can couple noise and hold step into the sample-to-hold output waveforms. The logic slewrate should be greater than 50V/s to avoid hold jitter. To avoid artificially high droop in hold mode, the Chold pin and Chold itself should be guarded with circuit board traces connected to the output of the sample-and-hold. Lowleakage hold capacitors should be used, such as mica or mylar, but not ceramic. The excellent properties of more expensive polystyrene, polypropylene, or teflon capacitors are not needed. The user should be aware of a combination of conditions that may make the EL2090 operate incorrectly upon power-up. The fault condition can be described by noticing that the sample-and-hold output (pin 11) appears locked at a voltage close to VCC. This voltage is maintained regardless of changes at the inputs to the sample-and-hold (pins 5 and 6) or to the HOLD control input (pin 7). Two conditions must occur to bring this about: 1. A large value of Chold_usually values of 1000pF or more. This is not an unusual situation. Many users want to reduce the size of the hold step and increasing Chold is the most direct way to do this. Increasing Chold also reduces the slew rate of the sample and hold section but because of the limited size of the video signal, this is usually not a limitation. 2. A sampling interval (dictated by the HOLD pin) that is too small. By small, we mean less than 2s. For a sampling interval that is wide enough, there is enough time for the loop to close and for the amplifier to discharge whatever charge was dumped onto Chold it during the initial power spike and to then ramp up (or down) to the voltage that is proper for a balanced loop. When the sampling interval is too small, there is insufficient time for internal devices to recover from their initial saturated state from power-up because the feedback is not closed long enough. Therefore, typical recovery times for the loop are 2s or greater. Summarizing, the two things that could prevent proper saturation recovery are (as mentioned above) too
EL2090
large a capacitor which slows the charge and discharge rate of the stored voltage at Chold and too small a sampling interval in which the entire feedback loop is closed.
The circuit shown above prevents the fault condition from occurring by preventing the node from ever saturating. By clamping the value of Chold to some value lower than the supply voltage less a saturation voltage, we prevent this node from approaching the positive rail. The maximum voltage is set by the resistive voltage divider (between V+ and GND) R1 and R2 plus a diode. This value can be adjusted if the maximum size of the input signal is known. The diode used is an off-the-shelf 1N914 or 1N916. As is true of all 100MHz amplifiers, good bypassing of the supplies to ground is mandatory. 1F tantalums are sufficient, and 0.01F leaded chip capacitors in parallel with medium value electrolytics are also good. Pins longer than 1/2 can induce a characteristic 150MHz resonance and ringing. The VIN- of the video amplifier should have the absolute minimum of parasitic capacitance. Stray capacitance of more than 3pF will cause peaking and compromise the gain flatness. The bandwidth of the amplifier is fundamentally set by the value of Rf. As demonstrated by the frequency response versus gain graph, the peaking and bandwidth is a weak function of gain. The EL2090 was designed for Rf = 300 giving optimum gain flatness at Av = +2. Unitygain response is flattest for Rf = 360; gains of +5 can use Rf = 270. In situations where the peaking is accentuated by load capacitance or -input capacitance the value of Rf will have to be increased, and some bandwidth will be sacrificed. The VIN+ of the video amplifier should not look into an inductive source impedance. If the source is physically remote and a terminated input line is not provided, it may be necessary to connect an input "snubber" to ground. A snubber is a resistor in series with a capacitor which de-Q's the input resonance. Typical values are 100 and 30pF. The output of the video amplifier is sensitive to capacitive loads greater than 25pF, and a snubber to ground or a resistor in series with the output is useful to isolate reactive loads.
8
EL2090 EL2090 Macromodel
* Revision A, October 1992 .param vclamp = {-0.002 * (TEMP-25)} * * Connections: Vidin+ * | Vidin* | | +Vsupply * | | | -Vsupply * | | | | Vid Out * | | | | | S/H In+ * | | | | | | S/H In* | | | | | | | S/H Out * | | | | | | | | Hold Control * | | | | | | | | | Chold * | | | | | | | | | | .subckt EL2090/EL 3 1 14 12 13 5 6 11 7 9 * ******** Video Amplifier ******************* * e1 20 0 3 0 1.0 vis 20 34 0V h2 34 38 vxx 1.0 r10 1 36 25 l1 36 38 20nH iinp 3 0 10A iinm 1 0 5A h1 21 0 vis 600 r2 21 22 1K d1 22 0 dclamp d2 0 22 dclamp e2 23 0 22 0 0.00166666666 l5 23 24 0.7H c5 24 0 0.5pF r5 24 0 600 g1 0 25 24 0 1.0 rol 25 0 400K cdp 25 0 7.7pF q1 12 25 26 qp q2 14 25 27 qn q3 14 26 28 qn q4 12 27 29 qp r7 28 13 4 r8 29 13 4 ios1 14 26 2.5mA ios2 27 12 2.5mA ips 14 12 7.2mA ivos 0 33 5mA vxx 33 0 0V r11 33 0 1K * ************ Sample & Hold ************************* * g40 49 0 5 6 1e-3 vcur 49 42 0v r43 6 0 100Meg r44 5 0 100Meg r40 42 0 4K d41 50 42 diode d42 42 51 diode v41 50 0 {vclamp}
9
EL2090 EL2090 Macromodel
(Continued)
v42 0 51 {vclamp} g41 44 0 42 0 200e-6 r42 44 0 31Meg d45 9 14 diode d46 12 9 diode s1 44 9 48 0 swa e40 46 0 9 0 0.95 i40 0 9 10nA r45 46 47 70 l40 47 11 70nH c40 7 9 0.32pF r47 7 48 10K c41 48 0 3pF * * Models * .model qn npn(is=5e-15 bf=500 tf=0.1nS) .model qp pnp(is=5e-15 bf=500 tf=0.1nS) .model dclamp d(is=1e-30 ibv=0.02 bv=2.75 n=4) .model diode d .model swa vswitch(von=1.2v voff=1.6v roff=1e12 ron=100) .ends
10
EL2090 EL2090 Macromodel
(Continued)
FIGURE 2. SAMPLE AND HOLD AMPLIFIER
FIGURE 3. VIDEO AMPLIFIER
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 11


▲Up To Search▲   

 
Price & Availability of EL2090

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X