|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CY28346-2 Clock Synthesizer with Differential CPU Outputs Features * Compliant with Intel(R) CK 408 Mobile Clock Synthesizer specifications * 3.3V power supply * 3 differential CPU clocks * 10 copies of PCI clocks * 5/6 copies of 3V66 clocks * SMBus support with Read Back capabilities Table 1. Frequency Table[1] S2 1 1 1 1 0 0 0 0 M M S1 0 0 1 1 0 0 1 1 0 0 S0 0 1 0 1 0 1 0 1 0 1 CPU (0:2) 66M 100M 200M 133M 66M 100M 200M 133M Hi-Z TCLK/2 3V66 66M 66M 66M 66M 66M 66M 66M 66M Hi-Z TCLK/4 66BUFF(0:2)/ 3V66(0:4) 66IN 66IN 66IN 66IN 66M 66M 66M 66M Hi-Z TCLK/4 66IN/ 3V66-5 66-MHz clock input 66-MHz clock input 66-MHz clock input 66-MHz clock input 66M 66M 66M 66M Hi-Z TCLK/4 PCIF/PCI 66IN/2 66IN/2 66IN/2 66IN/2 33 M 33 M 33 M 33 M Hi-Z TCLK/8 REF 14.318M 14.318M 14.318M 14.318M 14.318M 14.318M 14.318M 14.318M Hi-Z TCLK USB/ DOT 48M 48M 48M 48M 48M 48M 48M 48M Hi-Z TCLK/2 * Spread Spectrum electromagnetic interference (EMI) reduction * Dial-a-Frequency features * Dial-a-dBTM features * Extended operating temperature range, 0C to 85C * 56-pin TSSOP packages Block Diagram XIN XOUT PLL1 CPU_STP# IREF VSSIREF S(0:2) MULT0 VTT_PWRGD# PCI_STP# PLL2 /2 Pin Configuration REF VDD XIN XOUT VSS PCIF0 PCIF1 PCIF2 VDD VSS PCI0 PCI1 PCI2 PCI3 VDD VSS PCI4 PCI5 PCI6 VDD VSS 66B0/3V66_2 66B1/3V66_3 66B2/3V66_4 66IN/3V66_5 PD# VDDA VSSA VTT_PWRGD# 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 REF S1 S0 CPU_STP# CPUT0 CPUC0 VDD CPUT1 CPUC1 VSS VDD CPUT2 CPUC2 MULT0 IREF VSSIREF S2 48M_USB 48M_DOT VDD VSS 3V66_1/VCH PCI_STP# 3V66_0 VDD VSS SCLK SDATA CPUT(0:2) CPUC(0:2) 3V66_0 3V66_1/VCH PCI(0:6) PCI_F(0:2) 48M_USB 48M_DOT CY28346-2 PD# SDATA SCLK VDDA WD Logic I2C Logic 66B[0:2]/3V66[2:4] Power Up Logic 66IN/3V66-5 Note: 1. TCLK is a test clock driven on the XTAL_IN input during test mode. M = driven to a level between 1.0V and 1.8V. If the S2 pin is at a M level during power-up, a 0 state will be latched into the devices internal state register. Cypress Semiconductor Corporation Document #: 38-07509 Rev. *A * 3901 North First Street * San Jose, CA 95134 * 408-943-2600 Revised June 5, 2003 CY28346-2 Pin Description Pin 2 3 XIN XOUT Name PWR VDD VDD VDD VDDP VDD I/O I O O O O Description Oscillator Buffer Input. Connect to a crystal or to an external clock. Oscillator Buffer Output. Connect to a crystal. Do not connect when an external clock is applied at XIN. Differential host output clock pairs. See Table 1 for frequencies and functionality. PCI clock outputs. Are synchronous to 66IN or 3V66 clock. See Table 1. 33-MHz PCI clocks, which are /2 copies of 66IN or 3V66 clocks, may be free running (not stopped when PCI_STP# is asserted LOW) or may be stoppable depending on the programming of SMBus register Byte3, Bits (3:5). Buffered output copy of the device's XIN clock. Current reference programming input for CPU buffers. A resistor is connected between this pin and VSSIREF. Qualifying input that latches S(0:2) and MULT0. When this input is at a logic low, the S(0:2) and MULT0 are latched. Fixed 48-MHz USB clock outputs. Fixed 48-MHZ DOT clock outputs. 3.3V 66-MHz fixed frequency clock. 3.3V clock selectable with SMBus byte0, Bit5, when Byte5, Bit5. When Byte 0 Bit 5 is at a logic 1, then this pin is a 48M output clock. When byte0, Bit5 is a logic 0, then this is a 66M output clock (default). This pin is a power-down mode pin. A logic LOW level causes the device to enter a power-down state. All internal logic is turned off except for the SMBus logic. All output buffers are stopped. Programming input selection for CPU clock current multiplier. Frequency select inputs. See Table 1 Serial data input. Conforms to the SMBus specification of a Slave Receive/Transmit device. It is an input when receiving data. It is an open drain output when acknowledging or transmitting data. Serial clock input. Conforms to the SMBus specification. Frequency select input. See Table 1. This is a Tri-level input that is driven HIGH, LOW, or driven to a intermediate level. PCI clock disable input. When asserted LOW, PCI (0:6) clocks are synchronously disabled in a LOW state. This pin does not effect PCIF (0:2) clocks' outputs if they are programmed to be PCIF clocks via the device's SMBus interface. CPU clock disable input. When asserted LOW, CPUT (0:2) clocks are synchronously disabled in a HIGH state and CPUC(0:2) clocks are synchronously disabled in a LOW state. Input connection for 66CLK(0:2) output clock buffers if S2 = 1, or output clock for fixed 66-MHz clock if S2 = 0. See Table 1. 3.3V clock outputs. These clocks are buffered copies of the 66IN clock or fixed at 66 MHz. See Table 1. 52, 51, 49, 48, CPUT(0:2), 45, 44 CPUC(0:2) 10, 11, 12, 13, PCI(0:6) 16, 17, 18 5, 6, 7 PCIF (0:2) 56 42 28 39 38 33 35 REF IREF VTT_PWRGD# 48M_USB 48M_DOT 3V66_0 3V66_1/VCH VDD VDD VDD VDD48 VDD48 VDD VDD O I I O O O O 25 PD# VDD I PU I PU I I 43 55, 54 29 MULT0 S(0,1) SDATA VDD I I 30 40 34 SCLK S2 PCI_STP# I VDD VDD I I T I PU 53 CPU_STP# VDD I PU I/O O 24 21, 22, 23 66IN/3V66_5 66B(0:2)/ 3V66(2:4) VDD VDD - - 1, 8, 14, 19, 32, VDD 37, 46, 50 4, 9, 15, 20, 27, VSS 31, 36, 47 PWR 3.3V power supply. PWR Common ground. Document #: 38-07509 Rev. *A Page 2 of 20 CY28346-2 Pin Description (continued) Pin 41 Name VSSIREF PWR - I/O Description PWR Current reference programming input for CPU buffers. A resistor is connected between this pin and IREF. This pin should also be returned to device VSS. PWR Analog power input. Used for PLL and internal analog circuits. It is also specifically used to detect and determine when power is at an acceptable level to enable the device to operate. 26 VDDA - Serial Data Interface To enhance the flexibility and function of the clock synthesizer, a two-signal serial interface is provided. Through the Serial Data Interface, various device functions, such as individual clock output buffers, can be individually enabled or disabled. The registers associated with the Serial Data Interface initializes to their default setting upon power-up, and therefore use of this interface is optional. Clock device register changes are normally made upon system initialization, if any are required. The interface can also be used during system operation for power management functions. Table 2. Block Read and Block Write Protocol Block Write Protocol Bit 1 2:8 9 10 11:18 19 20:27 28 29:36 37 38:45 46 .... .... .... .... .... .... Start Slave address - 7 bits Write = 0 Acknowledge from slave Command Code - 8 bit `00000000' stands for block operation Acknowledge from slave Byte Count - 8 bits Acknowledge from slave Data byte 1 - 8 bits Acknowledge from slave Data byte 2 - 8 bits Acknowledge from slave ...................... Data Byte (N-1) -8 bits Acknowledge from slave Data Byte N -8 bits Acknowledge from slave Stop Description Data Protocol The clock driver serial protocol accepts block write and block read operations from the controller. For block write/read operation, the bytes must be accessed in sequential order from lowest to highest byte (most significant bit first) with the ability to stop after any complete byte has been transferred. The block write and block read protocol is outlined in Table 2. The slave receiver address is 11010010 (D2h). Block Read Protocol Bit 1 2:8 9 10 11:18 19 20 21:27 28 29 30:37 38 39:46 47 48:55 56 .... .... .... .... Start Slave address - 7 bits Write = 0 Acknowledge from slave Command Code - 8 bit `00000000' stands for block operation Acknowledge from slave Repeat start Slave address - 7 bits Read = 1 Acknowledge from slave Byte count from slave - 8 bits Acknowledge Data byte from slave - 8 bits Acknowledge Data byte from slave - 8 bits Acknowledge Data bytes from slave/Acknowledge Data byte N from slave - 8 bits Not Acknowledge Stop Description Document #: 38-07509 Rev. *A Page 3 of 20 CY28346-2 Byte 0: CPU Clock Register Bit @Pup 7 6 0 0 3V66_1/VCH CPUT,CPUC PCI Name Description Spread Spectrum Enable, 0 = Spread Off, 1 = Spread On. This is a Read and Write control bit. CPU clock Power-down Mode Select. 0 = Drive CPUT(0:2) to 4 or 6 IREF and drive CPUC(0:2) to low when PD# is asserted LOW. 1 = Three-state all CPU outputs. This is only applicable when PD# is LOW. It is not applicable to CPU_STP#. 3V66_1/VCH frequency Select, 0 = 66M selected, 1 = 48M selected This is a Read and Write control bit. CPU_STP#. Reflects the current value of the external CPU_STP# (pin 53) This bit is Read-only. Reflects the current value of the internal PCI_STP# function when read. Internally PCI_STP# is a logical AND function of the internal SMBus register bit and the external PCI_STP# pin. Frequency Select Bit 2. Reflects the value of SEL2 (pin 40). This bit is Read-only. Frequency Select Bit 1. Reflects the value of SEL1 (pin 55). This bit is Read-only. Frequency Select Bit 0. Reflects the value of SEL0 (pin 54). This bit is Read-only. Name MULT0 Description MULT0 (Pin 43) Value. This bit is Read-only. 5 4 3 2 1 0 0 Pin 53 Pin 34 Pin 40 Pin 55 Pin 54 Byte 1: CPU Clock Register Bit @Pup 7 6 Pin 43 0 Controls functionality of CPUT/C(0:2) outputs when CPU_STP# is asserted. 0 = Drive CPUT(0:2) to 4 or 6 IREF and drive CPUC(0:2) to low when CPU_STP# asserted LOW. 1 = Three-state all CPU CPU_STP# outputs. This bit will override Byte0, Bit6 such that even if it is a 0, when PD# goes low the CPU outputs will be three-stated. CPUT2 CPUC2 CPUT1 CPUC1 CPUT0 CPUC0 CPUT2 CPUC2 CPUT1 CPUC1 CPUT0 CPUC0 Controls CPU2 functionality when CPU_STP# is asserted LOW 1 = Free Running, 0 = Stopped LOW with CPU_STP# asserted LOW This is a Read and Write control bit. Controls CPU1 functionality when CPU_STP# is asserted LOW 1 = Free Running, 0 = Stopped LOW with CPU_STP# asserted LOW This is a Read and Write control bit. Controls CPUT0 functionality when CPU_STP# is asserted LOW 1 = Free Running, 0 = Stopped LOW with CPU_STP# asserted LOW This is a Read and Write control bit. CPUT/C2 Output Control, 1 = enabled, 0 = disable HIGH and CPUC2 disables LOW This is a Read and Write control bit. CPUT/C1 Output Control, 1 = enabled, 0 = disable HIGH and CPUC1 disables LOW This is a Read and Write control bit. CPUT/C0 Output Control, 1 = enabled, 0 = disable HIGH and CPUC0 disables LOW This is a Read and Write control bit. 5 0 4 0 3 2 1 0 0 1 1 1 Byte 2: PCI Clock Control Register (all bits are read and write functional) Bit 7 6 5 4 3 2 1 0 @Pup 0 1 1 1 1 1 1 1 Name REF PCI6 PCI5 PCI4 PCI3 PCI2 PCI1 PCI0 Description REF Output Control. 0 = high strength, 1 = low strength PCI6 Output Control. 1 = enabled, 0 = forced LOW PCI5 Output Control. 1 = enabled, 0 = forced LOW PCI4 Output Control. 1 = enabled, 0 = forced LOW PCI3 Output Control. 1 = enabled, 0 = forced LOW PCI2 Output Control. 1 = enabled, 0 = forced LOW PCI1 Output Control. 1 = enabled, 0 = forced LOW PCI0 Output Control. 1 = enabled, 0 = forced LOW Document #: 38-07509 Rev. *A Page 4 of 20 CY28346-2 Byte 3: PCIF Clock and 48M Control Register (all bits are read and write functional) Bit 7 6 5 4 3 2 1 0 @Pup 1 1 0 0 0 1 1 1 Name 48M_DOT 48M_USB PCIF2 PCIF1 PCIF0 PCIF2 PCIF1 PCIF0 Description 48M_DOT Output Control,1 = enabled, 0 = forced LOW 48M_USB Output Control,1 = enabled, 0 = forced LOW PCI_STP#, control of PCIF2. 0 = Free Running, 1 = Stopped when PCI_STP# is LOW PCI_STP#, control of PCIF1. 0 = Free Running, 1 = Stopped when PCI_STP# is LOW PCI_STP#, control of PCIF0. 0 = Free Running, 1 = Stopped when PCI_STP# is LOW PCIF2 Output Control. 1=running, 0=forced LOW PCIF1 Output Control. 1= running, 0=forced LOW PCIF0 Output Control. 1= running, 0=forced LOW Byte 4: DRCG Control Register(all bits are read and write functional) Bit 7 6 5 4 3 2 1 0 @Pup 0 0 1 1 1 1 1 1 3V66_0 3V66_1/VCH 3V66_5 66B2/3V66_4 66B1/3V66_3 66B0/3V66_2 Name Reserved 3V66_0 Output Enabled. 1 = enabled, 0 = disabled 3V66_1/VCH Output Enable. 1 = enabled, 0 = disabled 3V66_5 Output Enable. 1 = enabled, 0 = disabled 66B2/3V66_4 Output Enabled. 1 = enabled, 0 = disabled 66B1/3V66_3 Output Enabled. 1 = enabled, 0 = disabled 66B0/3V66_2 Output Enabled. 1 = enabled, 0 = disabled Description SS2 Spread Spectrum control bit (0 = down spread, 1 = center spread) Byte 5: Clock Control Register (all bits are read and write functional) Bit 7 6 5 4 3 2 1 0 @Pup 0 1 0 0 0 0 0 0 Name Description SS1 Spread Spectrum control bit SS0 Spread Spectrum control bit 66IN to 66M delay Control MSB 66IN to 66M delay Control LSB, Reserved 48M_DOT edge rate control. When set to 1, the edge is slowed by 15%. Reserved USB edge rate control. When set to 1, the edge is slowed by 15% Byte 6: Silicon Signature Register[2] (all bits are read-only) Bit 7 6 5 4 3 2 1 0 @Pup 0 0 0 1 0 0 1 1 Vendor Code, 011 = IMI Name Description Note: 2. When writing to this register the device will acknowledge the write operation, but the data itself will be ignored. Document #: 38-07509 Rev. *A Page 5 of 20 CY28346-2 Byte 7: Watchdog Time Stamp Register Bit 7 6 5 4 3 2 1 0 @Pup 0 0 0 0 0 0 0 0 Name Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Description Byte 8: Dial-a-Frequency Control Register N (all bits are read and write functional) Bit 7 6 5 4 3 2 1 0 @Pup 0 0 0 0 0 0 0 0 Name N7, MSB N6 N5 N4 N3 N2 N3 N0, LSB Description Byte 9: Dial-a-Frequency Control Register R (all bits are read and write functional) Bit 7 6 5 4 3 2 1 0 @Pup 0 0 0 0 0 0 0 0 Name R6 MSB R5 R4 R3 R2 R1 R0, LSB R and N register load gate 0 = gate closed (data is latched), 1 = gate open (data is loading from SMBus registers into R and N) Description Dial-a-Frequency Feature SMBus Dial-a-Frequency feature is available in this device via Byte8 and Byte9. See our App Note AN-0025 for details on our Dial-a-Frequency feature. P is a large value PLL constant that depends on the frequency selection achieved through the hardware selectors (S1, S0). P value may be determined from Table 3. Table 3. P Value S(1:0) 00 01 10 11 P 32005333 48008000 96016000 64010667 Dial-a-dB Features SMBus Dial-a-dB feature is available in this device via Byte8 and Byte9. Spread Spectrum Clock Generation (SSCG) Spread Spectrum is a modulation technique used to minimizing EMI radiation generated by repetitive digital signals. A clock presents the greatest EMI energy at the center frequency it is generating. Spread Spectrum distributes this energy over a specific and controlled frequency bandwidth therefore causing the average energy at any one point in this band to decrease in value. This technique is achieved by modulating the clock away from its resting frequency by a certain percentage (which also determines the amount of EMI reduction). In this device, Spread Spectrum is enabled by setting specific register bits in the SMBus control Bytes. Table 4 is a listing of the modes and percentages of Spread Spectrum modulation that this device incorporates. Page 6 of 20 Document #: 38-07509 Rev. *A CY28346-2 Table 4. Spread Spectrum SS2 0 0 0 0 1 1 1 1 SS1 0 0 1 1 0 0 1 1 SS0 0 1 0 1 0 1 0 1 Spread Mode Down Down Down Down Center Center Center Center Spread% +0.00, -0.25 +0.00, -0.50 +0.00, -0.75 +0.00, -1.00 +0.13, -0.13 +0.25, -0.25 +0.37, -0.37 +0.50, -1.50 Configured as VCH (48M), SMBus Byte0, Bit 5 = `1' In this mode, the output is configured as a 48-MHz non-spread spectrum output. This output is phase aligned with the other 48M outputs (USB and DOT), to within 1 ns pin-to-pin skew. The switching of 3V66_1/VCH into VCH mode occurs at system power on. When the SMBus Bit 5 of Byte 0 is programmed from a `0' to a `1', the 3V66_1/VCH output may glitch while transitioning to 48M output mode. PD# (Power-down) Clarification The PD# (Power-down) pin is used to shut off ALL clocks prior to shutting off power to the device. PD# is an asynchronous active LOW input. This signal is synchronized internally to the device powering down the clock synthesizer. PD# is an asynchronous function for powering up the system. When PD# is low, all clocks are driven to a LOW value and held there and the VCO and PLLs are also powered down. All clocks are shut down in a synchronous manner so has not to cause glitches while transitioning to the low `stopped' state. PD#-Assertion When PD# is sampled LOW by two consecutive rising edges of the CPUC clock, then on the next HIGH-to-LOW transition of PCIF, the PCIF clock is stopped LOW. On the next HIGH-to-LOW transition of 66Buff, the 66Buff clock is stopped LOW. From this time, each clock will stop LOW on its next HIGH-to-LOW transition, except the CPUT clock. The CPU clocks are held with the CPUT clock pin driven HIGH with a value of 2 x Iref, and CPUC undriven. After the last clock has stopped, the rest of the generator will be shut down. Special Functions PCIF and IOAPIC Clock Outputs The PCIF clock outputs are intended to be used, if required, for systems IOAPIC clock functionality. ANY two of the PCIF clock outputs can be used as IOAPIC 33-MHz clock outputs. They are 3.3V outputs will be divided down via a simple resistive voltage divider to meet specific system IOAPIC clock voltage requirements. In the event these clocks are not required, then these clocks can be used as general PCI clocks or disabled via the assertion of the PCI_STP# pin. 3V66_1/VCH Clock Output The 3V66_1/VCH pin has a dual functionality that is selectable via SMBus. Configured as DRCG (66M), SMBus Byte0, Bit 5 = `0' The default condition for this pin is to power up in a 66M operation. In 66M operation this output is SSCG capable and when spreading is turned on, this clock will be modulated. 66Buff PCIF PWRDWN# CPU 133MHz CPU# 133MHz 3V66 66In USB 48MHz REF 14.318MHz Figure 1. Power-down Assertion Timing Waveforms-Buffered Mode Document #: 38-07509 Rev. *A Page 7 of 20 CY28346-2 PW RDW N# C P U T 133M H z CP UC 133M Hz P CI 33M Hz A G P 66M H z U S B 48M H z R E F 1 4 .3 1 8 M H z D D R T 133M H z D D R C 133M H z S D R A M 133M H z Figure 2. Power-down Assertion Timing Waveforms-Unbuffered Mode PD# Deassertion The power-up latency between PD# rising to a valid logic `1' level and the starting of all clocks is less than 3.0 ms. <1.8mS 30uS min 400uS max 66Buff1 / GMCH 66Buff PCIF / APIC 33MHz PCI 33MHz PWRDWN# CPU 133MHz CPU# 133MHz 3V66 66In USB 48MHz REF 14.318MHz Figure 3. Power-down Deassertion Timing Waveforms Table 5. PD# Functionality PD# 1 0 DRCG 66M Low 66CLK (0:2) 66Input Low PCIF/PCI 66Input/2 Low PCI 66Input/2 Low USB/DOT 48M Low Document #: 38-07509 Rev. *A Page 8 of 20 CY28346-2 CPU_STP# Clarification The CPU_STP# signal is an active LOW input used for synchronous stopping and starting the CPU output clocks while the rest of the clock generator continues to function. CPU_STP# Assertion When CPU_STP# pin is asserted, all CPUT/C outputs that are set with the SMBus configuration to be stoppable via assertion of CPU_STP# will be stopped after being sampled by two falling CPUT/C clock edges. The final state of the stopped CPU signals is CPUT = HIGH and CPU0C = LOW. There is no change to the output drive current values during the stopped state. The CPUT is driven HIGH with a current value equal to (Mult 0 `select') x (Iref), and the CPUC signal will not be driven. Due to external pull-down circuitry CPUC will be LOW during this stopped state. C P U _S T P # CPUT CPUC CPUT CPUC Figure 4. CPU_STP# Assertion Waveforms CPU_STP# Deassertion The deassertion of the CPU_STP# signal will cause all CPUT/C outputs that were stopped to resume normal operation in a synchronous manner. Synchronous manner meaning that no short or stretched clock pulses will be produces when the clock resumes. The maximum latency from the deassertion to active outputs is no more than two CPUC clock cycles. CPU_STP# CPUT CPUC CPUT CPUC Figure 5. CPU_STP# Deassertion Waveforms Document #: 38-07509 Rev. *A Page 9 of 20 CY28346-2 Three-state Control of CPU Clocks Clarification During CPU_STP# and PD# modes, CPU clock outputs may be set to driven or undriven (three-state) by setting the corresponding SMBus entry in Bit6 of Byte0 and Bit6 of Byte1. Table 6. Cypress Clock Power Management Truth Table B0b6 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 B1b6 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 PD# 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 CPU_STP# 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 Stoppable CPUT Running Iref x6 Iref x2 Iref x2 Running Hi Z Hi Z Hi Z Running Iref x6 Hi Z Hi Z Running Hi Z Hi Z Hi Z Stoppable CPUC Running Iref x6 Low Low Running Hi Z Hi Z Hi Z Running Iref x6 Hi Z Hi Z Running Hi Z Hi Z Hi Z Non-Stop CPUT Non-Stop CPUC Running Running Iref x2 Iref x2 Running Running Hi Z Hi Z Running Running Hi Z Hi Z Running Running Hi Z Hi Z Running Running Low Low Running Running Hi Z Hi Z Running Running Hi Z Hi Z Running Running Hi Z Hi Z PCI_STP# Assertion The PCI_STP# signal is an active LOW input used for synchronous stopping and starting the PCI outputs while the rest of the clock generator continues to function. The set-up time for capturing PCI_STP# going LOW is 10 ns (tsetup). (See Figure 2.) The PCIF (0:2) clocks will not be affected by this pin if their control bits in the SMBus register are set to allow them to be free running. t setup P C I_S T P # P C IF 33M P C I 33M Figure 6. PCI_STP# Assertion Waveforms Note that the PCI STOP function is controlled by two inputs. One is the device PCI_STP# pin number 34 and the other is The deassertion of the PCI_STP# signal will cause all PCI and SMBus byte 0 bit 3. These two inputs to the function are stoppable PCIF clocks to resume running in a synchronous logically ANDed. If either the external pin or the internal manner within two PCI clock periods after PCI_STP# transiSMBus register bit is set low then the stoppable PCI clocks will tions to a high level. be stopped in a logic low state. Reading SMBus Byte 0 Bit 3 will return a 0 value if either of these control bits are set LOW thereby indicating the devices stoppable PCI clocks are not running. PCI_STP# Deassertion Document #: 38-07509 Rev. *A Page 10 of 20 CY28346-2 t setup PCI_STP# PCIF PCI VID SEL VTT_PWRGD# PWRGD Figure 7. PCI_STP# Deassertion Waveforms VDD Clock Gen Clock State State 0 0.2-0.3mS Delay State 1 Wait for Sample Sels VTT_PWRGD# State 2 State 3 Device is not affected, VTT_PWRGD# is ignored. Clock Outputs Off On Clock VCO Off On Figure 8. VTT_PWRGD# Timing Diagram S1 S2 VTT_PWRGD# = Low Delay >0.25mS VDDA = 2.0V Sample Inputs straps Wait for <1.8ms S0 S3 VDD3.3= off Power Off Normal Operation Enable Outputs VTT_PWRGD# = toggle Figure 9. Clock Generator Power-up/Run State Program Table 7. Host Clock (HCSL) Buffer Characteristics Characteristic Minimum Maximum Ro Ros Vout Document #: 38-07509 Rev. *A 3000 Ohms (recommended) N/A N/A 1.2V Page 11 of 20 CY28346-2 Iout is selectable depending on implementation. The parameters above apply to all configurations. Vout is the voltage at the pin of the device. The various output current configurations are shown in the host swing select functions table. For all configurations, the deviation from the expected output current is 7% as shown in the current accuracy table. Table 8. CPU Clock Current Select Function Mult0 Board Target Trace/Term Z Reference R, Iref - Vdd (3*Rr) Output Current Voh @ Z 0 1 50 Ohms 50 Ohms Rr = 221 1%, Iref = 5.00mA Rr = 475 1%, Iref = 2.32mA Ioh = 4*Iref Ioh = 6*Iref 1.0V @ 50 0.7V @ 50 Table 9. Group Timing Relationship and Tolerances Description Offset Tolerance 1.0 ns 1.0 ns 1.0 ns Conditions 3V66 to PCI 48M_USB to 48M_DOT Skew 66B to PCI offset 2.5 ns 0.0 ns 2.5 ns 3V66 Leads PCI (unbuffered mode) 0 degrees phase shift 66B leads PCI (buffered mode) Table 10. Maximum Lumped Capacitive Output Loads Clock Max Load Unit 66IN to 66B Buffered Prop Delay The 66IN to 66B(0:2) output delay is shown in Figure 11. The Tpd is the prop delay from the input pin (66IN) to the output pins (66B[0:2]). The outputs' variation of Tpd is described in the AC parameters section of this data sheet. The measurement is taken at 1.5V. PCI Clocks 3V66 66B 48M_USB Clock 48M_DOT REF Clock 30 30 30 20 10 50 pF pF pF pF pF pF 66B to PCI Buffered Clock Skew Figure 12 shows the difference (skew) between the 3V33(0:5) outputs when the 66M clocks are connected to 66IN. This offset is described in the Group Timing Relationship and Tolerances section of this data sheet. The measurements were taken at 1.5V. USB and DOT 48M Phase Relationship The 48M_USB and 48M_DOT clocks are in phase. It is understood that the difference in edge rate will introduce some in inherent offset. When 3V66_1/VCH clock is configured for VCH (48-MHz) operation it is also in phase with the USB and DOT outputs. See Figure 10. 3V66 to PCI Unbuffered Clock Skew Figure 13 shows the timing relationship between 3V66(0:5) and PCI(0:6) and PCIF when configured to run in the unbuffered mode. 48MUSB 48MDOT Figure 10. 48M_USB and 48M_DOT Phase Relationship 66IN Tpd 66B Figure 11. 66IN to 66B(0:2) Output Delay Figure Document #: 38-07509 Rev. *A Page 12 of 20 CY28346-2 66B P CI PCIF 1.53.5ns Figure 12. Buffer Mode - 33V66(0:1); 66BUF(0:2) Phase Relationship 3V66 PCI PCIF Tpci Figure 13. Unbuffered Mode - 3V66(0:5) to PCI (0:6) and PCIF(0:2) Phase Relationship Buffer Characteristics Current Mode CPU Clock Buffer Characteristics The current mode output buffer detail and current reference circuit details are contained in the previous table of this data sheet. The following parameters are used to specify output buffer characteristics: 1. Output impedance of the current mode buffer circuit - Ro (see Figure 14). 2. Minimum and maximum required voltage operation range of the circuit - Vop (see Figure 14). 3. Series resistance in the buffer circuit - Ros (see Figure 14). 4. Current accuracy at given configuration into nominal test load for given configuration. VDD3 (3.3V +/- 5%) Ro Iout Slope ~ 1/R0 Ros 0V Iout 1.2V Vout = 1.2V max Vout Document #: 38-07509 Rev. *A Page 13 of 20 CY28346-2 Absolute Maximum Conditions Parameter Description Condition Min. Max. Unit VDD VDD_A VIN TS TA TJ OJC OJA ESDHBM Ul-94 MSL Core Supply Voltage Analog Supply Voltage Input Voltage Temperature, Storage Temperature, Operating Ambient Temperature, Junction Dissipation, Junction to Case Dissipation, Junction to Ambient ESD Protection (Human Body Model) Flammability Rating Moisture Sensitivity Level Relative to V SS Non-functional Functional Functional Mil-Spec 883E Method 1012.1 JEDEC (JESD 51) MIL-STD-883, Method 3015 V-0 @1/8 in. -0.5 -0.5 -0.5 -65 0 - - - 2000 - 1 4.6 4.6 VDD + 0.5 150 85 150 45 15 - 10 V V VDC C C C C/W C/W V ppm DC Parameters (VDD = VDDA = 3.3V 5%) Parameter Description Conditions Min. Typ. Max. Unit Idd3.3V Ipd3.3V Cin Cout Lpin Cxtal Dynamic Supply Current Power-down Supply Current Input Pin Capacitance Output Pin Capacitance Pin Inductance Crystal Pin Capacitance All frequencies at maximum PD# Asserted values[3] 280 Note 4 5 6 7 mA mA pF pF nH pF Measured from the Xin or Xout Pin to Ground. 30 36 42 AC Parameters (VDD = VDDA = 3.3V 5%) 66 MHz Parameter Crystal Tdc Description Min. Max. 100 MHz Min. Max. 133 MHz Min. Max. 200 MHz Min. Max. Unit Notes Xin Duty Cycle Xin Period Xin High Voltage Xin Low Voltage Xin Rise and Fall Times Xin Cycle to Cycle Jitter 47.5 69.84 0.7Vdd 0 52.5 71.0 Vdd 0.3Vdd 10.0 500 47.5 69.84 0.7Vdd 0 52.5 71.0 Vdd 0.3Vdd 10.0 500 47.5 69.84 0.7Vdd 0 52.5 71.0 Vdd 0.3Vdd 10.0 500 47.5 69.84 0.7Vdd 0 52.5 71.0 Vdd 0.3Vdd 10.0 500 % ns V V ns ps 5, 6, 7 5, 8, 9, 6 Tperiod Vhigh Vlow Tr/Tf Tccj 10 8, 11, 6 CPU at 0.7V Timing Tdc CPUT and CPUC Duty Cycle 45 14.85 55 15.3 100 45 9.85 55 10.2 100 45 7.35 55 7.65 100 45 4.85 55 5.1 100 % ns ps 11, 12, 13 11, 12, 13 8, 11, 12 Tperiod Tskew CPUT and CPUC Period Any CPU to CPU Clock Skew Notes: 3. All outputs loaded as per maximum capacitive load table. 4. Absolute value = ((Programmed CPU Iref) x (2)) + 10 mA. 5. This parameter is measured as an average over 1-s duration, with a crystal center frequency of 14.31818 MHz 6. When Xin is driven from an external clock source. 7. This is required for the duty cycle on the REF clock out to be as specified. The device will operate reliably with input duty cycles up to 30/70 but the REF clock duty cycle will not be within data sheet specifications. 8. All outputs loaded as perTable 10 below. 9. Probes are placed on the pins and measurements are acquired at 1.5V for 3.3V signals (see test and measurement set-up section of this data sheet). 10. Measured between 0.2Vdd and 0.7Vdd. 11. This measurement is applicable with Spread ON or Spread OFF. 12. Measured at crossing point (Vx) or where subtraction of CLK-CLK# crosses 0 volts Measured from Vol = 0.175V to Voh = 0.525V. 13. Test load is Rta = 33.2 ohms, Rd = 49.9 ohms. Document #: 38-07509 Rev. *A Page 14 of 20 CY28346-2 AC Parameters (VDD = VDDA = 3.3V 5%) (continued) 66 MHz Parameter Description Min. Max. 100 MHz Min. Max. 133 MHz Min. Max. 200 MHz Min. Max. Unit Notes Tccj Tr/Tf CPU Cycle to Cycle Jitter CPUT and CPUC Rise and Fall Times Rise/Fall Matching Rise Time Variation Fall Time Variation Crossing Point Voltage at 0.7V Swing 280 175 150 700 175 150 700 175 150 700 175 150 700 ps ps 11, 12, 13 11, 14, 16 20% 125 125 430 280 20% 125 125 430 280 20% 125 125 430 280 20% 125 125 430 ps ps mV 14, 15, 13 14, 13 14, 13 11, 13 DeltaTr DeltaTf Vcross CPU at 1.0V Timing Tdc CPUT and CPUC Duty Cycle 45 14.85 55 15.3 100 150 45 9.85 55 10.2 100 150 45 7.35 55 7.65 100 150 45 4.85 55 5.1 100 150 % nS pS pS ps ps 11, 12 11, 12 8, 11, 12 8, 12 11, 16 17, 18 Tperiod Tskew Tccj CPUT and CPUC Period Any CPU to Any CPU Clock Skew CPU Cycle to Cycle Jitter Differential CPUT and CPUC Tr/Tf Rise and Fall Times SEDeltaSlew Absolute Singleended Rise/Fall Waveform Symmetry Cross Point at 1.0V swing 3V66 Duty Cycle 3V66 Period 3V66 High Time 3V66 Low Time 3V66 Rise and Fall Times 175 467 325 175 467 325 175 467 325 175 467 325 Vcross 3V66 Tdc 510 760 510 760 510 760 510 760 mV 18 45 15.0 4.95 4.55 0.5 55 15.3 45 15.0 4.95 4.55 55 15.3 45 15.0 4.95 4.55 55 15.3 45 15.0 4.95 4.55 55 15.3 % ns ns ns 8, 9 5, 8, 9 19 20 21 8, 9 8, 9 8, 9 Tperiod Thigh Tlow Tr / Tf 2.0 500 250 250 0.5 2.0 500 250 250 0.5 2.0 500 250 250 0.5 2.0 500 250 250 ns ps ps ps Tskew 3V66 to 3V66 Unbuffered Clock Skew Tskew Buffered Tccj 14. 15. 16. 17. 18. 19. 20. 21. 3V66 to 3V66 Clock Skew DRCG Cycle to Cycle Jitter Measured from Vol = 0.175V to Voh = 0.525V. Determined as a fraction of 2*(Trise - Tfall)/ (Trise + Tfall). Measurement taken from differential waveform, from -0.35V to +0.35V. Measurements taken from common mode waveforms, measure rise/fall time from 0.41 to 0.86V. Rise/fall time matching is defined as "the instantaneous difference between maximum clk rise (fall) and minimum clk# fall (rise) time or minimum clk rise (fall) and maximum clk# fall (rise) time". This parameter is designed form waveform symmetry. Measured in absolute voltage, i.e. single-ended measurement. THIGH is measured at 2.4V for non host outputs. TLOW is measured at 0.4V for all outputs. Probes are placed on the pins, and measurements are acquired between 0.4V and 2.4V for 3.3V signals (see test and measurement set-up section of this data sheet). Document #: 38-07509 Rev. *A Page 15 of 20 CY28346-2 AC Parameters (VDD = VDDA = 3.3V 5%) (continued) 66 MHz Parameter 66B Tdc Description Min. Max. 100 MHz Min. Max. 133 MHz Min. Max. 200 MHz Min. Max. Unit Notes 66B(0:2) Duty Cycle 66B(0:2) Rise and Fall Times Any 66B to Any 66B Skew 66IN to 66B(0:2) Propagation Delay 66B(0:2) Cycle to Cycle Jitter PCIF(0:2) PCI (0:6) Duty Cycle PCIF(0:2) PCI (0:6) period PCIF(0:2) PCI (0:6) high time PCIF(0:2) PCI (0:6) low time PCIF(0:2) PCI (0:6) rise and fall times Any PCI clock to Any PCI clock Skew PCIF(0:2) PCI (0:6) Cycle to Cycle Jitter 45 0.5 55 2.0 175 45 0.5 55 2.0 175 45 0.5 55 2.0 175 45 0.5 55 2.0 175 % ns ps ns ps 8, 9 8, 21 8, 9 8, 9 8, 9, 22 Tr / Tf Tskew Tpd Tccj PCI Tdc 2.5 4.5 100 2.5 4.5 100 2.5 4.5 100 2.5 4.5 100 45 30.0 12.0 12.0 0.5 55 45 30.0 12.0 12.0 55 45 30.0 12.0 12.0 55 45 30 12.0 12.0 55 % nS nS nS 8, 9 5, 8, 9 19 20 21 Tperiod Thigh Tlow Tr/Tf 2.0 0.5 2.0 0.5 2.0 0.5 2.0 nS Tskew 500 500 500 500 pS 8, 9 Tccj 250 250 250 250 ps 8, 9 48M_USB Tdc 48M_USB Duty Cycle 45 55 45 55 45 55 45 55 % ns ns ps 8, 9 8, 9 8, 21 5, 8, 9 Tperiod Tr/Tf Tccj 48M_USB Period 20.8299 20.8333 20.8299 20.8333 20.8299 20.8333 20.8299 20.8333 48M_USB Rise and Fall Times 48M_USB Cycle to Cycle Jitter 45 20.837 0.5 1.0 350 1.0 2.0 350 1.0 2.0 350 1.0 2.0 350 1.0 2.10 350 48M_DOT Tdc 48M_DOT Duty Cycle 55 45 20.837 0.5 55 45 20.837 55 45 20.837 55 % ns 8, 9 8, 9 8, 9 8, 9 Tperiod Tr/Tf Tccj REF Tdc 48M_DOT Period 48M_DOT Rise and Fall Times 48M_DOT Cycle to Cycle Jitter REF Duty Cycle REF Period 1.0 350 0.5 1.0 350 0.5 1.0 350 ns ps 45 69.84 55 71.0 45 69.84 55 71.0 45 69.84 55 71.0 45 69.84 55 71.0 % ns 8, 9 8, 9 Tperiod Note: 22. This figure is additive to any jitter already present when the 66IN pin is being used as an input. Otherwise a 500-ps jitter figure is specified. Document #: 38-07509 Rev. *A Page 16 of 20 CY28346-2 AC Parameters (VDD = VDDA = 3.3V 5%) (continued) 66 MHz Parameter Description Min. Max. 100 MHz Min. Max. 133 MHz Min. Max. 200 MHz Min. Max. Unit Notes Tr / Tf Tccj REF Rise and Fall Times REF Cycle to Cycle Jitter Output Enable Delay (all outputs) Output disable delay (all outputs) All Clock Stabilization from Power-up Stopclock Set-up Time Stopclock Hold Time Oscillator Start-up Time 1.0 4.0 1000 1.0 4.0 1000 1.0 4.0 1000 1.0 4.0 1000 ns ps 8, 21 8, 9 Tpzl/Tpzh Tplz/Tpzh Tstable 1.0 1.0 10.0 10.0 3 1.0 1.0 10.0 10.0 3 1.0 1.0 10.0 10.0 3 1.0 1.0 10.0 10.0 3 ns ns ms 6 6 6 Tss Tsh Tsu 10.0 0 1.2 10.0 0 1.2 10.0 0 1.2 10.0 0 1.2 ns ns ms 23 23 24 Test and Measurement Set-up For Differential CPU Output Signals The following diagram shows lumped test load configurations for the differential Host Clock Outputs. T PC B CPUT 33.2 2 pF M e asu rem en t P oint M U LT S E L CPUC T PC B 63.4 475 33.2 2p F M ea surem ent P o in t 63.4 2 20 Figure 15. 1.0V Test Load Termination Notes: 23. CPU_STP# and PCI _STP# setup time with respect to any PCIF clock to guarantee that the effected clock will stop or start at the next PCIF clock's rising edge. 24. When Crystal meets minimum 40-ohm device series resistance specification. Document #: 38-07509 Rev. *A Page 17 of 20 CY28346-2 33 TPCB 49.9 2pF VDD CPUT Measurement Point MULTSEL 33 TPCB 49.9 2pF CPUC Measurement Point 221 For Single-Ended Output Signals Figure 16. 0.7V Test Load Termination Output under Test Probe Load Cap 3.3V signals tDC - 3.3V 2.4V 1.5V 0.4V 0V Tr Tf Figure 17. Ordering Information Part Number Package Type Product Flow CY28346ZC-2 CY28346ZC-2T CY28346ZI-2 CY28346ZI-2T 56-pin TSSOP-Tube 56-pin TSSOP-Tape and Reel 56-pin TSSOP-Tube 56-pin TSSOP-Tape and Reel Commercial, 0 to 70C Commercial, 0 to 70C Industrial, 0 to 85C Industrial, 0 to 85C Document #: 38-07509 Rev. *A Page 18 of 20 CY28346-2 Package Drawings and Dimensions 56-lead Thin Shrunk Small Outline Package, Type II (6 mm x 14 mm) Z56 51-85060-*B Intel is a registered trademark of Intel Corporation. Dial-a-Frequency is a registered trademark, and Dial-a-dB is a trademark, of Cypress Semiconductor. All product and company names mentioned in this document are the trademarks of their respective holders. Document #: 38-07509 Rev. *A Page 19 of 20 (c) Cypress Semiconductor Corporation, 2003. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges. CY28346-2 Document History Page Document Title: CY28346-2 Clock Synthesizer with Differential CPU Outputs Document Number: 38-07509 REV. ECN NO. Issue Date Orig. of Change Description of Change ** *A 122429 127147 12/11/02 06/10/03 RGL RGL New Data Sheet Corrected the value of TSU parameter in the AC parameters table from x to 1.2 Removed "Preliminary" (it is a final data sheet) Document #: 38-07509 Rev. *A Page 20 of 20 |
Price & Availability of CY28346-2 |