Part Number Hot Search : 
07K460 LLZ5235B LT726 HC259 S1200 STA435 N1A30209 OPB813S7
Product Description
Full Text Search
 

To Download CX24109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Set-top Box Solutions Satellite
Digital Satellite Tuner
CX24109
Highly Integrated, Direct Down-Conversion Satellite Tuner
Conexant's broadband communications portfolio includes a comprehensive suite of semiconductor solutions that enable the digital home and information network. Combining extensive experience in broadband systems and mixedsignal integrated circuit design, Conexant introduces the CX24109 Digital Satellite Tuner - a highly integrated, direct down-conversion satellite tuner intended for high-volume digital video, audio, and data receivers. The CX24109 consists of an LNA, variable RF attenuator, quadrature downconverter, variable IF gain amplifiers, variable low-pass filters, VCO, and synthesizer. This highly integrated satellite tuner RF IC does not require a balun, therefore simplifying RF layout and reducing the overall BOM cost. When combined with Conexant's CX24123 QPSK demodulator/FEC decoder, the chipset provides a complete broadband satellite front-end solution capable of operating from 1 to 45 Msps in the most demanding satellite environments. The CX24109 and CX24123 provides a streamlined, cost optimized front-end solution offered in a compact design that saves valuable board space and is easy to implement.
Distinguishing Features
* DVB/DSS/DCII - compliant * Single-chip RF-to-baseband satellite receiver * Zero-IF architecture eliminates the need for image-reject filtering * Variable baseband filters for optimal interference rejection * Integrated LNA and LO with onboard VCO and synthesizer * Single +5V supply * 48-pin ETQFP
Part Number CX24109
CX24109 Block Diagram
Description
Digital Satellite Tuner
Set-top Box Solutions Satellite
Zero I/F Tuner
CX24109
RF Connector Xtal
A/V Connectors
RJ-11
Stereo DAC
SmartDAA Line Side Device
CX20493
FLASH
DBS Core System Receiver and Decoder
SDRAM E PROM
2
TDA8004
CA Card Reader
Front Panel buttons, indicators, IRin
Complete IC System Solution for Worldwide DBS Platforms
CX24109 Product Features
* Single-chip RF-to-baseband satellite receiver * Zero-IF architecture eliminates the need for image-reject filtering * Integrated LNA * Integrated LO with onboard VCO and synthesizer * Variable baseband filters for optimal interference rejection * Single +5V supply * * * * * * * I/Q phase difference: 3 degrees, typical I/Q amplitude difference: 1.5 dB, typical Filter tune range: 0.5 to 30 MHz Output voltage, RL1k: 0.5 Vp-p Typical junction temperature: 90 C at room temperature Operating temperature range: 0 to 70 C Package type: 48-pin ETQFP
Product Specifications
* * * * RF input: 950 to 2150 MHz Input power range: -20 to -81 dBm Noise figure: 10 dB, typical Input IP3 at minimum gain: 10 dBm, typical
Applications
* DBS set-top boxes * Commercial digital video, audio and data receivers * Digital VCRs
(c) 2003, Conexant Systems, Inc. All Rights Reserved. Conexant and the Conexant logo are trademarks of Conexant Systems, Inc. All other trademarks are owned by their respective owners. Although Conexant strives for accuracy in all its publications, this material may contain errors or omissions and is subject to change without notice.
THIS MATERIAL IS PROVIDED AS IS AND WITHOUT
ANY EXPRESS OR IMPLIED WARRANTIES, INCLUDING MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE AND NON-INFRINGEMENT.
www.conexant.com General Information: U.S. and Canada: (800) 854-8099 International: (949) 483-6996 Headquarters - Newport Beach 4311 Jamboree Rd, P Box C .O. Newport Beach, CA 92660-3095 Order# 102204A
Conexant shall not be liable for any
special, indirect, incidental or consequential damages as a result of its use.
03-0856


▲Up To Search▲   

 
Price & Availability of CX24109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X