|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DISCRETE SEMICONDUCTORS DATA SHEET M3D076 BLV920 UHF power transistor Product specification Supersedes data of 1995 Apr 10 1997 Nov 17 Philips Semiconductors Product specification UHF power transistor FEATURES * Internal input matching to achieve high power gain and easy design of wideband circuits * Emitter ballasting resistors for an optimum temperature profile * Gold metallization ensures excellent reliability. APPLICATIONS * Base station transmitters in the 820 to 960 MHz range. handbook, halfpage BLV920 DESCRIPTION NPN silicon planar epitaxial transistor intended for common emitter class-AB operation. The transistor is encapsulated in a 6-lead SOT171A flange envelope with a ceramic cap. All leads are isolated from the flange. 2 4 6 c b PINNING - SOT171A PIN 1 2 3 4 5 6 SYMBOL e e b c e e emitter emitter base collector emitter emitter Fig.1 Simplified outline and symbol. Top view DESCRIPTION 1 3 5 MAM141 e QUICK REFERENCE DATA RF performance at Th = 25 C in a common emitter test circuit. MODE OF OPERATION CW, class-AB f (MHz) 960 VCE (V) 26 PL (W) 20 Gp (dB) 10 C (%) 55 WARNING Product and environmental safety - toxic materials This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged. All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of the user. It must never be thrown out with the general or domestic waste. 1997 Nov 17 2 Philips Semiconductors Product specification UHF power transistor LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCBO VCEO VEBO IC IC(AV) Ptot Tstg Tj PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) average collector current total power dissipation storage temperature operating junction temperature up to Tmb = 25 C open base open collector CONDITIONS open emitter - - - - - - -65 - MIN. BLV920 MAX. 70 30 3 3 3 50 +150 200 UNIT V V V A A W C C THERMAL CHARACTERISTICS SYMBOL Rth j-mb Rth mb-h PARAMETER thermal resistance from junction to mounting base thermal resistance from mounting base to heatsink CONDITIONS Ptot = 49 W; Tmb = 25 C VALUE 3.5 0.4 UNIT K/W K/W handbook, halfpage 10 MLC669 handbook, halfpage 80 MLC670 IC (A) (2) 1 P tot (W) (1) 60 (2) 40 (1) 20 10 1 1 10 V CE (V) 10 2 0 0 20 40 60 80 100 120 140 Th ( oC) (1) Tmb = 25 C. (2) Th = 70 C. (1) Continuous operation. (2) Short-time operation during mismatch. Fig.2 DC SOAR. Fig.3 Power derating curves. 1997 Nov 17 3 Philips Semiconductors Product specification UHF power transistor CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICES hFE Cc Cre Note 1. Measured under pulsed conditions: tp 500 s; 0.01. PARAMETER collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector leakage current DC current gain collector capacitance feedback capacitance CONDITIONS open emitter; IC = 15 mA open base; IC = 30 mA open collector; IE = 0.6 mA VBE = 0; VCE = 28 V VCE = 10 V; IC = 1 A; note 1 VCB = 26 V; IE = ie = 0; f = 1 MHz VCE = 26 V; IC = 0; f = 1 MHz MIN. 70 30 3 - 30 - - - - - - - 17 11 TYP. BLV920 MAX. - - - 1.5 120 - - UNIT V V V mA pF pF MLC671 handbook, halfpage 100 handbook, halfpage 60 MLC672 h FE 80 (1) Cc (pF) 40 60 (2) 40 20 20 0 0 1 2 3 4 5 I C (A) 6 0 0 10 20 30 40 50 VCB (V) Measured under pulsed conditions; tp 500 s; 0.01. (1) VCE = 26 V. (2) VCE = 10 V. IE = ie = 0; f = 1 MHz. Fig.4 DC current gain as a function of collector current; typical values. Fig.5 Collector capacitance as a function of collector-base voltage; typical values. 1997 Nov 17 4 Philips Semiconductors Product specification UHF power transistor APPLICATION INFORMATION RF performance at Th = 25 C in a common emitter, class-AB test circuit; Rth mb-h = 0.4 K/W. MODE OF OPERATION CW, class-AB Ruggedness in class-AB operation f (MHz) 960 VCE (V) 26 ICQ (mA) 50 PL (W) 20 Gp (dB) 10 BLV920 C (%) 55 The BLV920 is capable of withstanding a load mismatch corresponding to VSWR = 20 : 1 through all phases at rated output power, under the following conditions: VCE = 26 V; f = 960 MHz; ICQ = 50 mA; Th = 25 C; Rth mb-h = 0.4 K/W. handbook, halfpage 16 MLC673 MLC674 80 (%) Gp 60 handbook, halfpage 30 Gp (dB) 12 PL (W) 20 8 40 10 4 20 0 0 10 20 P L (W) 30 0 0 0 1 2 3 P i (W) 4 VCE = 26 V. ICQ = 50 mA. f = 960 MHz. VCE = 26 V. ICQ = 50 mA. f = 960 MHz. Fig.6 Power gain and efficiency as functions of load power; typical values. Fig.7 Load power as a function of input power; typical values. 1997 Nov 17 5 Philips Semiconductors Product specification UHF power transistor BLV920 handbook, full pagewidth R1 L13 C8 C7 C6 C18 C20 C14 C15 C17 R2 L14 VCC C16 C19 VB L12 L11 input 50 C1 ,,,,,,,,,,, ,,,,,,,,,,, L1 L2 L3 C5 DUT L4 C10 L5 L6 L7 L8 L9 L10 C2 C3 C4 C9 C11 C12 C13 output 50 MGC325 Fig.8 Class-AB test circuit at f = 960 MHz. List of components (see Figs 8 and 9) COMPONENT C1, C13 C2, C3, C11, C12 C4, C5 C6, C17 C7, C16 C8, C19 C14 C9, C10 C20 C15, C18 L1 L2 L3 DESCRIPTION multilayer ceramic chip capacitor; note 1 film dielectric trimmer multilayer ceramic chip capacitor; note 2 multilayer ceramic chip capacitor; note 1 ceramic capacitor solid aluminium capacitor multilayer ceramic chip capacitor; note 1 multilayer ceramic chip capacitor; note 2 multilayer ceramic chip capacitor; note 1 multilayer ceramic chip capacitor; note 1 stripline; note 3 stripline; note 3 stripline; note 3 VALUE 43 pF 1.4 pF to 5.5 pF 10 pF 150 pF 22 nF 10 F, 63 V 20 pF 11 pF 1 nF 62 pF 50 50 50 length 16.8 mm width 2.4 mm length 14.8 mm width 2.4 mm length 13.7 mm width 2.4 mm 2222 640 08223 2222 030 38109 2222 809 09001 DIMENSIONS CATALOGUE No. 1997 Nov 17 6 Philips Semiconductors Product specification UHF power transistor BLV920 COMPONENT L4 L5 L6 L7 L8 L9 L10 L11 DESCRIPTION stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 4 turns enamelled 0.8 mm copper wire 3 turns enamelled 0.8 mm copper wire grade 3B Ferroxcube wideband RF choke metal film resistor 43 43 43 43 50 50 50 VALUE DIMENSIONS length 3.5 mm width 3 mm length 6.4 mm width 3 mm length 5.8 mm width 3 mm length 2.4 mm width 3 mm length 3 mm width 2.4 mm length 15.5 mm width 2.4 mm length 20 mm width 2.4 mm int. diameter 4mm length 5 mm leads 2 x 5 mm int. diameter 3mm length 5 mm leads 2 x 5 mm CATALOGUE No. 45 nH L12 30 nH L13, L14 R1, R2 Notes 4312 020 36642 10 , 0.4 W 2322 151 71009 1. American Technical Ceramics type 100B or capacitor of same quality. 2. American Technical Ceramics type 100A or capacitor of same quality. 3. The striplines are on double-clad PCB with PTFE fibre-glass dielectric (r = 2.2); thickness 132". 1997 Nov 17 7 Philips Semiconductors Product specification UHF power transistor BLV920 handbook, full pagewidth 122 copper straps copper straps rivets rivets 70 rivets rivets copper straps copper straps C8 C20 L13 C6 C7 R1 C18 L12 C5 L1 C1 C2 L2 L3 C4 L4 L5 C14 C15 L11 C10 L6 L7 L8 C9 C3 C11 L9 R2 C17 C19 L14 C16 L10 C13 C12 MGC326 Dimensions in mm. The components are located on one side of the PTFE fibre-glass board, the other side being fully metallized to serve as an earth. Earth connections are made by fixing screws, hollow rivets and copper straps around the board and under the emitters to provide a direct contact between the component side and the ground plane. Fig.9 Component layout for 960 MHz class-AB test circuit. 1997 Nov 17 8 Philips Semiconductors Product specification UHF power transistor BLV920 MLC675 MLC676 handbook, halfpage 10 handbook, halfpage 5 Zi () 8 xi 6 ZL () 4 RL 3 XL 4 ri 2 2 1 0 820 860 900 940 f (MHz) 980 0 820 860 900 940 f (MHz) 980 VCE = 26 V; ICQ = 50 mA; PL = 20 W; Th = 25 C; Rth mb-h = 0.4 K/W. VCE = 26 V; ICQ = 50 mA; PL = 20 W; Th = 25 C; Rth mb-h = 0.4 K/W. Fig.10 Input impedance as a function of frequency (series components); typical values. Fig.11 Load impedance as a function of frequency (series components); typical values. handbook, halfpage 12 MLC677 Gp (dB) 8 handbook, halfpage 4 Zi ZL 0 820 MBA451 860 900 940 f (MHz) 980 VCE = 26 V; ICQ = 50 mA; PL = 20 W; Th = 25 C; Rth mb-h = 0.4 K/W. Fig.12 Power gain as a function of frequency; typical values. Fig.13 Definition of transistor impedance. 1997 Nov 17 9 Philips Semiconductors Product specification UHF power transistor PACKAGE OUTLINE Flanged ceramic package; 2 mounting holes; 6 leads BLV920 SOT171A D A F D1 U1 q H1 b1 C w2 M C B c 2 4 6 H U2 E1 E A 1 3 5 b e p w3 M w1 M A B Q 0 5 scale 10 mm DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 6.81 6.07 b 2.15 1.85 b1 3.20 2.89 c 0.16 0.07 D 9.25 9.04 D1 9.30 8.99 E 5.95 5.74 E1 6.00 5.70 e 3.58 F H H1 p 3.43 3.17 Q q U1 U2 w1 0.51 w2 1.02 0.04 w3 0.26 0.01 3.05 11.31 9.27 2.54 10.54 9.01 4.32 24.90 6.00 18.42 4.11 24.63 5.70 0.268 0.085 0.126 0.006 0.364 0.366 0.234 0.236 0.120 0.445 0.365 0.135 0.170 0.980 0.236 0.725 0.02 0.140 0.239 0.073 0.114 0.003 0.356 0.354 0.226 0.224 0.100 0.415 0.355 0.125 0.162 0.970 0.224 OUTLINE VERSION SOT171A REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION ISSUE DATE 97-06-28 1997 Nov 17 10 Philips Semiconductors Product specification UHF power transistor DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values BLV920 This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. 1997 Nov 17 11 Philips Semiconductors - a worldwide company Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1997 Internet: http://www.semiconductors.philips.com SCA56 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Printed in The Netherlands 127067/00/02/pp12 Date of release: 1997 Nov 17 Document order number: 9397 750 03093 |
Price & Availability of BLV920 |