Part Number Hot Search : 
MS8GE P1002A AD80066 ITS724G 74HCT244 MVME712M MCP18 ZMY68
Product Description
Full Text Search
 

To Download BGE847BO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D456
BGE847BO; BGE847BO/FC0; BGE847BO/SC0 Optical receiver modules
Product specification Supersedes data of 2000 Feb 02 2000 Apr 04
Philips Semiconductors
Product specification
Optical receiver modules
FEATURES * Excellent linearity * Low noise * Excellent flatness * Standard CATV outline * Rugged construction * Gold metallization ensures excellent reliability * High optical input power range. APPLICATIONS CATV optical node systems operating in the 40 to 870 MHz frequency range. DESCRIPTION
BGE847BO; BGE847BO/FC0; BGE847BO/SC0
PINNING PIN 1 2 3 4 5 7 8 9 DESCRIPTION monitor current common common +VB of the photo diode +VB of the amplifier common common output
High dynamic range optical receiver amplifier modules in a standard SOT115 package where the non-jacketed fibre has either no connector or has an FC/APC or SC/APC connector. The amplifier supply voltage pin and the photo diode bias voltage pin both connect to 24 V (DC). The modules have a monomode optical input suitable for 1290 to 1600 nm wavelengths, a terminal to monitor the photo diode current and an electrical output having a characteristic impedance of 75 .
alfpage
ok, halfpage
ok, halfpage
1
2
3
4
5
7
8
9
1
2
3
4
5
7
8
9
1
2
3
4
5
7
8
9
Side view
MBK044
Side view
Side view
MBL040
MBL041
Fig.1
Simplified outline SOT115T (BGE847BO).
Fig.2
Simplified outline SOT115X (BGE847BO/FC0).
Fig.3
Simplified outline SOT115Y (BGE847BO/SC0).
QUICK REFERENCE DATA SYMBOL f S22 d2 F Itot HANDLING Fibreglass optical coupling: maximum tensile strength = 5 N; minimum bending radius = 35 mm. 2000 Apr 04 2 PARAMETER frequency range output return losses optical input return losses second order distortion equivalent noise input total current consumption (DC) f = 854.5 MHz f = 40 to 450 MHz VB = 24 V f = 40 to 870 MHz CONDITIONS MIN. 40 11 45 - - 175 - - -57 7 205 MAX. 870 UNIT MHz dB dB dBc pA/Hz mA
Philips Semiconductors
Product specification
Optical receiver modules
BGE847BO; BGE847BO/FC0; BGE847BO/SC0
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL f Tstg Tmb Pin ESD PARAMETER frequency range storage temperature operating mounting base temperature optical input power ESD sensitivity continuous human body model; R = 1.5 k; C = 100 pF CONDITIONS MIN. 40 -40 -20 - 500 MAX. 870 +85 +85 5 - UNIT MHz C C mW V
CHARACTERISTICS Bandwidth 40 to 870 MHz; VB = 24 V; Tmb = 30 C; ZS = ZL = 75 . SYMBOL S responsivity BGE847BO BGE847BO/FC0, BGE847BO/SC0 FL S22 d2 flatness straight line (peak to valley) output return losses optical input return losses second order distortion fm = 446.5 MHz; notes 1 and 3 fm = 746.5 MHz; notes 1 and 4 fm = 854.5 MHz; notes 1 and 5 d3 F third order distortion equivalent noise input fm = 853.25 MHz; notes 2 and 6 f = 40 to 450 MHz f = 450 to 750 MHz f = 750 to 870 MHz s L spectral sensitivity optical wavelength length of optical fibre BGE847BO BGE847BO/FC0, BGE847BO/SC0 Itot Ipin 4 total current consumption (DC) photo diode bias current (DC) fibre; SM type; 9/125 m 1 746 175 - - 861 205 25 m mm mA mA = 1310 20 nm = 1550 20 nm - - - - 0.85 0.9 1290 f = 40 to 870 MHz f = 40 to 870 MHz PARAMETER CONDITIONS = 1300 nm 800 750 - 11 45 - - - 1 - - -68 -63 -57 -75 7 9 10.5 - - 1600 V/W V/W dB dB dB dB dB dB dB pA/Hz pA/Hz pA/Hz A/W A/W nm MIN. MAX. UNIT
2000 Apr 04
3
Philips Semiconductors
Product specification
Optical receiver modules
Notes
BGE847BO; BGE847BO/FC0; BGE847BO/SC0
1. Two laser test; each laser with a modulation index of 40%; Popt = 1 mW (total). 2. Three laser test; each laser with a modulation index of 60%; Popt = 1 mW (total). 3. fm = 446.5 MHz; fp = 97.25 MHz; fq = 349.25 MHz. 4. fm = 746.5 MHz; fp = 133.25 MHz; fq = 613.25 MHz. 5. fm = 854.5 MHz; fp = 133.25 MHz; fq = 721.25 MHz. 6. fm = 853.25 MHz; fp = 133.25 MHz; fq = 265.25 MHz; fr = 721.25 MHz.
handbook, halfpage
Pin 1
10 k
photo current
1 k
MLB151
Fig.4 Monitor current pin.
2000 Apr 04
4
Philips Semiconductors
Product specification
Optical receiver modules
PACKAGE OUTLINES
BGE847BO; BGE847BO/FC0; BGE847BO/SC0
Rectangular single-ended package; aluminium flange; 2 vertical mounting holes; 2 x 6-32 UNC and 2 extra horizontal mounting holes; optical input; 8 gold-plated in-line leads
D E S2 Z p N1 N2 M A2 1 A L S1 F S W d B U2 Q e e1 q2 q1 yMB p yMB yMB b wM 2 3 4 5 7 8 9 N
SOT115T
M1
M2
c
U1
q
0 optical input DIMENSIONS (mm are the original dimensions) UNIT A2 A max. max. 9.1 b c D d E max. max. max. e e1 F L min. 8.8
5 scale
10 mm
S1
S2
U1 U2 max. 8
W
w
y 0.1
Z max. 12
16.7 4.95 44.75 16.1 4.55
6-32 0.25 UNC
M 2.5
M1 1.6
N M2 min. 0.9 1000
N1 10.7 8.7
N2 5 1
p 4.15 3.85
Q max. 2.4
q
q1
q2
S 4.2
mm 20.8
0.51 0.25 27.2 2.54 13.75 2.54 5.08 12.7 0.38
38.1 25.4 10.2
OUTLINE VERSION SOT115T
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-04-13
2000 Apr 04
5
Philips Semiconductors
Product specification
Optical receiver modules
BGE847BO; BGE847BO/FC0; BGE847BO/SC0
Rectangular single-ended package; aluminium flange; 2 vertical mounting holes; 2 x 6-32 UNC and 2 extra horizontal mounting holes; optical input with connector; 8 gold-plated in-line leads
SOT115X
E S2 Z
D p
N1 N2 M M1
M2
A2 1 A L S1 F S c d B U2 Q q2 yMB p q1 W e e1 yMB yMB b wM 2 3 4 5 7 8 9
N R
U1
q
0 25 mm Scale
connector
0
5 scale
10 mm
S 4.2
S1
S2
U1 U2 max. 8 Q max. 2.4
W
w
y 0.1
Z max. 12
16.7 4.95 44.75 16.1 4.55
DIMENSIONS (mm are the original dimensions) UNIT A2 A max. max. 9.1 b c D d E max. max. max. e e1 F L min. 8.8 M 2.5 M1 1.6 M2 0.9 N N1 N2 5 1 p 4.15 3.85
6-32 0.25 UNC q q1
q2
R min. 35
mm 20.8
0.51 0.25 27.2 2.54 13.75 2.54 5.08 12.7 0.38
861 10.7 746 8.7
38.1 25.4 10.2
OUTLINE VERSION SOT115X
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-06-03 00-01-06
2000 Apr 04
6
Philips Semiconductors
Product specification
Optical receiver modules
BGE847BO; BGE847BO/FC0; BGE847BO/SC0
Rectangular single-ended package; aluminium flange; 2 vertical mounting holes; 2 x 6-32 UNC and 2 extra horizontal mounting holes; optical input with connector; 8 gold-plated in-line leads
SOT115Y
E S2 Z
D p
N1 N2 M M1
M2
A2 1 A L S1 F S c d B U2 Q q2 yMB p q1 W e e1 yMB yMB b wM 2 3 4 5 7 8 9
N R
U1
q
0 25 mm Scale
connector
0
5 scale
10 mm
S 4.2
S1
S2
U1 U2 max. 8 Q max. 2.4
W
w
y 0.1
Z max. 12 R min. 35
16.7 4.95 44.75 16.1 4.55
DIMENSIONS (mm are the original dimensions) UNIT A2 A max. max. 9.1 b c D d E max. max. max. e e1 F L min. 8.8 M 2.5 M1 1.6 M2 0.9 N N1 N2 5 1 p 4.15 3.85
6-32 0.25 UNC q q1
q2
mm 20.8
0.51 0.25 27.2 2.54 13.75 2.54 5.08 12.7 0.38
861 10.7 746 8.7
38.1 25.4 10.2
OUTLINE VERSION SOT115Y
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-06-03 00-01-06
2000 Apr 04
7
Philips Semiconductors
Product specification
Optical receiver modules
DATA SHEET STATUS DATA SHEET STATUS Objective specification PRODUCT STATUS Development
BGE847BO; BGE847BO/FC0; BGE847BO/SC0
DEFINITIONS (1) This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Preliminary specification
Qualification
Product specification
Production
Note 1. Please consult the most recently issued data sheet before initiating or completing a design. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
CAUTION This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.
2000 Apr 04
8
Philips Semiconductors
Product specification
Optical receiver modules
NOTES
BGE847BO; BGE847BO/FC0; BGE847BO/SC0
2000 Apr 04
9
Philips Semiconductors
Product specification
Optical receiver modules
NOTES
BGE847BO; BGE847BO/FC0; BGE847BO/SC0
2000 Apr 04
10
Philips Semiconductors
Product specification
Optical receiver modules
NOTES
BGE847BO; BGE847BO/FC0; BGE847BO/SC0
2000 Apr 04
11
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 3 Figtree Drive, HOMEBUSH, NSW 2140, Tel. +61 2 9704 8141, Fax. +61 2 9704 8139 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Via Casati, 23 - 20052 MONZA (MI), Tel. +39 039 203 6838, Fax +39 039 203 6800 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5057 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Al.Jerozolimskie 195 B, 02-222 WARSAW, Tel. +48 22 5710 000, Fax. +48 22 5710 001 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 208 730 5000, Fax. +44 208 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 3341 299, Fax.+381 11 3342 553
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 2000
Internet: http://www.semiconductors.philips.com
SCA 69
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
603510/04/pp12
Date of release: 2000
Apr 04
Document order number:
9397 750 06872


▲Up To Search▲   

 
Price & Availability of BGE847BO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X