Part Number Hot Search : 
P6KE130 2N4125 74HC74PW SSF3620 2NF08 SSF3620 MAX16054 6041373
Product Description
Full Text Search
 

To Download B772-TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
B772
TRANSISTOR (PNP) TO-92
FEATURES Power dissipation PCM: 625 mW (Tamb=25)
1. EMITTER
2. COLLECTOR
Collector current -3 A ICM: Collector-base voltage -40 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(1) DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter saturation voltage VCE(sat) VBE(sat) VCE=-2V, IC= -100mA IC=-2A, IB= -0.2A IC=-2A, IB= -0.2A VCE= -5V, IC=-0.1A Transition frequency
3. BASE
123
unless otherwise specified)
Test conditions MIN -40 -30 -6 -1 -10 -1 60 32 -0.5 -1.5 V V 400 TYP MAX UNIT V V V A A A
Ic=-100A ,IE=0 IC= -10 mA , IB=0 IE= -100A, IC=0 VCB= -40 V, IE=0 VCE=-30 V, IB=0 VEB=-6V, IC=0 VCE= -2V, IC= -1A
fT f = 10MHz
50
MHz
CLASSIFICATION OF hFE(1)
Rank Range R 60-120 O 100-200 Y 160-320 GR 200-400


▲Up To Search▲   

 
Price & Availability of B772-TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X