Part Number Hot Search : 
45TA0 64400 BC10R LCX32 FP150 LM129AH 27C10 BYV38
Product Description
Full Text Search
 

To Download B65806K1004D002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RM Cores
Series/Type:
RM 5
The following products presented in this data sheet are being withdrawn. Ordering Code B65805C0000R026 B65805J0000Y042 B65806K1004D002 B65539C1003X101 B65806A50000000 B65806A3002X022 B65539C1002X101 Substitute Product B65805C0000R048 B65805J0000Y066 B65806K1006D002 B65539C1003X001 B65806C3001X022 B65539C1003X001 Date of Withdrawal 2002-08-02 2002-08-02 2003-08-08 2004-01-23 2004-10-18 2003-08-08 2003-08-08 Deadline Last Orders 2002-12-31 2002-12-31 2004-02-29 2005-03-31 2004-02-29 2004-02-29 Last Shipments 2003-03-31 2003-03-31 2004-08-31 2005-09-30 2004-08-31 2004-08-31
For further information please contact your nearest EPCOS sales office, which will also support you in selecting a suitable substitute. The addresses of our worldwide sales network are presented at www.epcos.com/sales.
RM 5 Core
I In accordance with IEC 60431 I Core without center hole
B65805
for transformer applications
I RM cores are supplied in sets
Magnetic characteristics (per set) with center hole without center hole 0,93 22,1 23,8 18 526 mm-1 mm mm2 mm2 mm3
l/A le Ae A min Ve
1,0 20,8 20,8 -- 430
Approx. weight (per set) m 2,9 3,0 g
Gapped Material AL value nH K1 M33 N48 25 3 % 40 3 % 63 3 % 100 3 % 160 3 % 250 3 % 315 3 % s approx. mm 1,0 0,40 0,4 0,2 0,12 0,06 0,03
e
Ordering code1) -C with center hole -N with threaded sleeve B65805-+25-A1 B65805-+40-A1 B65805-+63-A33 B65805-+100-A33 B65805-+160-A48 B65805-+250-A48 B65805-+315-A48
19,9 31,8 50,2 79,6 128 200 255
1) Replace the + by the code letter "C" or "N" for the required version.
194 08/01
RM 5 Core
Ungapped Material A L value nH N26 T57 1) N30 T38 T42 N49 N87 N97 1) N41 1800 + 30/- 20 % 1430 2600 + 30/- 20 % 1920 3500 + 30/- 20 % 2590 6700 + 40/- 30 % 4960 9600 + 40/- 30 % 7090 1300 + 30/- 20 % 960 810 1200 1200 1200 < 0,06 (50 mT, 500 kHz, 100 C)
B65805
e
A L1min PV nH W/set
Ordering code -C with center hole -J w/o center hole B65805-C-R26 B65805-J-R57 B65805-J-R30 B65805-J-Y38 B65805-J-Y42 B65805-J-R49
2000 + 30/- 20 % 1470 2000 + 30/- 20 % 1470 2600 + 30/- 20 % 1920
B65805-J-R87 < 0,32 (200 mT, 100 kHz, 100 C) < 0,24 B65805-J-R97 (200 mT, 100 kHz, 100 C) B65805-J-R41 < 0,10 (200 mT, 100 kHz, 100 C)
1) Preliminary data
195 08/01
RM 5 Accessories
Coil former Material: GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085: H max. operating temperature 180 C), color code blue Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 C, 2 s Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 C, 3,5 s Winding: see "Processing Notes", page 153 Pins squared in the start-of-winding area For matching clamps and insulating washers see page 197 Sections 1 AN mm2 9,5 lN mm 25 A R value 90 Pins 4 5 6 8 4 5 6 Ordering code B65806-K1004-D1 B65806-K1005-D1 B65806-K1006-D1 B65806-K1008-D1 B65806-K1004-D2 B65806-K1005-D2 B65806-K1006-D2
B65806
2
8,7
25
94
4 pins
4 Sti te
5 and 6 pins
5 und 6 Sti te 0,7+ 0 6
8 pins
,05
8 Sti te
0,7+
0,05
0,1
5
5+
6 2
1 2
5
0,520,05
5 *) 3 o5,95 _ 0,1
0,45 max.
4
3 o10,1_ 0,1
6,95 _ 0,1 6,1_ 0,1
*)) PinAusfuhrung mit * Bei 4 is omitted inStiften entfallt Stift 4 5 5-pin version.
0,490,05
6,15 _ 0,1 0,750,05
6,9 _ 0,1
o0,52 max. *)
2,54
50,3
Hole Lochgruppen arrangement Ansicht inView in mounting Montagerichtung direction
o1+0,1
Erdungspunkte o1,3+0,1 Ground O 1,3+0,1
FRM0278-J
60
_ 10
FRM0278-J
196 08/01
RM 5 Accessories
Clamp
I With ground terminal, made of stainless spring steel (tinned), 0,335 mm thick I Solderability to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 C, 2 s I Also available as strip clamp on reels
B65806
Insulating washer 1 between core and coil former
I For tolerance compensation and for insulation I Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E
120 C), 0,06 mm thick
Insulating washer 2 for double-clad PCBs
I Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E
120 C), 0,3 mm thick Ordering code
Clamp (ordering code per piece, 2 are required) Insulating washer 1 (reel packing, PU = 1 reel) Insulating washer 2 (bulk)
B65806-A2203 B65806-A5000 B65806-D2005
Clamp
0,55 _ 0,15
Insulating washer 1
2,4 max.
Insulating washer 2
8,3+0,15 0,55 _ 0,15
_ 0,3 4,5 +0,1
9,3+0,2
0,7
FRM0012-J
Clamping forces for RM 5
Fmin: Extension of clamp from a to a2 = Xmin Fmax: Extension of clamp from a to a1 = Xmax Clamp opening a (mm) Core nose Zmax (mm) Height of core pair X (mm) X min X max Clamping force F (N) Fmin Fmax 8,3 + 0,15 0,15 8,75 9,25 5 40
197 08/01
RM 5 Accessories
SMD coil former with gullwing terminals Material:
B65822 B65806
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085: F max. operating temperature 155 C), color code black Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 350 C, 1 s Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 C, 3,5 s permissible soldering temperature for wire-wrap connection on coil former: 400 C, 1 s Winding: see "Processing Notes", page 160 Clamp
I Without ground terminal, made of stainless spring steel, 0,335 mm thick I Also available as strip clamp (each carton containing 2 reels) on request
Sections 1 2 Clamp
AN mm2 11,1 10,2
lN mm 25 25
A R value 77 85
Terminals 8 8
Ordering code B65822-F1008-T1 B65822-F1008-T2 B65806-J2204
(ordering code per piece, 2 are required)
Coil former
1 section o10,1_ 0,2 2 sections o6 _ 0,15 o5+0,15
0,40,05 8,90,2
Clamp
0,55 _ 0,15
2,10,1
0,40,05
2
0,550,05
6,2 _ 0,2
19 _ 0,2 1 8
0,55 _ 0,15
13,4 _ 0,25
8,3+0,15
0,3
9,3
FRM0025-G
3 x 3,81 = 11,43
1
14,2 _ 0,2
8 7 6 5
0,6
2
3,81
7 6 5 6
2 3 4
3 4
1,2
11,43
Recommended PCB layout
2,5 20,3
3,81
FRM0296-H
198 08/01
RM 5 Accessories
SMD coil former with J terminals Material:
B65822 B65806
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085: F max. operating temperature 155 C), color code black Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 350 C, 1 s Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 C, 3,5 s permissible soldering temperature for wire-wrap connection on coil former: 400 C, 1 s Winding: see "Processing Notes", page 160 Clamp
I Without ground terminal, made of stainless spring steel, 0,335 mm thick I Also available as strip clamp (each carton containing 2 reels) on request
Sections 1 Clamp
AN mm2 11,1
lN mm 25
A R value 73
Terminals 8
Ordering code B65822-J1008-T1 B65806-J2204
(ordering code per piece, 2 are required)
Coil former
1,2 9,80,1 7,10,1 o5,95 _ 0,15
Clamp
0,55 _ 0,15
2,10,1
0,450,05
6,15 _ 0,1
2 _ 0,15
1,5
15,6 _ 0,5 18,6 _ 0,2 6+0,3
0,750,05
0,55 _ 0,15
2,8
0,3
8,3+0,15
9,3
FRM0025-G
0,6
3x3,81 = 11,430,1
1 2 3 4
8
Recommended PCB layout
1,7 10,1_ 0,1
15,0 _ 0,2
7 6 5 5+0,15 13,5 _ 0,2
1,5
2 16
3,810,1
FRM0297-Q
199 08/01
3,81
11,43
0,6
RM 5 Accessories
Adjusting screw
I Tube core with thread and core brake made of GFR polyterephthalate
B65539 B63399, B65806
Plastic adjusting screwdriver (not shown) Plastic handle for adjusting screwdriver (not shown) Core RM 5 Material K1 M 33 N 48 AL value nH 25 40 63 100 160 250 315 315 Handle a a a a a b b Adjusting screw Fig. Tube core x length mm 1,81 x 2,0 1,81 x 2,0 1,81 x 2,7 1,81 x 2,0 1,81 x 2,7 1,81 x 3,4 1,90 x 3,4 Material Si 1 K1 Si 1 K1 N 22 N 22 N 22 Color code black yellow white yellow red green blue Min. adjusting range % 13 16 11 14 15 13 9 12 B65539-C1003-X101 B65539-C1003-X1 B65539-C1002-X101 B65539-C1003-X1 B65539-C1002-X22 B65806-C3001-X22 B65806-A3002-X22 B63399-B4 B63399-B5 Ordering code
Adjusting screwdriver
Adjusting screws a b
200 08/01
Herausgegeben von EPCOS AG Marketing Kommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND EPCOS AG 2000. Alle Rechte vorbehalten. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet. Mit den Angaben in dieser Broschure werden die Bauelemente spezifiziert, keine Eigenschaften zugesichert. Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen.
Published by EPCOS AG Marketing Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY EPCOS AG 2000. All Rights Reserved. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. The information contained in this brochure describes the type of component and shall not be considered as guaranteed characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
1


▲Up To Search▲   

 
Price & Availability of B65806K1004D002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X