Part Number Hot Search : 
100D12N2 PJSMS05C APM7322K 06BCP PC120FI AD9040A D0303 LN849RPH
Product Description
Full Text Search
 

To Download ASM7306C-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APLUS
MAKE YOUR PRODUCT A-PLUS
ASM7306C DATA SHEET
APLUS
INTEGRATED CIRCUITS INC.
Sales E-mail: sales@aplusinc.com.tw
Address: 3 F-10, No. 32, Sec. 1, Chenggung Rd., Taipei, Taiwan 115, R.O.C. (115) 32 3 10. TEL: 886-2-2782-9266 FAX: 886-2-2782-9255 WEBSITE : http: //www.aplusinc.com.tw
Technology E-mail: service@aplusinc.com.tw
ASM7306C
ASM7306C - VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
1.0 General Description The ASM7306C is very low cost voice synthesizer with 4-bit microprocessor. It has various features including 4-bit ALU, ROM, RAM, I/O ports, timers, clock generator, watchdog timer(WDT), voice synthesizer, etc. It consists of 22 instructions in the device. With CMOS technology and halt function can minimize power dissipation. Its architecture is similar to RISC, with two stages of instruction pipeline. It allows all instructions to be executed in a single cycle, except for program branches and data table read instructions (which need two instruction cycles). 1.1 Feature Single power supply can operate from 2.4V through 5.5V Internal Program ROM: 4K x 10-bit 1 sets of 18-bit DPR can access up to 224K x 10 bits data memory space Data Registers: * 64 x 4-bit data RAM (00-1Fh plus 40h-5Fh) * Unbanked special function registers (SFR) range: 20h-3Fh I/O Ports: * PRA: 4-bit I/O Port A (2Bh) * PRB: 2-bit Output Port B (2Dh) On-chip clock generator: Resistive Clock Drive(RM) Timer: 1 * Timer0: a 9-bit auto-reload timer/counter Stack: 2-level subroutine nesting HALT and Release from HALT function to reduce power consumption Watch Dog Timer (WDT) Instruction: 1-cycle instruction except for table read and program branches which are 2-cycles Number of instruction: 22 The Voice function can be implemented by microprocessor instruction * One 8-bit COUT output for ASM7306C
1
Rev 1.0
2002/09/22
ASM7306C
FIGURE 1.1 : Block Diagram of ASM7306C
Data Bus[3:0] ROM Latch PCL(4) PC[11:0] (ADDR[17:12]) =00000b ADDR[17:0] Stack(12) (2-Level) 0 ROM_ADDR[17:0] 1 DPR3,2,1 DPR[17:0] Program (Data) ROM Instruction Latch Instruction Bus [9:0] Instruction Decoder
PCLATCH(8) PCH(8)
DLATCH(10) ROM_Data[9:0]
Data Bus[3:0] Accumlator(4)
Instruction Bus [9:0]
SRAM
ALU(4) Register(4) Immediate(4) (64 x 4) 00h-1Fh 40h-5Fh
Timer0(9)
PRA(4) PRB(2)
P1,P2,P3,P4 enter test mode
( Voice synthesizer )
Clock Generator Test select Power on Reset RESET pin PRA0
weak or strong pull-low for PRA, PRB, PRC OSC VDD/GND PRASL(4)
One-Channel
Reset Chip Reset Chip
COUT
COUT
2
Rev 1.0
Instruction Bus [9:0]
Control Signal
2002/09/22
ASM7306C
FIGURE 1.2 : External ROM Map of ASM7306C
PC[11:0]
12bit x 2 STACK 18-bit Data Pointer Reset Vector
00000h
00080h
Reserved for Testing
Program and data ROM
00080h-003FFh 00400h 00000h-00FFFh
00000h-37FFFh
00FFFh(4K)
Data ROM
37FFFh(224Kx10-bits)
3
Rev 1.0
2002/09/22
ASM7306C
1.2 Pin-Out ASM7306C Pin-Out
VDD PRA3-1 PRA0/RESET I I/O Power supply during operation STI I/O port with programmable strong pull-low or weak pull-low or Std./O.D. fix-input-floating capability Output type with standard or Open-Drain output STI I/O port with programmable strong pull-low or weak pull-low or Std./O.D. fix-input-floating capability Output type with standard or Open-Drain output Mask option selected as an external RESET pin with weak pull-low capability RM mode Oscillator input Current Output of Audio Circuit Ground Potential Enter Test Mode. ( TEST = High ) Std./O.D. Output type with standard or Open-Drain output
I/O
OSC COUT GND TEST PRB0-1
I O I O O
1.3 Application circuit
4
Rev 1.0
2002/09/22
ASM7306C
1.4 Bonding Diagram
224K x 10 bit ROM
Y= 3240+80(um)
1 2 3 4 5 6 7 8
ASM7306C
CHIP SIZE: X= 1550+80(um) , Y= 3240+80(um)
11 10 9
X= 1550+80(um)
Substrate must be connected to GND.
ASM7306CPad Location PAD # PAD Name 1 RA3 2 RA2 3 RA1 4 RA0 5 OSC 6 GND X -664.92 -664.92 -662.64 -468.24 -281.04 -111.72 CHIP SIZE: X= 1550+80(um) , Y= 3240+80(um) Y PAD # PAD Name X Y -1211.84 7 TEST 105.44 -1536.52 -1339.96 8 COUT 303.96 -1536.52 -1536.52 9 VDD 683.04 -1536.52 -1536.52 10 RB0 664.92 -1335.52 -1536.52 11 RB1 664.92 -1217.12 -1536.52
5
Rev 1.0
2002/09/22
ASM7306C
1.5 DC Characteristics for ASM7306C
SYMBOL VDD Isb Iop PARAMETER OPERATING VOLTAGE SUPPLY CURRENT STANDBY OPERATING VDD 3 5 3 5 3 5 5 3 5 3 5 3 5 -10 -20 MIN. 2.4 TYP. 3 MAX. 5.5 1 1 UNIT V uA mA CONDITION depending on Freq. 4MHz, RM in HALT Mode 4MHz, RM IO Floating 4MHz, RM in HALT Mode (IO Ports with weak pull-high pull-low)
Iih
INPUT CURRENT /Internal pull low OUTPUT HIGH CURRENT OUTPUT LOW CURRENT DA CURRENT OUT (FULL SCALE) FREQUENCY STABILITY Fosc VARIATION
2 7 3 9 -5.2 -3 -8 7 20 4 5.2 10 20
uA
Ioh Iol Cout dF/F dF/F
mA
4MHz, RM (IO ports)
% %
Fosc(3v- 2.4v) Fosc (3v) VDD=3V, Rosc=820k, 4MHz
FIGURE 1.3 : Frequency Range for Rosc in RM mode Resistor(k ohm) 3v Freq.(MHz) 1400 2.56 1000 3.63 R o sc & Fre q . 8 Freq. MHz 6 4 2 0 0 200 400 600 800 1000 1200 1400 1600 R o sc k o h m 6 .8 4 .1 6 3 .6 3 2 .5 6 820 4.16 470 6.80
6
Rev 1.0
2002/09/22


▲Up To Search▲   

 
Price & Availability of ASM7306C-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X