Part Number Hot Search : 
B3540 CY7C0 13009 CY7C0 ATP18ASM 1206A10 LA100 SG2644
Product Description
Full Text Search
 

To Download 2SK1960-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SK1960
N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
The 2SK1960 is an N-channel vertical MOS FET. Because it can be driven by a voltage as low as 1.5 V and it is not necessary to consider a drive current, this FET is ideal as an actuator for low-current portable systems such as headphone stereos and video cameras.
PACKAGE DIMENSIONS (in mm)
4.5 0.1 1.6 0.2 1.5 0.1
* Gate can be driven by 1.5 V * Low ON resistance RDS(on) = 0.8 MAX. RDS(on) = 0.2 MAX. @ VGS = 1.5 V, ID = 0.1 A @ VGS = 4.0 V, ID = 1.5 A
0.8 MIN.
FEATURES
S 0.42 0.06 1.5
D
G
0.42 0.06 0.47 0.06 3.0 0.41 +0.03 -0.05 Marking: NR
EQUIVALENT CURCUIT
Drain (D)
Gate (G) Gate protection diode Source (S)
Internal diode
PIN CONNECTIONS
S: Source D: Drain G: Gate
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
PARAMETER Drain to Source Voltage Gate to Source Voltage Drain Current (DC) Drain Current (Pulse) Total Power Dissipation Channel Temperature Storage Temperature SYMBOL VDSS VGSS ID(DC) ID(pulse) PT Tch Tstg PW 10 ms, duty cycle 50 % 16 cm2 x 0.7 mm ceramic substrate used VGS = 0 VDS = 0 TEST CONDITIONS RATING 16 7.0 3.0 6.0 2.0 150 -55 to +150 UNIT V V A A W C C
Document No. D11223EJ2V0DS00 (2nd edition) Date Published June 1996 P Printed in Japan
4.0 0.25
2.5 0.1
(c)
1996
2SK1960
ELECTRICAL CHARACTERISTICS (TA = 25 C)
PARAMETER Drain Cut-Off Current Gate Leakage Current Gate Cut-Off Voltage Forward Transfer Admittance Drain to Source On-State Resistance Drain to Source On-State Resistance Drain to Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time SYMBOL IDSS IGSS VGS(off) |yfs| RDS(on)1 RDS(on)2 RDS(on)3 Ciss Coss Crss td(on) tr td(off) tf VDD = 3 V, ID = 1.5 A, VGS(on) = 3 V, RG = 10 , RL = 2 TEST CONDITIONS VDS = 16 V, VGS = 0 VGS = 7.0 V, VDS = 0 VDS = 3 V, ID = 1 mA VDS = 3 V, ID = 1.5 A VGS = 1.5 V, ID = 0.1 A VGS = 2.5 V, ID = 1.5 A VGS = 4.0 V, ID = 1.5 A VDS = 3 V, VGS = 0, f = 1.0 MHz 0.5 2.0 0.35 0.17 0.12 370 320 115 70 200 150 200 0.8 0.3 0.2 0.8 MIN. TYP. MAX. 1.0 3.0 1.1 UNIT
A A
V S pF pF pF ns ns ns ns
2
2SK1960
TYPICAL CHARACTERISTICS (TA = 25 C)
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 100 10 5
dT - Derating Factor - %
FORWARD BIAS SAFE OPERATING AREA
1 10 m s m s
80
ID - Drain Current - A
2 1 0.5
60
PW
=
10
0
m
s
40
DC
20
0.2 0.1 Single pulse 1 2 5 10 20 VDS - Drain to Source Voltage - V 50
0
30 60 90 120 TA - Ambient Temperature - C
150
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE 2.5
V 4.0
TRANSFER CHARACTERISTICS 10 VDS = 3 V
3.0
2.0
ID - Drain Current - A
2.5
2.0
V
V
V
1.5
1.8 V
ID - Drain Current - A
1
0.1
TA = 75 C 25 C -25 C
1.0
VGS = 1.5 V
0.5
0.01
0
0.2 0.4 0.6 0.8 VDS - Drain to Source Voltage - V
1.0
0.001
0
1 2 3 VGS - Gate to Source Voltage - V
4
10
|yfs| - Forward Transfer Admittance - S
RDS(on) - Drain to Source On-State Resistance -
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT VDS = 3 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 25 C 0 0.01 -25 C VGS = 1.5 V TA = 75 C 25 C -25 C
3 TA = -25 C 25 C 1 75 C
0.3
TA = 75 C
VGS = 2.5 V 10
0.1 0.01
0.03
0.1 0.3 1 ID - Drain Current - A
3
0.1 1 ID - Drain Current - A
3
2SK1960
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE 0.4 ISD - Diode Forward Current - A 10 SOURCE TO DRAIN DIODE FORWARD VOLTAGE
RDS(on) - Drain to Source On-State Resistance -
0.3 ID = 0.1 A 1.5 A 0.2 3A
1
0.1
0.1
0.01
0
2 4 6 8 VGS - Gate to Source Voltage - V
10
0.001 0.4
0.5 0.6 0.7 0.8 0.9 VSD - Source to Drain Voltage - V
1
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 1 000 500 Ciss 200 Coss 100 50 td(on), tr, td(off), tf - Switching Time - ns Ciss, Crss, Coss - Capacitance - pF 1 000 500
SWITCHING CHARACTERISTICS VDD = 3 V VGS(on) = 3 V tr 200 100 td(on) 50 tf td(off)
Crss
20 10
VGS = 0 f = 1 MHz 1 2 5 10 20 50 VDS - Drain to Source Voltage - V 100
20 10 0.1
0.2
0.5 1 2 ID - Drain Current - A
5
10
4
2SK1960
REFERENCE
Document Name NEC semiconductor device reliability/quality control system Quality grade on NEC semiconductor devices Semiconductor device mounting technology manual Guide to quality assurance for semiconductor devices Semiconductor selection guide Document No. TEI-1202 IEI-1209 C10535E MEI-1202 X10679E
5
2SK1960
[MEMO]
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customer must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices in "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact NEC Sales Representative in advance. Anti-radioactive design is not implemented in this product.
M4 94.11
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SK1960-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X