|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Transistors 2SD2067 Silicon NPN epitaxial planar type For low-frequency output amplification Features * Darlington connection * High forward current transfer ratio hFE * Large peak collector current ICP * High collector-emitter voltage (Base open) VCEO * Allowing supply with the radial taping 0.7 6.90.1 4.0 Unit: mm 2.50.1 (0.8) (1.0) (0.2) 4.50.1 0.65 max. (1.0) Absolute Maximum Ratings Ta = 25C Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation * Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 120 100 5 2 3 1 150 -55 to +150 cm2 Unit V V V 1 2 3 2.50.5 2.50.5 0.45+0.10 -0.05 1.050.05 0.45+0.10 -0.05 14.50.5 A A W C C 1: Emitter 2: Collector 3: Base MT-2-A1 Package Note) *: Printed circuit board: Copper foil area of 1 or more, and the board thickness of 1.7 mm for the collector portion Electrical Characteristics Ta = 25C 3C Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector-base cutoff current (Emitter open) Emitter-base cutoff current (Collector open) Forward current transfer ratio *1, 2 Collector-emitter saturation voltage *1 Base-emitter saturation voltage *1 Symbol VCBO VCEO VEBO ICBO IEBO hFE VCE(sat) VBE(sat) Conditions IC = 100 A, IE = 0 IC = 1 mA, IB = 0 IE = 100 A, IC = 0 VCB = 25 V, IE = 0 VEB = 4 V, IC = 0 VCE = 10 V, IC = 1 A IC = 1 A, IB = 1 mA IC = 1 A, IB = 1 mA 4 000 Min 120 100 5 0.1 1 40 000 1.5 2 Typ Max Unit V V V A A V V Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *1: Pulse measurement *2: Rank classification Rank hFE Q R S 4 000 to 10 000 8 000 to 20 000 16 000 to 40 000 (0.5) Publication date: April 2003 SJC00240BED 1 2SD2067 PC Ta 1.2 Copper plate at the collector is more than 1 cm2 in area, 1.7 mm in thickness 3.0 IC VCE Ta = 25C IB = 180 A 150 A 2.0 120 A 90 A 1.5 60 A VCE(sat) IC Collector-emitter saturation voltage VCE(sat) (V) 10 IC / IB = 1 000 Collector power dissipation PC (W) 1.0 2.5 Collector current IC (A) 25C 1 0.8 Ta = 100C -25C 0.6 0.4 1.0 0.1 0.2 0.5 30 A 0 0 40 80 120 160 0 0 2 4 6 8 10 0.01 0.01 0.1 1 10 Ambient temperature Ta (C) Collector-emitter voltage VCE (V) Collector current IC (A) VBE(sat) IC 100 hFE IC Collector output capacitance C (pF) (Common base, input open circuited) ob 105 Ta = 100C VCE = 10 V 60 Cob VCB IE = 0 f = 1 MHz Ta = 25C Base-emitter saturation voltage VBE(sat) (V) IC / IB = 1 000 Forward current transfer ratio hFE 25C 104 -25C 50 10 40 25C Ta = -25C 1 100C 103 30 20 102 10 0.1 0.01 0.1 1 10 10 0.01 0.1 1 10 0 1 10 100 Collector current IC (A) Collector current IC (A) Collector-base voltage VCB (V) Safe operation area 10 ICP IC Single pulse Ta = 25C t = 10 ms t=1s Collector current IC (A) 1 0.1 0.01 0.001 0.1 1 10 100 Collector-emitter voltage VCE (V) 2 SJC00240BED Request for your special attention and precautions in using the technical information and semiconductors described in this material (1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd. 2002 JUL This datasheet has been download from: www..com Datasheets for electronics components. |
Price & Availability of 2SD2067 |