Part Number Hot Search : 
C450PD2 MC33999 29152 P4KA12A 48104 BAS20 E440A 2SK1961
Product Description
Full Text Search
 

To Download 2SC3942 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC3942
Silicon NPN triple diffusion planar type
For color TV chroma output
0.70.1
Unit: mm
10.00.2 5.50.2
4.20.2
4.20.2 2.70.2
Features
* High collector-emitter voltage (Base open) VCEO * Small collector output capacitance (Common base, input open circuited) Cob * Full-pack package which can be installed to the heat sink with one screw
16.70.3
7.50.2
3.10.1
Solder Dip (4.0)
1.40.1
1.30.2 0.5+0.2 -0.1
Absolute Maximum Ratings Ta = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature Tj Tstg TC = 25C Symbol VCBO VCEO VEBO IC ICP PC Rating 300 300 7 0.1 0.2 10 2 150 -55 to +150 C C Unit V V V A A W
14.00.5
0.80.1
2.540.3 5.080.5
123
1: Base 2: Collector 3: Emitter EIAJ: SC-67 TO-220F-A1 Package
Electrical Characteristics Ta = 25C 3C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Base-emitter voltage Collector-emitter cutoff current (Base open) Forward current transfer ratio Collector-emitter saturation voltage Transition frequency Collector output capacitance (Common base, input open circuited) Symbol VCBO VCEO VEBO VBE ICEO hFE VCE(sat) fT Cob Conditions IC = 10 A, IE = 0 IC = 1 mA, IB = 0 IE = 10 A, IC = 0 VCE = 10 V, IC = 30 mA VCE = 200 V, IB = 0 VCE = 50 V, IC = 5 mA IC = 30 mA, IB = 3 mA VCE = 30 V, IC = 20 mA, f = 10 MHz VCB = 30 V, IE = 0, f = 1 MHz 70 140 2.7 50 Min 300 300 7 1.2 10 250 1.5 Typ Max Unit V V V V A V MHz pF
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Publication date: February 2003
SJD00115CED
1
2SC3942
PC Ta
12
120
(1) TC=Ta (2) Without heat sink
TC=25C IB=2.0mA 1.6mA 1.2mA 1.0mA 0.8mA 0.6mA
IC VCE
240
IC VBE
VCE=10V
Collector power dissipation PC (W)
10
100
200
25C TC=100C -25C
8
80
Collector current IC (mA)
Collector current IC (mA)
160
6
60
0.4mA
120
4
40
0.2mA
80
2
20
40
0
0
0
40
80
120
160
0
10
20
30
40
50
60
0
0
0.4
0.8
1.2
1.6
2.0
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Base-emitter voltage VBE (V)
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
IC/IB=10
hFE IC
1 000
25C TC=100C VCE=50V
fT I E
240
VCB=30V f=10MHz TC=25C
Forward current transfer ratio hFE
1
100
-25C
Transition frequency fT (MHz)
10 100
200
160
120
0.1
TC=100C 25C -25C
10
80
40
0.01
1
1
10
100
1
0 -1
-10
-100
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob VCB
Collector output capacitance C (pF) (Common base, input open circuited) ob
1.0
IE=0 f=1MHz TC=25C
Safe operation area
1 000
ICP Single pulse TC=25C
Collector current IC (mA)
0.8
100
t=2ms IC DC
0.6
10
0.4
1
0.2
0
0.1
1 10 100 1 000
1
10
100
1 000
Collector-base voltage VCB (V)
Collector-emitter voltage VCE (V)
2
SJD00115CED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SC3942

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X