Part Number Hot Search : 
68172 MX7226D SDR809 70007 74LVC125 2SB707 BC848C 68172
Product Description
Full Text Search
 

To Download 2023-6135-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
Features
q q q q
2023 Series
V2.00
Air Dielectric for Low Loss Frequency Range: 1.0 to 18 GHz Octave Bandwidths Meets MIL-E-5400 and MIL-E-16400 Environments
Description
These directional couplers feature compact packaging and four-port construction. This combination permits flexibility in system designs. They are intended for test and measurement setups as well as for system use. Temperature range is -54 to +110C. These units incorporate three miniature, low VSWR SMA jack connectors. Isolated port is terminated with 1/2 watt, 50 ohm load.
Mechanical Specifications
Case Style 1 2 3 4 5 A Inch (mm) 2.55 (64.8) 1.69 (42.7) 1.41 (35.6) 1.19 (30.0) 1.08 (27.4) B Inch (mm) 2.39 (60.8) 1.52 (38.7) 1.24 (31.5) 1.02 (26.0) 0.92 (23.4) C Inch (mm) 1.97 (50.1) 1.11 (28.2) 0.82 (20.8) 0.60 (15.2) 0.50 (12.7) D Inch (mm) 1.16 (29.4) 1.16 (29.4) 1.16 (29.4) 1.16 (29.4) 1.28 (32.6) E F Inch (mm) Inch (mm) 0.50 (12.7) 0.50 (12.7) 0.50 (12.7) 0.50 (12.7) 0.63 (15.9) 0.38 (9.7) 0.38 (9.7) 0.38 (9.7) 0.38 (9.7) 0.38 (9.7) G Inch (mm) 0.91 (23.2) 0.91 (23.2) 0.91 (23.2) 0.91 (23.2) 0.97 (24.6) H Inch (mm) Weight oz. g 54 31 31 28 30
0.093 (2.36) 1.90 0.093 (2.36) 1.10 0.093 (2.36) 1.07 0.093 (2.36) 0.98 0.093 (2.36) 1.01
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
5-8
Air Dielectric Directional Couplers
2023 Series
V2.00
Specifications
Coupling (Includ. Frequency Freq. Range Sens.) (GHz) (dB) 6 1.0 1.0 - 2.0 10 1.0 20 1.0 6 1.0 2.0 - 4.0 10 1.0 20 1.0 6 1.0 2.6 - 5.2 10 1.0 20 1.0 6 1.0 4.0 - 8.0 10 1.0 20 1.0 6 1.0 8.0 - 12.4 10 1.0 20 1.0 6 1.0 12.4 - 18.0 10 1.0 20 1.0 Insert. Loss Max. (dB) 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.25 0.25 0.25 0.25 0.25 0.25 M/A-COM MIL-C-15370/10* Commercial Equivalent Part No. 2023-4011-06 2023-4012-10 2023-4013-20 2023-4014-06 -- -- -- -- -- 2023-4015-10 -- -- -- 2023-4016-10 2023-4017-20 2023-4085-06 -- --
Part No. 2023-6121-06 2023-6122-10 2023-6123-20 2023-6124-06 2023-6125-10 2023-6126-20 2023-6127-06 2023-6128-10 2023-6129-20 2023-6130-06 2023-6131-10 2023-6132-20 2023-6133-06 2023-6134-10 2023-6135-20 2023-6136-06 2023-6137-10 2023-6138-20
Case Style 1 1 1 2 2 2 3 3 3 4 4 4 5 5 5 5 5 5
Freq. Sens. (dB) 0.50 0.75 1.00 0.50 0.75 1.00 0.60 0.75 1.00 0.60 0.75 1.00 0.50 0.75 1.00 0.60 0.75 1.00
Direct. Min. (dB) 20 20 20 20 20 20 18 18 18 18 18 18 15 15 15 12 12 12
VSWR Max. 1.20 1.20 1.20 1.20 1.20 1.20 1.25 1.25 1.25 1.25 1.25 1.25 1.30 1.30 1.30 1.35 1.35 1.35
Power Avg. (W) 2 5 50 2 5 50 2 5 50 2 5 50 2 5 50 2 5 50
Pk (kW) 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
5-9
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2023-6135-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X