Part Number Hot Search : 
S6X8TS1 DM6588AF DF005S05 2SC5354 93C56AK GSM793E G110DL R4000
Product Description
Full Text Search
 

To Download SMCJ78A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Avalanche Diodes
1500W Surface Mount Transient Voltage Supressors
RoHS
FEATURES
SMCJ Series
(R)
* RoHS compliant * For surface mounted applications in order to
optimize board space
* Low profile package * Built-in strain relief * Glass passivated junction * Low inductance * Excellent clamping capability * Repetition Rate(duty cycle): 0.05% * Fast response time: typically less than 1.0ps from 0 Volts to
BV min.
* Typical IR less than 1mA above 10V * High temperature soldering: 250C/10 seconds at terminals * Plastic package has Underwriters Laboratory Flammability
MAXIMUM RATINGS AND CHARACTERISTICS @25C AMBIENT TEMPERATURE (unless otherwise noted)
PARAMETER SYMBOL PPPM IPPM IFSM VALUE Min 1500 See Table 1 UNIT Watts Amps
94V-O Agency Approvals: Recognized under the Components Program of Underwriters Laboratories. Agency File Number: E128662
Peak Pulse Power Dissipation on 10/1000s waveform (note 1,2,FIG.1) Peak Pulse Current of on 10/1000s waveform (note 1,FIG.3) Peak Forward Surge Current, 8.3ms Single Half SIne Wave Superimposed on Rated Load, (JEDEC Method) (note 2,3) Operating junction and Storage Temperature Range
200
Amps
Tj, TsTG -55 to +150
C
Notes: 1. Non-repetitive current pulse , per Fig. 3 and derated above TA=25C per Fig 2 2. Mounted on 8.0mm2.Copper Pads to each terminal 3. 8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
ORDERING INFORMATION
SMCJ CA
Mechanical Specifications:
Weight: Case: Mounting Position: Polarity: Terminal: Standard Packaging:
0.007ounce, 0.21 gram JEDEC DO-214AB Molded Plastic over glass passivated junction Any Color band denotes cathode except Bidirectional Solder Plated, solderable per MIL-STD-750, Method 2026 16mm tape (EIA STD RS-481)
Voltage Bi-Directional 5% Voltage Tolerance
Tape and reeled (3000 pcs)
274
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
1500W Surface Mount Transient Voltage Supressors
RoHS
SMCJ Series
Part Number (Bi) Device Marking Code Reverse Stand off Voltage VR (Volts) 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 33.0 36.0 40.0 43.0 45.0 48.0 51.0 54.0 58.0 60.0 64.0 70.0 75.0 78.0 85.0 90.0 100.0 110.0 120.0 130.0 150.0 160.0 170.0 180.0 200.0 220.0 250.0 300.0 350.0 400.0 440.0 Breakdown Voltage VBR (Volts) @ IT MIN 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.00 11.10 12.20 13.30 14.40 15.60 16.70 17.80 18.90 20.00 22.20 24.40 26.70 28.90 31.10 33.30 36.70 40.00 44.40 47.80 50.00 53.30 56.70 60.00 64.40 66.70 71.10 77.80 83.30 86.70 94.40 100.00 111.00 122.00 133.00 144.00 167.00 178.00 189.00 201.00 224.00 246.00 279.00 335.00 391.00 447.00 492.00 MAX 7.00 7.37 7.98 8.60 9.21 9.83 10.40 11.10 12.30 13.50 14.70 15.90 17.20 18.50 19.70 20.90 22.10 24.50 26.90 29.50 31.90 34.40 36.80 40.60 44.20 49.10 52.80 55.30 58.90 62.70 66.30 71.20 73.70 78.60 86.00 92.10 95.80 104.00 111.00 123.00 135.00 147.00 159.00 185.00 197.00 209.00 222.00 247.00 272.00 309.00 371.00 432.00 494.00 543.00 Test Current IT (mA) Maximum Clamping Voltage VC @ IPP (Volts) 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0 292.0 324.0 356.0 405.0 486.0 567.0 648.0 713.0 Maximum Peak Pulse Current IPP (A) 163.0 145.7 134.0 125.0 116.3 110.3 104.2 97.4 88.3 82.5 75.4 69.8 64.7 61.5 57.7 54.4 51.4 46.3 42.3 38.6 35.7 33.1 31.0 28.2 25.9 23.3 21.7 20.6 19.4 18.2 17.3 16.1 15.5 14.6 13.3 12.4 11.9 11.0 10.3 9.3 8.5 7.8 7.2 6.2 5.8 5.5 5.1 4.6 4.2 3.7 3.1 2.6 2.3 2.1 Maximum Reverse Leakage IR @ VR (A) 800 800 500 200 100 50 20 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
ELECTRICAL SPECIFICATION @ Tamb 25C
Part Number (Uni)
UNI SMCJ5.0A SMCJ6.0A SMCJ6.5A SMCJ7.0A SMCJ7.5A SMCJ8.0A SMCJ8.5A SMCJ9.0A SMCJ10A SMCJ11A SMCJ12A SMCJ13A SMCJ14A SMCJ15A SMCJ16A SMCJ17A SMCJ18A SMCJ20A SMCJ22A SMCJ24A SMCJ26A SMCJ28A SMCJ30A SMCJ33A SMCJ36A SMCJ40A SMCJ43A SMCJ45A SMCJ48A SMCJ51A SMCJ54A SMCJ58A SMCJ60A SMCJ64A SMCJ70A SMCJ75A SMCJ78A SMCJ85A SMCJ90A SMCJ100A SMCJ110A SMCJ120A SMCJ130A SMCJ150A SMCJ160A SMCJ170A SMCJ180A SMCJ200A SMCJ220A SMCJ250A SMCJ300A SMCJ350A SMCJ400A SMCJ440A SMCJ5.0CA SMCJ6.0CA SMCJ6.5CA SMCJ7.0CA SMCJ7.5CA SMCJ8.0CA SMCJ8.5CA SMCJ9.0CA SMCJ10CA SMCJ11CA SMCJ12CA SMCJ13CA SMCJ14CA SMCJ15CA SMCJ16CA SMCJ17CA SMCJ18CA SMCJ20CA SMCJ22CA SMCJ24CA SMCJ26CA SMCJ28CA SMCJ30CA SMCJ33CA SMCJ36CA SMCJ40CA SMCJ43CA SMCJ45CA SMCJ48CA SMCJ51CA SMCJ54CA SMCJ58CA SMCJ60CA SMCJ64CA SMCJ70CA SMCJ75CA SMCJ78CA SMCJ85CA SMCJ90CA SMCJ100CA SMCJ110CA SMCJ120CA SMCJ130CA SMCJ150CA SMCJ160CA SMCJ170CA SMCJ180CA SMCJ200CA SMCJ220CA SMCJ250CA SMCJ300CA SMCJ350CA SMCJ400CA SMCJ440CA GDE GDG GDK GDM GDP GDR GDT GDV GDX GDZ GEE GEG GEK GEM GEP GER GET GEV GEX GEZ GFE GFG GFK GFM GFP GFR GFT GFV GFX GFZ GGE GGG GGK GGM GGP GGR GGT GGV GGX GGZ GHE GHG GHK GHM GHP GHR GHT GHV GHX GHZ GJE GJG GJK GJM
BI BDE BDG BDK BDM BDP BDR BDT BDV BDX BDZ BEE BEG BEK BEM BEP BER BET BEV BEX BEZ BFE BFG BFK BFM BFP BFR BFT BFV BFX BFZ BGE BGG BGK BGM BGP BGR BGT BGV BGX BGZ BHE BHG BHK BHM BHP BHR BHT BHV BHX BHZ BJE BJG BJK BJM
10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
6
SILICON DIODE ARRAYS
275
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A (VBR is 10%).
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of SMCJ78A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X