Part Number Hot Search : 
C59RM71 IR2E19 106K0 THC2192 PL4V3Z BKRDE CLQ10206 P6SBMJ27
Product Description
Full Text Search
 

To Download PZT5551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PZT5551
NPN Silicon Planar Epitaxial Transistor
BASE 1 3 EMITTER COLLECTOR 2, 4
1. BASE 2.COLLECTOR 3.EMITTER 4.COLLECTOR
4
1
2
3
SOT-223
ABSOLUTE MAXIMUM RATINGS (TA=25C)
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current (DC) Total Device Disspation Junction Temperature Storage, Temperature Symbol VCEO VCBO VEBO IC PD Tj Tstg Value 160 180 6 600 1.5 150 -55 to +150 Unit V V V mA W C C
Device Marking
PZT5551=5551
ELECTRICAL CHARACTERISTICS Characteristics
Collector-Emitter Breakdown Voltage
(IC =1mA,IB=0)
Symbol
V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO
Min
160 180 6 -
Typ
-
Max
50 50
Unit
V V V nA nA
Collector-Base Breakdown Voltage
(IC =100A,IE=0) (IE =10 A,IC=0)
Emitter-Base Breakdown Voltage
Collector-Emitter Cutoff Current
(VCB =120V,IE=0)
Emitter-Base Cutoff Current
(VEB=4V,IC=0)
WEITRON
http://www.weitron.com.tw
1/4
05-Jul-05
PZT5551
ON CHARACTERISTICS Characteristics
DC Current Gain
(VCE = 5V, I C = 1mA) (VCE = 5V, I C = 10mA) (VCE = 5V, I C = 50mA)
Symbol
hFE1 hFE2 hFE3 VCE(sat)
Min
80 80 50 -
Typ
160 -
Max
400 0.15 0.2 1
Unit
-
Collector-Emitter Saturation Voltages
(IC = 10mA, IB = 1mA) (IC = 50mA, IB = 5mA)
V V V
Base-Emitter Saturation Voltages
(IC = 10mA, IB = 1mA) (IC = 50mA, IB = 5mA)
VBE(sat)
DYNAMIC CHARACTERISTICS
Current-Gain
(VCE = 10V, IC = 10mA, f = 100MHz)
fT Cob
100 -
-
300 6
MHz pF
Output Capacitance
(VCB = 10V, IE = 0, f = 1MHz)
CLASSIFICATION OF hFE2
Rank Range A 80 - 200 N 100 - 250 C 160 - 400
WEITRON
http://www.weitron.com.tw
2 /4
05-Jul-05
PZT5551
Characteristics Curve
1000 100000 125C VCE(sat) @IC=10 IB
Saturation Voltage (mA)
25C 100
75C
10000
hFE
1000
10 hFE@VCE = 5V
75C 100 125C 25C
1
1
10
100
1000
10
0.1
1
10
100
1000
Collector Current-IC (mA) Fig.1 Current Gain & Collector Current
1000
Collector Current (mA) Fig.2 Saturation Voltage & Collector Current
100
Saturation Voltage (mV)
25C
125C
75C
Capacitance (pF)
10
VBE(sat) @ IC=10IB
Cob
100
0.1
1
10
100
1000
1
0.1
1
10
100
1000
Collector Current-IC (mA) Fig.3 Saturation Voltage & Collector Current
1000
Reverse Biased Voltage(V) Fig.4 Capacitance & Reverse-Biased Voltage
10000
Collector Current-IC (mA)
Cutoff Frequency (MHz)
PT=1ms 1000 PT=100ms PT=1s
100
100
10
VCE=10V
1
1
10
100
1
1
10
100
1000
Fig.5 Cutoff Frequency & Collector Current
WEITRON
http://www.weitron.com.tw
Collector Current (mA)
Fig.6 Safe Operation Area
05-Jul-05
Forward Voltage-VCE(V)
3/4
PZT5551
SOT-223 Outline Dimensions
unit:mm
A F
DIM
MILLIMETERS MIN MAX
4
S
1 2 3
B
D L G C H M K J
A B C D F G H J K L M S
6.30 3.30 1.50 0.60 2.90 2.20 0.020 0.24 1.50 0.85 0 6.70
6.70 3.70 1.75 0.89 3.20 2.40 0.100 0.35 2.00 1.05 10 7.30
WEITRON
http://www.weitron.com.tw
4 /4
05-Jul-05


▲Up To Search▲   

 
Price & Availability of PZT5551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X