Part Number Hot Search : 
IRF644S DE1747 V16L25JI WM2631ID GW20N60 12018 2SA123 TA0979A
Product Description
Full Text Search
 

To Download PI5C32161CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 1 2109876543212109876543210987654321098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI5C32161C
16-Bit to 32-Bit, Demux PCI Hot-Plug Bus Switch with 2V Undershoot Protection
Product Description
Pericom Semiconductors PI5C series of logic circuits are produced using the Companys advanced submicron CMOS technology, achieving industry leading performance. The PI5C32161C is a 16- to 32-bit demultiplexer bus switch. It is intended for PCI Hot-Plug applications. Industry leading advantages include a propagation delay of 250ps, resulting from 5-Ohm channel resistance, and low I/O Capacitance. A port demultiplexes to either 1B and 2B or to both. The switch is bidirectional. Precharge bias voltage is provided on B ports to minimize live insertion noise. The A port can handle up to 2V undershoot during switch disable. Application Provides PCI Hot Plugging
Product Features
RON is 5 Ohm typical Precharge on B1 and B2 ports minimizes line insertion noise Undershoot protection on A port only: 2V Low Power: 70A typical Industrial Operation Temperature: 40C to +85C Near Zero propagation delay Channel ON Capacitance: 15pF max. VCC Operating Range: +3.0V to +3.6V ESD>2000V....Human Body Model >100 MHz switching (enable clock rate) at 20pF load capacitance Packages available: 56-pin plastic TSSOP (A)
Logic Block Diagram
Pin Description
1B1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 1A 1B2 2B2 3A 3B2 4B2 5A 5B2 6B2 7A 7B2 8B2 GND Vcc 9A 9B2 10B2 11A 11B2 12B2 13A 13B2 14B2 15A 15B2 16B2 VBIAS2 SEL2
VBIAS1 Pullup 1A VBIAS2 Pullup 1B2 VBIAS1 Pullup 16A VBIAS2 Pullup 16B2 SEL1 SEL2 16B1 1B1
2B1 2A 3B1 4B1 4A 5B1 6B1 6A 7B1 8B1 8A GND VCC 9B1 10B1 10A 11B1 12B1 12A 13B1 14B1 14A 15B1 16B1 16A VBIAS1 SEL1
56-Pin A
1
PS8421B
05/01/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI5C32161C 16-Bit to 32-Bit, Demux PCI Hot-Plug Bus Switch with 2V Undershoot Protection
Function nA to nB1 nA to nB2 nA to nB1 and nB2 nB1, nB2 = VBIAS
SEL1 L H L H
SEL2 H L L H
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ............................................................. 65C to +150C Ambient Temperature with Power Applied ............................. 40C to +85C Supply Voltage to Ground Potential (Inputs & VCC Only) ...... 0.5V to +7.0V Supply Voltage to Ground Potential (Outputs & D/O Only) .... 0.5V to +7.0V DC Input Voltage ..................................................................... 0.5V to +7.0V DC Output Current ............................................................................... 120mA Power Dissipation ................................................................................... 0.5W Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
DC Electrical Characteristics (Over the Operating Range, TA = -40C to +85C, VCC = 5V 10%, VBIAS = 1.3V to VCC)
Parameters Description VIH VIL IIH IIL IOZA IOZB VIK rON Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max., VIN = VCC VCC = Max., VIN = GND Min. 2.0 -0.5 -- -- -- -0.2 Typ(2) -- -- -- -- -- -- -0.7 -- -- 5 10 Max. -- 0.8 1 1 1 -2 -1.8 8 15 Units V V A A A mA V
High Impedance Output Current A= 0V or VCC max., VBIAS1 = VBIAS2=VCC max. High Impedence Output Current B= 0V or VCC max., VBIAS1 = VBIAS2=VCC max. Clamp Diode Voltage Switch On Resistance
(4)
VCC = Min., IIN = -18mA VCC = Min., VIN = 0.0V, ION = 48mA VCC = Min., VIN = 2.4V, ION = 15mA
2
PS8421B
07/07/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI5C32161C 16-Bit to 32-Bit, Demux PCI Hot-Plug Bus Switch with 2V Undershoot Protection
Capacitance (TA = 25C, f = 1 MHz)
Parameters(5) CIN COFF CON Description Input Capacitance A/B Capacitance, Switch Off A/B Capacitance, Switch On Test Conditions VIN = 0V VIN = 0V VIN = 0V Typ. 3.5 4.5 13.5 Max. -- -- -- Units pF pF pF
Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, TA = 25C ambient and maximum loading. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 4. Measured by the voltage drop between A and B pins at indicated current through the switch. ON resistance is determined by the lower of the voltages on the two (A & B) pins. 5. This parameter is determined by device characterization but is not production tested.
Power Supply Characteristics
Parameters Description ICC ICC ICCD Quiescent Power Supply Current Supply Current per Input @ TTL HIGH Supply Current per Input per MHz(4) Test Conditions(1) VCC = Max. VCC = Max. VCC = Max., A and B Pins Open Control Input Toggling 50% Duty Cycle VIN = GND or VCC VIN = 3.4V(3) other pin=VCC or GND Min. -- -- -- Typ(2) -- -- -- Max. 200 2.5 0.25 Units A mA mA/ MHz
Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V, control inputs only); A and B pins do not contribute to ICC. 4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
Switching Characteristics over Operating Range
Conditions(1) CL = 50pF RL = 500 PI5C32161C Com. Typ. Max. 0.25 35 6 ns
Parameters t PLH t PHL t PZH t PZL t PHZ t PLZ
Description Propagation Delay(2,3) A to B Bus Enable Time SEL TO A,B Bus Disable Time SEL to A,B
Min. 10 1
Units
Notes: 1. See test circuit and waveforms. 2. This parameter is guaranteed but not tested on Propagation Delays. 3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
3
PS8421B
07/07/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI5C32161C 16-Bit to 32-Bit, Demux PCI Hot-Plug Bus Switch with 2V Undershoot Protection
56-pin TSSOP (A)
56
.236 .244
6.0 6.2
1
.547 .555
13.9 14.1 1.20 .047 Max. SEATING PLANE
.004 0.09 .008 0.20 0.45 .018 0.75 .030 .319 BSC 8.1
.0197 BSC 0.50
.007 .011 0.17 0.27
.002 .006 0.05 0.15
X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS
Ordering Information
Part PI5C32161CA Pin - Package 56- TSSOP (A) Width 240- mil
Applications Information
Logic Inputs
The logic control inputs can be driven up to +5.5V regardless of the supply voltage. For example, given a +5.0V supply, IN may be driven low to 0V and high to 5.5V. Driving IN Rail-to-Rail(R) minimizes power consumption. Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC before applying signals to the bias voltage pin and the input/output or control pins.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd
Power-Supply Sequencing
Pericom Semiconductor Corporation 2380 Bering Drive * San Jose, CA 95131 * 1-800-435-2336 * Fax (408) 435-1100 * http://www.pericom.com
4
PS8421B 07/07/00


▲Up To Search▲   

 
Price & Availability of PI5C32161CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X