Part Number Hot Search : 
NE612AN KBU3506 805SF FR105 CL766 1N5924B 1005C 3562A
Product Description
Full Text Search
 

To Download PBA1500F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Unit type
Ordering information
PBA
PBA1500F
R
PBA 1500
1 2 3
F
4
-5
5
-O
1Series name 2Output wattage 3Universal input 4Output voltage 5Optional C :with Coating G :Low leakage current U :Operation stop voltage is set at a lower value F1 :With Long-Life fan F3 :Reverse air exhaust type F4 :Low speed fan
MODEL MAX OUTPUT WATTAGE[W] DC OUTPUT
PBA1500F-3R3 990 ACIN 100V 3.3V 300A ACIN 200V*3 3.3V 300A
PBA1500F-5 1500 5V 300A 5V 300A
PBA1500F-7R5 1500 7.5V 200A 7.5V 200A
PBA1500F-12 1500 12V 125A 12V 125A
PBA1500F-15 1500 15V 100A 15V 100A
PBA1500F-24 1680 24V 65A 24V 70(105)A
PBA1500F-36 1692 36V 42A 36V 47(70)A
PBA1500F-48 1680 48V 32A 48V 35A
SPECIFICATIONS
MODEL VOLTAGE[V] CURRENT[A] FREQUENCY[Hz] INPUT ACIN 100V ACIN 200V ACIN 100V POWER FACTOR ACIN 200V ACIN 100V INRUSH CURRENT[A] ACIN 200V LEAKAGE CURRENT[mA] VOLTAGE[V] ACIN 100V CURRENT[A] ACIN 200V*3 LINE REGULATION[mV] LOAD REGULATION[mV] 0 to +50C *1 RIPPLE[mVp-p] -20 - 0C *1 0 to +50C *1 RIPPLE NOISE[mVp-p] -20 - 0C *1 0 to +50C *1 TEMPERATURE REGULATION[mV] -20 to +50C *1 DRIFT[mV] *2 START-UP TIME[ms] HOLD-UP TIME[ms] OUTPUT VOLTAGE ADJUSTMENT RANGE[V] OUTPUT VOLTAGE SETTING[V] OVERCURRENT PROTECTION OVERVOLTAGE PROTECTION[V] *4 OPERATING INDICATION REMOTE SENSING REMOTE ON/OFF INPUT-OUTPUT -RC INPUT-FG OUTPUT-RC-AUX-FG OUTPUT-RC -AUX OPERATING TEMP.,HUMID.AND ALTITUDE STORAGE TEMP.,HUMID.AND ALTITUDE VIBRATION IMPACT AGENCY APPROVALS CONDUCTED NOISE CE MARKING HARMONIC ATTENUATOR CASE SIZE/WEIGHT COOLING METHOD EFFICIENCY[%] ACIN 100V ACIN 200V PBA1500F-3R3 PBA1500F-5 PBA1500F-7R5 PBA1500F-12 PBA1500F-15 PBA1500F-24 PBA1500F-36 PBA1500F-48 AC85 - 264 1f or DC120 - 370 15typ 19typ 8typ 10typ 50/60 (47 - 63) 72typ 77typ 81typ 81typ 83typ 84typ 84typ 84typ 75typ 81typ 83typ 84typ 86typ 87typ 87typ 87typ 0.98typ (Io=100%) 0.95typ (Io=100%) 20/40typ (Io=100%) (Primary inrush current /Secondary inrush current) (More than 10 sec. to re-start) 40/40typ (Io=100%) (Primary inrush current /Secondary inrush current) (More than 10 sec. to re-start) 0.9/1.5max (ACIN 100V/240V 60Hz, Io=100%, According to IEC60950-1) 3.3 5 7.5 12 15 24 36 48 300 300 200 125 100 65 42 32 300 300 200 125 100 70(105) 47(70) 35 20max 20max 36max 48max 60max 96max 144max 192max 40max 40max 60max 100max 120max 150max 150max 300max 80max 80max 120max 120max 120max 120max 150max 150max 140max 140max 160max 160max 160max 160max 160max 400max 120max 120max 150max 150max 150max 150max 200max 200max 160max 160max 180max 180max 180max 180max 240max 500max 40max 50max 75max 120max 150max 240max 360max 480max 60max 75max 120max 180max 180max 290max 440max 600max 12max 20max 30max 48max 60max 96max 144max 192max 600typ(ACIN 100/200V, Io=100%) Start-up time is 500ms typ for less than 1minute of applying input again from turning off the input voltage. 20typ (ACIN 100/200V, Io=100%) 2.64 - 3.96 3.96 - 6.00 5.25 - 8.25 8.25 - 13.20 10.50 - 16.50 16.50 - 26.40 25.20 - 39.60 38.40 - 56.00 3.30 - 3.40 5.00 - 5.15 7.50 - 7.80 12.00 - 12.48 15.00 - 15.60 24.00 - 24.96 36.00 - 37.44 48.00 - 49.92 Works over 105% of rated current or 101% of peak current and recovers automatically Vo+0.66 - 1.32 Vo+1.0 - 2.0 Vo+1.5 - 3.0 Vo+2.4 - 4.8 Vo+3.0 - 6.0 Vo+4.8 - 9.6 Vo+7.2 - 14.4 Vo+4.8 - 12.0 LED (Green) Provided Provided AC3,000V 1minute, Cutoff current = 25mA, DC500V 50MWmin (At Room Temperature) AC2,000V 1minute, Cutoff current = 25mA, DC500V 50MWmin (At Room Temperature) AC500V 1minute, Cutoff current = 100mA, DC500V 50MWmin (At Room Temperature) AC100V 1minute, Cutoff current = 100mA, DC100V 50MWmin (At Room Temperature) -20 to +71C, 20 - 90%RH (Non condensing) 3,000m (10,000feet) max -20 to +75C, 20 - 90%RH (Non condensing) 3,000m (10,000feet) max 19.6m/s2 (2G), 10 - 55Hz, 3minutes period, 60minutes each along X, Y and Z axis 196.1m/s2 (20G), 11ms, once each X, Y and Z axis UL60950-1, C-UL(CSA60950-1), EN60950-1, EN50178 Complies with DEN-AN (At only AC input) Complies with FCC Part15 classB, VCCI-B, CISPR22-B, EN55011-B, EN55022-B, additional noise filter required for meeting class B. Low Voltage Directive, EMC Directive Complies with IEC61000-3-2 178X61X268mm (without terminal block and screw) (WXHXD) /3.4kg max Forced cooling (internal fan)
OUTPUT
PROTECTION CIRCUIT AND OTHERS
ISOLATION
ENVIRONMENT
SAFETY AND NOISE REGULATIONS OTHERS
*2 *3 *4 *
*1 Measured by 20MHz oscilloscope or Ripple-Noise meter(equivalent to KEISOKU-GIKEN : RM101). Ripple and ripple noise is measured on measuring board with capacitor of 22mF within 150mm from the output terminal. Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C. () means peak current. Peak loading for 10s. And Duty 35% max, refer to Instruction manual in detail. Overvoltage protection circuit to follow to output voltage setting. A sound may occur from power supply at pulse loading.
A-18


▲Up To Search▲   

 
Price & Availability of PBA1500F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X