|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
E2E0010-38-94 Semiconductor MSM6351/6351L Semiconductor This version: Sep. 1998 MSM6351/6351L Previous version: Mar. 1996 Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller GENERAL DESCRIPTION The MSM6351/6351L is a low-power microcontroller manufactured in silicon gate CMOS technology. Integrated into a single chip are ROM, RAM, five I/O ports, serial I/O port, timebase counter, LCD driver, three interrupts, crystal oscillator, and voltage tripler. The MSM6351/6351L, which can drive LCD display with higher-count segments, is best suited to battery powered applications, such as watches and game machines. The built-in 8-bit or 5-bit serial port provides a data communication capability with external machines. FEATURES * Low power consumption * Large capacity memory * ROM : 4096 words 15 bits * RAM : 1024 words 4 bits * I/O port Input-output port : 5 ports 4 bits (input or output can be specified for each port) * 62 LCD drivers (1/3 duty or 1/4 duty is selectable. Up to 232 segments can be displayed) * Single 1.5 V power supply operation (MSM6351) Can be changed to 3.0 V specification by mask option (MSM6351L). * Melody function * Built-in watchdog timer * Built-in 8-bit or 5-bit serial port (asynchronous or synchronous selectable) * 32.768 kHz crystal oscillator * Package options: 100-pin plastic QFP (QFP100-P-1420-0.65-K) (Product name :MSM6351-GS-K/ MSM6351L-GS-K) 100-pin plastic QFP (QFP100-P-1420-0.65-L) (Product name :MSM6351-GS-L/ MSM6351L-GS-L) 100-pin plastic QFP (QFP100-P-1420-0.65-BK) (Product name :MSM6351-GS-BK/ MSM6351L-GS-BK) Chip indicates a code number. 1/17 Semiconductor BLOCK DIAGRAM SIN SOUT SCLK A-Bus P0.0 P0.1 P0.2 P0.3 P1.0 P1.1 P1.2 P1.3 P2.0 P2.1 P2.2 P2.3 P3.0 P3.1 P3.2 P3.3 P4.0 P4.1 P4.2 P4.3 XTOUT XT XT RESET TEST1 TEST2 TEST3 P03C P02C P01C P00C D-Bus SBFF u SBFF l SERIAL I/O SCNT SCND ACC S-Bus PORT0 PORT1 PORT2 PORT3 PORT4 FLAG ALU BANK P4C WDOG0 P3C WDOG1 P2C P2.0 to P23 P1C EIRT IRQRT IEXM0 IEXM1 IEXM2 WATCHDOG TIMER INTERRUPT CONTROL IRQEX DATA RAM 10244Bits PAGE VDD FRMT WORK PROGRAM COUNTER(PC) TIME BASE COUNTER CAP1 CAP0 CAPF TMOUT PROGRAM ROM 409615Bits ADDER INSTRUCTION REGISTER MPX MDTL MDTH MELODY BD OSC SYSTEM CLOCK GENERATOR TEMP0 STACK INSTRUCTION DECODER LCD DRIVER VOLTAGE REGURATOR CONVERTER SEG0 SEG1 SEG2 SEG3 SEG61 MSM6351/6351L LCD CT VCP VCM VSS1 VSS2 VSS3 VEE 2/17 Semiconductor MSM6351/6351L PIN CONFIGURATION (TOP VIEW) TEST3 TEST2 TEST1 RESET P4.3 P4.2 P4.1 P4.0 P3.3 P3.2 P3.1 P3.0 P2.3 P2.2 P2.1 P2.0 P0.3 P0.2 P0.1 P0.0 SEG0 SEG1 SEG2 SEG3 SEG4 SEG5 SEG6 SEG7 SEG8 SEG9 SEG10 SEG11 SEG12 SEG13 SEG14 SEG15 SEG16 SEG17 SEG18 SEG19 SEG20 SEG21 SEG22 SEG23 SEG24 SEG25 SEG26 SEG27 SEG28 SEG29 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 SEG61 SEG60 SEG59 SEG58 SEG57 SEG56 SEG55 SEG54 SEG53 SEG52 SEG51 SEG50 SEG49 SEG48 SEG47 SEG46 SEG45 SEG44 SEG43 SEG42 SEG41 SEG40 SEG39 SEG38 SEG37 SEG36 SEG35 SEG34 SEG33 SEG32 SEG30 P1.3 P1.2 P1.1 P1.0 BD XTOUT XT XT VDD VSS3 VSS2 VSS1 VEE VCP VCM SOUT SIN SCLK SEG31 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 100-Pin Plastic QFP 3/17 Semiconductor MSM6351/6351L PIN DESCRIPTIONS Symbol P0.0 P0.1 P0.2 P0.3 P1.0 to P1.3 P2.0 P2.1 P2.2 P2.3 P3.0 to P3.3 P4.0 to P4.3 PORT3 PORT4 * 4-bit I/O port 3 * 4-bit I/O port 4 I/O PORT2 * 4-bit I/O port 2 PORT1 PORT0 Type Description * 4-bit I/O port 0 The input (*) /output, the existence (*) / absence of pull-down resistance, and the HALT function release enable/disable (*) condition can be selected for each bit. * 4-bit I/O port 1 The input (*) /output, External the existence (*) / interrupt absence of pull-down signal resistance, and the HALT function release enable/ disable (*) condition can be selected for each port. A Capture trigger signal I/O Circuitry * Oscillator clock output. XTOUT XT XT RESET TEST1 TEST2 TEST3 SIN SOUT I O I O O I I The oscillator clock is output when XTF (bit 3 of port P00C) is set to "1". * Oscillator connection pins. * Reset input. This is an input with a pull-down resistor. The system is reset when "1" is input. * Test input. This is an input with a pull-down resistor. * Serial port data input. * Serial port data output. When the port is not in an output state, this pin is set at high-impedance level, except when HZOUT (bit 3 of port P2XC) =1 and transmitting data. * Serial port clock input/output. SCLK I/O The input/output (*) is switched by the serial port control register SCNT. In the output mode, the serial clock frequency can be selected from the demultiplied signal (1/1, 1/2 or 1/4 of the system clock). BD O * Melody output (buzzer drive output). * LCD drive output with 1/3 bias and 1/3 duty, or 1/3 bias and 1/4 duty. The duty can be switched by LCD control register LCDCNT. SEG0 to SEG61 O A maximum of 177 segments can be displayed when using 1/3 duty and 232 when using 1/4 duty. -- I H G D F C B E * Means system reset conditions. 4/17 Semiconductor MSM6351/6351L PIN DESCRIPTIONS (continued) Symbol VDD VSS1 VSS2 VSS3 VEE VCM VCP * 0 V power supply pin * -1.5 V power supply pin (for 1.5 V operation) * -3.0 V power supply pin (for 3.0 V operation) * -4.5 V power supply pin * Internal logic power supply pin * Internal voltage converter capacitor connecting pin Description I/O Circuitry -- -- -- -- -- -- Circuitry on Input/Output Pins A. Input/output port 3-state CMOS buffer I/O CMOS inverter Note: VSS: VSS 10 kW (Standard) VSS 1.5 V operationAEVSS1 3.0 V operationAEVSS2 Output enable Pull-down enable VSS B. Oscillator I XT VDD O XT a c VEE VEE Note a c VDD b b 5/17 Semiconductor Circuitry on Input/Output Pins (continued) C. RESET input CMOS Schmitt trigger buffer MSM6351/6351L H. SCLK input/output I/O I VSS VSS VSS Output enable VSS D. TEST input I I. BD output VDD VSS Output resistor control VSS O E. XTOUT output O VSS VSS F. SIN input I VSS G. SOUT output O VSS Output enable 6/17 Semiconductor MSM6351/6351L ABSOLUTE MAXIMUM RATINGS (MSM6351 (1.5 V Battery), BUF = "0") VDD = 0 V (VSS1 = Battery Voltage) Parameter Power Supply Voltage Input Voltage Output Voltage *1 Output Voltage *2 Storage Temperature Symbol -- VIN VO1 VO2 TSTG -- Ta = 25C Condition Rating -6.0 to +0.3 VSS1 - 0.3 to VSS1 + 0.3 VSS1 - 0.3 to VSS1 + 0.3 -6.0 to +0.3 -55 to +125 C V Unit *1 Normal output *2 LCD driver output RECOMMENDED OPERATING CONDITIONS (MSM6351 (1.5 V Battery), BUF = "0") Parameter Operating Voltage Operating Temperature Operating Frequency Symbol Vop Top fOSC Condition BUF = "0" -- -- VDD = 0 V (VSS1 = Battery Voltage) Range Unit -1.75 to -1.25 -20 to +70 32.768 V C kHz 7/17 Semiconductor MSM6351/6351L ELECTRICAL CHARACTERISTICS (MSM6351 (1.5 V Battery), BUF = "0") VDD = 0 V, VSS1 = -1.5 V (Battery Voltage), VSS2 = -3.0 V, VSS3 = -4.5 V, fOSC = 32.768 kHz, CX = 35 pF, Ta = 25C Parameter Symbol Condition Min. Typ. Max. Unit Applied Pin Power Supply Current Voltage for Oscillation Start Output Current 1 Common/Segment Output IDD -VOSC -IOH1 IOMH1 IOML1 -IOL1 -IOH2 Output Current 2 IOL2 Output Current 3 Input Current 1 -IOH3 IOL3 -IIH1 VO = -1.0 V VO = -0.5 V VO = -1.0 V VI = 0 V I/O input With pull-down resistor VI = 0 V, -1.5 V I/O input Without pull-down resistor VI = 0 V With pull-down resistor -- -- 150 7 20 75 -- -- -- -- -- -- *1 *2 Within 2 sec. VOH = -0.2 V VOMH = VSS1 0.2 V VOML = VSS2 0.2 V VOL = -4.3 V VO = -0.5 V -- -- 4 4 4 4 150 3.0 -- -- -- -- -- -- -- 1.4 -- -- -- -- -- PORT0 to *3, mA PORT4 SOUT, SCLK, XTOUT mA BD mA PORT0 to PORT4 mA SEG0 to SEG61 mA V -- -- 150 300 Input Leakage Current IIL2 -- -- 1 PORT0 to mA PORT4, SCLK, SIN, SOUT mA RESET V All input pins Input Current 3 Input Voltage -IIH3 -VIH -VIL -- -- 1.2 4 -- -- -- 0.3 -- *1 This value depends on program. *2 BUF = "0" *3 PORT0 = P0.0 to P0.3, PORT1 = P1.0 to P1.3, PORT2 = P2.0 to P2.3, PORT3 = P3.0 to P3.3, PORT4 = P4.0 to P4.3 8/17 Semiconductor MSM6351/6351L ABSOLUTE MAXIMUM RATINGS (MSM6351L (3.0 V Battery), Halver used (BUF = "0")) VDD = 0 V (VSS2 = Battery Voltage) Parameter Power Supply Voltage Input Voltage Output Voltage *1 Output Voltage *2 Storage Temperature Symbol -- VIN VO1 VO2 TSTG -- Ta = 25C Condition Rating -6.0 to +0.3 VSS2 - 0.3 to VSS2 + 0.3 VSS2 - 0.3 to VSS2 + 0.3 -6.0 to +0.3 -55 to +125 C V Unit *1 Normal output *2 LCD driver output RECOMMENDED OPERATING CONDITIONS (MSM6351L (3.0 V Battery), Halver used (BUF = "0")) VDD = 0 V (VSS2 = Battery Voltage) Parameter Operating Voltage Operating Temperature Operating Frequency Symbol Vop Top fOSC Condition Halver used (BUF = "0") -- -- Range -3.5 to -2.6 -20 to +70 32.768 Unit V C kHz 9/17 Semiconductor MSM6351/6351L ELECTRICAL CHARACTERISTICS (MSM6351L (3.0 V Battery), Halver used (BUF="0")) VDD = 0 V, VSS1 = -1.5 V, VSS2 = -3.0 V (Battery Voltage), VSS3 = -4.5 V, fOSC = 32.768 kHz, CX = 35 pF, Ta = 25C Parameter Symbol Condition Min. Typ. Max. Unit Applied Pin Power Supply Current Voltage for Oscillation Start Output Current 1 Common/Segment Output IDD -VOSC -IOH1 IOMH1 IOML1 -IOL1 -IOH2 Output Current 2 -IOL2 Output Current 3 Input Current 1 -IOH3 -IOL3 -IIH1 VO = -2.5 V VO = -0.5 V VO = -2.5 V VI = 0 V I/O input With pull-down resistor VI = 0 V, -3 V I/O input Without pull-down resistor VI = 0 V With pull-down resistor -- -- 500 7 20 150 -- -- -- 300 -- -- -- 600 *1 *2 Within 2 sec. VOH = -0.2 V VOMH = VSS1 0.2 V VOML = VSS2 0.2 V VOL = -4.3 V VO = -0.5 V -- -- 4 4 4 4 500 1.5 -- -- -- -- -- -- -- 2.4 -- -- -- -- -- PORT0 to *3, mA PORT4 SOUT, SCLK, XTOUT mA BD mA PORT0 to PORT4 mA SEG0 to SEG61 mA V -- -- Input Leakage Current IIL2 -- -- 1 PORT0 to mA PORT4, SCLK, SIN, SOUT mA RESET V All input pins Input Current 3 Input Voltage -IIH3 -VIH -VIL -- -- 2.5 25 -- -- -- 0.5 -- *1 This value depends on program. *2 When 3 V battery with halver is used (BUF = "0") *3 PORT0 = P0.0 to P0.3, PORT1 = P1.0 to P1.3, PORT2 = P2.0 to P2.3, PORT3 = P3.0 to P3.3, PORT4 = P4.0 to P4.3 10/17 Semiconductor MSM6351/6351L ABSOLUTE MAXIMUM RATINGS (MSM6351L (3.0 V Battery), Halver not used (BUF = "1")) VDD = 0 V (VSS2 = Battery Voltage) Parameter Power Supply Voltage Input Voltage Output Voltage *1 Output Voltage *2 Storage Temperature Symbol -- VIN VO1 VO2 TSTG -- Ta = 25C Condition Rating -6.0 to +0.3 VSS2 - 0.3 to +0.3 VSS2 - 0.3 to +0.3 -6.0 to +0.3 -55 to +125 C V Unit *1 Normal output *2 LCD driver output RECOMMENDED OPERATING CONDITIONS (MSM6351L (3.0 V Battery), Halver not used (BUF = "1")) VDD = 0 V (VSS2 = Battery Voltage) Parameter Operating Voltage Operating Temperature Operating Frequency Symbol Vop Top fOSC Condition Halver not used (BUF = "1") -- -- Range -3.5 to -2.2 -20 to +70 32.768 Unit V C kHz 11/17 Semiconductor MSM6351/6351L ELECTRICAL CHARACTERISTICS (MSM6351L (3.0 V Battery), Halver not used (BUF="1")) VDD = 0 V, VSS1 = -1.5 V, VSS2 = -3.0 V (Battery Voltage), VSS3 = -4.5 V, fOSC = 32.768 kHz, CX = 35 pF, Ta = 25C Parameter Symbol Condition Min. Typ. Max. Unit Applied Pin Power Supply Current Voltage for Oscillation Start Output Current 1 Common/Segment Output IDD -VOSC -IOH1 IOMH1 IOML1 -IOL1 -IOH2 Output Current 2 -IOL2 Output Current 3 Input Current 1 -IOH3 -IOL3 -IIH1 VO = -2.5 V VO = -0.5 V VO = -2.5 V VI = 0 V I/O input With pull-down resistor VI = 0 V, -3 V I/O input Without pull-down resistor VI = 0 V With pull-down resistor -- -- 500 7 20 150 -- -- -- 300 -- -- -- 600 *1 *2 Within 2 sec. VOH = -0.2 V VOMH = VSS1 0.2 V VOML = VSS2 0.2 V VOL = -4.3 V VO = -0.5 V -- -- 4 4 4 4 500 3.0 -- -- -- -- -- -- -- 2.4 -- -- -- -- -- PORT0 to *3, mA PORT4 SOUT, SCLK, XTOUT mA BD mA PORT0 to PORT4 mA SEG0 to SEG61 mA V -- -- Input Leakage Current IIL2 -- -- 1 PORT0 to mA PORT4, SCLK, SIN, SOUT mA RESET V All input pins Input Current 3 Input Voltage -IIH3 -VIH -VIL -- -- 2.5 25 -- -- -- 0.5 -- *1 This value depends on program. *2 When halver is not used (BUF = "1") *3 PORT0 = P0.0 to P0.3, PORT1 = P1.0 to P1.3, PORT2 = P2.0 to P2.3, PORT3 = P3.0 to P3.3, PORT4 = P4.0 to P4.3 12/17 Semiconductor MSM6351/6351L INSTRUCTION LIST Mnemonic ADD ACC, REG1 ADD #i, REG1 ADC REG1 Instruction code 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 P 0 1 0 0 r3 r2 r1 r0 0 0 1 1 0 0 P i3 i2 i1 i0 r3 r2 r1 r0 0 0 0 0 0 0 P 0 1 0 1 r3 r2 r1 r0 0 1 1 0 0 0 P N3 N2 N1 N0 r3 r2 r1 r0 0 0 0 0 0 1 P 0 1 0 0 r3 r2 r1 r0 0 0 1 1 0 1 P i3 i2 i1 i0 r3 r2 r1 r0 0 0 0 0 0 1 P 0 1 0 1 r3 r2 r1 r0 0 1 1 0 0 1 P N3 N2 N1 N0 r3 r2 r1 r0 0 0 0 0 0 1 P 1 1 1 0 r3 r2 r1 r0 0 0 1 0 1 1 P i3 i2 i1 i0 r3 r2 r1 r0 0 0 0 0 0 0 P 0 0 0 1 r3 r2 r1 r0 1 0 0 0 b1 b0 0 P3 P2 P1 P0 r3 r2 r1 r0 0 0 0 0 0 1 P 0 0 0 1 r3 r2 r1 r0 1 0 0 1 b1 b0 0 P3 P2 P1 P0 r3 r2 r1 r0 0 0 0 0 0 0 P 1 1 1 0 r3 r2 r1 r0 0 0 1 0 1 0 P i3 i2 i1 i0 r3 r2 r1 r0 0 0 0 0 0 0 P 0 1 1 0 r3 r2 r1 r0 0 0 1 0 0 0 P i3 i2 i1 i0 r3 r2 r1 r0 0 0 0 0 0 1 P 0 1 1 0 r3 r2 r1 r0 0 0 1 0 0 1 P i3 i2 i1 i0 r3 r2 r1 r0 0 0 0 0 0 0 P 0 1 1 1 r3 r2 r1 r0 0 0 1 1 1 1 P i3 i2 i1 i0 r3 r2 r1 r0 0 0 0 0 0 0 P 0 0 1 0 r3 r2 r1 r0 0 0 0 0 0 1 P 0 0 1 0 r3 r2 r1 r0 0 0 0 0 0 0 P 0 0 1 1 r3 r2 r1 r0 0 0 0 0 0 1 P 0 0 1 1 r3 r2 r1 r0 000000010000000 000000010010000 000000010100000 000000010110000 000001010000000 000001010010000 000001010100000 000001010110000 Description (rP), (ACC), (Z), (C)(rP) + (ACC) (rP), (ACC), (Z), (C)(rP) +i (rP), (ACC), (Z), (C)decimal adj [(rP) + (ACC) + (C)] (rP), (ACC), (Z), (C)N adjust [(rP) + (C)] (rP), (ACC), (Z), (C)(rP) + (ACC) (rP), (ACC), (Z), (C)(rP) -i (rP), (ACC), (Z), (C)decimal adj [(rP) - (ACC) - (C)] (rP), (ACC), (Z), (C)N adjust [(rP) - (C)] (Z), (C)(rP) - (ACC) (Z), (C)(rP) - i (rP), (ACC), (Z), (C)(rP) +1 (rPb), (ACC), (Z), (C)(rPb) +1 (rP), (ACC), (Z), (C)(rP) -1 (rPb), (ACC), (Z), (C)(rPb) -1 (Z)(rP3) (ACC3) (rP2) (ACC2) (rP1) (ACC1) (rP0) (ACC0) (Z)(rP3) i3 (rP2) i2 (rP1) i1 (rP0) i0 (rP), (ACC), (Z)(rP) (ACC) (rP), (ACC), (Z)(rP) i (rP), (ACC), (Z)(rP) (ACC) (rP), (ACC), (Z)(rP) i Machine cycle 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Arithmetic operation instruction Bit manipulation instruction ADCN REG1 SUB ACC, REG1 SUB #i, REG1 SBC REG1 SBCN REG1 CMP ACC, REG1 CMP #i, REG1 INC REG1 INCD REG2 DEC REG1 DECD REG2 BIT ACC, REG1 BIT #i, REG1 BIS ACC, REG1 BIS #i, REG1 BIC ACC, REG1 BIC #1, REG1 XOR ACC, REG1 XOR #1, REG1 (rP), (ACC), (Z)(rP) (ACC) (rP), (ACC), (Z)(rP) i Flag operation instruction Rotate instruction ROR REG1 ROL REG1 ASR REG1 ASL REG1 CLG CLC CLZ CLA SEG SEC SEZ SEA (Z), (ACC)[ AE(C)AE(rP)AE ] (Z), (ACC)[ (C)(rP) ] (Z), (ACC)[OAE(rP)AE(C)] (Z), (ACC)[(C)(rP)O] (G)O (C)O (Z)O (Z), (C), (G)O (G)1 (C)1 (Z)1 (Z), (C), (G)1 13/17 Semiconductor MSM6351/6351L INSTRUCTION LIST (continued) Mnemonic Subroutine Data transfer instruction instruciton MOV ACC, REG1 MOVD ACC, REG2 MOV #i, REG1 MOV REG1, ACC MOVD REG2, ACC EXG REG1 EXGD REG2 CALL adrs RET RTI JMP adrs AMP @ REG1 JMPO @ REG1 BGT n Instruction code 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 P 1 1 1 1 r3 r2 r1 r0 1 0 1 0 b1 b0 0 P3 P2 P1 P0 r3 r2 r1 r0 0 0 1 1 1 0 P i3 i2 i1 i0 r3 r2 r1 r0 0 0 0 0 0 1 P 1 1 1 1 r3 r2 r1 r0 1 0 1 1 b1 b0 0 P3 P2 P1 P0 r3 r2 r1 r0 0 0 0 0 0 1 P 0 0 0 0 r3 r2 r1 r0 0 1 1 1 b1 b0 0 P3 P2 P1 P0 r3 r2 r1 r0 1 1 1 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 000000011000000 000001011000000 1 1 0 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 0 0 0 0 0 0 0 1 1 0 1 r3 r2 r1 r0 0 0 0 0 0 1 0 1 1 0 1 r3 r2 r1 r0 0 0 0 0 1 1 P 0 0 1 n4 n3 n2 n1 n0 (rP)(ACC) (rPb)(ACC) Description Machine cycle 1 1 When P=0 in bit 8, N=n+1; when P=1, N=-n. 1 1 1 1 1 1 1 1 1 1 1 1 (rP), (ACC), (Z)i (ACC), (Z)(rP) (ACC), (Z)(rPb) (rP)(ACC) (rPb)(ACC) (STACK)(PC), (PC)a11 to a0, (SP)(SP)+1 (PC)(STACK)+1, (SP)(SP)-1 (PC)(STACK)+1, (SP)(SP)-1 (at INT routine) (PC)a11 to a0 (PC)(PC)+(rP)+1 (PC)(PC)+7 (rP)+1 if (G)=1 then (PC)(PC)+N else (PC)(PC)+1 if (G)=0 BLE n 0 0 0 0 1 1 P 1 0 1 n4 n3 n2 n1 n0 1 then (PC)(PC)+N else (PC)(PC)+1 if (C)=1 1 then (PC)(PC)+N else (PC)(PC)+1 if (C)=0 1 then (PC)(PC)+N else (PC)(PC)+1 if (Z)=1 1 then (PC)(PC)+N else (PC)(PC)+1 if (Z)=0 1 then (PC)(PC)+N else (PC)(PC)+1 if {(G)=1 or (Z)=1} 1 then (PC)(PC)+N else (PC)(PC)+1 if {(G)=0 and (Z)=0} 1 then (PC)(PC)+N else (PC)(PC)+1 Specifies the first address of note data. (E00H~FFFH) digit (Low Part)(rP), (ACC) digit (High Part)(rP), (ACC) digit (Low Part)(rP) via Table digit (Low Part)(rP) via Table (PORTy)(rP) (PORTy)i (rP), (ACC)(PORTy) NO Operation HAIT CPU 2 1 1 2 2 1 1 1 1 1 BCS n 0 0 0 0 1 1 P 0 0 0 n4 n3 n2 n1 n0 Jump instruction BCC n 0 0 0 0 1 1 P 1 0 0 n4 n3 n2 n1 n0 BEQ n (BZE n) 0 0 0 0 1 1 P 0 1 0 n4 n3 n2 n1 n0 BNE n (BNZ n) 0 0 0 0 1 1 P 1 1 0 n4 n3 n2 n1 n0 BGE n 0 0 0 0 1 1 P 0 1 1 n4 n3 n2 n1 n0 BLT n 0 0 0 0 1 1 P 1 1 1 n4 n3 n2 n1 n0 Melody start MSA adrs * DSP dig, REG1 * DSPH dig, REG1 * DSPF dig, REG1 * DSPF dig, REG1 * 0 0 0 0 1 0 a8 a7 a6 a5 a4 a3 a2 a1 a0 0 0 0 1 0 0 P dig3 dig2 dig1 dig0 r3 r2 r1 r0 0 0 0 1 0 1 P dig3 dig2 dig1 dig0 r3 r2 r1 r0 0 0 0 1 1 0 P dig3 dig2 dig1 dig0 r3 r2 r1 r0 0 0 0 1 1 1 P dig3 dig2 dig1 dig0 r3 r2 r1 r0 0 1 0 1 0 y4 P y3 y2 y1 y0 r3 r2 r1 r0 0 1 0 1 1 y4 P y3 y2 y1 y0 i3 i2 i1 i0 0 1 0 0 0 y4 P y3 y2 y1 y0 r3 r2 r1 r0 000000000000000 000001001110000 CPU Input/output control instruction Display instruction OUT REG1, PORT OUT #i, PORT INP PORT, REG1 NOP HALT 14/17 Semiconductor MSM6351/6351L PACKAGE DIMENSIONS (Unit : mm) QFP100-P-1420-0.65-K Mirror finish Package material Lead frame material Pin treatment Solder plate thickness Package weight (g) Epoxy resin 42 alloy Solder plating 5 mm or more 1.29 TYP. Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times). 15/17 Semiconductor MSM6351/6351L (Unit : mm) QFP100-P-1420-0.65-L Spherical surface Package material Lead frame material Pin treatment Solder plate thickness Package weight (g) Epoxy resin 42 alloy Solder plating 5 mm or more 1.29 TYP. Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times). 16/17 Semiconductor MSM6351/6351L (Unit : mm) QFP100-P-1420-0.65-BK Mirror finish Package material Lead frame material Pin treatment Solder plate thickness Package weight (g) Epoxy resin 42 alloy Solder plating 5 mm or more 1.29 TYP. Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times). 17/17 |
Price & Availability of MSM6351 |