Part Number Hot Search : 
RU2AG 84072XXX MRF5177 741KH DM162 HEM106 471M50V 25016
Product Description
Full Text Search
 

To Download MOC80201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8020
DESCRIPTION
The MOC8020 and MOC8021 are photodarlington-type optically coupled optocouplers. The devices have a gallium arsenide infrared emitting diode coupled with a silicon darlington phototransistor.
MOC8021
PACKAGE DIMENSIONS
PIN 1 ID.
0.270 (6.86) 0.240 (6.10)
FEATURES
* High current transfer ratio 6 -500% (MOC8020) -1000% (MOC8021) * No base connection for improved noise immunity * Underwriters Laboratory (UL) recognized File# E90700
SEATING PLANE
0.350 (8.89) 0.330 (8.38) 0.070 (1.78) 0.045 (1.14)
1
0.200 (5.08) 0.115 (2.92)
APPLICATIONS
* * * * * Appliances, measuring instruments I/O interface for computers Programmable controllers Portable electronics Interfacing and coupling systems of different potentials and impedance * Solid state relays
ANODE 1
6 N/C
0.154 (3.90) 0.100 (2.54)
0.020 (0.51) MIN 0.016 (0.40) 0.008 (0.20)
CATHODE 2
5 COLLECTOR
0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP
0 to 15
0.300 (7.62) TYP
N/C 3
4 EMITTER
NOTE All dimensions are in inches (millimeters)
ABSOLUTE MAXIMUM RATINGS
Parameter TOTAL DEVICE Storage Temperature Operating Temperature Lead Solder Temperature Total Device Power Dissipation @ TA = 25C Derate above 25C Input-Output Isolation Voltage EMITTER DC/Average Forward Input Current Reverse Input Voltage LED Power Dissipation @ TA = 25C Derate above 25C DETECTOR Collector-Emitter Voltage Detector Power Dissipation @ TA = 25C Derate above 25C Continuous Collector Current
(TA = 25C Unless otherwise specified.) Symbol TSTG TOPR TSOL PD VISO IF VR PD VCEO PD IC Value -55 to +150 -55 to +100 260 for 10 sec 250 2.94 5300 60 3 120 1.41 50 150 1.76 150 Units C C C mW mW/C Vac(rms) mA V mW mW/C V mW mW/C mA
2001 Fairchild Semiconductor Corporation DS300392 1/14/02
1 OF 5
www.fairchildsemi.com
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8020
ELECTRICAL CHARACTERISTICS
(TA = 25C Unless otherwise specified.)
MOC8021
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter EMITTER Input Forward Voltage Input Capacitance Reverse Leakage Current DETECTOR Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Dark Current Test Conditions (IF = 10 mA) (VF = 0, f = 1 MHz) (VR = 3.0 V) (IC = 1.0 mA) (IE = 100 A) (VCE = 10 V) Symbol VF CIN IR BVCEO BVECO ICEO 50 5 100 Min Typ** 1.15 18 0.05 10 Max 2 Unit V pF A V V nA
TRANSFER CHARACTERISTICS
DC Characteristic Current Transfer Ratio, Collector-Emitter Collector-Emitter Saturation Voltage MOC8020 MOC8021 Test Conditions (IF = 10 mA, VCE = 5 V) (IF = 10 mA, VCE = 5 V) (IF = 10 mA, IC = 25 mA) Symbol CTR VCE(SAT) Min 500 1000 2 Typ** Max Units % V
TRANSFER CHARACTERISTICS
Characteristic SWITCHING TIMES Turn-on Time Turn-off Time (VCC= 10 V, RL = 100!, IF = 5 mA) toff 95 s Test Conditions Symbol ton Min Typ** 3.5 Max Units s
ISOLATION CHARACTERISTICS
Characteristic Input-Output Isolation Voltage Isolation Resistance Isolation Capacitance Note ** Typical values at TA = 25C Test Conditions (II-O "#1 A, 1 min.) (II-O "#1 A, 1 min.) (VI-O = 500 VDC) (f = 1 MHz) Symbol VISO RISO CISO Min 7500 5300 1011 0.5 Typ** Max Units Vac(pk) Vac(rms) ! pf
www.fairchildsemi.com
2 OF 5
1/14/02
DS300392
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8020
Fig. 1 Output Current vs. Input Current
CTR - CURRENT TRANSFER RATIO (NORMALIZED)
TA = 0C, 25C TA = 70C TA = 100C TA = -55C 1
MOC8021
Fig. 2 Current Transfer Ratio vs. Ambient Temperature
CTR - CURRENT TRANSFER RATIO (NORMALIZED)
10
1
NORMALIZED TO: CTR @ IF = 10 mA TA = 25C VCE = 5 V 0.1 0.1 1 10 100
NORMALIZED TO: CTR @ IF = 10 mA TA = 25C VCE = 10 V 0.1 -80 -60 -40 -20 0 20 40 60 80 100 120
IF - LED INPUT CURRENT (mA)
TA - AMBIENT TEMPERATURE (C)
Fig. 3 Collector Current vs. Collector-Emitter Voltage
NORMALIZED TO: IF = 1 mA VCE = 5 V
Fig. 4 Dark Current vs. Ambient Temperature
ICEO - COLLECTOR-EMITTER DARK CURRENT (nA)
10000 NORMALIZED TO: TA = 25C VCE = 10 V
16
14
IC - COLLECTOR CURRENT (mA)
1000
12
IF = 10 mA
10 IF = 5 mA
100
8
10
6
1
4
IF = 2 mA
2
0.1
IF = 1 mA 0 1 2 3 4 5 6 7 8 9 10
0
0.01
0
20
40
60
80
100
VCE- COLLECTOR -EMITTER VOLTAGE (V)
TA - AMBIENT TEMPERATURE (C)
Fig. 5 Turn-On Time vs. Input Current
1000 RL = 1 k! VCC = 10 V 100 1000
Fig. 6 Turn-Off Time vs. Input Current
TON - TIME (s)
10
RL = 10 !
TOFF - TIME (s)
RL = 100 !
100
RL = 1 k!
RL = 100 ! 10 RL = 10 !
1
VCC = 10 V 1 0.1 0.1 1 10 100 0.1 1 10 100
IF - LED INPUT CURRENT (mA) IF - LED INPUT CURRENT (mA)
DS300392
1/14/02
3 OF 5
www.fairchildsemi.com
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8020
ORDERING INFORMATION
Option
S SD W 300 300W 3S 3SD
MOC8021
Order Entry Identifier
.S .SD .W .300 .300W .3S .3SD
Description
Surface Mount Lead Bend Surface Mount; Tape and reel 0.4" Lead Spacing VDE 0884 VDE 0884, 0.4" Lead Spacing VDE 0884, Surface Mount VDE 0884, Surface Mount, Tape & Reel
QT Carrier Tape Specifications ("D" Taping Orientation)
12.0 0.1 4.85 0.20 4.0 0.1 0.30 0.05 4.0 0.1 O1.55 0.05 1.75 0.10
7.5 0.1 13.2 0.2 16.0 0.3 9.55 0.20
0.1 MAX
10.30 0.20
O1.6 0.1
User Direction of Feed
www.fairchildsemi.com
4 OF 5
1/14/02
DS300392
Recommended Pad Layout for Surface Mount Leadform
0.070 (1.78)
0.060 (1.52)
0.415 (10.54)
0.100 (2.54) 0.295 (7.49) 0.030 (0.76)
Note All dimensions are in inches (millimeters)
MARKING INFORMATION
1
MOC8020 V XX YY K
3 4 5
2 6
Definitions
1 2 3 4 5 6 Fairchild logo Device number VDE mark (Note: Only appears on parts ordered with VDE option - See order entry table) Two digit year code, e.g., `03' Two digit work week ranging from `01' to `53' Assembly package code
Reflow Profile (Black Package, No Suffix)
300 Temperature (C) 250 200 150 100 50 0 0 0.5 1 1.5 2 2.5 3 225 C peak
215C, 10-30 s
Time above 183C, 60-150 sec
Ramp up = 3C/sec 3.5 4 4.5
* Peak reflow temperature: 225C (package surface temperature) * Time of temperature higher than 183C for 60-150 seconds * One time soldering reflow is recommended
Time (Minute)
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FAST ActiveArrayTM FASTrTM BottomlessTM FPSTM CoolFETTM FRFETTM CROSSVOLTTM GlobalOptoisolatorTM DOMETM GTOTM EcoSPARKTM HiSeCTM E2CMOSTM I2CTM EnSignaTM i-LoTM FACTTM ImpliedDisconnectTM FACT Quiet SeriesTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC Across the board. Around the world.TM OPTOPLANARTM PACMANTM The Power Franchise POPTM Programmable Active DroopTM
Power247TM PowerEdgeTM PowerSaverTM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER SMART STARTTM SPMTM
StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET VCXTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I13


▲Up To Search▲   

 
Price & Availability of MOC80201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X