Part Number Hot Search : 
10700446 WFP650 VP1306N2 A6650 SSW1N60A P8397 4914B SDA113C
Product Description
Full Text Search
 

To Download MC33111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this data sheet by MC33111/D
MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
MC33111
Advance Information Low Voltage Compander
The MC33111 contains two variable gain circuits configured for compressing and expanding the dynamic range of an audio signal. One circuit is configured as an expander, and the other is configured as a compressor. Each circuit has a full wave rectifier to provide average value information to a variable gain cell located in either the input stage or the feedback path. An internal temperature stable bandgap reference provides the necessary precision voltages. Included in the MC33111 are controls for muting each section independently, and for passthrough of both. Two uncommitted op amps are available for peripheral functions. The MC33111 will operate from a supply voltage of 3.0 V to 7.0 V, and over a temperature range of - 40 to + 85C. It is designed to accommodate a 60 dB dynamic range; from - 40 dB to + 20 dB referenced to 100 mVrms. Applications include cordless telephone, CBs, walkie-talkies, and most voice RF links, and any application where an improvement in the signal to noise ratio is desired. Other applications include speakerphones and voice activated intercoms, dictating machines, etc.
16 1
LOW VOLTAGE COMPANDER
SILICON MONOLITHIC INTEGRATED CIRCUIT
* * * * * * * * * *
Operating Supply Voltage: 3.0 V to 7.0 V Output Voltage Swing = 2.8 Vp-p with VCC = 3.0 V No Precision External Components Required 60 dB Dynamic Range Compressed to 30 dB, Re-expandable to 60 dB Unity Gain Level set at 100 mVrms Attack and Decay Times Adjustable Mute and Passthrough Controls Two Uncommitted Op Amps Temperature Compensated Reference Available in Standard DIP and Surface Mount Packages
P SUFFIX PLASTIC PACKAGE CASE 648
16 1
Simplified Block Diagram
20 k 15 k 40 k Rectifier 10 k Vb 5 Gain Rectifier 10 9 Microphone Vb 7 7.5 k 40 k Bias & Reference Generator Mute/ Passthrough Logic 6 16 1 VCC Gain Vb Compressor 2 Output Expander 15 Output CM 0 1 X 0 EM 0 X 1 0
D SUFFIX PLASTIC PACKAGE CASE 751B (SO-16)
11 1.0 F Compressor 3 Input 0.5 1.0 F V+
Expander Input
0.5 14 MC33111
TRUTH TABLE
PT 0 X X 1 Function Normal Comp. Mute Expander Mute Passthrough
ORDERING INFORMATION
4 12 8 CM EM PT Device MC33111D MC33111P Temperature Range - 40 to + 85C Package SO-16 Plastic DIP
(c) Motorola, Inc. 1994
Vb
This document contains information on a new product. Specifications and information herein are subject to change without notice. This device contains 329 active transistors.
PIN FUNCTION DESCRIPTION
Name
Ground Compressor Output Compressor Input
Pin
1 2 3
Description Connect to a clean power supply ground. Output of the compressor section. Compressor input. The input impedance is nominally 10 k. Nominal signal range is 1.0 mVrms to 1.0 Vrms in normal mode, and up to 0.8 Vrms in passthrough mode. Must be capacitor coupled to the signal source. A logic high mutes the compressor. A logic low permits normal operation and passthrough. Connect an external capacitor to filter the full wave rectifier's output. This capacitor affects attack and decay times, and low frequency accuracy. Inverting input (7) and output (6) of an op amp internally referenced to Vb. A logic high sets the gain of both expander and compressor to 0 dB, independent of input level. Inverting input (9) and output (10) of an op amp internally referenced to Vb. Connect an external capacitor to filter the full wave rectifier's output. This capacitor affects attack and decay times, and low frequency accuracy. A logic high mutes the expander. A logic low permits normal operation and passthrough. This pin is not internally connected to anything. Expander input. The input impedance is nominally 10.9 k. Nominal signal range is 10 mVrms to 316 mVrms in normal mode, and up to 1.0 Vrms in passthrough mode. Must be capacitor coupled to the signal source. Output of the expander section. Power supply. Connect to a power supply voltage in the range of 3.0 V to 7.0 V. Bypass capacitor should be provided at this pin.
Compressor Mute Compressor Filter
4 5
Amplifier #1 Passthrough
6, 7 8
Amplifier #2 Expander Filter
9, 10 11
Expander Mute No Connect Expander Input
12 13 14
Expander Output VCC
15 16
TRANSFER FUNCTIONS
Compressor
Rectifier Gain Vin 10 k Vb Vout
Compression
20 dB 10 dB 0 dB -10 dB - 20 dB 10 mV - 30 dB 100 mV 31.6 mV 10 mV 1.0 V 316 mV
Expansion
Vin 15 k
Expander
Vb Gain Rectifier
Vout
40 k
V out
+ 0.3162 x
V
in
- 40 dB
1.0 mV (Voltages are rms) Vout = 10 x Vin2
MAXIMUM RATINGS
Rating VCC Supply Voltage (Pin 16 - Pin 1) High Input Voltage (Pins 3, 4, 8, 12, 14) Low Input Voltage (Pins 3, 4, 8, 12, 14) Output Source Current (Pins 2, 6, 10, 15) Output Sink Current (Pins 2, 6, 10, 15) Storage Temperature Symbol VCC VIH VIL IO+ IO- Tstg Value - 0.5, +12 VCC + 0.5 - 0.5 Self-limiting Self-limiting - 65, +150 Unit Vdc Vdc Vdc mA mA C
NOTE: Devices should not be operated at these limits. The "Recommended Operating Conditions" provides for actual device operation.
MOTOROLA 2
MC33111
RECOMMENDED OPERATING CONDITIONS
Characteristic VCC Supply Voltage Input Signal Voltage Range (3.0 V < VCC < 7.0 V) Compressor -- Normal and Mute Mode -- Passthrough Mode Expander -- Normal Mode -- Mute Mode -- Passthrough Mode Frequency Range ( 1.0 dB accuracy) Logic Input Voltage Range (Pins 4, 8, 12) Operating Ambient Temperature
NOTE: All limits are not necessarily functional concurrently.
Symbol VCC Vin
Min 3.0 0 0 0 0 0
Typ -- -- -- -- -- -- -- -- --
Max 7.0 1.3 0.8 0.32 1.3 1.0 10 VCC + 85
Unit Vdc Vrms
Fin Vin TA
0.300 0 - 40
kHz Vdc C
ELECTRICAL CHARACTERISTICS (VCC = 3.6 V, f = 1.0 kHz, TA = + 25C, unless noted.)
Characteristic COMPRESSOR (Pin 4 = Low unless noted) 0 dB Gain (Vin = 100 mVrms) Gain tracking relative to GOC Vin = 1.0 Vrms Vin = 1.0 mVrms Passthrough Gain (Pin 8 = High, Pin 4 = Low, Vin = 1.0 Vrms) Muting ( Gain) with Pin 4 = High (Vin = 1.0 Vrms) Max. Output Swing @ Pin 2 (3.0 V < VCC < 7.0 V) Normal Mode Passthrough Mode Peak Output Current (3.0 VCC 7.0 V, Normal or Passthrough Modes, Vin = Max) Total Harmonic Distoration (Vin = 100 mVrms) Power Supply Rejection @ 1.0 KHz Vin (Pin 3) = 0 Vin (Pin 3) = 10 mVrms Vin (Pin 3) = 1.0 Vrms Attack Time (Capacitor @ Pin 5 = 1.0 F, per EIA-553) Decay Time (Capacitor @ Pin 5 = 1.0 F, per EIA-553) Input Impedance at Pin 3 DC Bias Level (Pin 2) Output DC Shift (Vin Changed from 0 to 100 mVrms) EXPANDER (Pin 12 = Low, unless noted) 0 dB Gain (Vin = 100 mVrms) Gain Tracking Relative to GOE Vin = 316 mVrms Vin = 10 mVrms Passthrough Gain (Pin 8 = High, Pin 12 = Low, Vin = 1.0 Vrms) Muting ( Gain) with Pin 12 = High (Vin = 0.316 Vrms) Max. Output Swing @ Pin 15 (3.0 V < VCC , 7.0 V) Normal Mode Passthrough Mode Peak Output Current VCC = 3.0 V, Vout 2.4 Vp-p VCC = 3.0 V, Vout = 2.7 Vp-p VCC 3.6 V, Vout 2.8 Vp-p Total Harmonic Distoration (Vin = 100 mVrms) GOE GTE 19 - 41 GPTE GMTE Vout -- -- IPK -- -- -- THD -- 2.8 2.8 3.5 1.0 4.0 0.2 -- -- mA -- -- -- 1.0 % -1.0 60 20 - 40 0 76 21 - 39 2.0 -- dB dB Vp-p -1.5 0 1.5 dB dB GOC GTC 9.0 - 21 GPTC GMTC Vout -- -- IPK THD PSRR -- -- -- tAT(C) tD(C) Rin VbIAS -- -- 8.0 1.4 - 20 37 64 72 3.0 14 10 Vb 1.6 -- -- -- -- -- 14 1.6 2.0 ms k Vdc mVdc -- -- 1.1 2.3 4.0 0.2 -- -- -- 1.0 mA % dB - 2.0 55 10 - 20 0 67 11 -19 1.0 -- dB dB Vp-p -1.5 0 1.5 dB dB Symbol Min Typ Max Unit
MC33111
MOTOROLA 3
ELECTRICAL CHARACTERISTICS (VCC = 3.6 V, f = 1.0 kHz, TA = + 25C, unless noted.)
Characteristic EXPANDER (Pin 12 = Low, unless noted) Power Supply Rejection @ 1.0 kHz Vin (Pin 14) = 0 Vin (Pin 14) = 10 mVrms Vin (Pin 14) = 316 mVrms Attack Time (Capacitor @ Pin 11 = 1.0 F, per EIA-553) Decay Time (Capacitor @ Pin 11 = 1.0 F, per EIA-553) Input Impedance at Pin 14 DC Bias Level (Pin 15) Output DC Shift (Vin changed from 0 to 100 mVrms) LOGIC INPUTS (Pins 4, 8, 12) Switching Threshold (3.0 < VCC < 7.0 V) Input Current @ Vin = 0 V @ Vin = 3.6 V Timing (Vin @ Pins 3 and 14 = 300 mVrms, See Figures 1, 2) Comp. Mute (Pin 4) to Comp. Output Low-to-High High-to-Low Exp. Mute (Pin 12) to Exp. Output Low-to-High High-to-Low Passthrough (Pin 8) to Comp. Output Low-to-High High-to-Low Passthrough (Pin 8) to Exp. Output Low-to-High High-to-Low OP AMPS (Pins 6, 7, 9, 10) Open Loop Gain Gain Bandwidth Input Bias Current @ Pins 7, 9 Max Output Swing @ Pins 6, 10 (3.0 V < VCC < 7.0 V) Peak Output Current VCC = 3.0 V, Vout 2.4 Vp-p VCC = 3.0 V, Vout = 2.6 Vp-p VCC 3.6 V, Vout 2.8 Vp-p Total Harmonic Distoration (Vout = 1.0 Vrms, Unity Gain) MISCELLANEOUS Power Supply Current @ VCC = 3.6 V @ VCC = 7.0 V Reference Voltage Channel Separation Expander to Compressor (Pin 14 = 316 mVrms @ 1.0 kHz and Pin 3 = 0 mVrms) (Pin 14 = 100 mVrms (300 Hz < f < 20 kHz), Pin 3 = 100 mVrms @ 1.2 kHz) Compressor to Expander (Pin 3 = 1.0 Vrms @ 1.0 kHz and Pin 14 = 0 mVrms) (Pin 3 = 100 mVrms (300 Hz < f < 20 kHz), Pin 14 = 100 mVrms @ 1.2 kHz) ICC -- -- Vb CS 40 -- 60 -- 70 96 100 97 -- -- -- -- -- 1.5 1.7 1.5 2.0 -- -- Vdc dB mA AVOL BW IIB Vout IPK -- -- -- THD -- -- -- -- -- 100 300 8.0 2.8 3.0 2.0 3.7 0.02 -- -- -- -- -- -- -- 0.2 % dB kHz nA Vp-p mA VST Rin -- -- tCMLH tCMHL tEMLH tEMHL tPCLH tPCHL tPELH tPEHL -- -- -- -- -- -- -- -- 0 55 2.0 3.0 2.0 3.0 2.0 5.0 6.0 7.0 -- -- s -- -- -- -- -- -- -- -- -- 1.3 -- Vdc A PSRR -- -- -- tAT(E) tD(E) Rin VbIAS -- -- 8.0 1.4 - 20 74 76 62 3.0 14 10.9 Vb 1.0 -- -- -- -- -- 14 1.6 20 ms k Vdc mVdc dB Symbol Min Typ Max Unit
MOTOROLA 4
MC33111
TEMPERATURE PERFORMANCE (Typical performance based on device characterization, not guaranteed.)
Characteristic Power Supply Current @ VCC = 3.6 V @ VCC = 7.0 V Reference Voltage (Vb) 0 dB Gain (Vin = 100 mVrms) -- Compressor 0 dB Gain (Vin = 100 mVrms) -- Expander Total Harmonic Distortion (Vin = 100 mVrms) -- Compressor Total Harmonic Distortion (Vin = 100 mVrms) -- Expander Gain Tracking Relative to 0 dB Gain -- Compressor Vin = 1.0 Vrms Vin = 1.0 mVrms Gain Tracking Relative to 0 dB Gain -- Expander Vin = 316 mVrms Vin = 10 mVrms Muting ( Gain) with Pin 4 = High (Vin = 1.0 Vrms) -- Compressor Muting ( Gain) with Pin 12 = High (Vin = 0.316 Vrms) -- Expander - 40C 1.2 mA 1.4 mA 1.495 V 0.08 dB 0.04 dB 0.3% 0.3% 10.8 dB -19.95 dB 18.6 dB - 40.2 dB 68 dB 76 dB +25C 1.5 mA 1.7 mA 1.5 V 0 dB 0 dB 0.2% 0.2% 10 dB - 20 dB 20 dB - 40 dB 67 dB 76 dB + 85C 1.6 mA 1.9 mA 1.505 V - 0.04 dB - 0.03 dB 0.2% 0.16% 10 dB - 20.1 dB 19.95 dB - 39.9 dB 66 dB 75 dB
Figure 1. Mute Timing
Compressor or Expander Mute Input
Compressor or Expander Output
Figure 2. Passthrough Timing
Passthrough Input
tPCLH
Compressor Output
Expander Output
MC33111
CCCCCCCCCCCCCCCCC CCCCCCCCCCCCCCCCC CCCCCCCCCCCCCCCCC CCCCCCCCCCCCCCCCC CCCCCCCCCCCCCCCCC CCCCCCCCCCCCCCCCC
tPELH
CCCCC CCCCC CCCCC
tPCHL tPEHL
MOTOROLA 5
tEMLH tCMLH
tCMHL tEMHL
CCCC CCCC CCCC
Figure 3. Transfer Characteristics
1000 Vout , OUTPUT VOLTAGE (mVrms) Vout , OUTPUT VOLTAGE (dB) 20
Figure 4. Transfer Characteristics
100 Compressor
0 Compressor
10 Expander
- 20 Expander 0 dB = 100 mVrms
1.0 1.0
10
100
1000
- 40 - 40
- 20
0
20
Vin, INPUT VOLTAGE (mVrms)
Vin, INPUT VOLTAGE (dB)
Figure 5. Frequency Response (Compressor)
25 OUTPUT RELATIVE TO INPUT (dB) 20 15 10 5.0 0 - 5.0 -10 -15 100 Vin = 1.0 Vrms Vin = 100 mVrms OUTPUT RELATIVE TO INPUT (dB) Vin = 1.0 mVrms 15 5.0 0 - 5.0 -15 - 25 - 35 100
Figure 6. Frequency Response (Expander)
Vin = 316 mVrms Vin = 100 mVrms Vin = 31.6 mVrms Vin = 10 mVrms
Vin = 10 mVrms
1000
10k
100k
1000
10k f, FREQUENCY (Hz)
100k
f, FREQUENCY (Hz)
Figure 7. Attack and Decay Times (Compressor)
V1
Figure 8. Attack and Decay Times (Expander)
V2 Output (Pin 15)
Output (Pin 2)
V1
V2 90 mV Input (Pin 3) 360 mV Input (Pin 14)
100 mV
200 mV
Attack Time = Time to 1.5 x V1 from input increase. Decay Time = Time to 0.75 x V2 from input decrease. Test per EIA-553.
Attack Time = Time to 0.57 x V1 from input increase. Decay Time = Time to 1.5 x V2 from input decrease. Test per EIA-553.
MOTOROLA 6
MC33111
Figure 9. Attack and Decay Times (Compressor)
100 80 t, TIME (ms) 60 40 20 0 0 Attack Time 1.0 2.0 3.0 4.0 5.0 C, CAPACITANCE AT PIN 5 (F) t, TIME (ms) Decay Time 100 80 60 40 20 0 0
Figure 10. Attack and Decay Times (Expander)
Decay Time
Attack Time 1.0 2.0 3.0 4.0 5.0 C, CAPACITANCE AT PIN 11 (F)
Figure 11. Compressor Gain Tracking versus Temperature
1.0 2.0
Figure 12. Expander Gain Tracking versus Temperature
GAIN DRIFT VS +25 C (dB)
GAIN DRIFT VS +25 C (dB)
1.0
0
0
-1.0 Shaded area depicts typical drift range 10 mVrms Vin 316 mVrms - 2.0 - 40 - 20 0 20 40 60 85
Shaded area depicts typical drift range 1.0 mVrms Vin 1.0 Vrms -1.0 - 40 - 20 0 20 40 60 85
TA, AMBIENT TEMPERATURE (C)
TA, AMBIENT TEMPERATURE (C)
Figure 13. THD versus Temperature
1.0 TOTAL HARMONIC DISTORTION (%) 120 100 I in , INPUT CURRENT ( A) 80 60 40 20 0 0
Figure 14. Logic Inputs' Current
0.5
Compressor Expander 0 - 40 - 20 0 20 40 60 85
Pins 4, 8, 12 Vin VCC 2.0 4.0 Vin, INPUT VOLTAGE (V) 6.0 7.0
TA, AMBIENT TEMPERATURE (C)
MC33111
MOTOROLA 7
FUNCTIONAL DESCRIPTION
Introduction The MC33111 compander (COMpressor and exPANDER) is composed of two variable gain circuits which provide compression and expansion of a signal's dynamic range. The compressor will take a signal with a 60 dB dynamic range (1.0 mV to 1.0 Vrms), and reduce that to a 30 dB dynamic range (10 mV to 316 mV) by attenuating strong signals, while amplifying low level signals. The expander does the opposite in that the 30 dB signal range is increased to a dynamic range of 60 dB by amplifying strong signals and attenuating low level signals. The 0 dB level is internally set at 100 mVrms -- that is the signal level which is neither amplified nor attenuated. Both circuits contain the necessary precision full wave rectifier, variable gain cell, and temperature compensated references required for accurate and stable performance.
Both the compressor and expander can be muted independently by the use of Pins 4 and 12, respectively. A minimum of 55 dB of muting is guaranteed for the compressor, and 60 dB for the expander. A passthrough function (Pin 8) is provided which sets both sections to unity gain, regardless of input level. Two uncommitted op amps are provided which can be used for perpherial functions. Each is internally biased at Vb ( +1.5 V), and has a bandwidth of 300 kHz. NOTE: All dB values mentioned in this data sheet, unless otherwise noted, are referenced to 100 mVrms.
Figure 15. Compressor
5 1.0 F Rectifier Iref VCC 7.5 k Input 3 10 k Vb 2 Output ICONTROL Gain 40 k
Compressor The compressor is a noninverting amplifier with a fixed input resistor and a variable gain cell in its feedback path as shown in Figure 15. The amplifier output is sampled by the precision rectifier which, in turn, supplies a DC signal (ICONTROL), representative of the rectifier's AC signal, to the variable gain cell. The reference current (IREF) is an internally generated precision current. The effective impedance of the variable gain cell varies with the ratio of the two currents, and decreases as ICONTROL increases, thereby providing compression. The output is related to the input by the following equation (Vin and Vout are rms volts): (1) V out 0.3162 x V in In terms of dB levels, the relationship is: Vo(dB) = 0.5 x Vi(dB) (2) where 0 dB = 100 mVrms (See Figures 3 and 4). The input and output are internally biased at Vb ( +1.5 V), and must therefore be capacitor coupled to external circuitry. Pin 3 input impedance is nominally 10 k ( 20%), and the maximum functional input signal is listed in the Recommended
+
Operating Conditions table. Bias currents required by the op amp and the variable gain cell are internally supplied. Due to clamp diodes at the input (to VCC and ground), the input signal must be maintained between the supply rails. If the input signal goes more than 0.5 V above VCC or below ground, excessive currents will flow, and distortion will show up at the output and possibly in other parts of the circuit. When AC signals are not present at the input, the variable gain cell will attempt to set a very high gain to comply with Equation 2. An internal clamp limits the maximum gain to 26 dB to prevent instabilities. The output of the rectifier is filtered by the capacitor at Pin 5, which, in conjunction with an internal 20 k resistor, provides the time constant for the attack and decay times. The attack and decay times listed in the Electrical Characteristics were determined using the test procedure defined in EIA-553. Figure 9 indicates how the times vary with the capacitor value. If the attack and decay times are decreased using a smaller capacitor, performance at low frequencies will degrade.
MOTOROLA 8
MC33111
Figure 16. Expander
40 k
11 1.0 F
VCC Input 14 15 k
Rectifier ICONTROL Gain Iref Vb 20 k 15 Output
Expander The expander is an noninverting amplifier with a fixed feedback resistor and a variable gain cell in its input path as shown in Figure 16. The input signal is sampled by the precision rectifier which, in turn, supplies a DC signal (ICONTROL), representative of the AC input signal, to the variable gain cell. The reference current (IREF) is an internally generated precision current. The effective impedance of the variable gain cell varies with the ratio of the two currents, and decreases as ICONTROL increases, thereby providing expansion. The output is related to the input by the following equation (Vin and Vout are rms volts): Vout = 10 x (Vin)2 (3) In terms of dB levels, the relationship is: Vo(dB) = 2.0 x Vi(dB) (4) where 0 dB = 100 mVrms (See Figures 3 and 4). The input and output are internally biased at Vb ( +1.5 V), and must therefore be capacitor coupled to external circuitry. The input impedance at Pin 14 is nominally 10.9 k ( 20%), and the maximum functional input signal is listed in the Recommended Operating Conditions table. Bias currents required by the op amp and the variable gain cell are internally supplied. Due to clamp diodes at the input (to VCC and ground), the input signal must be maintained between the supply rails. If the input signal goes more than 0.5 V above VCC or below ground, excessive currents will flow, and distortion will show up at the output, and possibly in other parts of the circuit. The output of the rectifier is filtered by the capacitor at Pin 11, which, in conjunction with an internal 20 k resistor, provides the time constant for the attack and decay times. The attack and decay times listed in the Electrical Characteristics were determined using the test procedure defined in EIA-553. Figure 10 indicates how the times vary with the capacitor value. If the attack and decay times are decreased by using a smaller capacitor, performance at low frequencies will degrade. Op Amps The two op amps (at Pins 6, 7, 9, and 10) are identical and can be used for peripheral functions, such as a microphone amplifier, buffer, filter, etc. They have an open loop gain of 100 dB, and a bandwidth of 300 kHz. The noninverting inputs are internally biased at Vb ( +1.5 V). The inverting inputs (Pins 7, 9) require a bias current of 8.0 nA, which flows into the pin. The outputs can typically supply a maximum of 3.7 mA load current (see Electrical Characteristics).
NOTE: If an op amp is unused, its output MUST be tied to its input (Pin 6 to 7 and/or 9 to 10). Leaving an input open can affect other portions of the IC. Logic Inputs The three inputs (Pins 4, 8, 12) provide for muting and passthrough functions for the compressor and expander according to the following truth table:
CM (Pin 4) 0 1 X 0
EM (Pin 12) 0 X 1 0
PT (Pin 8) 0 X X 1
Function Normal Operation Compressor Mute Expander Mute Passthrough
The logic section permits the compressor and expander to be muted independently. The Passthrough control affects both sections simultaneously, but only if the Mute inputs are at a logic level 0. If both the Passthrough and a Mute input are asserted, the Mute will override the Passthrough. The logic controls do not affect the two uncommitted op amps in any way. Figure 17 depicts a typical logic input stage configuration, and Figure 14 indicates the typical input current. The inputs' threshold is +1.3 V, independent of VCC. An open input is equivalent to a logic low, but good design practices dictate that inputs should never be left open. The inputs must be kept within the range of VCC and GND. If an input is taken more than 0.5 V above VCC or below GND excessive currents will flow, and the device's operation will be distorted. Figure 17. Logic Input Stage
VCC Pins 4, 8, 12 50 k 50 k
MC33111
MOTOROLA 9
Power Supply The MC33111 requires a supply voltage between 3.0 V and 7.0 V, and a nominal current of 1.6 mA. The supply voltage should be well filtered and free of ripple. A minimum of 4.7 F in parallel with a 0.01 F capacitor is recommended for filtering and RF bypass.
Vb is an internally generated reference set at +1.5 V, and is used internally as an AC ground. It is not available directly at any pins, but can be obtained as a buffered reference from either op amp by connecting the op amp as a follower.
APPLICATION INFORMATION
Typical Application Circuit Figure 18 indicates a typical implementation of the MC33111 compander. The following points apply: a) The values shown adjacent to some components are based on the expected use of the IC: -- The input capacitors (Pins 3 and 14) provide a 3.0 dB rolloff of 30 Hz, a decade below the nominal voiceband. -- The rectifier capacitors provide attack and decay times as indicated in the Electrical Tables. b) The values for the unlabeled components are application dependent: -- The components around the op amps depend on their use. -- The value of the capacitors at the compressor and expander outputs depend on the circuit to which they are connected. c) If either the compressor or expander is not used, its input must not be left open. It can be connected to ground either through a capacitor, or directly to ground. d) The two op amps can be used for any purpose which suits the application. The indicated use of the one op amp as a microphone amplifier is only an example. e) If an op amp is not used, its output and input must be connected together. Do not leave Pin 7 or Pin 9 open. f) The logic inputs (Pins 4, 8, 12) are TTL/CMOS compatible. The logic high voltage must not exceed the VCC voltage on the MC33111. Any unused input should be connected to ground and not left open.
Figure 18. Typical Application
20 k 15 k 40 k Rectifier Compressor Input 0.47 1.0 F V+ 10 Vb Vb 7 6 Mute/ Passthrough Logic 4 8 CM PT P or Other Control Circuit 5 3 10 k Vb Gain Rectifier 7.5 k 40 k Bias & Reference Generator 16 1 4.7/ 0.01 2 Compressor Output VCC Gain Vb 15 Expander Output
Expander Input
0.47 1.0 F
MC33111
14 11
12 EM
Microphone
9
(See Text For Component Values)
Signal-To-Noise Improvement Among the basic reasons for the original development of compander type circuits was to improve the signal-to-noise ratio of long distance communications circuits, and of voice circuits which are transmitted over RF links (CBs, walkie-talkies, cordless phones, etc.). Since much of the interfering noise heard at the receiving end of a transmission is due to noise picked up, for example, in the airway portion of the RF link, the compressor was developed to increase the low-level signals at the transmitting end. Then any noise picked up in the RF link would be a smaller percentage of the transmitted signal level. At the receiving end, the signal is
then expanded back to is original level, retaining the same high signal-to-noise ratio. While the above explanation indicates it is not necessary to attenuate strong signals (at the transmitting end), a benefit of doing this is the reduced dynamic range which must be handled by the system transmitter and receiver. The MC33111 was designed for a two-to-one compression and expansion, i.e. a 60 dB dynamic signal is compressed to a 30 dB dynamic range, transmitted to the receiving end, and then expanded back to a 60 dB dynamic range.
MOTOROLA 10
MC33111
The MC33111 compander is not limited to RF or long distance telephony applications. It can be used in any system requiring either an improved signal-to-noise ratio, or a reduced dynamic range. Such applications include telephones, speakerphones, tape recorders, wireless microphones, digital recording, and many others. Power Supplies, Grounding The PC board layout, and the quality of the power supplies and the ground system at the IC are very important in order to obtain proper operation. Noise, from any source, coming into the device on VCC or ground, can cause a distorted output, or incorrect gain levels. VCC must be decoupled to the appropriate ground at the IC (within 1 max.) with a 4.7 F capacitor and a 0.01 F ceramic. A tantalum capacitor is recommended for the larger value if very high frequency noise is present, since electrolytic capacitors simply have too much inductance at those frequencies. The quality of the power supply voltage should be checked at the IC with a high frequency scope. Noise spikes (always present if digital circuits are near this IC) can easily exceed 400 mV, and if they get into the IC, the output can have noise or distortion. Noise can be reduced by inserting resistors and/or inductors between the supply and the IC. If switching power supplies are used, there will be spikes of 0.5 V or greater at frequencies of 50 kHz - 1.0 MHz. These spikes are generally more difficult to reduce because of their greater energy content. In extreme cases, a 3-terminal regulator (e.g., MC78L05ACP), with appropriate high frequency filtering, should be used and dedicated to the analog portion of the circuit.
The ripple content of the supply should not allow its magnitude to exceed the values in the Recommended Operating Conditions table. The PC board tracks supplying VCC and ground to the MC33111 should preferably not be at the tail end of the bus distribution, after passing through a maze of digital circuitry. The analog circuitry containing the MC33111 should be close to the power supply, or the connector where the supply voltages enter the board. If VCC is supplying considerable current to other parts of the board, then it is preferable to have dedicated lines directly to the MC33111 and associated circuitry. PC Board Layout Although this device is intended for use in the audio frequency range, the various amplifiers have a bandwidth of 300 kHz, and can therefore oscillate at frequencies outside the voiceband should there be excessive stray capacitance or other unintended feedback loops. A solid ground plane is strongly recommended to minimize coupling of any digital noise into the analog section. Use of wire wrapped boards should definitely be avoided. Since many applications of the MC33111 compander involve voice transmission over RF links, care must be taken in the design of the product to keep RF signals out of the MC33111 and associated circuitry. This involves proper layout of the PC boards and the physical arrangement of the boards, shielding, proper RF ground, etc.
DEFINITIONS
Attack Time -- The settling time for a circuit after its input signal has been increased. Attenuation -- A decrease in magnitude of a communication signal, usually expressed in dB. Bandwidth -- The range of information carrying frequencies of a communication system. Channel Separation -- The ability of one circuit to reject outputting signals which are being processed by another circuit. Also referred to as crosstalk rejection, it is usually expressed in dB. Compander -- A contraction of the words compressor and expander. A compander is composed of two circuits, one of each kind. Compressor -- A circuit which compresses, or reduces, the dynamic range of a signal by attenuating strong signals and amplifying low level signals. dB -- A power or voltage measurement unit, referred to another power or voltage. It is generally computed as: 10 x log (P1/P2) for power signals, and 20 x log (V1/V2) for voltage signals. dBm -- An indication of signal power. 1.0 mW across 600 , or 0.775 Vrms, is typically defined as 0 dBm for telecom applications. Any voltage level is converted to dBm by: dBm = 20 x log (Vrms/0.775), or dBm = [20 x log (Vrms)] + 2.22. dBrn -- Indicates a dBm measurement relative to 1.0 pW power level into 600 . Generally used for noise measurements, 0 dBm = - 90 dBm. dBrnC -- Indicates a dBrn measurement using a C-message weighting filter. Decay Time -- The settling time for a circuit after its input signal has been decreased. Expander -- A circuit which expands, or increases the dynamic range of a signal by amplifying strong signals and attenuating low level signals. Gain -- The change in signal amplitude (increase or decrease) after passing through an amplifier, or other circuit stage. Usually expressed in dB, an increase is a positive number, and a decrease is a negative number. Mute -- Reducing the level of an audio signal, generally so that it is inaudible. Partial muting is used in some applications. Passthrough -- Bypassing the compression and/or expansion function by setting the gain to a fixed value (usually unity). This is usually employed when data, rather than voice, is to be transmitted without attenuation. Power Supply Rejection Ratio -- The ability of a circuit to reject outputting noise, or ripple, which is present on the power supply lines. PSRR is usually expressed in dB. Signal to Noise Ratio -- The ratio of the desired signal to unwanted signals (noise) within a defined frequency range. The larger the number, the better. Voiceband -- That portion of the audio frequency range used for transmission in the telephone system. Typically it is 300-3400 Hz. Zero dB Point -- The signal level which has its amplitude unchanged by a compressor or expander.
MC33111
MOTOROLA 11
OUTLINE DIMENSIONS
P SUFFIX PLASTIC PACKAGE CASE 648-08 -A16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.070 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0 10 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0 10 0.51 1.01
B
1 8
F S
C
L
-TH G D 16 PL 0.25 (0.010)
M
SEATING PLANE
K
J T A
M
M
D SUFFIX PLASTIC PACKAGE CASE 751B-05 -ANOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 4.00 3.80 1.75 1.35 0.49 0.35 1.25 0.40 1.27 BSC 0.25 0.19 0.25 0.10 7 0 6.20 5.80 0.50 0.25 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 7 0 0.229 0.244 0.010 0.019
16
9
-B1 8
P 8 PL 0.25 (0.010)
M
B
M
G F
K C -TSEATING PLANE
R X 45
M D 16 PL 0.25 (0.010)
M
J
TB
S
A
S
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
MOTOROLA
12
*MC33111/D*
MC33111/D MC33111


▲Up To Search▲   

 
Price & Availability of MC33111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X