Part Number Hot Search : 
T87C5101 2SD2461 BCM8022 LTC24 8018SA LT1017CS HD1A4M 000AE
Product Description
Full Text Search
 

To Download MC2838-SOT-23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate Diodes
MC2838
FEATURES Power dissipation PD : 150 mW Tamb=25ae(c) Forward Current IF : 300 mA Reverse Voltage VR : 50 V Operating and storage junction temperature range T J T stg: -55aeto +150ae
SWITCHING DIODE SOT 23
Unit: mm
_
Marking:A6 1
+
+
ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Reverse breakdown voltage Reverse voltage leakage current Symbol V(BR) IR
unless
Test
otherwise
specified(c)
MIN 50 0.1 0.9 1 1.2 V MAX UNIT V |I A
conditions
IR= 100|I A VR=50V IF=10mA
Forward
voltage
VF
IF=50mA IF=100mA
Diode
capacitance
CD
VR=0V
f=1MHz
4
pF
Reverse recovery time
t rr
IF=IR=10mA,IRR=0.1A IR
3
nS
SOT-23 PACKAGE OUTLINE DIMENSIONS
D b
|E
0.2
E1
E
L1 e e1 C A1 A2 Symbol A A1 A2 b c D E E1 e e1 L L1 |E 0.300 0 1.800 0.550REF 0.500 8 0.012 0 Dimensions In Millimeters Min 0.900 0.000 0.900 0.300 0.080 2.800 1.200 2.250 0.950TPY 2.000 0.071 0.022REF 0.020 8 Max 1.100 0.100 1.000 0.500 0.150 3.000 1.400 2.550 Min 0.035 0.000 0.035 0.012 0.003 0.110 0.047 0.089 0.037TPY 0.079 A Dimensions In Inches Max 0.043 0.004 0.039 0.020 0.006 0.118 0.055 0.100 L


▲Up To Search▲   

 
Price & Availability of MC2838-SOT-23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X