Part Number Hot Search : 
1SMC26CA Y7C63 RF830 AK68512D 645ETT C105M 49801 STUS039
Product Description
Full Text Search
 

To Download MBT3904DW1T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBT3904DW1T1, MBT3904DW2T1 Dual General Purpose Transistors
The MBT3904DW1T1 and MBT3904DW2T1 devices are a spin-off of our popular SOT-23/SOT-323 three-leaded device. It is designed for general purpose amplifier applications and is housed in the SOT-363 six-leaded surface mount package. By putting two discrete devices in one package, this device is ideal for low-power surface mount applications where board space is at a premium.
Features http://onsemi.com MARKING DIAGRAM
6 6 1 SOT-363/SC-88/ SC70-6 CASE 419B 1 XX = MA for MBT3904DW1T1 MJ for MBT3904DW2T1 d = Date Code (3) (2) (1) XXd
* * * * * * *
hFE, 100-300 Low VCE(sat), 0.4 V Simplifies Circuit Design Reduces Board Space Reduces Component Count Available in 8 mm, 7-inch/3,000 Unit Tape and Reel Pb-Free Packages are Available
MAXIMUM RATINGS
Rating Collector -Emitter Voltage Collector -Base Voltage Emitter -Base Voltage Collector Current - Continuous Electrostatic Discharge Symbol VCEO VCBO VEBO IC ESD Value 40 60 6.0 200 HBM>16000, MM>2000 Unit Vdc Vdc Vdc mAdc V (3) (2) (1) (4) (5) MBT3904DW1T1 STYLE 1 (6) Q1 Q2
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
Q1
Q2
THERAML CHARACTERISTICS
Characteristic Total Package Dissipation (Note 1) TA = 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Range Symbol PD RqJA TJ, Tstg Max 150 833 -55 to +150 Unit mW C/W C
(4)
(5) MBT3904DW2T1 STYLE 27
(6)
ORDERING INFORMATION
Device MBT3904DW1T1 Package SOT-363 Shipping 3000 Units/Reel 3000 Units/Reel 3000 Units/Reel 3000 Units/Reel
1. Device mounted on FR4 glass epoxy printed circuit board using the minimum recommended footprint.
MBT3904DW1T1G SOT-363 (Pb-Free) MBT3904DW2T1 SOT-363
MBT3904DW2T1G SOT-363 (Pb-Free)
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2004
1
September, 2004 - Rev. 4
Publication Order Number: MBT3904DW1T1/D
MBT3904DW1T1, MBT3904DW2T1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Max Unit
OFF CHARACTERISTICS
Collector -Emitter Breakdown Voltage (Note 2) (IC = 1.0 mAdc, IB = 0) Collector -Base Breakdown Voltage (IC = 10 mAdc, IE = 0) Emitter -Base Breakdown Voltage (IE = 10 mAdc, IC = 0) Base Cutoff Current (VCE = 30 Vdc, VEB = 3.0 Vdc) Collector Cutoff Current (VCE = 30 Vdc, VEB = 3.0 Vdc) V(BR)CEO 40 V(BR)CBO 60 V(BR)EBO 6.0 IBL - ICEX - 50 50 nAdc - nAdc - Vdc - Vdc Vdc
ON CHARACTERISTICS (Note 2)
DC Current Gain (IC = 0.1 mAdc, VCE = 1.0 Vdc) (IC = 1.0 mAdc, VCE = 1.0 Vdc) (IC = 10 mAdc, VCE = 1.0 Vdc) (IC = 50 mAdc, VCE = 1.0 Vdc) (IC = 100 mAdc, VCE = 1.0 Vdc) Collector -Emitter Saturation Voltage (IC = 10 mAdc, IB = 1.0 mAdc) (IC = 50 mAdc, IB = 5.0 mAdc) Base -Emitter Saturation Voltage (IC = 10 mAdc, IB = 1.0 mAdc) (IC = 50 mAdc, IB = 5.0 mAdc) hFE 40 70 100 60 30 VCE(sat) - - VBE(sat) 0.65 - 0.85 0.95 0.2 0.3 Vdc - - 300 - - Vdc -
SMALL-SIGNAL CHARACTERISTICS
Current -Gain - Bandwidth Product (IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz) Output Capacitance (VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz) Input Capacitance (VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz) Input Impedance (VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz) Voltage Feedback Ratio (VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz) Small -Signal Current Gain (VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz) Output Admittance (VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz) Noise Figure (VCE = 5.0 Vdc, IC = 100 mAdc, RS = 1.0 k W, f = 1.0 kHz) 2. Pulse Test: Pulse Width 300 ms; Duty Cycle 2.0%. fT 300 Cobo - Cibo - hie 1.0 2.0 hre 0.5 0.1 hfe 100 100 hoe 1.0 3.0 NF - - 5.0 4.0 40 60 dB 400 400 mmhos 8.0 10 - 10 12 X 10- 4 8.0 kW 4.0 pF - pF MHz
http://onsemi.com
2
MBT3904DW1T1, MBT3904DW2T1
SWITCHING CHARACTERISTICS
Characteristic Delay Time Rise Time Storage Time Fall Time (VCC = 3.0 Vdc, VBE = - 0.5 Vdc) (IC = 10 mAdc, IB1 = 1.0 mAdc) (VCC = 3.0 Vdc, IC = 10 mAdc) (IB1 = IB2 = 1.0 mAdc) Symbol td tr ts tf Min - - - - Max 35 35 200 50 ns ns Unit
DUTY CYCLE = 2% 300 ns
+3 V +10.9 V 10 k 275
10 < t1 < 500 ms DUTY CYCLE = 2%
t1
+3 V +10.9 V 275 10 k 1N916 Cs < 4 pF*
-0.5 V < 1 ns
0 Cs < 4 pF* -9.1 V < 1 ns
* Total shunt capacitance of test jig and connectors
Figure 1. Delay and Rise Time Equivalent Test Circuit
Figure 2. Storage and Fall Time Equivalent Test Circuit
http://onsemi.com
3
MBT3904DW1T1, MBT3904DW2T1
TYPICAL TRANSIENT CHARACTERISTICS
TJ = 25C TJ = 125C 10 7.0 CAPACITANCE (pF) Q, CHARGE (pC) 5.0 Cibo 3.0 2.0 Cobo 5000 3000 2000 1000 700 500 300 200 100 70 50 QT QA VCC = 40 V IC/IB = 10
1.0 0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20 30 40
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
REVERSE BIAS VOLTAGE (VOLTS)
IC, COLLECTOR CURRENT (mA)
Figure 3. Capacitance
500 300 200 100 70 50 30 20 10 7 5 td @ VOB = 0 V 1.0 2.0 3.0 5.0 7.0 10 20 30 IC, COLLECTOR CURRENT (mA) 40 V 15 V 2.0 V 50 70 100 200 IC/IB = 10 500 300 200 t r, RISE TIME (ns) 100 70 50 30 20 10 7 5
Figure 4. Charge Data
VCC = 40 V IC/IB = 10
TIME (ns)
tr @ VCC = 3.0 V
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
IC, COLLECTOR CURRENT (mA)
Figure 5. Turn -On Time
500 300 200 t s, STORAGE TIME (ns) 100 70 50 30 20 10 7 5 IC/IB = 20 IC/IB = 10 IC/IB = 20 IC/IB = 10 500 300 200 t f , FALL TIME (ns)
Figure 6. Rise Time
ts = ts - 1/8 tf IB1 = IB2
VCC = 40 V IB1 = IB2 IC/IB = 20
100 70 50 30 20 10 7 5 IC/IB = 10
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 7. Storage Time
Figure 8. Fall Time
http://onsemi.com
4
MBT3904DW1T1, MBT3904DW2T1
TYPICAL AUDIO SMALL-SIGNAL CHARACTERISTICS NOISE FIGURE VARIATIONS
(VCE = 5.0 Vdc, TA = 25C, Bandwidth = 1.0 Hz)
12 10 NF, NOISE FIGURE (dB) 8 6 4 2 0 0.1 SOURCE RESISTANCE = 500 W IC = 100 mA 0.2 0.4 1.0 2.0 4.0 10 20 40 100 SOURCE RESISTANCE = 200 W IC = 1.0 mA NF, NOISE FIGURE (dB) SOURCE RESISTANCE = 200 W IC = 0.5 mA SOURCE RESISTANCE = 1.0 k IC = 50 mA 14 f = 1.0 kHz 12 10 8 6 4 2 0 0.1 0.2 0.4 1.0 2.0 4.0 10 20 40 100 IC = 100 mA IC = 1.0 mA
IC = 0.5 mA IC = 50 mA
f, FREQUENCY (kHz)
RS, SOURCE RESISTANCE (k OHMS)
Figure 9. Noise Figure
Figure 10. Noise Figure
h PARAMETERS
(VCE = 10 Vdc, f = 1.0 kHz, TA = 25C)
300 hoe, OUTPUT ADMITTANCE (m mhos) 5.0 10 100 50 20 10 5 2 1 0.1 0.2 0.3 0.5 1.0 2.0 3.0 IC, COLLECTOR CURRENT (mA) 5.0 10
h fe , CURRENT GAIN
200
100 70 50
30
0.1
0.2
0.3 0.5 1.0 2.0 3.0 IC, COLLECTOR CURRENT (mA)
Figure 11. Current Gain
20 h ie , INPUT IMPEDANCE (k OHMS) 10 5.0 hre , VOLTAGE FEEDBACK RATIO (x 10 -4) 10 7.0 5.0 3.0 2.0
Figure 12. Output Admittance
2.0 1.0 0.5 0.2
1.0 0.7 0.5 0.1 0.2 0.3 0.5 1.0 2.0 3.0 IC, COLLECTOR CURRENT (mA) 5.0 10
0.1
0.2
0.3 0.5 1.0 2.0 3.0 IC, COLLECTOR CURRENT (mA)
5.0
10
Figure 13. Input Impedance
Figure 14. Voltage Feedback Ratio
http://onsemi.com
5
MBT3904DW1T1, MBT3904DW2T1
TYPICAL STATIC CHARACTERISTICS
h FE, DC CURRENT GAIN (NORMALIZED) 2.0 TJ = +125C 1.0 0.7 0.5 0.3 0.2 -55 C +25C VCE = 1.0 V
0.1 0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
IC, COLLECTOR CURRENT (mA)
Figure 15. DC Current Gain
VCE, COLLECTOR EMITTER VOLTAGE (VOLTS)
1.0 TJ = 25C 0.8 IC = 1.0 mA 10 mA 30 mA 100 mA
0.6 0.4
0.2 0 0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
IB, BASE CURRENT (mA)
Figure 16. Collector Saturation Region
1.2 TJ = 25C 1.0 V, VOLTAGE (VOLTS) 0.8 VBE @ VCE =1.0 V 0.6 0.4 VCE(sat) @ IC/IB =10 0.2 0 VBE(sat) @ IC/IB =10 COEFFICIENT (mV/ C)
1.0 0.5 qVC FOR VCE(sat) 0 -0.5 -55 C TO +25C -1.0 +25C TO +125C -1.5 -2.0 qVB FOR VBE(sat) -55 C TO +25C +25C TO +125C
1.0
2.0
5.0
10
20
50
100
200
0
20
40
60
80
100
120
140
160
180 200
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 17. "ON" Voltages
Figure 18. Temperature Coefficients
http://onsemi.com
6
MBT3904DW1T1, MBT3904DW2T1
PACKAGE DIMENSIONS
SOT-363/SC-88/SC70-6 CASE 419B-02 ISSUE U
A G
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419B-01 OBSOLETE, NEW STANDARD 419B-02. INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --- 0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --- 0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20
6
5
4
S
1 2 3
-B-
D 6 PL 0.2 (0.008)
M
B N
M
DIM A B C D G H J K N S
J C
STYLE 1: PIN 1. EMITTER 2 2. BASE 2 3. COLLECTOR 1 4. EMITTER 1 5. BASE 1 6. COLLECTOR 2 STYLE 27: PIN 1. BASE 2 2. BASE 1 3. COLLECTOR 1 4. EMITTER 1 5. EMITTER 2 6. COLLECTOR 2
H
K
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025 0.40 0.0157
1.9 0.0748
SCALE 20:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
7
MBT3904DW1T1, MBT3904DW2T1
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MBT3904DW1T1/D


▲Up To Search▲   

 
Price & Availability of MBT3904DW1T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X