Part Number Hot Search : 
AT1312C 33063 N3290X AT1312CX A2000 MP29368 IRFMA450 3KP70CA
Product Description
Full Text Search
 

To Download M3482 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M348x Series
UM348x Multi-Instrument Melody Generator
_____________________________________________________________________________ Features * Powered by a 1.5V battery * Low standby current * 512-note memory, up to 16 songs * 8 playing modes by user setting * One built-in RC oscillator * 8 beats selectable * 3 timbres - piano, organ, and mandolin * 5 tempos available through mask setting * 14 tones selectable * On-chip envelope modulator and pre-amplifier
General Description The M3481 series is a mask-ROM-programmed multi-instrument melody generator , implemented by CMOS technology. It is designed to play the melody according to the previously programmed information and is capable of generating 16 songs with 3 instrument effects : piano, organ and mandolin. The device also includes a pre-amplifier which provides a simple interface to the driver circuit. The M3481 series is intended for applications such as toys, door bells, music box, melody clock/timers and telephones. Absolute Maximum Ratings DC Supply Voltage .......................................... -0.3V to +5.0V Input Voltage Range ....................................... Vss-0.3V to Vdd+0.3V Operating Ambient Temperature .................... 0C to +70C Storage Temperature ....................................... -10C to +125C Electrical Characteristics (Vss=0V, Vdd=1.5V, Ta=25C, unless otherwise specified.) Parameter Symbol Min. Typ. Operating Voltage Vdd 1.3V 1.5V Stand-by Current Isb Input Voltage High Vih Vdd-0.3V Input Voltage Low Vil Vss Input Current High Iih 1.5A 3A Input Current Low Iil ENV Pin Drive Current Ienv 500A Output Current (OP1) Iol 200A Output Current (OP2) Ioh 200A
Max. 5V 12A Vdd Vss+0.3V 6A 0.1A 1200A 1200A
Conditions No load
Vih=Vdd Vil =Vss Venv=0.8V Vol=0.8V Voh=0.7V
Playing modes Program Mode CE SL LP AS 0 0 X X X Standby 1 1 0 0 0 First melody...Last melodyStop 2 0 0 1 First melody...Last melodyRepeat from first melody 3 0 1 0 Start from the present melodyStop 4 1 0 1 1 Repeat the present melody 5 1 0 0 Change to the next melody...Last melodyStop 6 1 0 1 Next melody...Last melodyRepeat from first melody 7 1 1 0 Change to the next melodyStop 8 1 1 1 Change to the next melodyRepeat the same melody ( means a low to high voltage level transaction )
1
Song Series List (Fewer songs version provides longer duration for each song) M3481 (8 songs)
Jingle Bells Santa Claus Is Coming To Town Silent Night, Holy Night Joy To The World Rudolph, The Red-nosed Reindeer We Wish You A Merry Christmas O Come, All Ye Faithful Hark, The Herald Angels Sing
M3482 (12 songs)
American Patrol Rabbits Oh My Darling, Clementine Butterfly London Bridge Is Falling Down Row, Row, Row Your Boat Are You Sleeping Happy Birthday Joy Symphony Home Sweet Home Weigenlied Melody On Purple Bamboo
M3485 (5 songs)
The Hawaiian Wedding Song Try To Remember Aloha OE Love Story Yesterday
Pin Configuration
Pin no. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Symbol TSP CE LP SL AS NC ENV Vss MTO OP1 OP2 MT1 NC OSC2 OSC1 Vdd
Description Output flag signal of melody auto stop : In normal operation, this should be open. Chip is enabled if connected to Vdd. Chip is disabled if connected to Vss. Only one song plays if connected to Vdd. All songs play if connected to Vss. A positive going edge will change to play the next song. The melody will repeat if connected to Vdd and will stop automatically if to Vss. No connection Envelope circuit terminal Negative power supply Modulated tone signal output Pre-amplifier output 1 Pre-amplifier output 2 Modulated tone signal input to the pre-amplifier. No connection External oscillator terminal 1 External oscillator terminal 2 Positive power supply
2
Typical Application Circuit A. MELODY DOOR BELL
B. LOW COST APPLICATIONS USING SPEAKER (1) One-shot (2) Level-hold
3
C. LOW COST APPLICATIONS USING PIEZO BUZZER (1) One-shot (2) Level-hold
The inductor in parallel can be replaced by a 100k resistor but the sound level will be lower.
REV.4-98 ( 4 pages )
4


▲Up To Search▲   

 
Price & Availability of M3482

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X