Part Number Hot Search : 
CED6426 465ANR LOM670 AN253 IRF7103 7C140 WT8811 1N5257
Product Description
Full Text Search
 

To Download LM324A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM124A LM224A - LM324A
LOW POWER QUAD OPERATIONAL AMPLIFIERS
WIDE GAIN BANDWIDTH : 1.3MHz LARGE VOLTAGE GAIN : 100dB VERY LOW SUPPLY CURRENT/AMPLI : 375A LOW INPUT BIAS CURRENT : 20nA LOW INPUT OFFSET VOLTAGE : 3mV max. LOW INPUT OFFSET CURRENT : 2nA WIDE POWER SUPPLY RANGE : SINGLE SUPPLY : +3V TO +30V DUAL SUPPLIES : 1.5V TO 15V INPUT COMMON-MODE VOLTAGE RANGE INCLUDES GROUND ESD INTERNAL PROTECTION : 2kV
P TSSOP14 (Thin Shrink Small Outline Package) N DIP14 (Plastic Package)
D SO14 (Plastic Micropackage)
DESCRIPTION These circuits consist of four independent, high gain, internally frequency compensated operational amplifiers. They operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. All the pins are protected against electrostatic discharges up to 2000V (as a consequence, the input voltages must not exceed the magnitude of VCC+ or V CC-.) PIN CONNECTIONS (top view)
Output 1 1 Inverting Input 1 2 Non-inverting Input 1 3 VCC + 4 Non-inverting Input 2 Inverting Input 2 5 6 + + + +
ORDER CODE
Part Number Temperature Range Package N * * * D * * * P * * *
LM124A -55C, +125C LM224A -40C, +105C LM324A 0C, +70 C Example : LM224AN
N = Dual in Line Package (DIP) D = Small Outline Package (SO) - also available in Tape & Reel (DT) P = Thin Shrink Small Outline Package (TSSOP) - only available in Tape &Reel (PT)
14 Output 4 13 Inverting Input 4 12 Non-inverting Input 4 11 VCC 10 Non-inverting Input 3 9 8 Inverting Input 3 Output 3
Output 2 7
March 2001
1/13
LM124A-LM224A-LM324A
SCHEMATIC DIAGRAM (1/4 LM124A)
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Vi Vid Ptot Supply voltage Input Voltage Differential Input Voltage Power Dissipation
1)
Parameter
LM124A
LM224A 16 or 32 -0.3 to +32
LM324A
Unit V V
+32 N Suffix D Suffix 500
+32 500 400 Infinite 50 -40 to +105 -65 to +150
+32 500 400 50 0 to +70 -65 to +150
V mW mW mA C C
Output Short-circuit Duration 2) Iin Toper Tstg
1. 2. 3.
Input Current
3)
50 -55 to +125 -65 to +150
Opearting Free-air Temperature Range Storage Temperature Range
Either or both input voltages must not exceed the magnitude of VCC+ or VCC-. Short-circuits from the output to VCC can cause excessive heating if VCC > 15V. The maximum output current is approximately 40mA independent of the magnitude of VCC. Destructive dissipation can result from simultaneous short-circuit on all amplifiers. This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP transistor becoming forward biased and thereby acting as input diodes clamps. In addition to this diode action, there is also NPN parasitic action on the IC chip. this transistor action can cause the output voltages of the Op-amps to go to the VCC voltage level (or to ground for a large overdrive) for the time duration than an input is driven negative. This is not destructive and normal output will set up again for input voltage higher than -0.3V.
2/13
LM124A-LM224A-LM324A
ELECTRICAL CHARACTERISTICS VCC+ = +5V, VCC-= Ground, V o = 1.4V, Tamb = +25C (unless otherwise specified)
Symbol Vio Input Offset Voltage - note C Tamb = +25 Tmin Tamb Tmax Input Offset Current Tamb = +25C Tmin Tamb Tmax Input Bias Current - note 2) Tamb = +25C Tmin Tamb Tmax Large Signal Voltage Gain VCC+ = +15V, R L = 2k, Vo = 1.4V to 11.4V Tamb = +25C Tmin Tamb Tmax Supply Voltage Rejection Ratio (Rs 10k) SVR VCC+ = 5V to 30V Tamb = +25C Tmin Tamb Tmax Supply Current, all Amp, no load Tamb = +25 C ICC Tmin Tamb Tmax Input Common Mode Voltage Range VCC = +30V - note 3) Tamb = +25C Tmin Tamb Tmax Common Mode Rejection Ratio (Rs 10k) Tamb = +25C Tmin Tamb Tmax Output Current Source (Vid = +1V) VCC = +15V, Vo = +2V Output Sink Current (Vid = -1V) VCC = +15V, Vo = +2V VCC = +15V, Vo = +0.2V High Level Output Voltage VCC = +30V Tamb = +25C Tmin Tamb Tmax Tamb = +25C Tmin Tamb Tmax VCC = +5V, RL = 2k Tamb = +25C Tmin Tamb Tmax Low Level Output Voltage (RL = 10k) Tamb = +25C Tmin Tamb Tmax V CC = +5V VCC = +30V VCC = +5V VCC = +30V 65 65 110
1)
Parameter
Min.
Typ. 2
Max. 3 5
Unit mV
nA 2 20 40 nA 20 100 200 V/mV 50 25 100
Iio
Iib
Avd
dB
mA 0.7 1.5 0.8 1.5 1.2 3 1.2 3 V 0 0 VCC -1.5 VCC -2 dB 70 60 20 10 12 80 mA 40 20 50 70 mA A V
Vicm
CMR
Isource
Isink
R L = 2k R L = 10k
VOH
26 26 27 27 3.5 3
27 28
mV 5 20 20
VOL
3/13
LM124A-LM224A-LM324A
Symbol SR GBP THD en DVio DIIio
Parameter Slew Rate VCC = 15V, Vi = 0.5 to 3V, RL = 2k, CL = 100pF, unity Gain Gain Bandwidth Product VCC = 30V, f =100kHz,Vin = 10mV, RL = 2k, CL = 100pF Total Harmonic Distortion f = 1kHz, Av = 20dB, RL = 2k, Vo = 2Vpp, CL = 100pF, VCC = 30V Equivalent Input Noise Voltage f = 1kHz, Rs = 100, VCC = 30V Input Offset Voltage Drift Input Offset Current Drift
Min.
Typ. 0.4
Max.
Unit V/s MHz
1.3 % 0.015 40 7 10 120 30 200 nV ----------Hz V/C pA/ C dB
4) Vo1/Vo2 Channel Separation - note 1kHz f 20kHZ
1. 2. 3. 4.
The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output so no loading change exists on the input lines. Vo = 1.4V, Rs = 0, 5V < VCC + < 30V, 0 < Vic < V CC+ - 1.5V The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the common-mode voltage range is VCC + - 1.5V, but either or both inputs can go to +32V without damage. Due to the proximity of external components insure that coupling is not originating via stray capacitance between these external parts. This typically can be detected as this type of capacitance increases at higher frequences.
4/13
LM124A-LM224A-LM324A
INPUT BIAS CURRENT versus AMBIENT TEMPERATURE
IB (nA)
24 21 18 15 12 9 6 3 0
-55-35-15 5 25 45 65 85 105 125 AMBIENT TEMPERATURE (C)
SUPPLY CURRENT
4
VCC
SUPPLY CURRENT (mA)
3
mA
ID
-
2
+
1
Tamb = 0C to +125C
Tamb = -55C
0 10 20 30
POSITIVE SUPPLY VOLTAGE (V)
5/13
LM124A-LM224A-LM324A
6/13
LM124A-LM224A-LM324A
TYPICAL SINGLE - SUPPLY APPLICATIONS AC COUPLED INVERTING AMPLIFIER AC COUPLED NON INVERTING AMPLIFIER
7/13
LM124A-LM224A-LM324A
TYPICAL SINGLE - SUPPLY APPLICATIONS NON-INVERTING DC GAIN DC SUMMING AMPLIFIER
e0 = e1 +e2 -e3 -e4 Where (e1 +e2) (e3 +e4) to keep e0 0V
HIGH INPUT Z ADJUSTABLE GAIN DC INSTRUMENTATION AMPLIFIER
LOW DRIFT PEAK DETECTOR
if R1 = R5 and R3 = R4 = R6 = R7
2R 1 e0 = 1 + ---------R 2 (e2 -e1)
As shown e0 = 101 (e2 - e1).
8/13
LM124A-LM224A-LM324A
TYPICAL SINGLE - SUPPLY APPLICATIONS ACTIVER BANDPASS FILTER HIGH INPUT Z, DC DIFFERENTIAL AMPLIFIER
R R 4 1 For ------ = ------R R 3 2 (CMRR depends on this resistor ratio match)
Fo = 1kHz Q = 50 Av = 100 (40dB) e0
1 + R4 ------ R3
(e2 - e1)
As shown e0 = (e2 - e1)
USING SYMETRICAL AMPLIFIERS TO REDUCE INPUT CURRENT (GENERAL CONCEPT)
9/13
LM124A-LM224A-LM324A
MACROMODEL ** Standard Linear Ics Macromodels, 1993. ** CONNECTIONS : * 1 INVERTING INPUT * 2 NON-INVERTING INPUT * 3 OUTPUT * 4 POSITIVE POWER SUPPLY * 5 NEGATIVE POWER SUPPLY .SUBCKT LM124 1 3 2 4 5 (analog) ******************************************************* .MODEL MDTH D IS=1E-8 KF=3.104131E-15 CJO=10F * INPUT STAGE CIP 2 5 1.000000E-12 CIN 1 5 1.000000E-12 EIP 10 5 2 5 1 EIN 16 5 1 5 1 RIP 10 11 2.600000E+01 RIN 15 16 2.600000E+01 RIS 11 15 2.003862E+02 DIP 11 12 MDTH 400E-12 DIN 15 14 MDTH 400E-12 VOFP 12 13 DC 0 VOFN 13 14 DC 0 IPOL 13 5 1.000000E-05 CPS 11 15 3.783376E-09 DINN 17 13 MDTH 400E-12 VIN 17 5 0.000000e+00 DINR 15 18 MDTH 400E-12 VIP 4 18 2.000000E+00 FCP 4 5 VOFP 3.400000E+01 FCN 5 4 VOFN 3.400000E+01 FIBP 2 5 VOFN 2.000000E-03 FIBN 5 1 VOFP 2.000000E-03 * AMPLIFYING STAGE FIP 5 19 VOFP 3.600000E+02 FIN 5 19 VOFN 3.600000E+02 RG1 19 5 3.652997E+06 RG2 19 4 3.652997E+06 CC 19 5 6.000000E-09 DOPM 19 22 MDTH 400E-12 DONM 21 19 MDTH 400E-12 HOPM 22 28 VOUT 7.500000E+03 VIPM 28 4 1.500000E+02 HONM 21 27 VOUT 7.500000E+03 VINM 5 27 1.500000E+02 EOUT 26 23 19 5 1 VOUT 23 5 0 ROUT 26 3 20 COUT 3 5 1.000000E-12 DOP 19 25 MDTH 400E-12 VOP 4 25 2.242230E+00 DON 24 19 MDTH 400E-12 VON 24 5 7.922301E-01 .ENDS
ELECTRICAL CHARACTERISTICS Vcc+ = +15V, Vcc- = 0V, Tamb = 25C (unless otherwise specified)
Symbol Vio Avd Icc Vicm VOH VOL Ios GBP SR 10/13 RL = 2k (VCC =15V) RL = 10k Vo = +2V, VCC = +15V RL = 2k, CL = 100pF RL = 2k, CL = 100pF
+
Conditions RL = 2k No load, per amplifier
Value 0 100 350 -15 to +13.5 +13.5 5 +40 1.3 0.4
Unit mV V/mV A V V mV mA MHz V/s
LM124A-LM224A-LM324A
PACKAGE MECHANICAL DATA 14 PINS - PLASTIC DIP
Millimeters Dim. Min. a1 B b b1 D E e e3 F i L Z 0.51 1.39 0.5 0.25 20 8.5 2.54 15.24 7.1 5.1 3.3 1.27 2.54 0.050 Typ. Max. 1.65 Min. 0.020 0.055
Inches Typ. Max. 0.065 0.020 0.010 0.787 0.335 0.100 0.600 0.280 0.201 0.130 0.100
11/13
LM124A-LM224A-LM324A
PACKAGE MECHANICAL DATA 14 PINS - PLASTIC MICROPACKAGE (SO)
L C
G c1
a2 b e3 D M e
A
s E
14 1
8 7 F
Millimeters Dim. Min. A a1 a2 b b1 C c1 D (1) E e e3 F (1) G L M S 0.1 0.35 0.19 0.5 45 (typ.) 8.55 5.8 1.27 7.62 3.8 4.6 0.5 4.0 5.3 1.27 0.68 8 (max.) 0.150 0.181 0.020 8.75 6.2 0.336 0.228 Typ. Max. 1.75 0.2 1.6 0.46 0.25 Min. 0.004 0.014 0.007
a1
Inches Typ. Max. 0.069 0.008 0.063 0.018 0.010 0.020 0.344 0.244 0.050 0.300 0.157 0.208 0.050 0.027
Note : (1) D and F do not include mold flash or protrusions - Mold flash or protrusions shall not exceed 0.15mm (.066 inc) ONLY FOR DATA BOOK.
12/13
b1
LM124A-LM224A-LM324A
PACKAGE MECHANICAL DATA 14 PINS - THIN SHRINK SMALL OUTLINE PACKAGE (TSSOP)
c
0,25 mm .010 inch GAGE PLANE L E1 SEATING PLANE C A A2 A1 b e E
8 7
k
D
aaa
C
14
1
PIN 1 IDENTIFICATION
Millimeters Dim. Min. A A1 A2 b c D E E1 e k l 0.05 0.80 0.19 0.09 4.90 4.30 0 0.50 Typ. Max. 1.20 0.15 1.05 0.30 0.20 5.10 4.50 8 0.75 Min. 0.01 0.031 0.007 0.003 0.192 0.169 0 0.09
L1
Inches Typ. Max. 0.05 0.006 0.041 0.15 0.012 0.20 0.177 8 0.030
1.00
0.039
5.00 6.40 4.40 0.65 0.60
0.196 0.252 0.173 0.025 0.0236
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
13/13


▲Up To Search▲   

 
Price & Availability of LM324A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X