Part Number Hot Search : 
IS42S 2SC4758 ST72632 07028 S1215 MC68882 5N50D B1000
Product Description
Full Text Search
 

To Download LK1AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VDE
SLIM POWER RELAY WITH HIGH INRUSH CURRENT CAPABILITY
2. High insulation resistance between contact and coil 1) Creepage distance and clearances between contact and coil: Min. 6 mm .236 inch (In compliance with IEC65) 2) Surge withstand voltage between contact and coil: 10,000 V or more 3. High noise immunity realized by the card separation structure between contact and coil 4. Popular terminal pitch in AV equipment field
mm inch
16.5 .650 COM Coil N.O. 20 .787 1 .039 7.5 .295 1 .039
LK-RELAYS
Creepage distance and clearances in compliance with IEC65
24.0 .945
11.0 .433
25.0 .984
Card
Partition wall
mm inch
FEATURES
1. High inrush current capability 1) Operating load capability: inrush 100 A, steady 5 A 2) UL/CSA, TV-5
5. Space-saving slim type Base area: Width 11 x Length 24 mm Width .433 x Length .945 inch 6. Conforms to the various safety standards UL, CSA, VDE, TUV, SEMKO, SEV, BSI approved
SPECIFICATIONS
Contact
Arrangement Initial contact resistance, max. (By voltage drop 6 V DC 1 A) Contact material Nominal switching capacity Rating Max. switching power (resistive Max. switching voltage load) Max. switching current Expected Mechanical (at 180 cpm) life (min. Electrical (at 20 cpm) ope.) (at rated load) 1 Form A Max. 100 m Silver alloy 5 A 277 V AC, 5 A 30 V DC 1,385 VA, 150 W 277 V AC, 30 V DC 5A (AC), 5 A (DC) 2 x 106 105
Characteristics
Max. operating speed Initial insulation resistance*1 Initial Between open contacts breakdown Between contacts and coil voltage*2 Initial surge voltage between contact and coil*3 Operate time*4 (at nominal voltage) Release time (without diode)*4 (at nominal voltage) Temperature rise (at 70C) 20 cpm Min. 1,000 M (at 500 V DC) 1,000 Vrms for 1 min 4,000 Vrms for 1 min Min. 10,000 V Approx. 7 ms (at 20C 68F) Approx. 2 ms (at 20C 68F)
Coil
Nominal operating power Remarks
* Specifications will vary with foreign standards certification ratings. *1 Measurement at same location as "Initial breakdown voltage" section. *2 Detection current: 10mA *3 Wave is standard shock voltage of 1.2 x 50s according to JEC-212-1981 *4 Excluding contact bounce time. *5 Half-wave pulse of sine wave: 11 ms; detection time: 10 s *6 Half-wave pulse of sine wave: 6 ms *7 Detection time: 10 s *8 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 24).
530 mW
Max. 35C with nominal coil voltage at 5A contact carrying current (resistance method) Min. 200 m/s2 Functional*5 Shock resistance Destructive*6 Min. 1,000 m/s2 10 to 55 Hz Functional*7 at double amplitude of 1.5 mm Vibration resistance 10 to 55 Hz Destructive at double amplitude of 1.5 mm Conditions for operation, Ambient temp. -40 to +70C -40 to +158F transport and storage*8 Humidity 5 to 85%R.H. (Not freezing and condensAir pressure 86 to 106 kPa ing at low temperature) Unit weight Approx. 12 g .42 oz
TYPICAL APPLICATIONS
* AV equipment: TV's, VTR's, etc. * OA equipment * HA equipment
ORDERING INFORMATION
Ex. LK 1a F -- 24V Coil voltage (DC) 5, 9, 12, 24 V
Contact arrangement 1a: 1 Form A
Protective construction F: Flux-resistant type
UL/CSA, TUV, SEMKO, TV-5 approved type is standard. (Note) Standard packing Carton: 100 pcs. Case: 500 pcs.
59
LK
TYPES AND COIL DATA (at 20C 68F)
Part No. LK1AF-5V LK1AF-9V LK1AF-12V LK1AF-24V Nominal voltage, V DC 5 9 12 24 Pick-up voltage V DC (max.) (Initial) 3.5 6.3 8.4 16.8 Drop-out voltage V DC (min.) (Initial) 0.5 0.9 1.2 2.4 Coil resistance, (10%) 47 153 272 1,087 Nominal operating current, mA (10%) 106.4 58.8 44.2 22.1 Nominal operating power, mW 530 530 530 530 Max. allowable voltage, V DC (at 20C 68F) 6.5 11.7 15.6 31.2 mm inch
DIMENSIONS
2-0.9 dia 2-.035 dia Max. 25 .984 0.5 .020 4 .157 0.4 .016 Max. 24 .945 16.5 .650 Max. 11 .433 20.0 .787 16.5 .650
PC board pattern (Copper-side view)
2-1.3 dia 2-.051 dia 7.5 .295
0.5 dia. 0.3 .020 dia. .012 1.65 .065
Tolerance 0.1 .004
Schematic (Bottom view)
1 .039 7.5 .295
Dimension : Max. 1mm .039 inch: 1 to 3mm .039 to .118 inch: Min. 3mm .118 inch:
General tolerance 0.1 .004 0.2 .008 0.3 .012
20 .787
1 .039
REFERENCE DATA
1. Max. switching power (AC resistive load) 2. Coil temperature rise
Sample: LK1AF-12V, 6 pcs. Point measured: coil inside Contact current: 5 A
10 Coil applied voltage, %V 50 40 30 20 10 0.1 0 Ambient temperature 70C Ambient temperature 30C
3. Ambient temperature characteristics
Contact current: 5 A
200 180 160 140 120 100 Pick-up voltage 80 60 10 Cold start Allowable ambient temperatures against % coil voltages (max. inside the coil temperature set as 115C 239F)
1
Temperature rise, C
Contact current, A
0.1
1
10 100 Contact voltage, V
1000
80
100 110 120 90 Coil applied voltage, %V
20
30
40 50 60 70 Ambient temperature, C
80
4. Life curve
Operation frequency: 20 times/min. (ON/OFF = 1.5s: 1.5s) Ambient temperature: room temperature
100
5-1. Operate & release time (without diode)
Sample: LK1AF-12V, 20 pcs.
5-2. Operate & release time (with diode)
Sample: LK1AF-12V, 20 pcs.
15 Operate & release time, ms
15 Operate & release time, ms Operate time Release time
Operate time Release time
250V AC resistive load Life, x104
10
10
Max. Min.
10
5
Max. Min. Max. Min.
5
Max. Min.
1
0
1
2
3
4
5
0
70
Contact current, A
100 130 Coil applied voltage, %V
0
70
100 130 Coil applied voltage, %V
60
LK
6-1. Electrical life test (5 A 277 V AC, resistive load)
Sample: LK1AF-12V, 6 pcs. Operation frequency: 20 times/min. (ON/OFF = 1.5s: 1.5s) Ambient temperature: 26C 79F
Change of pick-up and drop-out voltage
Ratio against the rated voltage, %V 100
Change of contact resistance
50 Contact resistance, m
80
40
Circuit:
Contact welding detection and Miscontacting detection circuit
60 Max. 40 Pick-up voltage Min.
30
20 Max. Min. 0 0 5 No. of operations, x104 10
AC277V
DC12V
20 Drop-out voltage 0 0 5 No. of operations, x10
4
10 Max. Min. 10
Ratio against the rated voltage, % V
6-2. Electrical life test (UL lamp load test TV-5)
Tested sample: LK1AF-12V, 6 pcs. * Overload test Load: 7.5 A 120 V AC (60 Hz), Inrush: 111 A Operation frequency: 10 times/min (ON: OFF = 1 s: 5 s) No. of operations: 50 ope. * Endurance test Load: 5A 120 V AC (60 Hz), Inrush: 78 A Operation frequency: 10 times/min (ON: OFF = 1 s: 5 s) No. of operations: 25,000 ope.
Change of pick-up and drop-out voltage
100
Change of contact resistance
50 Contact resistance, m
80
40
60 Pick-up voltage 40
Max. Min.
30
20
20 Drop-out voltage 0 0 No. of operations, x104
Max. Min. 2.5
10 Max. Min. 0 0 No. of operations, x104 2.5
NOTES
1. Cleaning This relay is not the sealed type, so it cannot be immersion cleaned. Be careful that flux does not overflow onto the PC board or penetrate inside the relay. 2. Soldering We recommend the following soldering conditions. 1) Automatic soldering * Preheating: 100C 212F, within 2 mins (PC board solder surface) * Soldering: 260C 500F, within 5 s 2) Hand soldering * Iron tip temperature: 280 to 300C 536 to 571F * Soldering iron: 30 to 60W * Soldering time: Within 3 s
For Cautions for Use, see Relay Technical Information (Page 11 to 39).
61


▲Up To Search▲   

 
Price & Availability of LK1AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X