Part Number Hot Search : 
XXXXXX 74ACT251 PE4075 SG109 APT4M120 6983470B MC2834 0160B
Product Description
Full Text Search
 

To Download LH28F008SC-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LH28F008SC-V/SCH-V
LH28F008SC-V/SCH-V
DESCRIPTION
The LH28F008SC-V/SCH-V flash memories with Smart 5 technology are high-density, low-cost, nonvolatile, read/write storage solution for a wide range of applications. Their symmetrically-blocked architecture, flexible voltage and enhanced cycling capability provide for highly flexible component suitable for resident flash arrays, SIMMs and memory cards. Their enhanced suspend capabilities provide for an ideal solution for code + data storage applications. For secure code storage applications, such as networking, where code is either directly executed out of flash or downloaded to DRAM, the LH28F008SC-V/SCH-V offer three levels of protection : absolute protection with VPP at GND, selective hardware block locking, or flexible software block locking. These alternatives give designers ultimate control of their code security needs.
8 M-bit (1 MB x 8) Smart 5 Flash Memories
* Enhanced automated suspend options - Byte write suspend to read - Block erase suspend to byte write - Block erase suspend to read * Enhanced data protection features - Absolute protection with VPP = GND - Flexible block locking - Block erase/byte write lockout during power transitions * SRAM-compatible write interface * High-density symmetrically-blocked architecture - Sixteen 64 k-byte erasable blocks * Enhanced cycling capability - 100 000 block erase cycles - 1.6 million block erase cycles/chip * Low power management - Deep power-down mode - Automatic power saving mode decreases ICC in static mode * Automated byte write and block erase - Command user interface - Status register * ETOXTM V nonvolatile flash technology * Packages - 40-pin TSOP Type I (TSOP040-P-1020) Normal bend/Reverse bend - 44-pin SOP (SOP044-P-0600) - 48-ball CSP (FBGA048-P-0608) ETOX is a trademark of Intel Corporation.
FEATURES
* Smart 5 technology - 5 V VCC - 5 V or 12 V VPP * High performance read access time LH28F008SC-V85/SCH-V85 - 85 ns (5.00.25 V)/90 ns (5.00.5 V) LH28F008SC-V12/SCH-V12 - 120 ns (5.00.5 V)
COMPARISON TABLE
VERSIONS LH28F008SC-V LH28F008SCH-V OPERATING TEMPERATURE 0 to +70C -25 to +85C DC CHARACTERISTICS VCC deep power-down current (MAX.) 10 A 20 A
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
-1-
LH28F008SC-V/SCH-V
PIN CONNECTIONS
40-PIN TSOP (Type I)
A19 A18 A17 A16 A15 A14 A13 A12 CE# VCC VPP RP# A11 A10 A9 A8 A7 A6 A5 A4
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21
44-PIN SOP
NC NC WE# OE# RY/BY# DQ7 DQ6 DQ5 DQ4 VCC GND GND DQ3 DQ2 DQ1 DQ0 A0 A1 A2 A3 VPP RP# A11 A10 A9 A8 A7 A6 A5 A4 NC NC A3 A2 A1 A0 DQ0 DQ1 DQ2 DQ3 GND GND
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22
TOP VIEW
44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23
(TSOP040-P-1020)
VCC CE# A12 A13 A14 A15 A16 A17 A18 A19 NC NC NC NC WE# OE# RY/BY# DQ7 DQ6 DQ5 DQ4 VCC
NOTE :
Reverse bend available on request.
(SOP044-P-0600)
48-BALL CSP
1 A B C D E F A5 A6 A4 A3 A1 A2 2 A8 A9 A7 A0 DQ1 DQ0 3 A11 RP# A10 DQ2 GND DQ3 4 VPP NC NC NC NC GND 5 VCC NC NC NC NC VCC 6 A12 CE# A13 DQ6 DQ4 DQ5 7 A15 A14 A16
RY/BY#
8 A18 A17 A19 NC OE# WE#
DQ7 NC
(FBGA048-P-0608)
-2-
LH28F008SC-V/SCH-V
BLOCK DIAGRAM
DQ0-DQ7
OUTPUT BUFFER
INPUT BUFFER
OUTPUT MULTIPLEXER
IDENTIFIER REGISTER DATA REGISTER
I/O LOGIC
VCC CE#
STATUS REGISTER
COMMAND USER INTERFACE
WE# OE# RP#
DATA COMPARATOR
A0-A19
INPUT BUFFER
Y DECODER
Y GATING
WRITE STATE MACHINE
RY/BY#
PROGRAM/ERASE VOLTAGE SWITCH
VPP
ADDRESS LATCH
X DECODER
16 64 k-BYTE BLOCKS
VCC GND
ADDRESS COUNTER
-3-
LH28F008SC-V/SCH-V
PIN DESCRIPTION
SYMBOL A0-A19 TYPE INPUT NAME AND FUNCTION ADDRESS INPUTS : Inputs for addresses during read and write operations. Addresses are internally latched during a write cycle. DATA INPUT/OUTPUTS : Inputs data and commands during CUI write cycles; outputs DQ0-DQ7 INPUT/ OUTPUT data during memory array, status register, and identifier code read cycles. Data pins float to high-impedance when the chip is deselected or outputs are disabled. Data is internally latched during a write cycle. CHIP ENABLE : Activates the device's control logic, input buffers, decoders, and sense CE# INPUT amplifiers. CE#-high deselects the device and reduces power consumption to standby levels. RESET/DEEP POWER-DOWN : Puts the device in deep power-down mode and resets internal automation. RP#-high enables normal operation. When driven low, RP# inhibits write operations which provide data protection during power transitions. Exit from deep RP# INPUT power-down sets the device to read array mode. RP# at VHH enables setting of the master lock-bit and enables configuration of block lock-bits when the master lock-bit is set. RP# = VHH overrides block lock-bits thereby enabling block erase and byte write operations to locked memory blocks. Block erase, byte write, or lock-bit configuration with VIH RP# VHH produce spurious results and should not be attempted. OE# WE# INPUT INPUT OUTPUT ENABLE : Gates the device's outputs during a read cycle. WRITE ENABLE : Controls writes to the CUI and array blocks. Addresses and data are latched on the rising edge of the WE# pulse. READY/BUSY : Indicates the status of the internal WSM. When low, the WSM is performing an internal operation (block erase, byte write, or lock-bit configuration). RY/BY# OUTPUT RY/BY#-high indicates that the WSM is ready for new commands, block erase is suspended, and byte write is inactive, byte write is suspended, or the device is in deep power-down mode. RY/BY# is always active and does not float when the chip is deselected or data outputs are disabled. BLOCK ERASE, BYTE WRITE, LOCK-BIT CONFIGURATION POWER SUPPLY : For VPP SUPPLY erasing array blocks, writing bytes, or configuring lock-bits. With VPP VPPLK, memory contents cannot be altered. Block erase, byte write, and lock-bit configuration with an invalid VPP (see Section 6.2.3 "DC CHARACTERISTICS") produce spurious results and should not be attempted. DEVICE POWER SUPPLY : Internal detection configures the device for 5 V operation. VCC SUPPLY Do not float any power pins. With VCC VLKO, all write attempts to the flash memory are inhibited. Device operations at invalid VCC voltage (see Section 6.2.3 "DC CHARACTERISTICS") produce spurious results and should not be attempted. GROUND : Do not float any ground pins. NO CONNECT : Lead is not internal connected; recommend to be floated.
GND NC
SUPPLY
-4-
LH28F008SC-V/SCH-V
1 INTRODUCTION
This datasheet contains LH28F008SC-V/SCH-V specifications. Section 1 provides a flash memory overview. Sections 2, 3, 4, and 5 describe the memory organization and functionality. Section 6 covers electrical specifications. LH28F008SC-V/ SCH-V flash memories documentation also includes ordering information which is referenced in Section 7. erasable, lockable, and unlockable in-system. The memory map is shown in Fig.1. Smart 5 technology provides a choice of VCC and VPP combinations, as shown in Table 1, to meet system performance and power expectations. VPP at 5 V eliminates the need for a separate 12 V converter, while VPP = 12 V maximizes block erase and byte write performance. In addition to flexible erase and program voltages, the dedicated VPP pin gives complete data protection when VPP VPPLK.
Table 1 VCC and VPP Voltage Combinations Offered by Smart 5 Technology VCC VOLTAGE VPP VOLTAGE 5 V, 12 V 5V
1.1
New Features
LH28F008SC-V/SCH-V Smart 5 flash memories maintain backwards-compatibility with the LH28F008SA. Key enhancements over the LH28F008SA include : * Smart 5 Technology * Enhanced Suspend Capabilities * In-System Block Locking Both devices share a compatible pinout, status register, and software command set. These similarities enable a clean upgrade from the LH28F008SA to LH28F008SC-V/SCH-V. When upgrading, it is important to note the following differences : * Because of new feature support, the two devices have different device codes. This allows for software optimization. * VPPLK has been lowered from 6.5 V to 1.5 V to support 5 V block erase, byte write, and lock-bit configuration operations. Designs that switch VPP off during read operations should make sure that the VPP voltage transitions to GND. * To take advantage of Smart 5 technology, allow VPP connection to 5 V.
Internal VCC and VPP detection circuitry automatically configures the device for optimized read and write operations. A Command User Interface (CUI) serves as the interface between the system processor and internal operation of the device. A valid command sequence written to the CUI initiates device automation. An internal Write State Machine (WSM) automatically executes the algorithms and timings necessary for block erase, byte write, and lock-bit configuration operations. A block erase operation erases one of the device's 64 k-byte blocks typically within 1 second (5 V VCC, 12 V VPP) independent of other blocks. Each block can be independently erased 100 000 times (1.6 million block erases per device). Block erase suspend mode allows system software to suspend block erase to read data from, or write data to any other block. Writing memory data is performed in byte increments typically within 6 s (5 V VCC, 12 V VPP). Byte write suspend mode enables the system
1.2
Product Overview
The LH28F008SC-V/SCH-V are high-performance 8 M-bit Smart 5 flash memories organized as 1 Mbyte of 8 bits. The 1 M-byte of data is arranged in sixteen 64 k-byte blocks which are individually
-5-
LH28F008SC-V/SCH-V
to read data from, or write data to any other flash memory array location. Individual block locking uses a combination of bits, sixteen block lock-bits and a master lock-bit, to lock and unlock blocks. Block lock-bits gate block erase and byte write operations, while the master lock-bit gates block lock-bit modification. Lock-bit configuration operations (Set Block Lock-Bit, Set Master Lock-Bit, and Clear Block Lock-Bits commands) set and cleared lock-bits. The status register indicates when the WSM's block erase, byte write, or lock-bit configuration operation is finished. The RY/BY# output gives an additional indicator of WSM activity by providing both a hardware signal of status (versus software polling) and status masking (interrupt masking for background block erase, for example). Status polling using RY/BY# minimizes both CPU overhead and system power consumption. When low, RY/BY# indicates that the WSM is performing a block erase, byte write, or lock-bit configuration. RY/BY#-high indicates that the WSM is ready for a new command, block erase is suspended (and byte write is inactive), byte write is suspended, or the device is in deep power-down mode. The access time is 85 ns (tAVQV) at the VCC supply voltage range of 4.75 to 5.25 V over the temperature range, 0 to +70C (LH28F008SC-V)/ -25 to +85C (LH28F008SCH-V). At 4.5 to 5.5 V VCC, the access time is 90 ns or 120 ns. The Automatic Power Saving (APS) feature substantially reduces active current when the device is in static mode (addresses not switching). In APS mode, the typical ICCR current is 1 mA at 5 V VCC. When CE# and RP# pins are at VCC, the ICC CMOS standby mode is enabled. When the RP# pin is at GND, deep power-down mode is enabled which minimizes power consumption and provides write protection during reset. A reset time (tPHQV) is required from RP# switching high until outputs are valid. Likewise, the device has a wake time (tPHEL) from RP#-high until writes to the CUI are recognized. With RP# at GND, the WSM is reset and the status register is cleared.
FFFFF F0000 EFFFF E0000 DFFFF D0000 CFFFF C0000 BFFFF B0000 AFFFF A0000 9FFFF 90000 8FFFF 80000 7FFFF 70000 6FFFF 60000 5FFFF 50000 4FFFF 40000 3FFFF 30000 2FFFF 20000 1FFFF 10000 0FFFF 00000
64 k-Byte Block 64 k-Byte Block 64 k-Byte Block 64 k-Byte Block 64 k-Byte Block 64 k-Byte Block 64 k-Byte Block 64 k-Byte Block 64 k-Byte Block 64 k-Byte Block 64 k-Byte Block 64 k-Byte Block 64 k-Byte Block 64 k-Byte Block 64 k-Byte Block 64 k-Byte Block
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Fig. 1 Memory Map
-6-
LH28F008SC-V/SCH-V
2 PRINCIPLES OF OPERATION
The LH28F008SC-V/SCH-V Smart 5 flash memories include an on-chip WSM to manage block erase, byte write, and lock-bit configuration functions. It allows for : 100% TTL-level control inputs, fixed power supplies during block erasure, byte write, and lock-bit configuration, and minimal processor overhead with RAM-like interface timings. After initial device power-up or return from deep power-down mode (see Table 2 "Bus Operations"), the device defaults to read array mode. Manipulation of external memory control pins allow array read, standby, and output disable operations. Status register and identifier codes can be accessed through the CUI independent of the VPP voltage. High voltage on VPP enables successful block erasure, byte writing, and lock-bit configuration. All functions associated with altering memory contents--block erase, byte write, lock-bit configuration, status, and identifier codes--are accessed via the CUI and verified through the status register. Commands are written using standard microprocessor write timings. The CUI contents serve as input to the WSM, which controls the block erase, byte write, and lock-bit configuration. The internal algorithms are regulated by the WSM, including pulse repetition, internal verification, and margining of data. Addresses and data are internally latched during write cycles. Writing the appropriate command outputs array data, accesses the identifier codes, or outputs status register data. Interface software that initiates and polls progress of block erase, byte write, and lock-bit configuration can be stored in any block. This code is copied to and executed from system RAM during flash memory updates. After successful completion, reads are again possible via the Read Array command. Block erase suspend allows system software to suspend a block erase to read/write data from/to blocks other than that which is suspended. Byte write suspend allows system software to suspend a byte write to read data from any other flash memory array location.
2.1
Data Protection
Depending on the application, the system designer may choose to make the VPP power supply switchable (available only when memory block erases, byte writes, or lock-bit configurations are required) or hardwired to VPPH1/2. The device accommodates either design practice and encourages optimization of the processor-memory interface. When VPP VPPLK, memory contents cannot be altered. The CUI, with two-step block erase, byte write, or lock-bit configuration command sequences, provides protection from unwanted operations even when high voltage is applied to VPP. All write functions are disabled when VCC is below the write lockout voltage VLKO or when RP# is at VIL. The device's block locking capability provides additional protection from inadvertent code or data alteration by gating erase and byte write operations.
3 BUS OPERATION
The local CPU reads and writes flash memory insystem. All bus cycles to or from the flash memory conform to standard microprocessor bus cycles.
3.1
Read
Information can be read from any block, identifier codes, or status register independent of the VPP voltage. RP# can be at either VIH or VHH. The first task is to write the appropriate read mode command (Read Array, Read Identifier Codes, or Read Status Register) to the CUI. Upon initial device power-up or after exit from deep powerdown mode, the device automatically resets to read
-7-
LH28F008SC-V/SCH-V
array mode. Four control pins dictate the data flow in and out of the component : CE#, OE#, WE#, and RP#. CE# and OE# must be driven active to obtain data at the outputs. CE# is the device selection control, and when active enables the selected memory device. OE# is the data output (DQ0-DQ7) control and when active drives the selected memory data onto the I/O bus. WE# must be at VIH and RP# must be at VIH or VHH. Fig. 12 illustrates a read cycle. During block erase, byte write, or lock-bit configuration modes, RP#-low will abort the operation. RY/BY# remains low until the reset operation is complete. Memory contents being altered are no longer valid; the data may be partially erased or written. Time tPHWL is required after RP# goes to logic-high (VIH) before another command can be written. As with any automated device, it is important to assert RP# during system reset. When the system comes out of reset, it expects to read from the flash memory. Automated flash memories provide status information when accessed during block erase, byte write, or lock-bit configuration modes. If a CPU reset occurs with no flash memory reset, proper CPU initialization may not occur because the flash memory may be providing status information instead of array data. SHARP's flash memories allow proper CPU initialization following a system reset through the use of the RP# input. In this application, RP# is controlled by the same RESET# signal that resets the system CPU.
3.2
Output Disable
With OE# at a logic-high level (VIH), the device outputs are disabled. Output pins DQ0-DQ7 are placed in a high-impedance state.
3.3
Standby
CE# at a logic-high level (VIH) places the device in standby mode which substantially reduces device power consumption. DQ0-DQ7 outputs are placed in a high-impedance state independent of OE#. If deselected during block erase, byte write, or lock-bit configuration, the device continues functioning, and consuming active power until the operation completes.
3.4
Deep Power-Down
RP# at VIL initiates the deep power-down mode. In read modes, RP#-low deselects the memory, places output drivers in a high-impedance state and turns off all internal circuits. RP# must be held low for a minimum of 100 ns. Time tPHQV is required after return from power-down until initial memory access outputs are valid. After this wake-up interval, normal operation is restored. The CUI is reset to read array mode and status register is set to 80H.
-8-
LH28F008SC-V/SCH-V
3.5
Read Identifier Codes Operation
3.6
Write
The read identifier codes operation outputs the manufacture code, device code, block lock configuration codes for each block, and the master lock configuration code (see Fig. 2). Using the manufacture and device codes, the system CPU can automatically match the device with its proper algorithms. The block lock and master lock configuration codes identify locked and unlocked blocks and master lock-bit setting.
Writing commands to the CUI enable reading of device data and identifier codes. They also control inspection and clearing of the status register. When VPP = VPPH1/2, the CUI additionally controls block erasure, byte write, and lock-bit configuration. The Block Erase command requires appropriate command data and an address within the block to be erased. The Byte Write command requires the command and address of the location to be written. Set Master and Block Lock-Bit commands require the command and address within the device (Master Lock) or block within the device (Block Lock) to be locked. The Clear Block Lock-Bits command requires the command and address within the device. The CUI does not occupy an addressable memory location. It is written when WE# and CE# are active. The address and data needed to execute a command are latched on the rising edge of WE# or CE# (whichever goes high first). Standard microprocessor write timings are used. Fig. 13 and Fig. 14 illustrate WE# and CE#-controlled write operations.
FFFFF
F0004 F0003 F0002 F0001 F0000
Reserved for Future Implementation
Block 15 Lock Configuration Code Reserved for Future Implementation Block 15 (Blocks 2 through 14)
1FFFF
10004 10003 10002 10001 10000 0FFFF
Reserved for Future Implementation
Block 1 Lock Configuration Code Reserved for Future Implementation
4 COMMAND DEFINITIONS
When the VPP voltage VPPLK, read operations from the status register, identifier codes, or blocks are enabled. Placing VPPH1/2 on VPP enables successful block erase, byte write and lock-bit configuration operations. Device operations are selected by writing specific commands into the CUI. Table 3 defines these commands.
Block 1
Reserved for Future Implementation
00004 00003 00002 00001 00000
Master Lock Configuration Code Block 0 Lock Configuration Code Device Code Manufacture Code Block 0
Fig. 2 Device Identifier Code Memory Map
-9-
LH28F008SC-V/SCH-V
Table 2 Bus Operations MODE Read Output Disable Standby Deep Power-Down Read Identifier Codes Write NOTE RP# 1, 2, 3, 8 VIH or VHH 3 3 4 VIH or VHH VIH or VHH VIL CE# VIL VIL VIH X VIL VIL OE# VIL VIH X X VIL VIH
4. 5. 6.
WE# VIH VIH X X VIH VIL
ADDRESS X X X X See Fig. 2 X
VPP X X X X X X
DQ0-7 DOUT High Z High Z High Z (NOTE 5) DIN
RY/BY# X X X VOH VOH X
8 VIH or VHH 3, 6, 7, 8 VIH or VHH
NOTES :
1. Refer to Section 6.2.3 "DC CHARACTERISTICS". When VPP VPPLK, memory contents can be read, but not altered. X can be VIL or VIH for control pins and addresses, and VPPLK or VPPH1/2 for VPP. See Section 6.2.3 "DC CHARACTERISTICS" for VPPLK and VPPH1/2 voltages. RY/BY# is VOL when the WSM is executing internal block erase, byte write, or lock-bit configuration algorithms. It is VOH during when the WSM is not busy, in block erase suspend mode (with byte write inactive), byte write suspend mode, or deep power-down mode. RP# at GND0.2 V ensures the lowest deep powerdown current. See Section 4.2 for read identifier code data. Command writes involving block erase, byte write, or lock-bit configuration are reliably executed when VPP = VPPH1/2 and VCC = VCC1/2. Block erase, byte write, or lock-bit configuration with VIH < RP# < VHH produce spurious results and should not be attempted. Refer to Table 3 for valid DIN during a write operation. Don't use the timing both OE# and WE# are VIL.
2.
3.
7. 8.
- 10 -
LH28F008SC-V/SCH-V
Table 3 Command Definitions (NOTE 9) COMMAND Read Array/Reset Read Identifier Codes Read Status Register Clear Status Register Block Erase Byte Write Block Erase and Byte Write Suspend Block Erase and Byte Write Resume Set Block Lock-Bit Set Master Lock-Bit Clear Block Lock-Bits BUS CYCLES REQ'D. 1 2 2 1 2 2 1 1 2 2 2 5 5, 6 5 5 7 7 8 NOTE FIRST BUS CYCLE SECOND BUS CYCLE Oper (NOTE 1) Addr (NOTE 2) Data (NOTE 3) Oper (NOTE 1) Addr (NOTE 2) Data (NOTE 3) Write X FFH Write Write Write Write Write Write Write Write Write Write
6. 7.
4
X X X BA WA X X BA X X
90H 70H 50H 20H 40H or 10H B0H D0H 60H 60H 60H
Read Read Write Write
IA X BA WA
ID SRD D0H WD
Write Write Write
BA X X
01H F1H D0H
NOTES :
1. 2. Bus operations are defined in Table 2. X = Any valid address within the device. IA = Identifier code address : see Fig. 2. BA = Address within the block being erased or locked. WA = Address of memory location to be written. SRD = Data read from status register. See Table 6 for a description of the status register bits. WD = Data to be written at location WA. Data is latched on the rising edge of WE# or CE# (whichever goes high first). ID = Data read from identifier codes. Following the Read Identifier Codes command, read operations access manufacture, device, block lock, and master lock codes. See Section 4.2 for read identifier code data. If the block is locked, RP# must be at VHH to enable block erase or byte write operations. Attempts to issue a block erase or byte write to a locked block while RP# is VIH. Either 40H or 10H is recognized by the WSM as the byte write setup. If the master lock-bit is set, RP# must be at VHH to set a block lock-bit. RP# must be at VHH to set the master lock-bit. If the master lock-bit is not set, a block lock-bit can be set while RP# is VIH. If the master lock-bit is set, RP# must be at VHH to clear block lock-bits. The clear block lock-bits operation simultaneously clears all block lock-bits. If the master lock-bit is not set, the Clear Block Lock-Bits command can be done while RP# is VIH. Commands other than those shown above are reserved by SHARP for future device implementations and should not be used.
3.
8.
4.
9.
5.
- 11 -
LH28F008SC-V/SCH-V
4.1
Read Array Command
4.3
Read Status Register Command
Upon initial device power-up and after exit from deep power-down mode, the device defaults to read array mode. This operation is also initiated by writing the Read Array command. The device remains enabled for reads until another command is written. Once the internal WSM has started a block erase, byte write or lock-bit configuration, the device will not recognize the Read Array command until the WSM completes its operation unless the WSM is suspended via an Erase Suspend or Byte Write Suspend command. The Read Array command functions independently of the VPP voltage and RP# can be VIH or VHH.
The status register may be read to determine when a block erase, byte write, or lock-bit configuration is complete and whether the operation completed successfully. It may be read at any time by writing the Read Status Register command. After writing this command, all subsequent read operations output data from the status register until another valid command is written. The status register contents are latched on the falling edge of OE# or CE#, whichever occurs. OE# or CE# must toggle to VIH before further reads to update the status register latch. The Read Status Register command functions independently of the VPP voltage. RP# can be VIH or VHH.
4.2
Read Identifier Codes Command 4.4 Clear Status Register Command
Status register bits SR.5, SR.4, SR.3, and SR.1 are set to "1"s by the WSM and can only be reset by the Clear Status Register command. These bits indicate various failure conditions (see Table 6). By allowing system software to reset these bits, several operations (such as cumulatively erasing or locking multiple blocks or writing several bytes in sequence) may be performed. The status register may be polled to determine if an error occurred during the sequence. To clear the status register, the Clear Status Register command (50H) is written. It functions independently of the applied VPP voltage. RP# can be VIH or VHH. This command is not functional during block erase or byte write suspend modes.
The identifier code operation is initiated by writing the Read Identifier Codes command. Following the command write, read cycles from addresses shown in Fig. 2 retrieve the manufacture, device, block lock configuration and master lock configuration codes (see Table 4 for identifier code values). To terminate the operation, write another valid command. Like the Read Array command, the Read Identifier Codes command functions independently of the VPP voltage and RP# can be VIH or VHH. Following the Read Identifier Codes command, the following information can be read :
Table 4 Identifier Codes CODE Manufacture Code Device Code Block Lock Configuration * Block is Unlocked * Block is Locked * Reserved for Future Use Master Lock Configuration * Device is Unlocked * Device is Locked * Reserved for Future Use ADDRESS 00000H 00001H X0002H (NOTE 1) DATA 89 A6 DQ0 = 0 DQ0 = 1 DQ1-7 00003H DQ0 = 0 DQ0 = 1 DQ1-7
4.5
Block Erase Command
NOTE :
1. X selects the specific block lock configuration code to be read. See Fig. 2 for the device identifier code memory map.
Erase is executed one block at a time and initiated by a two-cycle command. A block erase setup is first written, followed by a block erase confirm. This command sequence requires appropriate sequencing and an address within the block to be erased (erase changes all block data to FFH). Block preconditioning, erase, and verify are handled internally by the WSM (invisible to the system). After the two-cycle block erase sequence is written,
- 12 -
LH28F008SC-V/SCH-V
the device automatically outputs status register data when read (see Fig. 3). The CPU can detect block erase completion by analyzing the output data of the RY/BY# pin or status register bit SR.7. When the block erase is complete, status register bit SR.5 should be checked. If a block erase error is detected, the status register should be cleared before system software attempts corrective actions. The CUI remains in read status register mode until a new command is issued. This two-step command sequence of set-up followed by execution ensures that block contents are not accidentally erased. An invalid Block Erase command sequence will result in both status register bits SR.4 and SR.5 being set to "1". Also, reliable block erasure can only occur when VCC = VCC1/2 and VPP = VPPH1/2. In the absence of this high voltage, block contents are protected against erasure. If block erase is attempted while VPP VPPLK, SR.3 and SR.5 will be set to "1". Successful block erase requires that the corresponding block lock-bit be cleared or, if set, that RP# = VHH. If block erase is attempted when the corresponding block lock-bit is set and RP# = VIH, SR.1 and SR.5 will be set to "1". Block erase operations with VIH < RP# < VHH produce spurious results and should not be attempted. When byte write is complete, status register bit SR.4 should be checked. If byte write error is detected, the status register should be cleared. The internal WSM verify only detects errors for "1"s that do not successfully write to "0"s. The CUI remains in read status register mode until it receives another command. Reliable byte writes can only occur when VCC = VCC1/2 and VPP = VPPH1/2. In the absence of this high voltage, memory contents are protected against byte writes. If byte write is attempted while VPP VPPLK, status register bits SR.3 and SR.4 will be set to "1". Successful byte write requires that the corresponding block lock-bit be cleared or, if set, that RP# = VHH. If byte write is attempted when the corresponding block lock-bit is set and RP# = VIH, SR.1 and SR.4 will be set to "1". Byte write operations with VIH < RP# < VHH produce spurious results and should not be attempted.
4.7
Block Erase Suspend Command
4.6
Byte Write Command
Byte write is executed by a two-cycle command sequence. Byte write setup (standard 40H or alternate 10H) is written, followed by a second write that specifies the address and data (latched on the rising edge of WE#). The WSM then takes over, controlling the byte write and write verify algorithms internally. After the byte write sequence is written, the device automatically outputs status register data when read (see Fig. 4). The CPU can detect the completion of the byte write event by analyzing the RY/BY# pin or status register bit SR.7.
The Block Erase Suspend command allows block erase interruption to read or byte write data in another block of memory. Once the block erase process starts, writing the Block Erase Suspend command requests that the WSM suspend the block erase sequence at a predetermined point in the algorithm. The device outputs status register data when read after the Block Erase Suspend command is written. Polling status register bits SR.7 and SR.6 can determine when the block erase operation has been suspended (both will be set to "1"). RY/BY# will also transition to VOH. Specification tWHRH2 defines the block erase suspend latency. At this point, a Read Array command can be written to read data from blocks other than that which is suspended. A Byte Write command sequence can also be issued during erase suspend to program data in other blocks. Using the Byte
- 13 -
LH28F008SC-V/SCH-V
Write Suspend command (see Section 4.8), a byte write operation can also be suspended. During a byte write operation with block erase suspended, status register bit SR.7 will return to "0" and the RY/BY# output will transition to VOL. However, SR.6 will remain "1" to indicate block erase suspend status. The only other valid commands while block erase is suspended are Read Status Register and Block Erase Resume. After a Block Erase Resume command is written to the flash memory, the WSM will continue the block erase process. Status register bits SR.6 and SR.7 will automatically clear and RY/BY# will return to VOL. After the Erase Resume command is written, the device automatically outputs status register data when read (see Fig. 5). VPP must remain at VPPH1/2 (the same VPP level used for block erase) while block erase is suspended. RP# must also remain at VIH or VHH (the same RP# level used for block erase). Block erase cannot resume until byte write operations initiated during block erase suspend have completed. commands while byte write is suspended are Read Status Register and Byte Write Resume. After Byte Write Resume command is written to the flash memory, the WSM will continue the byte write process. Status register bits SR.2 and SR.7 will automatically clear and RY/BY# will return to VOL. After the Byte Write Resume command is written, the device automatically outputs status register data when read (see Fig. 6). VPP must remain at VPPH1/2 (the same VPP level used for byte write) while in byte write suspend mode. RP# must also remain at VIH or VHH (the same RP# level used for byte write).
4.9
Set Block and Master Lock-Bit Commands
4.8
Byte Write Suspend Command
The Byte Write Suspend command allows byte write interruption to read data in other flash memory locations. Once the byte write process starts, writing the Byte Write Suspend command requests that the WSM suspend the byte write sequence at a predetermined point in the algorithm. The device continues to output status register data when read after the Byte Write Suspend command is written. Polling status register bits SR.7 and SR.2 can determine when the byte write operation has been suspended (both will be set to "1"). RY/BY# will also transition to VOH. Specification tWHRH1 defines the byte write suspend latency. At this point, a Read Array command can be written to read data from locations other than that which is suspended. The only other valid
A flexible block locking and unlocking scheme is enabled via a combination of block lock-bits and a master lock-bit. The block lock-bits gate program and erase operations while the master lock-bit gates block-lock bit modification. With the master lock-bit not set, individual block lock-bits can be set using the Set Block Lock-Bit command. The Set Master Lock-Bit command, in conjunction with RP# = VHH, sets the master lock-bit. After the master lock-bit is set, subsequent setting of block lock-bits requires both the Set Block Lock-Bit command and VHH on the RP# pin. See Table 5 for a summary of hardware and software write protection options. Set block lock-bit and master lock-bit are executed by a two-cycle command sequence. The set block or master lock-bit setup along with appropriate block or device address is written followed by either the set block lock-bit confirm (and an address within the block to be locked) or the set master lock-bit confirm (and any device address). The WSM then controls the set lock-bit algorithm. After the sequence is written, the device automatically outputs status register data when read (see Fig. 7). The CPU can detect the completion of the set lockbit event by analyzing the RY/BY# pin output or status register bit SR.7.
- 14 -
LH28F008SC-V/SCH-V
When the set lock-bit operation is complete, status register bit SR.4 should be checked. If an error is detected, the status register should be cleared. The CUI will remain in read status register mode until a new command is issued. This two-step sequence of set-up followed by execution ensures that lock-bits are not accidentally set. An invalid Set Block or Master Lock-Bit command will result in status register bits SR.4 and SR.5 being set to "1". Also, reliable operations occur only when VCC = VCC1/2 and VPP = VPPH1/2. In the absence of this high voltage, lock-bit contents are protected against alteration. A successful set block lock-bit operation requires that the master lock-bit be cleared or, if the master lock-bit is set, that RP# = VHH. If it is attempted with the master lock-bit set and RP# = VIH, SR.1 and SR.4 will be set to "1" and the operation will fail. Set block lock-bit operations while VIH < RP# < VHH produce spurious results and should not be attempted. A successful set master lock-bit operation requires that RP# = VHH. If it is attempted with RP# = VIH, SR.1 and SR.4 will be set to "1" and the operation will fail. Set master lock-bit operations with VIH < RP# < VHH produce spurious results and should not be attempted. written, the device automatically outputs status register data when read (see Fig. 8). The CPU can detect completion of the clear block lock-bits event by analyzing the RY/BY# pin output or status register bit SR.7. When the operation is complete, status register bit SR.5 should be checked. If a clear block lock-bits error is detected, the status register should be cleared. The CUI will remain in read status register mode until another command is issued. This two-step sequence of set-up followed by execution ensures that block lock-bits are not accidentally cleared. An invalid Clear Block LockBits command sequence will result in status register bits SR.4 and SR.5 being set to "1". Also, a reliable clear block lock-bits operation can only occur when VCC = VCC1/2 and VPP = VPPH1/2. If a clear block lock-bits operation is attempted while VPP VPPLK, SR.3 and SR.5 will be set to "1". In the absence of this high voltage, the block lock-bit contents are protected against alteration. A successful clear block lock-bits operation requires that the master lock-bit is not set or, if the master lock-bit is set, that RP# = VHH. If it is attempted with the master lock-bit set and RP# = VIH, SR.1 and SR.5 will be set to "1" and the operation will fail. A clear block lock-bits operation with VIH < RP# < VHH produce spurious results and should not be attempted. If a clear block lock-bits operation is aborted due to VPP or VCC transition out of valid range or RP# active transition, block lock-bit values are left in an undetermined state. A repeat of clear block lock-bits is required to initialize block lock-bit contents to known values. Once the master lock-bit is set, it cannot be cleared.
4.10 Clear Block Lock-Bits Command
All set block lock-bits are cleared in parallel via the Clear Block Lock-Bits command. With the master lock-bit not set, block lock-bits can be cleared using only the Clear Block Lock-Bits command. If the master lock-bit is set, clearing block lock-bits requires both the Clear Block Lock-Bits command and VHH on the RP# pin. See Table 5 for a summary of hardware and software write protection options. Clear block lock-bits operation is executed by a two-cycle command sequence. A clear block lockbits setup is first written. After the command is
- 15 -
LH28F008SC-V/SCH-V
Table 5 Write Protection Alternatives OPERATION Block Erase or Byte Write Set Block Lock-Bit Set Master Lock-Bit Clear Block Lock-Bits MASTER BLOCK 0 X 0 1 X 0 1 1 X X X X X LOCK-BIT LOCK-BIT RP# EFFECT
VIH or VHH Block Erase and Byte Write Enabled VIH VHH VIH VHH VIH VHH VIH VHH Block is Locked. Block Erase and Byte Write Disabled Block Lock-Bit Override. Block Erase and Byte Write Enabled Master Lock-Bit is Set. Set Block Lock-Bit Disabled Master Lock-Bit Override. Set Block Lock-Bit Enabled Set Master Lock-Bit Disabled Set Master Lock-Bit Enabled Master Lock-Bit is Set. Clear Block Lock-Bits Disabled Master Lock-Bit Override. Clear Block Lock-Bits Enabled
VIH or VHH Set Block Lock-Bit Enabled
VIH or VHH Clear Block Lock-Bits Enabled
Table 6 Status Register Definition
WSMS 7
ESS 6
ECLBS 5
BWSLBS 4
VPPS 3 NOTES :
BWSS 2
DPS 1
R 0
SR.7 = WRITE STATE MACHINE STATUS (WSMS) 1 = Ready 0 = Busy SR.6 = ERASE SUSPEND STATUS (ESS) 1 = Block Erase Suspended 0 = Block Erase in Progress/Completed SR.5 = ERASE AND CLEAR LOCK-BITS STATUS (ECLBS) 1 = Error in Block Erase or Clear Lock-Bits 0 = Successful Block Erase or Clear Lock-Bits SR.4 = BYTE WRITE AND SET LOCK-BIT STATUS (BWSLBS) 1 = Error in Byte Write or Set Master/Block Lock-Bit 0 = Successful Byte Write or Set Master/Block Lock-Bit SR.3 = VPP STATUS (VPPS) 1 = VPP Low Detect, Operation Abort 0 = VPP OK SR.2 = BYTE WRITE SUSPEND STATUS (BWSS) 1 = Byte Write Suspended 0 = Byte Write in Progress/Completed SR.1 = DEVICE PROTECT STATUS (DPS)
Check RY/BY# or SR.7 to determine block erase, byte write, or lock-bit configuration completion. SR.6-0 are invalid while SR.7 = "0". If both SR.5 and SR.4 are "1"s after a block erase or lock-bit configuration attempt, an improper command sequence was entered. SR.3 does not provide a continuous indication of VPP level. The WSM interrogates and indicates the VPP level only after Block Erase, Byte Write, Set Block/Master Lock-Bit, or Clear Block Lock-Bits command sequences. SR.3 is not guaranteed to reports accurate feedback only when VPP VPPH1/2. SR.1 does not provide a continuous indication of master and block lock-bit values. The WSM interrogates the master lockbit, block lock-bit, and RP# only after Block Erase, Byte Write, or Lock-Bit configuration command sequences. It informs the system, depending on the attempted operation, if the block lock-bit is set, master lock-bit is set, and/or RP# is not VHH. Reading the block lock and master lock configuration codes after writing the Read Identifier Codes command indicates master and block lock-bit status.
1 = Master Lock-Bit, Block Lock-Bit and/or RP# Lock SR.0 is reserved for future use and should be masked out Detected, Operation Abort 0 = Unlock SR.0 = RESERVED FOR FUTURE ENHANCEMENTS (R)
when polling the status register.
- 16 -
LH28F008SC-V/SCH-V
Start
BUS OPERATION COMMAND Write Write Erase Setup Erase Confirm
COMMENTS Data = 20H Addr = Within Block to be Erased Data = D0H Addr = Within Block to be Erased Status Register Data Check SR.7 1 = WSM Ready 0 = WSM Busy
Write 20H, Block Address
Write D0H, Block Address
Read
Standby
Read Status Register No 0 SR.7 = 1 Full Status Check if Desired Suspend Block Erase Loop Yes
Repeat for subsequent block erasures. Full status check can be done after each block erase or after a sequence of block erasures. Write FFH after the last block erase operation to place device in read array mode.
Suspend Block Erase
Block Erase Complete
FULL STATUS CHECK PROCEDURE Read Status Register Data (See Above)
BUS OPERATION COMMAND Standby
COMMENTS Check SR.3 1 = VPP Error Detect Check SR.1 1 = Device Protect Detect RP# = VIH, Block Lock-Bit is Set Only required for systems implementing lock-bit configuration Check SR.4, 5 Both 1 = Command Sequence Error Check SR.5 1 = Block Erase Error
SR.3 = 0
1
VPP Range Error
Standby
SR.1 = 0
1
Device Protect Error
Standby Standby
SR.4, 5 = 0
1
Command Sequence Error
SR.5, SR.4, SR.3 and SR.1 are only cleared by the Clear Status Register command in cases where multiple blocks are erased before full status is checked. If error is detected, clear the status register before attempting retry or other error recovery.
SR.5 = 0 Block Erase Successful
1
Block Erase Error
Fig. 3 Automated Block Erase Flowchart
- 17 -
LH28F008SC-V/SCH-V
Start
BUS OPERATION COMMAND Write Write Setup Byte Write Byte Write
COMMENTS Data = 40H Addr = Location to be Written Data = Data to be Written Addr = Location to be Written Status Register Data Check SR.7 1 = WSM Ready 0 = WSM Busy
Write 40H, Address
Write Byte Data and Address
Read
Standby
Read Status Register No 0 SR.7 = 1 Full Status Check if Desired Suspend Byte Write Loop Yes
Repeat for subsequent byte writes. SR full status check can be done after each byte write or after a sequence of byte writes. Write FFH after the last byte write operation to place device in read array mode.
Suspend Byte Write
Byte Write Complete
FULL STATUS CHECK PROCEDURE Read Status Register Data (See Above)
BUS OPERATION COMMAND Standby
COMMENTS Check SR.3 1 = VPP Error Detect Check SR.1 1 = Device Protect Detect RP# = VIH, Block Lock-Bit is Set Only required for systems implementing lock-bit configuration Check SR.4 1 = Data Write Error
SR.3 = 0
1
VPP Range Error
Standby
SR.1 = 0
1
Device Protect Error
Standby
SR.4 = 0 Byte Write Successful
1
Byte Write Error
SR.4, SR.3 and SR.1 are only cleared by the Clear Status Register command in cases where multiple locations are written before full status is checked. If error is detected, clear the status register before attempting retry or other error recovery.
Fig. 4 Automated Byte Write Flowchart
- 18 -
LH28F008SC-V/SCH-V
Start
BUS OPERATION Write
COMMAND Erase Suspend
COMMENTS Data = B0H Addr = X Status Register Data Addr = X Check SR.7 1 = WSM Ready 0 = WSM Busy Check SR.6 1 = Block Erase Suspended 0 = Block Erase Completed
Write B0H
Read
Read Status Register
Standby
SR.7 = 1 SR.6 = 1 Read Read or Byte Write?
0
Standby Erase Resume
Write
Data = D0H Addr = X
0
Block Erase Completed
Byte Write
Read Array Data
Byte Write Loop No
Done? Yes Write D0H Write FFH
Block Erase Resumed
Read Array Data
Fig. 5 Block Erase Suspend/Resume Flowchart
- 19 -
LH28F008SC-V/SCH-V
Start
BUS OPERATION Write
COMMAND Byte Write Suspend
COMMENTS Data = B0H Addr = X Status Register Data Addr = X Check SR.7 1 = WSM Ready 0 = WSM Busy Check SR.2 1 = Byte Write Suspended 0 = Byte Write Completed
Write B0H
Read
Read Status Register
Standby
0 SR.7 = 1 SR.2 = 1 Write FFH 0 Byte Write Completed
Standby
Write Read
Read Array
Data = FFH Addr = X Read array locations other than that being written.
Write
Byte Write Resume
Data = D0H Addr = X
Read Array Data
Done Reading Yes Write D0H
No
Write FFH
Byte Write Resumed
Read Array Data
Fig. 6 Byte Write Suspend/Resume Flowchart
- 20 -
LH28F008SC-V/SCH-V
Start
BUS OPERATION
COMMAND Set Block/Master Lock-Bit Setup Set Block or Master Lock-Bit Confirm
COMMENTS Data = 60H Addr = Block Address (Block), Device Address (Master) Data = 01H (Block), F1H (Master) Addr = Block Address (Block), Device Address (Master) Status Register Data Check SR.7 1 = WSM Ready 0 = WSM Busy
Write 60H, Block/Device Address
Write
Write 01H/F1H, Block/Device Address
Write
Read Status Register
Read
Standby
0 SR.7 = 1 Full Status Check if Desired
Repeat for subsequent lock-bit set operations. Full status check can be done after each lock-bit set operation or after a sequence of lock-bit set operations. Write FFH after the last lock-bit set operation to place device in read array mode.
Set Lock-Bit Complete
FULL STATUS CHECK PROCEDURE Read Status Register Data (See Above)
BUS OPERATION COMMAND Standby
COMMENTS Check SR.3 1 = VPP Error Detect Check SR.1 1 = Device Protect Detect RP# = VIH (Set Master Lock-Bit Operation) RP# = VIH, Master Lock-Bit is Set (Set Block Lock-Bit Operation) Check SR.4, 5 Both 1 = Command Sequence Error Check SR.4 1 = Set Lock-Bit Error
SR.3 = 0
1
VPP Range Error
Standby
SR.1 = 0
1
Device Protect Error
Standby
SR.4, 5 = 0
1
Command Sequence Error
Standby
SR.5, SR.4, SR.3 and SR.1 are only cleared by the Clear Status Register command in cases where multiple lock-bits are set before full status is checked. If error is detected, clear the status register before attempting retry or other error recovery.
SR.4 = 0 Set Lock-Bit Successful
1
Set Lock-Bit Error
Fig. 7 Set Block and Master Lock-Bit Flowchart
- 21 -
LH28F008SC-V/SCH-V
Start
BUS OPERATION Write
COMMAND Clear Block Lock-Bits Setup Clear Block Lock-Bits Confirm
COMMENTS Data = 60H Addr = X Data = D0H Addr = X
Write 60H
Write
Write D0H
Read
Status Register Data Check SR.7 1 = WSM Ready 0 = WSM Busy
Read Status Register
Standby
SR.7 = 1
0
Write FFH after the last clear block lock-bits operation to place device in read array mode.
Full Status Check if Desired
Clear Block Lock-Bits Complete
FULL STATUS CHECK PROCEDURE Read Status Register Data (See Above)
BUS OPERATION COMMAND Standby
COMMENTS Check SR.3 1 = VPP Error Detect Check SR.1 1 = Device Protect Detect RP# = VIH, Master Lock-Bit is Set Check SR.4, 5 Both 1 = Command Sequence Error Check SR.5 1 = Clear Block Lock-Bits Error
1 SR.3 = 0 1 Device Protect Error
Standby Standby
VPP Range Error
Standby
SR.1 = 0
1 SR.4, 5 = 0 1
Command Sequence Error
SR.5, SR.4, SR.3 and SR.1 are only cleared by the Clear Status Register command. If error is detected, clear the status register before attempting retry or other error recovery.
SR.5 = 0
Clear Block Lock-Bits Error
Clear Block Lock-Bits Successful
Fig. 8 Clear Block Lock-Bits Flowchart
- 22 -
LH28F008SC-V/SCH-V
5 DESIGN CONSIDERATIONS 5.1 Three-Line Output Control
issues; standby current levels, active current levels and transient peaks produced by falling and rising edges of CE# and OE#. Transient current magnitudes depend on the device outputs' capacitive and inductive loading. Two-line control and proper decoupling capacitor selection will suppress transient voltage peaks. Each device should have a 0.1 F ceramic capacitor connected between its VCC and GND and between its VPP and GND. These high-frequency, low inductance capacitors should be placed as close as possible to package leads. Additionally, for every eight devices, a 4.7 F electrolytic capacitor should be placed at the array's power supply connection between VCC and GND. The bulk capacitor will overcome voltage slumps caused by PC board trace inductance.
The device will often be used in large memory arrays. SHARP provides three control inputs to accommodate multiple memory connections. Threeline control provides for : a. Lowest possible memory power consumption. b. Complete assurance that data bus contention will not occur. To use these control inputs efficiently, an address decoder should enable CE# while OE# should be connected to all memory devices and the system's READ# control line. This assures that only selected memory devices have active outputs while deselected memory devices are in standby mode. RP# should be connected to the system POWERGOOD signal to prevent unintended writes during system power transitions. POWERGOOD should also toggle during system reset.
5.4
VPP Trace on Printed Circuit Boards
5.2
RY/BY# and Block Erase, Byte Write, and Lock-Bit Configuration Polling
RY/BY# is a full CMOS output that provides a hardware method of detecting block erase, byte write and lock-bit configuration completion. It transitions low after block erase, byte write, or lockbit configuration commands and returns to VOH when the WSM has finished executing the internal algorithm. RY/BY# can be connected to an interrupt input of the system CPU or controller. It is active at all times. RY/BY# is also VOH when the device is in block erase suspend (with byte write inactive), byte write suspend or deep power-down modes.
Updating flash memories that reside in the target system requires that the printed circuit board designers pay attention to the VPP power supply trace. The VPP pin supplies the memory cell current for byte writing and block erasing. Use similar trace widths and layout considerations given to the VCC power bus. Adequate VPP supply traces and decoupling will decrease VPP voltage spikes and overshoots.
5.5
VCC, VPP, RP# Transitions
5.3
Power Supply Decoupling
Flash memory power switching characteristics require careful device decoupling. System designers are interested in three supply current
Block erase, byte write and lock-bit configuration are not guaranteed if VPP falls outside of a valid VPPH1/2 range, VCC falls outside of a valid VCC1/2 range, or RP# VIH or VHH. If VPP error is detected, status register bit SR.3 is set to "1" along with SR.4 or SR.5, depending on the attempted operation. If RP# transitions to VIL during block erase, byte write, or lock-bit configuration, RY/BY# will remain low until the reset operation is complete. Then, the operation will abort and the device will enter deep power-down. The aborted operation may leave data partially altered. Therefore, the command sequence must be repeated after normal
- 23 -
LH28F008SC-V/SCH-V
operation is restored. Device power-off or RP# transitions to VIL clear the status register. The CUI latches commands issued by system software and is not altered by VPP or CE# transitions or WSM actions. Its state is read array mode upon power-up, after exit from deep powerdown or after VCC transitions below VLKO. After block erase, byte write, or lock-bit configuration, even after VPP transitions down to VPPLK, the CUI must be placed in read array mode via the Read Array command if subsequent access to the memory array is desired.
5.7
Power Consumption
When designing portable systems, designers must consider battery power consumption not only during device operation, but also for data retention during system idle time. Flash memory's nonvolatility increases usable battery life because data is retained when system power is removed. In addition, deep power-down mode ensures extremely low power consumption even when system power is applied. For example, portable computing products and other power sensitive applications that use an array of devices for solidstate storage can consume negligible power by lowering RP# to VIL standby or sleep modes. If access is again needed, the devices can be read following the tPHQV and tPHWL wake-up cycles required after RP# is first raised to VIH. See Section 6.2.4 through 6.2.6 "AC CHARACTERISTICS READ-ONLY and WRITE OPERATIONS" and Fig. 12, Fig. 13 and Fig. 14 for more information.
5.6
Power-Up/Down Protection
The device is designed to offer protection against accidental block erasure, byte writing, or lock-bit configuration during power transitions. Upon powerup, the device is indifferent as to which power supply (VPP or VCC) powers-up first. Internal circuitry resets the CUI to read array mode at power-up. A system designer must guard against spurious writes for VCC voltages above VLKO when VPP is active. Since both WE# and CE# must be low for a command write, driving either to VIH will inhibit writes. The CUI's two-step command sequence architecture provides added level of protection against data alteration. In-system block lock and unlock capability prevents inadvertent data alteration. The device is disabled while RP# = VIL regardless of its control inputs state.
- 24 -
LH28F008SC-V/SCH-V
6 ELECTRICAL SPECIFICATIONS 6.1 Absolute Maximum Ratings
Operating Temperature * LH28F008SC-V During Read, Block Erase, Byte Write and Lock-Bit Configuration ........ 0 to +70C (NOTE 1) Temperature under Bias ............. -10 to +80C * LH28F008SCH-V During Read, Block Erase, Byte Write and Lock-Bit Configuration ... -25 to +85C (NOTE 2) Temperature under Bias............. -25 to +85C Storage Temperature ........................ -65 to +125C Voltage On Any Pin (except VCC, VPP, and RP#) .... -2.0 to +7.0 V (NOTE 3) VCC Supply Voltage ................. -2.0 to +7.0 V (NOTE 3) VPP Update Voltage during Block Erase, Byte Write and Lock-Bit Configuration .. -2.0 to +14.0 V (NOTE 3, 4) RP# Voltage with Respect to GND during Lock-Bit Configuration Operations .. -2.0 to +14.0 V (NOTE 3, 4) Output Short Circuit Current .............. 100 mA (NOTE 5)
NOTICE : The specifications are subject to change without notice. Verify with your local SHARP sales office that you have the latest datasheet before finalizing a design. WARNING : Stressing the device beyond the "Absolute Maximum Ratings" may cause permanent damage. These are stress ratings only. Operation beyond the "Operating Conditions" is not recommended and extended exposure beyond the "Operating Conditions" may affect device reliability. NOTES :
1. 2. 3. Operating temperature is for commercial product defined by this specification. Operating temperature is for extended temperature product defined by this specification. All specified voltages are with respect to GND. Minimum DC voltage is -0.5 V on input/output pins and - 0.2 V on VCC and VPP pins. During transitions, this level may undershoot to -2.0 V for periods < 20 ns. Maximum DC voltage on input/output pins and VCC is VCC+0.5 V which, during transitions, may overshoot to VCC+2.0 V for periods < 20 ns. Maximum DC voltage on VPP and RP# may overshoot to +14.0 V for periods < 20 ns. Output shorted for no more than one second. No more than one output shorted at a time.
4. 5.
6.2
TA VCC1 VCC2
Operating Conditions
PARAMETER Operating Temperature VCC Supply Voltage (5.00.25 V) VCC Supply Voltage (5.00.5 V) NOTE 1 MIN. 0 -25 4.75 4.50 MAX. +70 +85 5.25 5.50 UNIT C C V V VERSIONS LH28F008SC-V LH28F008SCH-V LH28F008SC-V85/SCH-V85
SYMBOL
NOTE :
1. Test condition : Ambient temperature
- 25 -
LH28F008SC-V/SCH-V 6.2.1 CAPACITANCE (NOTE 1)
TA = +25C, f = 1 MHz SYMBOL CIN COUT PARAMETER Input Capacitance Output Capacitance TYP. 6 8 MAX. 8 12 UNIT pF pF CONDITION VIN = 0.0 V VOUT = 0.0 V
NOTE :
1. Sampled, not 100% tested.
6.2.2 AC INPUT/OUTPUT TEST CONDITIONS
3.0 INPUT 0.0 1.5 TEST POINTS 1.5 OUTPUT
AC test inputs are driven at 3.0 V for a Logic "1" and 0.0 V for a Logic "0". Input timing begins, and output timing ends, at 1.5 V. Input rise and fall times (10% to 90%) < 10 ns.
Fig. 9 Transient Input/Output Reference Waveform for VCC = 5.00.25 V (High Speed Testing Configuration)
2.4 INPUT 0.45
2.0 TEST POINTS 0.8
2.0 OUTPUT 0.8
AC test inputs are driven at VOH (2.4 VTTL) for a Logic "1" and VOL (0.45 VTTL) for a Logic "0". Input timing begins at VIH (2.0 VTTL) and VIL (0.8 VTTL). Output timing ends at VIH and VIL. Input rise and fall times (10% to 90%) < 10 ns.
Fig. 10 Transient Input/Output Reference Waveform for VCC = 5.00.5 V (Standard Testing Configuration) Test Configuration Capacitance Loading Value TEST CONFIGURATION CL (pF) VCC = 5.00.25 V (NOTE 1) 30 VCC = 5.00.5 V 100
1.3 V 1N914
NOTE :
1.
RL = 3.3 k DEVICE UNDER TEST CL CL Includes Jig Capacitance
Applied to high-speed products, LH28F008SC-V85 and LH28F008SCH-V85.
OUT
Fig. 11 Transient Equivalent Testing Load Circuit
- 26 -
LH28F008SC-V/SCH-V 6.2.3 DC CHARACTERISTICS
SYMBOL ILI ILO PARAMETER Input Load Current Output Leakage Current NOTE 1 1 VCC = 5.00.5 V TYP. MAX. 1 10 UNIT A A TEST CONDITIONS VCC = VCC Max. VIN = VCC or GND VCC = VCC Max. VOUT = VCC or GND CMOS Inputs VCC = VCC Max. CE# = RP# = VCC0.2 V TTL Inputs 0.4 VCC Deep PowerDown Current LH28F008SC-V LH28F008SCH-V 2 10 20 mA VCC = VCC Max. CE# = RP# = VIH RP# = GND0.2 V IOUT (RY/BY#) = 0 mA CMOS Inputs VCC = VCC Max. 17 35 mA CE# = GND f = 8 MHz IOUT = 0 mA TTL Inputs VCC = VCC Max. 20 50 mA CE# = GND f = 8 MHz IOUT = 0 mA VPP = 5.00.5 V VPP = 12.00.6 V VPP = 5.00.5 V VPP = 12.00.6 V CE# = VIH VPP VCC VPP > VCC RP# = GND0.2 V VPP = 5.00.5 V VPP = 12.00.6 V VPP = 5.00.5 V VPP = 12.00.6 V VPP = VPPH1/2
25 ICCS VCC Standby Current 1, 3, 6
100
A
ICCD
1
A
ICCR
VCC Read Current
1, 5, 6
ICCW ICCE
VCC Byte Write or Set Lock-Bit Current VCC Block Erase or Clear Block Lock-Bits Current
1, 7 1, 7 1, 2 1 1 1, 7 1, 7 1 10 1 2 10 0.1
35 30 30 25 10 15 200 5 40 15 20 15 200
mA mA mA mA mA A A A mA mA mA mA A
ICCWS VCC Byte Write or ICCES Block Erase Suspend Current IPPS IPPR IPPD IPPW IPPE VPP Standby or Read Current VPP Deep Power-Down Current VPP Byte Write or Set Lock-Bit Current VPP Block Erase or Clear Block Lock-Bits Current
IPPWS VPP Byte Write or IPPES Block Erase Suspend Current
- 27 -
LH28F008SC-V/SCH-V 6.2.3 DC CHARACTERISTICS (contd.)
SYMBOL VIL VIH VOL VOH1 PARAMETER Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage (TTL) Output High Voltage (CMOS) VPP Lockout Voltage during Normal Operations VPP Voltage during Byte Write, Block Erase or Lock-Bit Operations VPP Voltage during Byte Write, Block Erase or Lock-Bit Operations VCC Lockout Voltage RP# Unlock Voltage 8, 9 NOTE 7 7 3, 7 3, 7 2.4 0.85 VOH2 3, 7 VCC VCC - 0.4 1.5 4.5 11.4 2.0 11.4 12.6 5.5 12.6 VCC = 5.00.5 V MIN. MAX. - 0.5 0.8 2.0 VCC +0.5 0.45 UNIT V V V V V V V V V V Set master lock-bit VHH V Override master and block lock-bit VCC = VCC Min. IOL = 5.8 mA VCC = VCC Min. IOH = -2.5 mA VCC = VCC Min. IOH = -2.5 mA VCC = VCC Min. IOH = -100 A TEST CONDITIONS
VPPLK VPPH1 VPPH2 VLKO
4, 7
NOTES :
1. All currents are in RMS unless otherwise noted. Typical values at nominal VCC voltage and TA = +25C. These currents are valid for all product versions (packages and speeds). ICCWS and ICCES are specified with the device deselected. If reading or byte writing in erase suspend mode, the device's current draw is the sum of ICCWS or ICCES and ICCR or ICCW, respectively. Includes RY/BY#. Block erases, byte writes, and lock-bit configurations are inhibited when VPP VPPLK, and not guaranteed in the range between VPPLK (max.) and VPPH1 (min.), between VPPH1 (max.) and VPPH2 (min.), and above VPPH2 (max.). Automatic Power Saving (APS) reduces typical ICCR to 1 mA at 5 V VCC in static operation. 6. 7. 8. CMOS inputs are either VCC0.2 V or GND0.2 V. TTL inputs are either VIL or VIH. Sampled, not 100% tested. Master lock-bit set operations are inhibited when RP# = VIH. Block lock-bit configuration operations are inhibited when the master lock-bit is set and RP# = VIH. Block erases and byte writes are inhibited when the corresponding block lock-bit is set and RP# = VIH. Block erase, byte write, and lock-bit configuration operations are not guaranteed with VIH < RP# < VHH and should not be attempted. RP# connection to a VHH supply is allowed for a maximum cumulative period of 80 hours.
2.
3. 4.
9.
5.
- 28 -
LH28F008SC-V/SCH-V 6.2.4 AC CHARACTERISTICS - READ-ONLY OPERATIONS (NOTE 1)
* VCC = 5.00.25 V, 5.00.5 V, TA = 0 to +70C or -25 to +85C
(NOTE 4)
VCC0.25 V LH28F008SC-V85/ LH28F008SCH-V85 VERSIONS
(NOTE 5) (NOTE 5)
UNIT
VCC0.5 V SYMBOL PARAMETER tAVAV Read Cycle Time tAVQV tELQV tPHQV tGLQV tELQX tEHQZ tGLQX tGHQZ tOH Address to Output Delay CE# to Output Delay RP# High to Output Delay OE# to Output Delay CE# to Output in Low Z CE# High to Output in High Z OE# to Output in Low Z OE# High to Output in High Z Output Hold from Address, CE# or OE# Change, Whichever Occurs First 2 3 3 3 3 3 0 0 10 0 55 NOTE MIN. 85 MAX. 85 85 400 40
LH28F008SC-V85/ LH28F008SC-V12/ LH28F008SCH-V85 LH28F008SCH-V12 MIN. 90 MAX. 90 90 400 45 0 55 0 10 0 0 0 15 0 55 MIN. 120 MAX. ns 120 120 400 50 ns ns ns ns ns ns ns ns ns
2
NOTES :
1. 2. 3. 4. See AC Input/Output Reference Waveform (Fig. 9 and Fig. 10) for maximum allowable input slew rate. OE# may be delayed up to tELQV-tGLQV after the falling edge of CE# without impact on tELQV. Sampled, not 100% tested. See Fig. 9 "Transient Input/Output Reference Waveform" and Fig. 11 "Transient Equivalent Testing Load Circuit" (High Speed Configuration) for testing characteristics. 5. See Fig. 10 "Transient Input/Output Reference Waveform" and Fig. 11 "Transient Equivalent Testing Load Circuit" (Standard Configuration) for testing characteristics.
- 29 -
LH28F008SC-V/SCH-V
Standby VIH ADDRESSES (A) VIL
Device Address Selection Address Stable
Data Valid
tAVAV
VIH CE# (E) VIL tEHQZ
OE# (G)
VIH tGHQZ VIL tELQV VIH
WE# (W) VIL tELQX DATA (D/Q) (DQ0 - DQ7) VOH VOL High Z tAVQV
tGLQV tGLQX tOH High Z
Valid Output
VCC tPHQV VIH RP# (P) VIL
Fig. 12 AC Waveform for Read Operations
- 30 -
LH28F008SC-V/SCH-V 6.2.5 AC CHARACTERISTICS - WRITE OPERATION (NOTE 1)
* VCC = 5.00.25 V, 5.00.5 V, TA = 0 to +70C or -25 to +85C
(NOTE 5)
VCC0.25 V LH28F008SC-V85/ LH28F008SCH-V85 VERSIONS
(NOTE 6) (NOTE 6)
UNIT
VCC0.5 V SYMBOL PARAMETER tAVAV Write Cycle Time tPHWL tELWL RP# High Recovery to WE# Going Low CE# Setup to WE# Going Low 2 2 3 3 NOTE MIN. 85 1 10 40 100 100 40 40 5 5 10 30 90 0 2, 4 2, 4 0 0 MAX.
LH28F008SC-V85/ LH28F008SC-V12/ LH28F008SCH-V85 LH28F008SCH-V12 MIN. 90 1 10 40 100 100 40 40 5 5 10 30 90 0 0 0 0 0 0 MAX. MIN. 120 1 10 40 100 100 40 40 5 5 10 30 90 MAX. ns s ns ns ns ns ns ns ns ns ns ns ns ns ns ns
2
tWLWH WE# Pulse Width tPHHWH RP# VHH Setup to WE# Going High tVPWH tAVWH tDVWH tWHDX tWHAX tWHEH tWHWL tWHRL tWHGL tQVVL tQVPH VPP Setup to WE# Going High Address Setup to WE# Going High Data Setup to WE# Going High Data Hold from WE# High Address Hold from WE# High CE# Hold from WE# High WE# Pulse Width High WE# High to RY/BY# Going Low Write Recovery before Read VPP Hold from Valid SRD, RY/BY# High RP# VHH Hold from Valid SRD, RY/BY# High
NOTES :
1. Read timing characteristics during block erase, byte write and lock-bit configuration operations are the same as during read-only operations. Refer to Section 6.2.4 "AC CHARACTERISTICS" for read-only operations. Sampled, not 100% tested. Refer to Table 3 for valid AIN and DIN for block erase, byte write, or lock-bit configuration. VPP should be held at VPPH1/2 (and if necessary RP# should be held at VHH) until determination of block erase, byte write, or lock-bit configuration success (SR.1/3/4/5 = 0). 5. See Fig. 9 "Transient Input/Output Reference Waveform" and Fig. 11 "Transient Equivalent Testing Load Circuit" (High Seed Configuration) for testing characteristics. See Fig. 10 "Transient Input/Output Reference Waveform" and Fig. 11 "Transient Equivalent Testing Load Circuit" (Standard Configuration) for testing characteristics.
2. 3. 4.
6.
- 31 -
LH28F008SC-V/SCH-V
(NOTE 1)
(NOTE 2)
(NOTE 3)
(NOTE 4)
(NOTE 5)
(NOTE 6)
VIH ADDRESSES (A) VIL VIH CE# (E) VIL VIH OE# (G) VIL tWHWL VIH WE# (W) VIL tWLWH tDVWH tWHDX High Z tPHWL tWHRL DIN DIN Valid SRD DIN tWHQV1/2/3/4 tELWL tWHEH tWHGL AIN tAVAV AIN tAVWH tWHAX
VIH DATA (D/Q) VIL VOH RY/BY# (R) VOL
tPHHWH VHH RP# (P) VIH VIL tVPWH VPPH1/2 VPP (V) VPPLK VIL
tQVPH
tQVVL
NOTES :
1. 2. 3. 4. 5. 6. VCC power-up and standby. Write block erase or byte write setup. Write block erase confirm or valid address and data. Automated erase or program delay. Read status register data. Write Read Array command.
Fig. 13 AC Waveform for WE#-Controlled Write Operations
- 32 -
LH28F008SC-V/SCH-V 6.2.6 ALTERNATIVE CE#-CONTROLLED WRITES (NOTE 1)
* VCC = 5.00.25 V, 5.00.5 V, TA = 0 to +70C or -25 to +85C
(NOTE 5)
VCC0.25 V LH28F008SC-V85/ LH28F008SCH-V85 VERSIONS
(NOTE 6) (NOTE 6)
UNIT
VCC0.5 V SYMBOL PARAMETER tAVAV Write Cycle Time tPHEL tWLEL tELEH tPHHEH tVPEH tAVEH tDVEH tEHDX tEHAX tEHWH tEHEL tEHRL tEHGL tQVVL tQVPH RP# High Recovery to CE# Going Low WE# Setup to CE# Going Low CE# Pulse Width RP# VHH Setup to CE# Going High VPP Setup to CE# Going High Address Setup to CE# Going High Data Setup to CE# Going High Data Hold from CE# High Address Hold from CE# High WE# Hold from CE# High CE# Pulse Width High CE# High to RY/BY# Going Low Write Recovery before Read VPP Hold from Valid SRD, RY/BY# High RP# VHH Hold from Valid SRD, RY/BY# High 2, 4 2, 4 0 0 0 2 2 3 3 NOTE MIN. 85 1 0 50 100 100 40 40 5 5 0 25 90 MAX.
LH28F008SC-V85/ LH28F008SC-V12/ LH28F008SCH-V85 LH28F008SCH-V12 MIN. 90 1 0 50 100 100 40 40 5 5 0 25 90 0 0 0 0 0 0 MAX. MIN. 120 1 0 50 100 100 40 40 5 5 0 25 90 MAX. ns s ns ns ns ns ns ns ns ns ns ns ns ns ns ns
2
NOTES :
1. In systems where CE# defines the write pulse width (within a longer WE# timing waveform), all setup, hold, and inactive WE# times should be measured relative to the CE# waveform. Sampled, not 100% tested. Refer to Table 3 for valid AIN and DIN for block erase, byte write, or lock-bit configuration. VPP should be held at VPPH1/2 (and if necessary RP# should be held at VHH) until determination of block erase, byte write, or lock-bit configuration success (SR.1/3/4/5 = 0). 5. See Fig. 9 "Transient Input/Output Reference Waveform" and Fig. 11 "Transient Equivalent Testing Load Circuit" (High Seed Configuration) for testing characteristics. See Fig. 10 "Transient Input/Output Reference Waveform" and Fig. 11 "Transient Equivalent Testing Load Circuit" (Standard Configuration) for testing characteristics.
2. 3. 4.
6.
- 33 -
LH28F008SC-V/SCH-V
(NOTE 1)
(NOTE 2)
(NOTE 3)
(NOTE 4)
(NOTE 5)
(NOTE 6)
VIH ADDRESSES (A) VIL VIH WE# (W) VIL VIH OE# (G) VIL tEHEL VIH CE# (E) VIL tELEH tDVEH tEHDX High Z tPHEL tEHRL DIN DIN Valid SRD DIN tEHQV1/2/3/4 tWLEL tEHWH tEHGL AIN tAVAV AIN tAVEH tEHAX
VIH DATA (D/Q) VIL VOH RY/BY# (R) VOL
tPHHEH VHH RP# (P) VIH VIL tVPEH VPPH1/2 VPP (V) VPPLK VIL
tQVPH
tQVVL
NOTES :
1. 2. 3. 4. 5. 6. VCC power-up and standby. Write block erase or byte write setup. Write block erase confirm or valid address and data. Automated erase or program delay. Read status register data. Write Read Array command.
Fig. 14 AC Waveform for CE#-Controlled Write Operations
- 34 -
LH28F008SC-V/SCH-V 6.2.7 RESET OPERATIONS
VOH RY/BY# (R) VOL VIH RP# (P) VIL tPLPH (A) Reset During Read Array Mode VOH RY/BY# (R) VOL VIH RP# (P) VIL tPLPH (B) Reset During Block Erase, Byte Write, or Lock-Bit Configuration tPLRH
5V VCC VIL VIH RP# (P) VIL (C) RP# Rising Timing t5VPH
Fig. 15 AC Waveform for Reset Operation Reset AC Specifications (NOTE 1) SYMBOL tPLPH tPLRH t5VPH PARAMETER RP# Pulse Low Time (If RP# is tied to VCC, this specification is not applicable) RP# Low to Reset during Block Erase, Byte Write or Lock-Bit Configuration VCC 4.5 V to RP# High
3. 4.
NOTE
VCC = 5.00.5 V MIN. MAX. 100
UNIT ns
2, 3 4 100
12
s ns
NOTES :
1. 2. These specifications are valid for all product versions (packages and speeds). If RP# is asserted while a block erase, byte write, or lock-bit configuration operation is not executing, the reset will complete within 100 ns. A reset time, tPHQV, is required from the latter of RY/BY# or RP# going high until outputs are valid. When the device power-up, holding RP#-low minimum 100 ns is required after VCC has been in predefined range and also has been in stable there.
- 35 -
LH28F008SC-V/SCH-V 6.2.8 BLOCK ERASE, BYTE WRITE AND LOCK-BIT CONFIGURATION PERFORMANCE (NOTE 3, 4)
* VCC = 5.00.25 V, 5.00.5 V, TA = 0 to +70C or -25 to +85C SYMBOL PARAMETER NOTE 2 2 2 2 2 VPP = 5.00.5 V MIN. 6.5 0.4 0.9 9.5 0.9 TYP.(NOTE 1) 8 0.5 1.1 12 1.1 5.6 9.4 MAX. TBD TBD TBD TBD TBD 7 13.1 VPP = 12.00.6 V MIN. TYP.(NOTE 1) MAX. 4.8 0.3 0.3 7.8 0.3 6 0.4 1.0 10 1.0 5.2 9.8 TBD TBD TBD TBD TBD 7.5 12.6 UNIT s s s s s s s
tWHQV1 Byte Write Time tEHQV1 Block Write Time tWHQV2 tEHQV2 Block Erase Time
tWHQV3 Set Lock-Bit Time tEHQV3 tWHQV4 Clear Block Lock-Bits Time tEHQV4 tWHRH1 Byte Write Suspend Latency Time to Read tEHRH1 tWHRH2 tEHRH2 Erase Suspend Latency Time to Read
NOTES :
1. Typical values measured at TA = +25C and nominal voltages. Assumes corresponding lock-bits are not set. Subject to change based on device characterization. Excludes system-level overhead. 3. 4. These performance numbers are valid for all speed versions. Sampled, not 100% tested.
2.
- 36 -
LH28F008SC-V/SCH-V
7 ORDERING INFORMATION
Product line designator for all SHARP Flash products L H 2 8 F 0 0 8 S C (H) T - V 8 5 Device Density 008 = 8 M-bit Architecture S = Symmetrical Block Power Supply Type C = Smart 5 Technology Operating Temperature Blank = 0 to +70C H = -25 to +85C Limited Voltage Option V = 5 V VCC only Access Speed (ns) 85 : 85 ns (5.00.25 V), 90 ns (5.00.5 V), 12 : 120 ns (5.00.5 V)
Package T = 40-pin TSOP (I) (TSOP040-P-1020) Normal bend R = 40-pin TSOP (I) (TSOP040-P-1020) Reverse bend N = 44-pin SOP (SOP044-P-0600) B = 48-ball CSP (FBGA048-P-0608)
OPTION
ORDER CODE
VALID OPERATIONAL COMBINATIONS VCC = 5.00.5 V VCC = 5.00.25 V 100 pF load, 30 pF load, TTL I/O Levels 1.5 V I/O Levels 85 ns 90 ns 120 ns
1 2
LH28F008SCXX-V85 LH28F008SCXX-V12
- 37 -
0.125 0.05
1
40 TSOP (TSOP040-P-1020)
20 20.0 0.3
0.115 0.1
19.00.3 0.125 0.435 0.995 0.1 1.20MAX. Package base plane
18.40.2
40
21 P _ 0.5 TYP. 0.08 10.0 0.2 0.10
40 _ 0.2 0.08 M
PACKAGING
PACKAGING
44 SOP (SOP044-P-0600)
44_ 0.40.1
1.27TYP.
0.15
M
44
23
16.0 0.4
13.2 0.2
2.7 0.2
1
1.275
28.2 0.2
22 0.15
0.15 0.05
Package base plane 0.1 0.150.1
(14.4)
PACKAGING
48 CSP (FBGA048-P-0608)
A B
0.4TYP.
1.2MAX.
/ / 0.1 S
6.00
+ 0.2
S
Land hole diameter
for ball mounting
0.1 S
8.00
+0.2
F D
A 1 8 1.2TYP. 0.450.03
0.30 0.15
M M
0.4TYP. 0.8TYP. 1.0TYP.
0.8TYP. 0.4TYP.
C
0.350.05
S S
AB CD


▲Up To Search▲   

 
Price & Availability of LH28F008SC-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X