Part Number Hot Search : 
CR2430 74LV4067 8TXXX FQP19N10 AXLE30S 1N4740B 7810N115 OP90FZ
Product Description
Full Text Search
 

To Download HSMP-3890-TR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount RF PIN Switch Diodes Technical Data
HSMP-389x Series HSMP-489x Series
Features
* Unique Configurations in Surface Mount Packages - Add Flexibility - Save Board Space - Reduce Cost * Switching - Low Capacitance - Low Resistance at Low Current * Low Failure in Time (FIT) Rate[1] * Matched Diodes for Consistent Performance * Better Thermal Conductivity for Higher Power Dissipation * Lead-free Option Available
Note: 1. For more information see the Surface Mount PIN Reliability Data Sheet.
Pin Connections and Package Marking
1 2 3 6 5 4
Description/Applications
The HSMP-389x series is optimized for switching applications where low resistance at low current and low capacitance are required. The HSMP-489x series products feature ultra low parasitic inductance. These products are specifically designed for use at frequencies which are much higher than the upper limit for conventional PIN diodes.
Notes: 1. Package marking provides orientation, identification, and date code. 2. See "Electrical Specifications" for appropriate package marking.
GUx
2
Package Lead Code Identification, SOT-23/143 (Top View)
SINGLE SERIES
Package Lead Code Identification, SOT-323 (Top View)
SINGLE SERIES
Package Lead Code Identification, SOT-363 (Top View)
UNCONNECTED TRIO
6 5 4
DUAL SWITCH MODEL
6 5 4
#0 COMMON ANODE
#2 COMMON CATHODE
B COMMON ANODE
C COMMON CATHODE
1
2
3
1
2
3
L LOW INDUCTANCE SINGLE
6 5 4
R SERIES- SHUNT PAIR
6 5 4
#3 UNCONNECTED PAIR
#4 DUAL ANODE
E DUAL ANODE
F
1 2 3 1 2 3
T HIGH FREQUENCY SERIES
U
489B
6
5
4
#5
4890
1 2 3
V
Absolute Maximum Ratings[1] TC = +25C
Symbol If PIV Tj Tstg jc Parameter Forward Current (1 s Pulse) Peak Inverse Voltage Junction Temperature Storage Temperature Thermal Resistance[2] Unit Amp V C C C/W SOT-23/143 SOT-323/363 1 100 150 -65 to 150 500 1 100 150 -65 to 150 150 ESD WARNING: Handling Precautions Should Be Taken To Avoid Static Discharge.
Notes: 1. Operation in excess of any one of these conditions may result in permanent damage to the device. 2. TC = +25C, where TC is defined to be the temperature at the package pins where contact is made to the circuit board.
3
Electrical Specifications, TC = 25C, each diode
Part Number HSMP3890 3892 3893 3894 3895 389B 389C 389E 389F 389L 389R 389T 389U 389V Test Conditions Package Marking Code G0 G2 [1] G3 [1] G4 [1] G5 [1] G0 [2] G2 [2] G3 [2] G4 [2] GL [2] S [2] Z [2] GU [2] GV [2]
[1]
Lead Code 0 2 3 4 5 B C E F L R T U V
Configuration Single Series Common Anode Common Cathode Unconnected Pair Single Series Common Anode Common Cathode Unconnected Trio Dual Switch Mode Low Inductance Single Series-Shunt Pair High Frequency Series Pair
Minimum Maximum Maximum Breakdown Series Resistance Total Capacitance Voltage VBR (V) RS () CT (pF) 100 2.5 0.30
VR = VBR Measure IR 10 A
IF = 5 mA
f = 100 MHz
VR = 5 V f = 1 MHz
Notes: 1. Package marking code is white. 2. Package is laser marked.
High Frequency (Low Inductance, 500 MHz - 3 GHz) PIN Diodes
Part Package Number Marking HSMP- Code[1] Configuration 489x GA Dual Anode Test Conditions Minimum Breakdown Voltage VBR (V) 100 VR = VBR Measure IR 10 A Maximum Series Resistance R S () 2.5 IF = 5 mA Typical Total Capacitance C T (pF) 0.33 f = 1 MHz VR = 5 V Maximum Total Capacitance C T (pF) 0.375 VR = 5 V f = 1 MHz Typical Total Inductance L T (nH) 1.0 f = 500 MHz - 3 GHz
Note: 1. SOT-23 package marking code is white; SOT-323 is laser marked.
Typical Parameters at TC = 25C
Part Number HSMP389x Test Conditions Series Resistance R S () 3.8 IF = 1 mA f = 100 MHz Carrier Lifetime (ns) 200 IF = 10 mA IR = 6 mA Total Capacitance C T (pF) 0.20 @ 5 V
4
HSMP-389x Series Typical Performance, TC = 25C, each diode
100
TOTAL CAPACITANCE (pF)
0.55
INPUT INTERCEPT POINT (dBm)
120 115 110 105 100 95 90 85
0.50 0.45 0.40 0.35 0.30 0.25 1 GHz 0.20 0 4 8 12 16 20 1 MHz
RF RESISTANCE (OHMS)
Diode Mounted as a Series Attenuator in a 50 Ohm Microstrip and Tested at 123 MHz
10
1
0.1 0.01
0.1
1
10
100
IF - FORWARD BIAS CURRENT (mA)
VR - REVERSE VOLTAGE (V)
1 10 30 IF - FORWARD BIAS CURRENT (mA)
Figure 1. Total RF Resistance at 25C vs. Forward Bias Current.
Figure 2. Capacitance vs. Reverse Voltage.
Figure 3. 2nd Harmonic Input Intercept Point vs. Forward Bias Current.
Trr - REVERSE RECOVERY TIME (nS)
200
IF - FORWARD CURRENT (mA)
100
160 VR = -2V 120
10
1
80 VR = -5V 40 VR = -10V 0 10 15 20 25 30
0.1
0.01
125C 25C -50C 0 0.2 0.4 0.6 0.8 1.0 1.2
FORWARD CURRENT (mA)
VF - FORWARD VOLTAGE (V)
Figure 4. Typical Reverse Recovery Time vs. Reverse Voltage.
Figure 5. Forward Current vs. Forward Voltage.
Typical Applications for Multiple Diode Products
1 2 3 3 2 1
1 2 "ON" "OFF" 1 0 0 2 +V -V
3
2
1
1
0
4
5
6 b1 b2 b3
RF in
4
5
6 RF out
Figure 6. HSMP-389L used in a SP3T Switch.
Figure 7. HSMP-389L Unconnected Trio used in a Dual Voltage, High Isolation Switch.
5
Typical Applications for Multiple Diode Products (continued)
1 +V 0 2 0 +V
"ON" "OFF" 1 6 5 4 1
RF out 6 5 4
1 RF in
2
3
1
RF out
2
3
RF in
2
Figure 8. HSMP-389L Unconnected Trio used in a Positive Voltage, High Isolation Switch.
Figure 9. HSMP-389T used in a Low Inductance Shunt Mounted Switch.
Bias Xmtr C
Ant
4 C Rcvr
Bias Xmtr bias
Ant
4 Rcvr
Bias
Antenna Xmtr
PA
4
HSMP-389V
LNA
HSMP-389U
4
Rcvr
Figure 10. HSMP-389U Series/Shunt Pair used in a 900 MHz Transmit/Receive Switch.
Figure 11. HSMP-389V Series/Shunt Pair used in a 1.8 GHz Transmit/Receive Switch.
6
Typical Applications for Multiple Diode Products (continued)
RF COMMON
RF COMMON
RF 1 RF 1 RF 2
RF 2
BIAS 1
BIAS 2
BIAS
BIAS
Figure 12. Simple SPDT Switch, Using Only Positive Current.
Figure 13. High Isolation SPDT Switch, Dual Bias.
RF COMMON BIAS
RF COMMON
RF 1
RF 2 RF 1 BIAS RF 2
Figure 14. Switch Using Both Positive and Negative Bias Current.
Figure 15. Very High Isolation SPDT Switch, Dual Bias.
7
Typical Applications for HSMP-489x Low Inductance Series
Microstrip Series Connection for HSMP-489x Series In order to take full advantage of the low inductance of the HSMP-489x series when using them in series applications, both lead 1 and lead 2 should be connected together, as shown in Figure 17.
3
50 OHM MICROSTRIP LINES
PAD CONNECTED TO GROUND BY TWO VIA HOLES
Figure 18. Circuit Layout.
Co-Planar Waveguide Shunt Connection for HSMP-489x Series Co-Planar waveguide, with ground on the top side of the printed circuit board, is shown in Figure 20. Since it eliminates the need for via holes to ground, it offers lower shunt parasitic inductance and higher maximum attenuation when compared to a microstrip circuit.
Co-Planar Waveguide Groundplane
1.5 nH
1.5 nH
Center Conductor Groundplane
1 HSMP-489x
2
0.3 pF
Figure 16. Internal Connections.
0.3 nH
Figure 20. Circuit Layout.
0.3 nH
Figure 19. Equivalent Circuit. Figure 17. Circuit Layout.
0.3 pF
0.75 nH
Microstrip Shunt Connections for HSMP-489x Series In Figure 18, the center conductor of the microstrip line is interrupted and leads 1 and 2 of the HSMP-489x diode are placed across the resulting gap. This forces the 1.5 nH lead inductance of leads 1 and 2 to appear as part of a low pass filter, reducing the shunt parasitic inductance and increasing the maximum available attenuation. The 0.3 nH of shunt inductance external to the diode is created by the via holes, and is a good estimate for 0.032" thick material.
Equivalent Circuit Model
HSMP-389x Chip*
Rs Rj
Figure 21. Equivalent Circuit.
0.5 Cj 0.12 pF* * Measured at -20 V RT = 0.5 + R j CT = CP + Cj 20 R j = 0.9 I I = Forward Bias Current in mA
A SPICE model is not available for PIN diodes as SPICE does not provide for a key PIN diode characteristic, carrier lifetime.
* See AN1124 for package models
8
Assembly Information
0.026
0.075
0.035
0.016
Figure 22. PCB Pad Layout, SOT-363. (dimensions in inches).
0.026
SMT Assembly Reliable assembly of surface mount components is a complex process that involves many material, process, and equipment factors, including: method of heating (e.g., IR or vapor phase reflow, wave soldering, etc.) circuit board material, conductor thickness and pattern, type of solder alloy, and the thermal conductivity and thermal mass of components. Components with a low mass, such as the SOT package, will reach solder reflow temperatures faster than those with a greater mass. Agilent's diodes have been qualified to the time-temperature profile shown in Figure 26. This profile is representative of an IR reflow type of surface mount assembly process. After ramping up from room temperature, the circuit board with components attached to it (held in place with solder paste)
passes through one or more preheat zones. The preheat zones increase the temperature of the board and components to prevent thermal shock and begin evaporating solvents from the solder paste. The reflow zone briefly elevates the temperature sufficiently to produce a reflow of the solder. The rates of change of temperature for the ramp-up and cooldown zones are chosen to be low enough to not cause deformation of the board or damage to components due to thermal shock. The maximum temperature in the reflow zone (TMAX) should not exceed 235C. These parameters are typical for a surface mount assembly process for Agilent diodes. As a general guideline, the circuit board and components should be exposed only to the minimum temperatures and times necessary to achieve a uniform reflow of solder.
0.07 0.035
0.016
Figure 23. PCB Pad Layout, SOT-323. (dimensions in inches).
0.037 0.95
0.037 0.95
0.079 2.0
250 TMAX 200
TEMPERATURE (C)
0.035 0.9 0.031 0.8
DIMENSIONS IN inches mm
150 Reflow Zone 100 Preheat Zone 50 Cool Down Zone
Figure 24. PCB Pad Layout, SOT-23.
0.112 2.85 0.079 2 0.033 0.85 0.075 1.9 0.041 1.05 0.108 2.75
0 0 60 120 180 240 300 TIME (seconds)
0.071 1.8
0.033 0.85 0.047 1.2 0.031 0.033 0.8 0.85
inches mm
Figure 26. Surface Mount Assembly Profile.
DIMENSIONS IN
Figure 25. PCB Pad Layout, SOT-143.
9
Package Dimensions
Outline 23 (SOT-23)
1.02 (0.040) 0.89 (0.035) 0.54 (0.021) 0.37 (0.015) 3 1.40 (0.055) 1.20 (0.047) 2
0.650 BSC (0.025)
Outline SOT-323 (SC-70 3 Lead)
DATE CODE (X)
PACKAGE MARKING CODE (XX) 1.30 (0.051) REF. DATE CODE (X)
PACKAGE MARKING CODE (XX)
XXX
2.65 (0.104) 2.10 (0.083)
2.20 (0.087) 2.00 (0.079)
XXX
1.35 (0.053) 1.15 (0.045)
1 0.60 (0.024) 0.45 (0.018)
2.04 (0.080) 1.78 (0.070) TOP VIEW 0.152 (0.006) 0.066 (0.003) 1.02 (0.041) 0.85 (0.033)
0.10 (0.004) 0.00 (0.00)
2.20 (0.087) 1.80 (0.071)
0.425 (0.017) TYP.
0.30 REF.
3.06 (0.120) 2.80 (0.110)
0.25 (0.010) 0.15 (0.006)
1.00 (0.039) 0.80 (0.031)
10
0.30 (0.012) 0.10 (0.004)
0.20 (0.008) 0.10 (0.004)
0.10 (0.004) 0.013 (0.0005) SIDE VIEW DIMENSIONS ARE IN MILLIMETERS (INCHES)
0.69 (0.027) 0.45 (0.018)
DIMENSIONS ARE IN MILLIMETERS (INCHES)
END VIEW
Outline 143 (SOT-143)
0.92 (0.036) 0.78 (0.031) DATE CODE (X) 2 PACKAGE MARKING CODE (XX) 1
Outline SOT-363 (SC-70 6 Lead)
PACKAGE MARKING CODE (XX) 1.30 (0.051) REF. DATE CODE (X)
XXX
1.40 (0.055) 1.20 (0.047) 3
2.65 (0.104) 2.10 (0.083)
2.20 (0.087) 2.00 (0.079)
XXX
1.35 (0.053) 1.15 (0.045)
4
0.60 (0.024) 0.45 (0.018) 2.04 (0.080) 1.78 (0.070) 3.06 (0.120) 2.80 (0.110)
0.54 (0.021) 0.37 (0.015)
0.650 BSC (0.025) 2.20 (0.087) 1.80 (0.071)
0.15 (0.006) 0.09 (0.003)
0.425 (0.017) TYP.
0.10 (0.004) 0.00 (0.00)
0.30 REF.
1.04 (0.041) 0.85 (0.033) 0.10 (0.004) 0.013 (0.0005) DIMENSIONS ARE IN MILLIMETERS (INCHES) 0.69 (0.027) 0.45 (0.018)
1.00 (0.039) 0.80 (0.031) 0.25 (0.010) 0.15 (0.006)
10
0.30 (0.012) 0.10 (0.004)
0.20 (0.008) 0.10 (0.004)
DIMENSIONS ARE IN MILLIMETERS (INCHES)
Package Characteristics
Lead Material .................... Copper (SOT-323/363); Alloy 42 (SOT-23/143) Lead Finish............................................................................ Tin-Lead 85-15% Maximum Soldering Temperature .............................. 260C for 5 seconds Minimum Lead Strength .......................................................... 2 pounds pull Typical Package Inductance .................................................................. 2 nH Typical Package Capacitance .............................. 0.08 pF (opposite leads)
10
Ordering Information
Specify part number followed by option. For example: HSMP - 389x - XXX Bulk or Tape and Reel Option Part Number; x = Lead Code Surface Mount PIN
Option Descriptions
-BLK = Bulk, 100 pcs. per antistatic bag -TR1 = Tape and Reel, 3000 devices per 7" reel -TR2 = Tape and Reel, 10,000 devices per 13" reel Tape and Reeling conforms to Electronic Industries RS-481, "Taping of Surface Mounted Components for Automated Placement." For lead-free option, the part number will have the character "G" at the end, eg. -TR2G for a 10K pc lead-free reel.
Device Orientation
REEL
For Outlines SOT-23, -323
TOP VIEW 4 mm END VIEW
CARRIER TAPE USER FEED DIRECTION COVER TAPE
8 mm
ABC
ABC
ABC
ABC
Note: "AB" represents package marking code. "C" represents date code.
For Outline SOT-143
TOP VIEW 4 mm END VIEW
For Outline SOT-363
TOP VIEW 4 mm END VIEW
8 mm
ABC
ABC
ABC
ABC
8 mm
ABC
ABC
ABC
ABC
Note: "AB" represents package marking code. "C" represents date code.
Note: "AB" represents package marking code. "C" represents date code.
11
Tape Dimensions and Product Orientation
For Outline SOT-23
P D
P2
E
P0
F W
t1
D1
9 MAX
Ko
8 MAX
13.5 MAX
A0
B0
DESCRIPTION CAVITY LENGTH WIDTH DEPTH PITCH BOTTOM HOLE DIAMETER DIAMETER PITCH POSITION WIDTH THICKNESS CAVITY TO PERFORATION (WIDTH DIRECTION) CAVITY TO PERFORATION (LENGTH DIRECTION)
SYMBOL A0 B0 K0 P D1 D P0 E W t1 F P2
SIZE (mm) 3.15 0.10 2.77 0.10 1.22 0.10 4.00 0.10 1.00 + 0.05 1.50 + 0.10 4.00 0.10 1.75 0.10 8.00 +0.30 -0.10 0.229 0.013 3.50 0.05 2.00 0.05
SIZE (INCHES) 0.124 0.004 0.109 0.004 0.048 0.004 0.157 0.004 0.039 0.002 0.059 + 0.004 0.157 0.004 0.069 0.004 0.315 +0.012 -0.004 0.009 0.0005 0.138 0.002 0.079 0.002
PERFORATION
CARRIER TAPE
DISTANCE BETWEEN CENTERLINE
For Outline SOT-143
P P0 D P2 E F W
D1 t1
9 MAX
K0
9 MAX
A0
DESCRIPTION CAVITY LENGTH WIDTH DEPTH PITCH BOTTOM HOLE DIAMETER DIAMETER PITCH POSITION WIDTH THICKNESS CAVITY TO PERFORATION (WIDTH DIRECTION) CAVITY TO PERFORATION (LENGTH DIRECTION) SYMBOL A0 B0 K0 P D1 D P0 E W t1 F P2 SIZE (mm) 3.19 0.10 2.80 0.10 1.31 0.10 4.00 0.10 1.00 + 0.25 1.50 + 0.10 4.00 0.10 1.75 0.10
B0
SIZE (INCHES) 0.126 0.004 0.110 0.004 0.052 0.004 0.157 0.004 0.039 + 0.010 0.059 + 0.004 0.157 0.004 0.069 0.004 0.315+0.012 -0.004 0.0100 0.0005 0.138 0.002 0.079 0.002
PERFORATION
CARRIER TAPE DISTANCE
8.00 +0.30 -0.10 0.254 0.013 3.50 0.05 2.00 0.05
Tape Dimensions and Product Orientation
For Outlines SOT-323, -363
P P0 D P2
E
F W C
D1 t1 (CARRIER TAPE THICKNESS) Tt (COVER TAPE THICKNESS)
An
K0
An
A0
B0
DESCRIPTION CAVITY LENGTH WIDTH DEPTH PITCH BOTTOM HOLE DIAMETER DIAMETER PITCH POSITION WIDTH THICKNESS WIDTH TAPE THICKNESS CAVITY TO PERFORATION (WIDTH DIRECTION) CAVITY TO PERFORATION (LENGTH DIRECTION) ANGLE FOR SOT-323 (SC70-3 LEAD) FOR SOT-363 (SC70-6 LEAD)
SYMBOL A0 B0 K0 P D1 D P0 E W t1 C Tt F P2 An
SIZE (mm) 2.40 0.10 2.40 0.10 1.20 0.10 4.00 0.10 1.00 + 0.25 1.55 0.05 4.00 0.10 1.75 0.10 8.00 0.30 0.254 0.02 5.4 0.10 0.062 0.001 3.50 0.05 2.00 0.05 8C MAX 10C MAX
SIZE (INCHES) 0.094 0.004 0.094 0.004 0.047 0.004 0.157 0.004 0.039 + 0.010 0.061 0.002 0.157 0.004 0.069 0.004 0.315 0.012 0.0100 0.0008 0.205 0.004 0.0025 0.00004 0.138 0.002 0.079 0.002
PERFORATION
CARRIER TAPE COVER TAPE DISTANCE
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (65) 6756 2394 India, Australia, New Zealand: (65) 6755 1939 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (65) 6755 2044 Taiwan: (65) 6755 1843 Data subject to change. Copyright (c) 2004 Agilent Technologies, Inc. Obsoletes 5968-7701E March 24, 2004 5989-0486EN


▲Up To Search▲   

 
Price & Availability of HSMP-3890-TR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X