Part Number Hot Search : 
I2050H 1067183 ACS8520T 13005D 16F16 MV5094A CS684 BC547C
Product Description
Full Text Search
 

To Download GBPC2501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. GBPC25005 THRU GBPC2510
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
VOLTAGE: 50 TO 1000V CURRENT: 25A
FEATURES
* Glass passivated junction chip * Surge overload rating: 300 A peak * Low profile design * 1/4" universal fasten terminal and .04" lead - wire available * High temperature soldering guaranteed: 250oC/10sec/0.375"(9.5mm) lead length at 5 lbs tension
TECHNICAL SPECIFICATION
GBPC25
GBPC25W
MECHANICAL DATA
* Polarity: Polarity symbol marked on body
# * Mounting position: Hole thru for 10 screw
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25 C, unless otherwise stated, for capacitive load, derate current by 20%)
o
RATINGS
SYMBOL
VRRM Maximum Repetitive Peak Reverse Voltage VRMS Maximum RMS Voltage VDC Maximum DC Blocking Voltage Maximum Average Forward Rectified Current IF(AV) (Tc=55oC) Peak Forward Surge Current (8.3ms single half sine-wave superimposed on rated load) Maximum Instantaneous Forward Voltage (at forward current 12.5A) Maximum DC Reverse Current Ta=25oC (at rated DC blocking voltage)
o Ta=100 C
GBPC GBPC GBPC GBPC GBPC GBPC GBPC 25005 2501 2502 2504 2506 2508 2510 50 100 200 400 600 800 1000 35 70 140 280 420 560 700 50 100 200 400 600 800 1000
25 300 1.1 10.0 500 -55 to +150
UNITS
V V V A A V A A
o
IFSM VF IR
Storage and Operating Junction Temperature TSTG,TJ Note: Suffix "W" for wire type
C
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of GBPC2501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X