|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BCR19PN NPN/PNP Silicon Digital Transistor Array 4 Switching circuit, inverter, interface circuit, driver circuit Two (galvanic) internal isolated NPN/PNP Transistors in one package Built in bias resistor (R1=4.7k) 5 6 Tape loading orientation C1 B2 5 E2 4 2 1 3 VPS05604 Top View 654 W1s 123 Direction of Unreeling Marking on SOT-363 package (for example W1s) corresponds to pin 1 of device 6 R1 TR1 R1 TR2 Position in tape: pin 1 opposite of feed hole side EHA07193 1 E1 2 B1 3 C2 EHA07290 Type BCR19PN Maximum Ratings Parameter Marking W2s Pin Configuration Package 1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT363 Symbol VCEO VCBO VEBO Vi(on) IC Ptot Tj Tstg Value 50 50 10 15 100 250 150 -65 ... 150 Unit V Collector-emitter voltage Collector-base voltage Emitter-base voltage Input on Voltage DC collector current Total power dissipation, TS = 115 C Junction temperature Storage temperature mA mW C Thermal Resistance Junction - soldering point 1) RthJS 140 K/W 1For calculation of R thJA please refer to Application Note Thermal Resistance 1 Nov-29-2001 BCR19PN Electrical Characteristics at TA=25C, unless otherwise specified Parameter DC Characteristics Collector-emitter breakdown voltage IC = 100 A, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 40 V, IE = 0 DC current gain 1) IC = 5 mA, VCE = 5 V Collector-emitter saturation voltage1) IC = 10 mA, IB = 0.5 mA Input off voltage IC = 100 A, VCE = 5 V Input on Voltage IC = 2 mA, VCE = 0.3 V Input resistor R1 Vi(on) Vi(off) VCEsat hFE ICBO V(BR)EBO V(BR)CBO V(BR)CEO Symbol min. Values typ. max. Unit 50 50 10 120 0.4 0.5 3.2 4.7 100 630 0.3 0.8 1.1 6.2 V nA V k AC Characteristics Transition frequency I C = 10 mA, VCE = 5 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Ccb 3 pF fT 150 MHz 1) Pulse test: t < 300s; D < 2% 2 Nov-29-2001 BCR19PN NPN Type DC Current Gain hFE = f (IC ) Collector-Emitter Saturation Voltage VCE = 5V (common emitter configuration) 10 3 - VCEsat = f (IC), hFE = 20 10 2 mA 10 2 hFE 10 1 10 1 IC 10 0 10 0 10 -1 -1 10 0 1 10 10 mA 10 2 10 -1 0 0.1 0.2 0.3 V 0.5 IC VCEsat Input on Voltage Vi(on) = f (IC ) Input off voltage Vi(off) = f (IC) VCE = 0.3V (common emitter configuration) 10 2 VCE = 5V (common emitter configuration) 10 2 mA mA 10 1 10 1 IC IC 10 0 10 -1 -1 10 0 1 10 0 10 -1 10 -2 10 10 V 10 2 10 -3 0 1 2 3 V 5 Vi(on) Vi(off) 3 Nov-29-2001 BCR19PN PNP Type DC Current Gain hFE = f (IC ) Collector-Emitter Saturation Voltage VCE = 5V (common emitter configuration) 10 3 VCEsat = f (IC), hFE = 20 10 2 - mA hFE 10 2 10 1 10 1 IC 10 0 10 0 -1 10 0 1 10 10 mA 10 2 10 -1 0.00 0.10 0.20 0.30 0.40 V 0.55 IC VCEsat Input on Voltage Vi(on) = f (IC ) Input off voltage V i(off) = f (IC) VCE = 5V (common emitter configuration) 10 2 mA VCE = 0.3V (common emitter configuration) 10 2 mA 10 1 10 1 IC IC 10 0 10 -1 -1 10 0 1 10 0 10 -1 10 -2 10 10 V 10 2 10 -3 0 1 2 3 V 5 Vi(on) Vi(off) 4 Nov-29-2001 BCR19PN Total power dissipation Ptot = f (TS ) 300 mW P tot 200 150 100 50 0 0 20 40 60 80 100 120 C 150 TS Permissible Pulse Load RthJS = f (tp ) Permissible Pulse Load Ptotmax / PtotDC = f (tp) 10 3 K/W 10 3 Ptotmax / PtotDC - 10 2 10 2 10 1 10 0 0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0 D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 RthJS 10 1 10 -1 -6 10 10 -5 10 -4 10 -3 10 -2 s 10 0 10 0 -6 10 10 -5 10 -4 10 -3 10 -2 s 10 0 tp tp 5 Nov-29-2001 |
Price & Availability of BCR19PN |