Part Number Hot Search : 
IK6501 T3681 AWT62 C1403 2764A C471MPD DZ12V SK301
Product Description
Full Text Search
 

To Download BCR196W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCR 196W
PNP Silicon Digital Transistor * Switching circuit, inverter, interface circuit, driver circuit * Built in bias resistor (R1=47k, R2=22k)
Type BCR 196W
Marking Ordering Code WXs UPON INQUIRY
Pin Configuration 1=B 2=E 3=C
Package SOT-323
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Input on Voltage DC collector current Total power dissipation, TS = 124C Junction temperature Storage temperature Symbol Values 50 50 10 50 70 250 150 - 65 ... + 150 mA mW C Unit V
VCEO VCBO VEBO Vi(on) IC Ptot Tj Tstg
Thermal Resistance Junction ambient
1)
RthJA RthJS
240 105
K/W
Junction - soldering point
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 0.5cm2 Cu
Semiconductor Group
1
Nov-27-1996
BCR 196W
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol min. DC Characteristics Collector-emitter breakdown voltage Values typ. max. Unit
V(BR)CEO
50 47 2.14 -
V
IC = 100 A, IB = 0
Collector-base breakdown voltage
V(BR)CBO
50
IC = 10 A, IB = 0
Collector cutoff current
ICBO
100
nA A 220 50 V 0.3 2.6 4 62 2.36 k -
VCB = 40 V, IE = 0
Emitter cutoff current
IEBO hFE VCEsat Vi(off)
1.2
VEB = 10 V, IC = 0
DC current gain
IC = 5 mA, VCE = 5 V
Collector-emitter saturation voltage 1)
IC = 10 mA, IB = 0.5 mA
Input off voltage
IC = 100 A, VCE = 5 V
Input on Voltage
Vi(on)
1.5
IC = 2 mA, VCE = 0.3 V
Input resistor Resistor ratio
R1 R1/R2
32 1.92
AC Characteristics Transition frequency
fT
150 3 -
MHz pF -
IC = 10 mA, VCE = 5 V, f = 100 MHz
Collector-base capacitance
Ccb
VCB = 10 V, f = 1 MHz 1) Pulse test: t < 300s; D < 2%
Semiconductor Group
2
Nov-27-1996
BCR 196W
DC Current Gain hFE = f (IC) VCE = 5V (common emitter configuration)
Collector-Emitter Saturation Voltage VCEsat = f(IC), hFE = 20
10 3
10 2
-
hFE
10 2
IC
mA
10 1
10 1
10 0 -1 10
10
0
10
1
mA
10 0 0.0
0.2
0.4
0.6
V
IC
1.0 V CEsat
Input on Voltage Vi(on) = f(IC) VCE = 0.3V (common emitter configuration)
Input off voltage Vi(off) = f(IC) VCE = 5V (common emitter configuration)
10 2
10 1
mA mA
IC
10 1
IC
10 0
10 -1
10 0 10 -2
10 -1 -1 10
10
0
10
1
V
10 -3 0
1
2
3
V
5
V i(on)
V i(off)
Semiconductor Group
3
Nov-27-1996
BCR 196W
Total power dissipation Ptot = f (TA*;TS) * Package mounted on epoxy
300
mW
Ptot
200
TS
TA
150
100
50
0 0 20 40 60 80 100 120 C 150 TA ,TS
Permissible Pulse Load RthJS = f(tp)
Permissible Pulse Load Ptotmax / PtotDC = f(tp)
10 3
10 3
K/W -
RthJS
10 2
Ptotmax/PtotDC
10 2 D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1 0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
10 0
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
Semiconductor Group
4
Nov-27-1996


▲Up To Search▲   

 
Price & Availability of BCR196W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X