Part Number Hot Search : 
01901 3EMC111 DL6709 AP161502 MA4ST408 IRF7309 DDTA114 MC33502
Product Description
Full Text Search
 

To Download BBY51-02W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BBY 51-02W
Silicon Tuning Diode Preliminary data * High Q hyperabrupt tuning diode * Low series inductance * Designed for low tuning voltage operation * For VCO's in mobile communications equipment
2
1
VES05991
Type BBY 51-02W
Marking I
Ordering Code Q62702-B0858
Pin Configuration 1=C 2=A
Package SCD-80
Maximum Ratings Parameter Diode reverse voltage Forward current Operating temperature range Storage temperature Symbol Value 7 20 -55 ...+150 -55 ...+150 Unit V mA C
VR IF T op T stg
Semiconductor Group Semiconductor Group
11
Jul-23-1998 1998-11-01
BBY 51-02W
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. DC characteristics Reverse current typ. max. 10 100
Unit
IR IR
-
nA
VR = 6 V
Reverse current
VR = 6 V, TA = 65 C
AC characteristics Diode capacitance
CT
4.5 3.4 2.7 2.5 5.3 4.2 3.5 3.1 1.75 1.78 0.5 0.37 0.09 0.6 6.1 5.2 4.6 3.7 2.2 2.2 0.7 -
pF
VR = 1 V, f = 1 MHz VR = 2 V, f = 1 MHz VR = 3 V, f = 1 MHz VR = 4 V, f = 1 MHz
Capacitance ratio
CT1/C T4 C1V-C 3V C3V-C 4V rs CC Ls
1.55 1.4 0.3 -
pF
VR = 1 V, VR = 4 V, f = 1 MHz
Capacitance difference
VR = 1 V, VR = 3 V, f = 1 MHz
Capacitance difference
VR = 3 V, VR = 4 V, f = 1 MHz
Series resistance pF nH
VR = 1 V, f = 1 GHz
Case capacitance
f = 1 MHz
Series inductance chip to ground
Semiconductor Group Semiconductor Group
22
Jul-23-1998 1998-11-01
BBY 51-02W
Diode capacitance CT = f (V R) f = 1MHz
EHD07128
Temperature coefficient TCc = f (V R), per diode, f = 1MHz
10
CT
pF 8
10 4 ppa TCC C
EHD07129
10 3
6
4
10 2
2
0
0
2
4
V VR
6
10 1 0 10
5
10 1
V VR
10 2
Semiconductor Group Semiconductor Group
33
Jul-23-1998 1998-11-01


▲Up To Search▲   

 
Price & Availability of BBY51-02W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X