Part Number Hot Search : 
TOP103YA MC14000 BA7725S SC538 ES51971 BZX84C10 R1C102 TSJ100N
Product Description
Full Text Search
 

To Download BAS70LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS70LT1 Schottky Barrier Diodes
These Schottky barrier diodes are designed for high speed switching applications, circuit protection, and voltage clamping. Extremely low forward voltage reduces conduction loss. Miniature surface mount package is excellent for hand held and portable applications where space is limited.
Features
http://onsemi.com
* Pb-Free Package is Available * Extremely Fast Switching Speed * Low Forward Voltage
70 VOLTS SCHOTTKY BARRIER DIODES
3 CATHODE
1 ANODE
MAXIMUM RATINGS (TJ = 150C unless otherwise noted)
Rating Reverse Voltage Forward Power Dissipation @ TA = 25C Derate above 25C Operating Junction and Storage Temperature Range Symbol VR PF 225 1.8 TJ, Tstg -55 to +150 mW mW/C C Value 70 Unit V
1 2
3
SOT-23 CASE 318 STYLE 8
MARKING DIAGRAM
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. BE M
BE M
Specific Device Code = Date Code
ORDERING INFORMATION
Device BAS70LT1 BAS70LT1G Package SOT-23 SOT-23 (Pb-Free) Shipping 3000 / Tape & Reel 3000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2004
1
July, 2004 - Rev. 4
Publication Order Number: BAS70LT1/D
BAS70LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Reverse Breakdown Voltage - (IR = 10 mA) Total Capacitance - (VR = 0 V, f = 1.0 MHz) Reverse Leakage (VR = 50 V) (VR = 70 V) Forward Voltage - (IF = 1.0 mAdc) Forward Voltage - (IF = 10 mAdc) Forward Voltage - (IF = 15 mAdc) Symbol V(BR)R CT IR - - VF VF VF - - - 0.1 10 410 750 1.0 mVdc mVdc Vdc Min 70 - Max - 2.0 Unit V pF mAdc
100 IF, FORWARD CURRENT (mA) IR , REVERSE CURRENT (A)
100 10 1.0 0.1 0.01 25C 0.7 0.8 0.9 1.0 0.001 0 5.0 10 25 30 35 15 20 VR, REVERSE VOLTAGE (VOLTS) 40 45 50 TA = 150C 125C 85C
10
1.0 85C 25C 0 0.1
150C 125 C -40 C -55 C 0.2 0.3 0.4 0.5 0.6 VF, FORWARD VOLTAGE (VOLTS)
0.1
Figure 1. Typical Forward Voltage
Figure 2. Reverse Current versus Reverse Voltage
1.4 1.2 C T, CAPACITANCE (pF) 1.0 0.8 0.6 0.4 0.2 0 0 5.0 10 15 20 25 30 35 40 45 50
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Typical Capacitance
http://onsemi.com
2
BAS70LT1
PACKAGE DIMENSIONS SOT-23 (TO-236) CASE 318-08 ISSUE AH
A L
3 1 2
BS
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-03 AND -07 OBSOLETE, NEW STANDARD 318-08. INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236 MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
V
G C D H K J
DIM A B C D G H J K L S V
STYLE 8: PIN 1. ANODE 2. NO CONNECTION 3. CATHODE
SOLDERING FOOTPRINT*
0.95 0.037
0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
3
BAS70LT1
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
BAS70LT1/D


▲Up To Search▲   

 
Price & Availability of BAS70LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X